Part Number Hot Search : 
X6922D LM7660 SR16F 1SMB13 AT24C16 ICX059 2SK2996 UPD17132
Product Description
Full Text Search
 

To Download SPW35N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPW35N60C3
CoolMOSTM Power Transistor
Features * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv /dt rated * Ultra low effective capacitances * Improved transconductance
Product Summary V DS @ T j,max R DS(on),max ID 650 0.1 34.6 V A
P-TO247
Type SPW35N60C3
Package P-TO247
Ordering Code Q67040-S4673
Marking 35N60C3
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current1) Avalanche energy, single pulse Avalanche energy, repetitive t AR1),2) Avalanche current, repetitive t AR1) Drain source voltage slope Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V GS Power dissipation Operating and storage temperature P tot T j, T stg I D=34.6 A, V DS=480 V, T j=125 C static AC (f >1 Hz) T C=25 C T C=25 C I D=17.3 A, V DD=50 V I D=34.6 A, V DD=50 V Value 34.6 21.9 103.8 1500 1.5 34.6 50 20 30 313 -55 ... 150 W C A V/ns V mJ Unit A
Rev. 1.0
page 1
2004-05-10
SPW35N60C3
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient Soldering temperature R thJC R thJA leaded 1.6 mm (0.063 in.) from case for 10 s 0.4 62 K/W Values typ. max. Unit
T sold
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Avalanche breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V (BR)DS V GS(th) V GS=0 V, I D=34.6 A V DS=V GS, I D=1.9 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=21.9 A, T j=25 C V GS=10 V, I D=21.9 A, T j=150 C Gate resistance Transconductance RG g fs f =1 MHz, open drain |V DS|>2|I D|R DS(on)max, I D=21.9 A 600 2.1 700 3 3.9 V
Zero gate voltage drain current
I DSS
-
0.1
1
A
-
0.081
100 100 0.1 nA
-
0.2 0.6 36
S
Rev. 1.0
page 2
2004-05-10
SPW35N60C3
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance C iss C oss C rss V GS=0 V, V DS=25 V, f =1 MHz V GS=0 V, V DS=0 V to 480 V V DD=480 V, V GS=10 V, I D=34.6 A, R G=3.3 324 10 5 70 10 ns 4500 1500 100 180 pF Values typ. max. Unit
Effective output capacitance, energy C o(er) related3) Effective output capacitance, time related4) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage
1)
C o(tr) t d(on) tr t d(off) tf
Q gs Q gd Qg V plateau V DD=480 V, I D=34.6 A, V GS=0 to 10 V
-
18 70 150 5.3
200 -
nC
V
Pulse width limited by maximum temperature T j,max only Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. C o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS. C o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
2)
3)
4)
Rev. 1.0
page 3
2004-05-10
SPW35N60C3
Parameter Symbol Conditions min. Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current IS I S,pulse V SD t rr Q rr I rrm V R=480 V, I F=I S, di F/dt =100 A/s T C=25 C V GS=0 V, I F=34.6 A, T j=25 C 0.95 600 21 90 34.6 103.8 1.2 V ns C A A Values typ. max. Unit
Typical Transient Thermal Characteristics Symbol Value typ. R th1 R th2 R th3 R th4 R th5 0.00441 0.00608 0.0341 0.0602 0.0884 K/W C th1 C th2 C th3 C th4 C th5 C th6 Unit Symbol Value typ. 0.00037 0.00223 0.00315 0.0179 0.098 4.45) Ws/K Unit
C th6 models the additional heat capacitance of the package in case of non-ideal cooling. It is not needed if R thCA=0 K/W.
5)
Rev. 1.0
page 4
2004-05-10
SPW35N60C3
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
400 103
limited by on-state resistance
300
102
10 s
1 s
P tot [W]
100 s
200
I D [A]
101
DC 1 ms 10 ms
100
100
0 0 40 80 120 160
10-1 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance I D=f(V DS); T j=25 C parameter: D=t p/T
100
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
100
20 V 7V 6.5 V
0.5
80
6V
10-1
0.2
Z thJC [K/W]
60
I D [A]
0.1
5.5 V
0.05
-2
40 10
0.02 0.01 5V single pulse
20
4.5 V 4V
10-3 10-6 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 1.0
page 5
2004-05-10
SPW35N60C3
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
60
20 V 7V 6.5 V 6V 5.5 V
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
0.8 0.7 0.6
5.5 V
50
4V
4.5 V
5V
40 0.5
5V
30
R DS(on) []
I D [A]
0.4 0.3
6V
20
4.5 V
0.2 10
4V
20 V
0.1 0
0 0 5 10 15 20
0
10
20
30
40
50
60
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=21.9 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
0.3
100
25 C
0.25
80
0.2
R DS(on) []
60 0.15
98 %
I D [A]
150 C
40
typ
0.1
0.05
20
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 1.0
page 6
2004-05-10
SPW35N60C3
9 Typ. gate charge V GS=f(Q gate); I D=34.6 A pulsed parameter: V DD
12
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
103
10
25 C 25 C, 98% 150 C, 98%
102
8
120 V
480 V 150 C
V GS [V]
6
I F [A]
0 50 100 150 200
101
4
100
2
0
10-1 0 0.5 1 1.5 2 2.5
Q gate [nC]
V SD [V]
11 Avalanche SOA I AR=f(t AR) parameter: T j(start)
40
12 Avalanche energy E AS=f(T j); I D=17.3 A; V DD=50 V
1600
30
1200
20
25 C
E AS [mJ]
125 C
-3 -2 -1 0 1 2 3
I AV [A]
800
10
400
0 10 10 10 10 10 10 10
0 20 60 100 140 180
t AR [s]
T j [C]
Rev. 1.0
page 7
2004-05-10
SPW35N60C3
13 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA 14 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
700
105
660
104
Ciss
V BR(DSS) [V]
C [pF]
620
103
Coss
580
102
Crss
540 -60 -20 20 60 100 140 180
101 0 100 200 300 400 500
T j [C]
V DS [V]
15 Typ. C oss stored energy E oss= f(V DS)
30
25
20
E oss [J]
15
10
5
0 0 100 200 300 400 500 600
V DS [V]
Rev. 1.0
page 8
2004-05-10
SPW35N60C3
Definition of diode switching characteristics
P-TO247: Outline
Dimensions in mm Rev. 1.0 page 9 2004-05-10
SPW35N60C3
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 10
2004-05-10


▲Up To Search▲   

 
Price & Availability of SPW35N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X