Part Number Hot Search : 
SBL2030C HS412 2SK2938 ML5203 P6KE68CA 7W14F SFT5001 LTC405
Product Description
Full Text Search
 

To Download SN74LS20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS20 DUAL 4-INPUT NAND GATE
DUAL 4-INPUT NAND GATE
VCC 14 13 12 11 10 9 8
LOW POWER SCHOTTKY
1
2
3
4
5
6
7 GND
14 1
J SUFFIX CERAMIC CASE 632-08
14 1
N SUFFIX PLASTIC CASE 646-06
14 1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
SN54LSXXJ SN74LSXXN SN74LSXXD Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-29
SN54/74LS20
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current Short Circuit Current (Note 1) Power Supply Current Total, Output HIGH Total, Output LOW - 20 - 0.4 -100 0.8 2.2 0.35 0.5 20 IIH IIL IOS ICC V A mA mA mA 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
mA
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPLH tPHL Parameter Turn-Off Delay, Input to Output Turn-On Delay, Input to Output Min Typ 9.0 10 Max 15 15 Unit ns ns Test Conditions VCC = 5.0 V CL = 15 pF
FAST AND LS TTL DATA 5-30


▲Up To Search▲   

 
Price & Availability of SN74LS20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X