Part Number Hot Search : 
VDZ10B 1N523 002223 74HC14 2SC3507 NZ2016S AD7520KD CTA41CC6
Product Description
Full Text Search
 

To Download SM5006ANDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5006 series
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5006 series are crystal oscillator module ICs, that incorporate high-frequency, low current consumption oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency capacitors are built-in, eliminating the need for external components to make a stable 3rd-harmonic oscillator.
FEATURES
I I I I I I
Up to 107 MHz operation Capacitors CG, CD built-in Inverter amplifier feedback resistor built-in TTL input level 16 mA (VDD = 4.5 V) drive capability 4 mA (VDD = 4.5 V) drive capability (5006AHx)
I I I I I
Output three-state function 2.7 to 5.5 V supply voltage Oscillator frequency output 8-pin SOP (SM5006xxxS) Chip form (CF5006xxx)
SERIES CONFIGURATION
3V operating Version *1 gm ratio Output load (max) [pF] - - 15 15 15 - 15 15 15 15 15 15 15 - - - - - - - - - - - Recommended operating frequency rang e [MHz] - - 22 to 30 30 to 50 50 to 70 - 22 to 30 30 to 40 50 to 70 22 to 70 22 to 70 22 to 40 22 to 70 - - - - - - - - - - - Output load (max) [pF] 50 50 50 50 30 (15) *3 30 (15) *3 15 50 15 15 15 50 30 (15) *3 15 50 15 50 15 15 15 15 15 15 15 15 15 15 15 5V operating Recommended operating frequency rang e [MHz] 22 to 30 30 to 40 40 to 60 50 to 70 70 to 100 80 to 107 40 to 60 40 to 50 50 to 70 70 to 100 22 to 100 22 to 70 70 to 107 22 to 70 22 to 50 22 to 100 22 to 70 22 to 30 30 to 40 40 to 60 50 to 70 50 to 70 22 to 70 22 to 70 22 to 30 30 to 40 40 to 60 50 to 70 Output w a vefo r m *2 tr /tf [ns] 8/8 8/8 7/7 7/7 6/6 6/6 8/8 8/8 7/7 7/7 6/6 8/8 7/7 4/4 4/4 4/4 4/4 4/4 4/4 4/4 7/7 7/7 7/7 7/7 Built-in capacitance CG [pF] 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 CD [pF] 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 16 Rf [k ] 8.2 5.6 4.9 2.6 2.6 2.6 4.9 2.6 2.6 No No No No 8.2 5.6 4.9 2.6 2.6 No No 8.2 5.6 4.9 2.6 Input level Output duty level CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS TTL TTL TTL TTL TTL TTL TTL CMOS CMOS CMOS CMOS
SM5006ANAS SM5006ANBS SM5006ANCS SM5006ANDS SM5006ANES SM5006ANFS SM5006CNCS SM5006CNDS SM5006CNES SM5006BNCS SM5006BNES SM5006DNCS SM5006DNES SM5006AKAS SM5006AKBS SM5006AKCS SM5006AKDS SM5006CKDS SM5006BKCS SM5006DKCS SM5006AHAS SM5006AHBS SM5006AHCS SM5006AHDS
0.5 1 2 2 3 4 2 2 3 2 3 2 3 0.5 1 2 2 2 2 2 0.5 1 2 2
TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL TTL
*1. Chip form devices have designation CF5006 xxx. *2. 5006 xN x: C L = 50pF, CMOS load 5006 xK x: C L = 15pF, 10TTL load 5 0 0 6 A H x: C L = 15pF, CMOS load *3. S O P p a ckage only Note: Recommended operating frequency is not the guaranteed value but is measured using NPC's standard crystal. NIPPON PRECISION CIRCUITS--1
SM5006 series
ORDERING INFORMATION
D e vice S M 5 0 0 6 xxxS C F 5 0 0 6 xxx-1 P ackag e 8-pin SOP Chip form
PACKAGE DIMENSIONS
(Unit:mm) * 8-pin SOP
0.15 + 0.1
- 0.05
4.4 0.2
6.2 0.3
0.695typ 5.2 0.3 0.05 0.05
1.5
0.1
1.27 0.10 0.4 0.1 0.12 M
0.4 0.2
0 to 10
NIPPON PRECISION CIRCUITS--2
SM5006 series
PAD LAYOUT
(Unit:m)
PINOUT
(Top view)
VDD
Q
(920,1310)
Y
(0,0) INH XT XT VSS X
Chip size: 0.92 x 1.31 mm Chip thickness: 300 30 m Chip base: V D D level
PIN DESCRIPTION and PAD DIMENSIONS
Number 1 2 3 4 5 6 7 8 Name INH XT XT VSS Q NC NC VDD I/O I I O - O - - - Description Output state control input. High impedance when LOW . Pull-up resistor built in Amplifier input. Amplifier output. Ground Output. Output frequency (f O ) No connection No connection Supply voltage Cr ystal oscillator connection pins. Cr ystal oscillator connected between XT and X T P ad dimensions [m] X 195 385 575 766 765 - - 162 Y 212 212 212 212 1152 - - 1152
BLOCK DIAGRAM
VDD VSS XT
RG CG Rf RD CD
XT
INH
HA5006
INH XT XT VSS
1
8
VDD NC NC Q
006
2 3 4
7 6 5
Q
NIPPON PRECISION CIRCUITS--3
SM5006 series
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
P arameter Supply voltage range Input voltage range Output voltage range Operating temperature range Storage temperature range Symbol VDD V IN VOUT T opr Chip form T stg 8-pin SOP 5006 xN x, xK x 5006AHx 8-pin SOP Condition Rating -0.5 to 7.0 -0.5 to V D D + 0.5 -0.5 to V D D + 0.5 -40 to 85 -65 to 150 -55 to 125 25 mA 10 500 mW Unit V V V C C
Output current Pow er dissipation
IO U T PD
NIPPON PRECISION CIRCUITS--4
SM5006 series
Recommended Operating Conditions
SM5006 series (package form) VSS = 0 V
Rating P arameter Symbol Series Condition min f 50MHz, C L = 50pF A N A , A N B, CNC, C N D, DNC f 70MHz, C L = 15pF f 40MHz, C L = 15pF f 70MHz, C L = 50pF A N C , AND, BNC, CNE, DNE f 100MHz, C L = 15pF f 50MHz, C L = 15pF f 70MHz, C L = 15pF Supply voltage VDD A N E , A N F, BNE f 100MHz, C L = 15pF f 107MHz, C L = 15pF f 50MHz, C L = 15pF f 70MHz, C L = 15pF A K A , A K B, AKC, C K D, DKC A K D, BKC A H A , A H B, AHC, AHD Input voltage V IN All series f 50MHz, C L = 50pF, 4.5 V D D 5.5 A N A , A N B, CNC, C N D, DNC f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 40MHz, C L = 15pF, 2.7 V D D 3.6 f 50MHz, C L = 50pF, 4.5 V D D 5.5 f 70MHz, C L = 50pF, 4.5 V D D 5.5 A N C , AND, BNC, CNE, DNE f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 100MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 2.7 V D D 3.6 f 70MHz, C L = 15pF, 3.0 V D D 3.6 Operating temperature TO P R A N E , A N F, BNE f 70MHz, C L = 50pF, 4.5 V D D 5.5 f 100MHz, C L = 15pF, 4.5 V D D 5.5 f 107MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 2.7 V D D 3.6 f 70MHz, C L = 15pF, 3.0 V D D 3.6 A K A , A K B, AKC, C K D, DKC A K D, BKC A H A , A H B, AHC, AHD f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF f 70MHz, C L = 15pF f 70MHz, C L = 15pF 4.5 4.5 2.7 4.5 4.5 2.7 3.0 4.5 4.5 2.7 3.0 4.5 4.5 4.5 VSS - 40 0 - 10 - 40 - 20 - 40 0 - 20 - 20 - 20 - 40 - 20 - 20 - 20 - 40 0 - 40 - 20 - 40 - 15 typ - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - max 5.5 5.5 3.6 5.5 5.5 V 3.6 3.6 5.5 5.5 V 3.6 3.6 5.5 5.5 5.5 VDD + 85 + 70 + 70 + 80 + 80 + 85 + 70 + 80 + 80 + 80 + 85 + 80 + 80 + 80 + 85 + 70 + 85 + 80 + 85 + 75 C C C C V V V V V Unit
C
C
NIPPON PRECISION CIRCUITS--5
SM5006 series CF5006 series (chip form) VSS = 0 V
Rating P arameter Symbol Series Condition min f 50MHz, C L = 50pF A N A , A N B, CNC, C N D, DNC f 70MHz, C L = 15pF f 40MHz, C L = 15pF f 70MHz, C L = 50pF A N C , AND, BNC, CNE, DNE f 100MHz, C L = 15pF f 50MHz, C L = 15pF f 70MHz, C L = 15pF Supply voltage VDD A N E , A N F, BNE f 70MHz, C L = 50pF f 107MHz, C L = 30pF f 50MHz, C L = 15pF f 70MHz, C L = 15pF A K A , A K B, AKC, C K D, DKC A K D, BKC A H A , A H B, AHC, AHD Input voltage V IN All series f 50MHz, C L = 50pF, 4.5 V D D 5.5 A N A , A N B, CNC, C N D, DNC f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 40MHz, C L = 15pF, 2.7 V D D 3.6 f 70MHz, C L = 50pF, 4.5 V D D 5.5 A N C , AND, BNC, CNE, DNE f 100MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 2.7 V D D 3.6 f 70MHz, C L = 15pF, 3.0 V D D 3.6 f 70MHz, C L = 50pF, 4.5 V D D 5.5 Operating temperature TO P R f 100MHz, C L = 30pF, 4.5 V D D 5.5 A N E , A N F, BNE f 107MHz, C L = 30pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 2.7 V D D 3.6 f 70MHz, C L = 15pF, 3.0 V D D 3.6 A K A , A K B, AKC, C K D, DKC A K D, BKC A H A , A H B, AHC, AHD f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 50MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF, 4.5 V D D 5.5 f 70MHz, C L = 15pF f 70MHz, C L = 15pF f 70MHz, C L = 15pF 4.5 4.5 2.7 4.5 4.5 2.7 3.0 4.5 4.5 2.7 3.0 4.5 4.5 4.5 VSS - 40 - 15 - 10 - 40 - 20 - 20 - 20 - 40 - 40 - 20 - 20 - 20 - 40 - 15 - 40 - 20 - 40 - 20 typ - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - max 5.5 5.5 3.6 5.5 5.5 V 3.6 3.6 5.5 5.5 V 3.6 3.6 5.5 5.5 5.5 VDD + 85 + 75 + 70 + 85 + 80 + 80 + 80 + 85 + 85 + 80 + 80 + 80 + 85 + 75 + 85 + 80 + 85 + 80 C C C C V V V V V Unit
C
C
NIPPON PRECISION CIRCUITS--6
SM5006 series
Electrical Characteristics
5006xN series 3V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = -20 to 80 C unless otherwise noted.
Rating P arameter HIGH-level output voltage L O W -level output voltage Output leakage current HIGH-level input voltage L O W -level input voltage Symbol VOH VOL IZ V IH V IL Condition min Q: Measurement cct 1, V D D = 2.7 V, IO H = 8 m A Q: Measurement cct 2, V D D = 2.7 V, IO L = 8 m A Q: Measurement cct 2, I N H = L O W , V D D = 5.5 V INH INH SM5006ANCS CF5006ANC SM5006BNCS CF5006BNC SM5006CNCS CF5006CNC SM5006ANDS CF5006AND SM5006BNES CF5006BNE SM5006CNES CF5006CNE SM5006DNES CF5006DNE SM5006CNDS CF5006CND SM5006DNCS CF5006DNC SM5006ANES CF5006ANE SM5006ANFS CF5006ANF VOH = VDD VOL = VSS 2.2 - - - 2.0 - typ 2.4 0.3 - - - - max - 0.4 10 A 10 - 0.5 V V V V Unit
f = 30 M H z
-
8
16
f = 30 M H z , Ta = -10 to 70 C f = 50 M H z I N H = open, Measurement cct 3, load cct 1, V D D = 3.0 to 3.6 V, C L = 15 p F
- -
8 13
16 26
Current consumption
ID D
f = 70 M H z
-
15
30
mA
f = 40 M H z , Ta = -10 to 70 C
-
11
22
f = 70 M H z
-
20
40 k
I N H pull-up resistance
RUP
Measurement cct 4 SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006ANCS, CF5006ANC SM5006CNCS, CF5006CNC SM5006ANDS, CF5006AND SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006CNDS, CF5006CND SM5006CNES, CF5006CNE
50 6.97 4.76 4.16
- 8.2 5.6 4.9
150 9.43 6.44 5.64
Feedback resistance
Rf
Measurement cct 5
k
2.21
2.6
2.99
Built-in resistance
RG RD
Design value, determined by the R f value Design value, determined by the R f value Design value, determined by the internal wafer pattern Design value, determined by the internal wafer pattern
17 17 7.44 14.88
20 20 8 16
23 23 8.56
Built-in capacitance
CG CD
pF 17.12
NIPPON PRECISION CIRCUITS--7
SM5006 series 5V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
P arameter HIGH-level output voltage L O W -level output voltage Output leakage current HIGH-level input voltage L O W -level input voltage Symbol VOH VOL IZ V IH V IL Condition Q: Measurement cct 1, V D D = 4.5 V, IO H = 16 m A Q: Measurement cct 2, V D D = 4.5 V, IO L = 16 m A Q: Measurement cct 2, I N H = L O W , V D D = 5.5 V INH INH f = 30 M H z f = 40 M H z I N H = open, Measurement cct 3, load cct 1, V D D = 4.5 to 5.5 V, C L = 50 p F f = 60 M H z f = 60 M H z , Ta = -20 to 80 C f = 70 M H z f = 70 M H z , Ta = -20 to 80 C f = 60 MHz, C L = 15 p F, Ta = -15 to 75 C Current consumption ID D f = 60 MHz, C L = 15 p F, Ta = 0 to 70 C f = 70 MHz, C L = 15 p F, Ta = -15 to 75 C f = 70 MHz, C L = 15 p F, Ta = 0 to 70 C f = 100 MHz, C L = 15 p F, Ta = -20 to 80 C f = 100 MHz, C L = 15 p F, Ta = 0 to 70 C f = 100 MHz, C L = 30 p F f = 100 MHz, C L = 15 p F f = 107 MHz, C L = 30 p F, Ta = -20 to 80 C f = 107 MHz, C L = 15 p F, Ta = -20 to 80 C I N H pull-up resistance RUP Measurement cct 4 SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006ANCS, CF5006ANC SM5006CNCS, CF5006CNC SM5006ANDS, CF5006AND SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006CNDS, CF5006CND SM5006CNES, CF5006CNE Design value, determined by the R f value Design value, determined by the R f value Design value, determined by the internal wafer pattern Design value, determined by the internal wafer pattern SM5006ANAS CF5006ANA SM5006ANBS CF5006ANB CF5006ANC SM5006ANCS CF5006AND CF5006BNC SM5006ANDS SM5006BNCS CF5006CNC SM5006CNCS CF5006CND CF5006DNC SM5006CNDS SM5006DNCS CF5006CNE CF5006DNE SM5006CNES SM5006DNES CF5006ANE SM5006ANES CF5006ANF CF5006BNE SM5006ANFS SM5006BNES VOH = VDD VOL = VSS Rating min 4.0 - - - 2.0 - - - - - - - - - - - - - - - - - 50 6.97 4.76 4.16 typ 4.2 0.3 - - - - 18 20 30 30 40 40 28 28 35 35 45 45 50 45 60 50 - 8.2 5.6 4.9 max - 0.4 10 10 - 0.8 35 40 60 50 80 70 50 50 65 65 80 80 100 90 100 90 150 9.43 6.44 5.64 k 2.21 2.6 2.99 k Unit V V A V V
mA
I N H = open, Measurement cct 3, load cct 1, V D D = 4.5 to 5.5 V
Feedback resistance
Rf
Measurement cct 5
Built-in resistance
RG RD CG CD
17 17 7.44 14.88
20 20 8 16
23 23 8.56 17.12
pF
Built-in capacitance
NIPPON PRECISION CIRCUITS--8
SM5006 series 5006xK series VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
Rating P arameter Symbol Condition min S M 5 0 0 6 A K A S , CF5006AKA S M 5 0 0 6 A K B S , CF5006AKB SM5006AKCS, CF5006AKC SM5006CKDS, CF5006CKD SM5006DKCS, CF5006DKC SM5006AKDS, CF5006AKD SM5006BKCS, CF5006BKC L O W -level output voltage Output leakage current HIGH-level input voltage L O W -level input voltage VOL IZ V IH V IL Q: Measurement cct 2, V D D = 4.5 V, IO L = 16 m A Q: Measurement cct 2, I N H = L O W , V D D = 5.5 V INH INH f = 30 M H z f = 40 M H z f = 60 M H z , Ta = -15 to 75 C f = 60 M H z , Ta = 0 to 70 C f = 70 M H z , Ta = -20 to 80 C f = 70 M H z , Ta = -15 to 75 C f = 70 M H z , Ta = 0 to 70 C I N H pull-up resistance RUP Measurement cct 4 S M 5 0 0 6 A K A S , CF5006AKA S M 5 0 0 6 A K B S , CF5006AKB Feedback resistance Rf Measurement cct 5 SM5006AKCS, CF5006AKC SM5006AKDS, CF5006AKD SM5006CKDS, CF5006CKD Built-in resistance RG RD Built-in capacitance CG CD Design value, determined by the R f value Design value, determined by the R f value Design value, determined by the internal wafer pattern Design value, determined by the internal wafer pattern SM5006AKAS CF5006AKA SM5006AKBS CF5006AKB CF5006AKC CF5006DKC SM5006AKCS SM5006DKCS CF5006AKD CF5006BKC CF5006CKD SM5006AKDS SM5006BKCS SM5006CKDS VOH = VDD VOL = VSS typ max Unit
HIGH-level output voltage
VOH
Q: Measurement cct 1, V D D = 4.5 V, IO H = 16 m A
3.9
4.2
- V
4.0 - - - 2.0 - - - - - - -
4.2 0.3 - - - - 16 18 25 25 35 35
- 0.4 10 A 10 - 0.8 32 36 50 50 70 70 V V V
Current consumption
ID D
I N H = open, Measurement cct 3, load cct 1, V D D = 4.5 to 5.5 V, C L = 15 p F
mA
- 50 6.97 4.76 4.16 2.21 17 17 7.44 14.88
35 - 8.2 5.6 4.9 2.6 20 20 8 16
70 150 9.43 6.44 5.64 2.99 23 23 8.56 pF 17.12 k k
NIPPON PRECISION CIRCUITS--9
SM5006 series 5006AH series VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
Rating P arameter HIGH-level output voltage L O W -level output voltage Output leakage current HIGH-level input voltage L O W -level input voltage Symbol VOH VOL IZ V IH V IL Condition min Q: Measurement cct 1, V D D = 4.5 V, IO H = 4 m A Q: Measurement cct 2, V D D = 4.5 V, IO L = 4 m A Q: Measurement cct 2, I N H = L O W , V D D = 5.5 V INH INH f = 30 M H z f = 40 M H z I N H = open, Measurement cct 3, load cct 1, V D D = 4.5 to 5.5 V, C L = 15 p F f = 60 M H z , Ta = -20 to 80 C f = 60 M H z , Ta = -15 to 75 C f = 70 M H z , Ta = -20 to 80 C f = 70 M H z , Ta = -15 to 75 C I N H pull-up resistance RUP Measurement cct 4 SM5006AHAS, CF5006AHA SM5006AHBS, CF5006AHB Feedback resistance Rf Measurement cct 5 SM5006AHCS, CF5006AHC SM5006AHDS, CF5006AHD Built-in resistance RG RD Built-in capacitance CG CD Design value, determined by the R f value Design value, determined by the R f value Design value, determined by the internal wafer pattern Design value, determined by the internal wafer pattern 4.16 2.21 17 17 7.44 14.88 4.9 2.6 20 20 8 16 5.64 2.99 23 23 8.56 pF 17.12 SM5006AHAS CF5006AHA SM5006AHBS CF5006AHB CF5006AHC SM5006AHCS CF5006AHD SM5006AHDS VOH = VDD VOL = VSS 3.9 - - - 2.0 - - - - - - - 50 6.97 4.76 typ 4.2 0.3 - - - - 15 18 25 25 32 32 - 8.2 5.6 max - 0.5 10 A 10 - 0.8 30 36 50 mA 50 65 65 150 9.43 6.44 k k V V V V Unit
Current consumption
ID D
NIPPON PRECISION CIRCUITS--10
SM5006 series
Switching Characteristics
5006xN series 3V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = -20 to 80 C unless otherwise noted.
P arameter Symbol Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D , C L = 15 p F, Ta = -10 to 70 C Condition SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC SM5006ANCS, CF5006ANC SM5006ANDS, CF5006AND SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006BNCS, CF5006BNC SM5006BNES, CF5006BNE SM5006CNES, CF5006CNE SM5006DNES, CF5006DNE SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC SM5006ANCS, CF5006ANC SM5006ANDS, CF5006AND SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006BNCS, CF5006BNC SM5006BNES, CF5006BNE SM5006CNES, CF5006CNE SM5006DNES, CF5006DNE SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006ANCS, CF5006ANC SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC Rating min typ max Unit
tr1
-
3.5
7.0
Output rise time tr2 Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D , C L = 15 p F
ns - 3.5 7.0
tf1
Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D , C L = 15 p F, Ta = -10 to 70 C
-
3.5
7.0
Output fall time tf2 Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D , C L = 15 p F
ns - 3.5 7.0
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 3.3 V, C L = 15 p F, f = 30MHz Measurement cct 3, load cct 1, Ta = 25 C , V D D = 3.3 V, C L = 15 p F, f = 40MHz Output duty cycle *1 Duty Measurement cct 3, load cct 1, Ta = 25 C , V D D = 3.3 V, C L = 15 p F, f = 50MHz Measurement cct 3, load cct 1, Ta = 25 C , V D D = 3.3 V, C L = 15 p F, f = 70MHz Output disable delay time Output enable delay time *1. Determined by the lot monitor. tP L Z tP Z L
40
-
60
40
-
60 %
SM5006ANDS, CF5006AND SM5006BNCS, CF5006BNC SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006BNES, CF5006BNE SM5006CNES, CF5006CNE SM5006DNES, CF5006DNE
40
-
60
40
-
60
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5 V, C L 15 p F
- -
- -
100 100
ns ns
NIPPON PRECISION CIRCUITS--11
SM5006 series 5V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
P arameter Symbol Condition SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC SM5006ANCS, SM5006ANDS, SM5006BNCS, SM5006CNES, SM5006DNES, CF5006ANE CF5006ANF CF5006BNE SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC tr3 Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D , C L = 50 p F SM5006ANCS, SM5006ANDS, SM5006BNCS, SM5006CNES, SM5006DNES, CF5006ANC CF5006AND CF5006BNC CF5006CNE CF5006DNE CF5006ANC CF5006AND CF5006BNC CF5006CNE CF5006DNE Rating min typ max Unit
-
2.0
4.0
tr1
Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D , C L = 15 p F
-
1.5
3.0
tr2 Output rise time
Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D , C L = 30 p F
-
2.0
4.0 ns
-
4.0
8.0
-
3.5
7.0
SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006BNES, CF5006BNE SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC SM5006ANCS, SM5006ANDS, SM5006BNCS, SM5006CNES, SM5006DNES, CF5006ANE CF5006ANF CF5006BNE SM5006ANAS, CF5006ANA SM5006ANBS, CF5006ANB SM5006CNCS, CF5006CNC SM5006CNDS, CF5006CND SM5006DNCS, CF5006DNC tf3 Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D , C L = 50 p F SM5006ANCS, SM5006ANDS, SM5006BNCS, SM5006CNES, SM5006DNES, CF5006ANC CF5006AND CF5006BNC CF5006CNE CF5006DNE CF5006ANC CF5006AND CF5006BNC CF5006CNE CF5006DNE
-
3.0
6.0
-
2.0
4.0
tf1
Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D , C L = 15 p F
-
1.5
3.0
tf2 Output fall time
Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D , C L = 30 p F
-
2.0
4.0 ns
-
4.0
8.0
-
3.5
7.0
SM5006ANES, CF5006ANE S M 5 0 0 6 A N F S , CF5006ANF SM5006BNES, CF5006BNE
-
3.0
6.0
NIPPON PRECISION CIRCUITS--12
SM5006 series
Rating min SM5006ANAS CF5006ANA SM5006ANBS CF5006ANB SM5006ANCS CF5006ANC SM5006ANDS CF5006AND SM5006BNCS CF5006BNC CF5006ANE SM5006ANES CF5006ANF CF5006BNE SM5006ANFS SM5006BNES SM5006CNCS CF5006CNC SM5006DNCS CF5006DNC SM5006CNES CF5006CNE SM5006DNES CF5006DNE SM5006CNCS CF5006CNC SM5006CNDS CF5006CND SM5006DNCS CF5006DNC 45 45 45 typ - - - max 55 55 55
P arameter
Symbol
Condition f = 30MHz, C L = 50 p F f = 40MHz, C L = 50 p F f = 60MHz, C L = 50 p F f = 70MHz, C L = 50 p F f = 100MHz, C L = 30 p F f = 100MHz, C L = 15 p F
Unit
45
-
55
45 45 45 45
- - - -
55 55 55 55
Output duty
cycle *1
Duty
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5.0 V
f = 107MHz, C L = 30 p F f = 107MHz, C L = 15 p F f = 50MHz, C L = 50 p F
%
45
-
55
f = 100MHz, C L = 15 p F f = 60MHz, C L = 15 p F f = 70MHz, C L = 15 p F Output disable delay time Output enable delay time *1. Determined by the lot monitor. tP L Z tP Z L
45
-
55
40
-
60
40
-
60
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5 V, C L 15 p F
- -
- -
100 100
ns ns
NIPPON PRECISION CIRCUITS--13
SM5006 series 5006xK series VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
P arameter Symbol Condition Measurement cct 3, load cct 1, 0.4V to 2.4V, V D D = 4.5 to 5.5 V Measurement cct 3, load cct 1, 2.4V to 0.4V, V D D = 4.5 to 5.5 V f = 30MHz f = 40MHz f = 60MHz Output duty cycle *1 Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5.0 V, C L = 15 p F C L = 15 p F C L = 50 p F C L = 15 p F C L = 50 p F SM5006AKAS CF5006AKA SM5006AKBS CF5006AKB SM5006AKCS CF5006AKC SM5006AKDS CF5006AKD SM5006BKCS CF5006BKC SM5006DKCS CF5006DKC SM5006CKDS CF5006CKD SM5006DKCS CF5006DKC Rating min - - - - 45 45 40 typ 2 - 2 - - - - max 4 7 4 7 55 55 60 Unit
Output rise time
tr tf
ns
Output fall time
ns
Duty
f = 70MHz
45
-
55
%
f = 50MHz
45
-
55
f = 70MHz Output disable delay time Output enable delay time *1. Determined by the lot monitor. tP L Z tP Z L
40
-
60
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5 V, C L 15 p F
- -
- -
100 100
ns ns
5006AH series VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = -40 to 85 C unless otherwise noted.
P arameter Symbol tr1 tr2 tf1 tf2 Condition Measurement cct 3, load cct 1, 0.1V D D to 0.9V D D Measurement cct 3, load cct 1, 0.9V D D to 0.1V D D f = 30MHz f = 40MHz f = 50MHz Output duty cycle *1 Duty Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5.0 V, C L = 15 p F f = 60MHz, Ta = -20 to 80 C f = 60MHz, Ta = -15 to 75 C f = 70MHz, Ta = -20 to 80 C f = 70MHz, Ta = -15 to 75 C Output disable delay time Output enable delay time *1. Determined by the lot monitor. tP L Z tP Z L C L = 15 p F C L = 50 p F C L = 15 p F C L = 50 p F SM5006AHAS CF5006AHA SM5006AHBS CF5006AHB SM5006AHCS CF5006AHC CF5006AHC SM5006AHCS CF5006AHD SM5006AHDS Rating min - - - - 45 45 45 40 40 40 40 - - typ 5.0 13 5.0 13 - - - - - - - - - max 7.0 21 7.0 21 55 55 55 60 60 60 60 100 100 ns ns % Unit
Output rise time
ns
Output fall time
ns
Measurement cct 3, load cct 1, Ta = 25 C , V D D = 5 V, C L 15 p F
NIPPON PRECISION CIRCUITS--14
SM5006 series
Current consumption and Output waveform with NPC's standard crystal
f (MHz)
R () 18.62 20.53 22.17 25.42 16.60 35.83
L (mH) 16.24 11.34 7.40 4.18 3.56 2.98
Ca (fF) 1.733 1.396 1.370 1.254 0.726 0.732
Cb (pF) 5.337 3.989 4.105 5.170 5.394 2.265
Cb
30 40 50 70 100 107
L
Ca
R
FUNCTIONAL DESCRIPTION
Standby Function
When INH goes LOW, the oscillator output on Q goes high impedance.
INH HIGH (or open) LOW Q fO output frequency High impedance Oscillator Nor mal operation Nor mal operation
NIPPON PRECISION CIRCUITS--15
SM5006 series
MEASUREMENT CIRCUITS
Measurement cct 1 Measurement cct 4
VDD
5.0V
Q R2
Signal Generator
R1
C1 XT Rfo XT VSS
VDD RUP = VSS INH VDD IPR
Q out monitor
VOH 0V
VIH A
IPR
3.5V P -P , 10MHz sine wave input signal (5V operation) 2.0V P -P , 10MHz sine wave input signal (3V operation) C1 : 0.001F R1 : 50 R2 : 250 (5006xN x/5V operation) 275 (5006xN x/3V operation) 245 (5006AKA, AKB, AKC, CKD, DKC) 250 (5006AKD, BKC) 975 (5006AHx) R fo : 2.7k (5006Bxx, Dxx)
Measurement cct 2
Measurement cct 5
IOL, IZ VDD XT INH VSS Q IZ XT VDD
A
XT
Rf = VSS
VDD IRf
V VOL A
IRf
Measurement cct 3
A
XT Rfo X'tal XT INH VDD
IDD IST
Q VSS
R fo : 2.7k (5006Bxx, Dxx)
NIPPON PRECISION CIRCUITS--16
SM5006 series
Load cct 1
Load cct 2
Q output CL
(Including probe capacitance)
400 Q output CL
(Including probe capacitance)
Switching Time Measurement Waveform
Output duty level (CMOS)
Q output
0.9VDD 0.1VDD TW
0.9VDD 0.1VDD
DUTY measurement voltage (0.5V DD)
tr
Output duty level (TTL)
tf
Q output
2.4VDD 0.4VDD TW
2.4VDD 0.4VDD
DUTY measurement voltage (1.4V DD)
tr
Output duty cycle (CMOS)
tf
Q output
TW T
DUTY measurement voltage (0.5VDD) DUTY= TW/ T 100 (%)
Output duty cycle (TTL)
Q output
TW T
DUTY measurement voltage (1.4VDD) DUTY= TW/ T 100 (%)
NIPPON PRECISION CIRCUITS--17
SM5006 series
Output Enable/Disable Delay
INH
VIH VIL
tPLZ Q output
INH input waveform
tPZL
tr = tf
10ns
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, including compliance with expor t controls on the distribution or dissemination of the products. Customers shall not expor t, directly or indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome Koto-ku, Tokyo 135-8430, Japan Telephone: +81-3-3642-6661 Facsimile: +81-3-3642-6698 http://www.npc.co.jp/ Email: sales@ npc.co.jp NC9713EE 2000.10
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS--18


▲Up To Search▲   

 
Price & Availability of SM5006ANDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X