Part Number Hot Search : 
331M1 SR6150 SG6520 RTL030 3223C FAIRCHIL 74AC11B A7847
Product Description
Full Text Search
 

To Download SK100EL01W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK10/100EL01W
4-Input OR / NOR
HIGH-PER.ORMANCE PRODUCTS Description
The SK10/100EL01W is a 4-Input OR / NOR gate device. This device is fully compatible with MC10/100EL01 and MC10/100LVEL01. With output transition and propagation delay much faster than the E101, the EL01W is ideally suited for those applications which require ultimate AC performance.
.eatures
* * * * * * * * Extended Supply Voltage Range: (VEE = -5.5V to -3.0V, VCC = 0V) or (VCC = + 3.0V to +5.5V, VEE=0V) High Bandwidth Output Transition 230ps Propagation Delay 75K Internal Input Pulldown Resistors Fully Compatible with MC10/100EL01 and MC10/100LVEL01 ESD Protection of >4000V Industrial Temperature Range: -40oC to 85oC Available in 8-Pin SOIC (150 mils) Package
.unctional Block Diagram
Pin Names
Pin D0 - D3 .unction Data Inputs Data Outputs
D0
1
8
VCC
Q, Q*
D1
2
7
Q
D2
3
6
Q*
D3
4
5
VEE
Revision 1/February 12, 2001
1
www.semtech.com
SK10/100EL01W
HIGH-PER.ORMANCE PRODUCTS Package Information
8 Pin SOIC Package
END VIEW
TOP VIEW
A D
C
8
5 H
E 1 4 B e
0.25
MB
M
h x 45o
A C A1 B
0.25 MC B S A S
Seating Plane 0.10
MILLIMETERS DIM A A1 B C D E e H h L MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
1.27 BSC 5.80 0.25 0.40 0o 6.20 0.50 1.27 8o
NOTES: 1. Dimensions are in millimeters. 2. Dimensions D and E do not include mold protrusion. 3. Maximum mold protrusion 0.15 per side. 4. Dimension B does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.127 total in excess of the B dimension at maximum material condition.
Revision 1/February 12, 2001
2
q
L
www.semtech.com
SK10/100EL01W
HIGH-PER.ORMANCE PRODUCTS DC Characteristics
SK10/100EL01W DC Electrical Characteristics (Notes 1, 2)
(VCC - VEE = 3.0V to 5.5V; VOUT Loaded 50 to VCC - 2.0V)
TA = -40oC
Symbol IIH Characteristic Input HIGH Current D, D* Power Supply Current 10 EL 100 EL Power Supply Voltage 3.0 Min Typ Max 150 13 15 5.5 3.0 Min
TA = 0oC
Typ Max 150 13 15 5.5 3.0 Min
TA = +25oC
Typ Max 150 13 17 5.5 3.0 Min
TA = +85oC
Typ Max 150 13 19 5.5 Unit A mA mA V
IEE VCC VEE
AC Characteristics
SK10/100EL01W AC Electrical Characteristics
(VCC - VEE = 3.0V to 5.5V; VOUT Loaded 50 to VCC - 2.0V)
TA = -40oC
Symbol tPLH tPHL tr, tf Characteristic Propagation Delay Q. Q* (Diff) Output Rise/.all Times (20% 80%) Q, Q* Min 240 Typ Max 375 Min 255
TA = 0oC
Typ Max 345
TA = +25oC
Min 230 Typ Max 345
TA = +85oC
Min 215 Typ Max 345 Unit ps
125
360
125
375
125
380
130
395
ps
Notes: 1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. Outputs are terminated through a 50 resistor to VCC -2.0V except where otherwise specified on the individual data sheets. 2. 100K circuits are designed to meet the DC specifications shown in the table where transverse airflow greater than 500 lfpm is maintained. 3. For standard ECL DC specifications, refer to the ECL Logic Family Standard DC Specifications Data Sheet. 4. For part ordering descriptions, see HPP Part Ordering Information Data Sheet.
Revision 1/February 12, 2001
3
www.semtech.com
SK10/100EL01W
HIGH-PER.ORMANCE PRODUCTS Ordering Information
Ordering Code SK10EL01WD SK10EL01WDT SK100EL01WD SK100EL01WDT SK10EL01WU SK100EL01WU Package ID 8-SOIC 8-SOIC 8-SOIC 8-SOIC Die Die Temperature Range Industrial Industrial Industrial Industrial
Marking Information
8 PIN SOIC PACKAGE
Function / Voltage & Device Operation Function Code / Part Number
H = 10 K = 100
E
L
Assembly Lot Number Y Y W W
YY: Last two digits of the Year WW: Working Week
Contact Information
Division Headquarters 10021 Willow Creek Road San Diego, CA 92131 Phone: (858) 695-1808 FAX: (858) 695-2633
Semtech Corporation High-Performance Products Division
Marketing Group 1111 Comstock Street Santa Clara, CA 95054 Phone: (408) 566-8776 FAX: (408) 727-8994
Revision 1/February 12, 2001
4
www.semtech.com


▲Up To Search▲   

 
Price & Availability of SK100EL01W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X