Part Number Hot Search : 
1046234 PSA92 SD965 1RB1WGU ADXRS 2SC3168 2SC17 PSA92
Product Description
Full Text Search
 

To Download SD3100S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SD320S~SD3100S
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 100 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief
.225(5.7) .209(5.3)
CURRENT - 3 Ampere
TO-252 / DPAK
.264(6.7) .248(6.3) .216(5.5) .200(5.1) 4
Unit: inch ( mm )
.098(2.5) .082(2.1) .024(0.6) .016(0.4)
* High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed:260XC/10 seconds at terminals
1 2 3
.106(2.7) .090(2.3)
MECHANICAL DATA
Case: D PAK/TO-252 molded plastic Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 Polarity: As marking Standard packaging: 16mm tape (EIA-481) Weight: 0.015 ounces, 0.4grams.
.09 .09 (2.3) (2.3)
.032(0.8) .012(0.3)
3
2 4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
.040(1.0) MIN. .02(.5) .071(1.8) .051(1.3)
* Low power loss, High efficiency
.063(1.6) .047(1.2)
SD320S Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=75C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A (Note 1) Maximum DC Reverse Current at Tc=25C DC Blocking Voltage per element Tc=100C Maximum Thermal Resistance (Note 2) Operating and Storage Temperature Range Storage Temperature Range 20 14 20
SD330S 30 21 30
SD340S 40 28 40
SD350S 50 35 50 3
SD360S 60 42 60
SD380S 80 56 80
SD3100S 100 70 100
UNITS V V V A
75
A 0.85 V mA C/W C C
0.50 0.2 20 80
0.64
-55 to +125 -65 to +150
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : OCT.10.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
50
INSTNTANEOUS FORWARD CURRENT AMPERES
20- 40V
TJ=25 C f=1.0mHz Visg=5mVp-p
O
50- 60V
5.0 4.0 3.0 2.0
RESISTTIVE OR INDUCTIVE LOAD
10
80- 10 V 0
1.0
1.0 0 20 40 60 80 100 120
O
140
0.1
.2
.3
.4
.5.6
.7
.8.91.0
1.1
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10000
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
10
CAPACITANCE, pF
1.0
T J =100 C
O
1000
0.1
T J = 75 OC
TJ=25 OC f=1.0mHz Visg=5mVp-p
100
T J = 25 OC
.01
.001
10 0.1 0 20 40 60 80 100 120 140
PERCENT OF RATEP PEAK REVERSE VOLTAGE %
1.0
10
100
REVERSE VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, AMPERES
Fig.4- TYPICAL JUNCTION CAPACITANCE
80 75 60 45 30 15 0 1 10
NO. OF CYCLES AT 60Hz
100
Fig.5- MAXIMUM NON-REPETITIVE SURGE CURRENT
DATE : OCT.10.2002 PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD3100S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X