Part Number Hot Search : 
471ME MAX5365 FR204G CLQ5206 FR9886 FR9886 RFS9630 SS256LUA
Product Description
Full Text Search
 

To Download SD300RSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2081 rev. A 08/94
SD300N/R SERIES
STANDARD RECOVERY DIODES Stud Version
Features
Wide current range High voltage ratings up to 3200V High surge current capabilities Stud cathode and stud anode version Standard JEDEC types
380A
TypicalApplications
Converters Power supplies Machine tool controls High power drives Medium traction applications
Major Ratings and Characteristics
SD300N/R Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ
04 to 20
380 100 595 6050 6335 183 167 400 to 2000 - 40 to 180
25 to 32
380 70 425 6050 6335 183 167 2500 to 3200 - 40 to 150
Units
A C A A A KA2s KA2s V C
case style DO-205AB (DO-9)
www.irf.com
1
SD300N/R Series
Bulletin I2081 rev. A 08/94
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
04 08 12 SD300N/R 16 20 25 28 32
V RRM , maximum repetitive peak reverse voltage V
400 800 1200 1600 2000 2500 2800 3200
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1300 1700 2100 2600 2900 3300
I RRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) I F(AV) Max. average forward current @ Case temperature Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
SD300N/R Units 04 to 20 25 to 32
380 100 300 125 595 6050 6335 5090 5330 270 100 380 70 425 6050 6335 5090 5330 183 167 129 118 1830 0.95 V 1.05 1.05 KA2s KA2s A A C A C A
Conditions
180 conduction, half sine wave 180 conduction, half sine wave DC @ TC = 88C (02 to 24), TC = 91C (25 to 32) t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms t = 10ms t = 8.3ms No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max.
I 2t
Maximum I2t for fusing
183 167 129 118
I 2 t
Maximum I2t for fusing
1830 0.95
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (I > x IF(AV)),T J = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
0.75
0.75 m
0.66 1.83
0.66 1.83 V
(I > x IF(AV) ),TJ = TJ max. Ipk= 1180A, T J = TJ max, tp = 10ms sinusoidal wave
2
www.irf.com
SD300N/R Series
Bulletin I2081 rev. A 08/94
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque 10% Approximate weight Case style
SD300N/R 04 to 20 25 to 32
-40 to 180 -55 to 200 -40 to 150 -55 to 200
Units
C
Conditions
0.11 0.04 27 250 DO-205AB (DO-9)
K/W
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
Nm g
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction Rectangular conduction 04 to 20
0.019 0.023 0.028 0.042 0.073
Units
Conditions
25 to 32
0.019 0.023 0.028 0.042 0.073
04 to 20
0.013 0.023 0.030 0.044 0.074
25 to 32
0.013 0.023 0.030 0.044 0.074 K/W TJ = TJ max.
Ordering Information Table
Device Code
SD
1 1 2 3 4 5 6 7 Diode Essential part number 0 = Standard recovery
30
2
0
3
N
4
32
5
P
6
B
7
C
8
N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) Voltage code: Code x 100 = VRRM (See Voltage Ratings table) P = Stud base DO-205AB (DO-9) 3/4" 16UNF-2A M = Stud base DO-205AB (DO-9) M16 X 1.5 B = Flag top terminal (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Non isolated lead
8
-
C = Ceramic Housing (over 1600V) V = Glass-metal seal (only up to 1600V)
www.irf.com
3
SD300N/R Series
Bulletin I2081 rev. A 08/94
Outline Table
CERAMIC HOUSING
19 (0.75) MAX. 9.5 ( 0.37) MIN. 39 (1.53) MAX. C.S. 35mm (0.054 s.i.) 2 SW 32 16 (0.63) MAX. 4 (0.16) MAX.
210 (8.27) 10 ( 0.39)
DIA. 8.5 (0.33) NOM.
82 (3 .23) MIN.
DIA. 27.5 (1.08) MAX.
21 (0.82) MAX.
38 (1.50) MAX.
Conform to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
3/4"-16UNF-2A*
* FOR METRIC DEVICE: M16 X 1.5
GLASS-METAL SEAL
19 (0.75) MAX. 9.5 (0.37) MIN.
4 (0.16) MAX.
200 (7.87) 10 (0.39)
DIA. 8.5 (0.33) NOM.
C.S. 35mm (0.054 s.i.)
75 (2.95) MIN.
DIA. 28.5 (1.08) MAX.
28.5 (1.12) MAX.
21 (0.82) M AX.
16 (0.63) MAX.
3/4-16UNF-2A* * FOR METRIC DEVICE: M16 X 1.5
4
39 (1.53) MAX. 2 SW 32
www.irf.com
SD300N/R Series
Bulletin I2081 rev. A 08/94
Outline Table
CERAMIC HOUSING
21 (0.83) 14 (0.55) DIA. 6.5 (0.25) 13 (0.51) 79 (3.11) MAX. DIA. 27.5 (1.08) MAX. 72 (2.83) 38 (1.50)
MAX.
21 (0.82) MAX.
16 (0.63) MAX.
3/4"-16UNF-2A*
*FOR METRIC DEVICE. M16 X 1.5 3 (0.12)
32 (1 .26)
DO-205AB (DO-9) Flag
All dimensions in millimeters (inches)
GLASS-METAL SEAL
21 (0.83) 14 (0.55) DIA. 6.5 (0.26) 13 (0.51 )
7 0 (2.75) MAX.
28.5 (1.12) M AX .
21 (0. 83) MAX.
16 (0.63) M AX.
3/4"-16UNF-2A*
*FOR METRIC DEVICE: M16 X 1.5
32 (1.26 )
3 (0.12)
62 (2.4 4)
DIA. 28.5 (1.12) MAX.
www.irf.com
5
SD300N/R Series
Bulletin I2081 rev. A 08/94
Maximum Allowable Case Temperature (C) 180 170 160 150 140 130 30 120 110 100 90 80 0 50 100 150 200 250 300 350 400 Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Conduction Angle
SD300N/R Series (400V to 2000V) R thJC (DC) = 0.11 K/W
Maximum Allowable Case Temperature (C)
180 170 160 150 140 130 120 110 100 90 80 0 100 200 300 400 500 600 700 Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
Conduction Period
SD300N/R Series (400V to 2000V) R thJC (DC) = 0.11 K/W
60 90 120 180
30
60
90 120
180
DC
Maximum Allowable Case Temperature (C)
140 130
SD300N/R Series (2500V to 3200V) R thJC (DC) = 0.11 K/W
Maximum Allowable Case Temperature (C)
150
150 140 130 120 110 100 90 80 0 100 200 300 400 500 Average Forward Current (A)
Fig. 4 - Current Ratings Characteristics
Conduction Period
SD300N/R Series (2500V to 3200V) R thJC (DC) = 0.11 K/W
Conduction Angle
120 110 100 30 90 0 50 100 150 200 250 300 Average Forward Current (A)
Fig. 3 - Current Ratings Characteristics
30 60 90 120 180 DC
60
90
120 180
Maximum Average Forward Power Loss (W)
700 600 500
400
180 120 90 60 30
S R th
06 0. K/
K/ W
0. 1
A
= 0 .0 3 W K/ -D
W
RMS Limit
0 .2
a elt
K/ W
R
300
Conduction Angle
0 .4
K/W
200 100
0.6 K /W
0.8 K/ W
2 K/W
SD300N/R Series (400V to 2000V) TJ = 180C 0 50
0 100 150 200 250 300 350 400 20 40 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 5 - Forward Power Loss Characteristics
6
www.irf.com
SD300N/R Series
Bulletin I2081 rev. A 08/94
Maximum Average Forward Power Loss (W) 900 800 700 600 500 400 300 200 100 0 0 100 200 300 400 500 20 600 40 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient Temperature (C) RMS Limit
Conduction Period
DC 180 120 90 60 30
R
0.0 6
th SA
=
0. 0
K/ W
3
K/ W
0.1
-D
K/ W
el ta
R
0 .2
K/W
0 .4
K/W
SD300N/R Series (400V to 2000V) TJ = 180C
0.6 K/
W
0. 8 K /W
2 K/W
Fig. 6 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
700
S R th
600 500 400 300 200 100 0 0 50
180 120 90 60 30
A
=
0.0
0. 02
6
K/
K/
W
W -D
0.1 K
ta el
/W
R
RMS Limit
0.2 K /W
Conduction Angle
0 .4
K/W
SD300N/R Series (2500V to 3200V) TJ = 150C
0. 8 K /W
1.8 K/W
100 150 200 250 300 350 400 25
50
75
100
125
150
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 7 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
900 800 700 600 500 400 RMS Limit
0 .2
DC 180 120 90 60 30
R
th SA
=
0 .0
0 .0
2
6K /W
K/
W
0. 1
K/ W
-D elt a
R
300
200 100
Conduction Period
K/ W
SD300N/R Series (2500V to 3200V) TJ = 150C
0.4 K /W
0. 8 K /W
1.8 K/W
0 0 100 200 300 400 500 600 25
50 75 100 125 150 Average Forward Current (A) Maximum Allowable Ambient Temperature (C)
Fig. 8 - Forward Power Loss Characteristics
www.irf.com
7
SD300N/R Series
Bulletin I2081 rev. A 08/94
5500 5000 4500 4000 3500 3000 2500 2000 1500 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine Wave Forward Current (A)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRMApplied Following Surge. Initial TJ = TJ max. @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
6500 6000 5500 5000 4500 4000 3500 3000 2500 2000 1500
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = TJ max. No Voltage Reapplied Rated VRRMReapplied
SD300N/R Series
SD300N/R Series
1000 0.01
0.1 Pulse Train Duration (s)
1
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
10000 Instantaneous Forward Current (A)
TJ = 25C 1000 TJ = TJ max.
SD300N/R Series 100 0.5
1
1.5
2
2.5
3
3.5
Instantaneous Forward Voltage (V)
Fig. 11 - Forward Voltage Drop Characteristics
1
Transient Thermal Impedance Z thJC (K/W)
0.1
Steady State Value: R thJC = 0.11 K/W (DC Operation)
0.01 SD300N/R Series
0.001 0.001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 12 - Thermal Impedance ZthJC Characteristics
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of SD300RSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X