Part Number Hot Search : 
Z32RD751 S133BCI UFS150G MUN5133 MSCD102 ADCMP561 07197 CP3CN23
Product Description
Full Text Search
 

To Download SB320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB320 THRU SB3B0
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 3.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Metal silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low V F High surge capacity Epitaxial construction Guardring for transient protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.041 ounce, 1.15 grams
DIM A B C D Min.
DIM ENSIONS inches Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note
0.283 0.189 0.048 1.000
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
SB 320
SB 330
SB 340
SB 350
SB 360
SB 370
SB 380
SB 390
SB 3B0
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at 0.375" (9.5mm) lead length (see Fig. 1) Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 3.0A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note 1) TA=25 TA=100 Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range
VRRM VRMS VDC I(AV) IFSM VF IR R R
JA JL
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 3.0 80.0
70 49 70
80 56 80
90 63 90
100 70 100
Volts Volts Volts Amps Amps
0.55 0.5 20.0
0.70 0.5 10.0 40.0 10.0
0.85
Volts mA /W
TJ TSTG
-65 to +125 -65 to +150
-65 to +150
Notes: (1) Pulse test: 300uS pulse width, 1% duty cycle (2) Thermal resistance from junction to lead vertical P.C.B. mounting, 0.500 (12.7mm) lead length with 2.5X2.5 (63.5X63.5mm) copper pad
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SB320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X