Part Number Hot Search : 
UTC386 MC149606 105L2 M7317 PPC5643 10100C 7101R5 01547
Product Description
Full Text Search
 

To Download RS503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
B40C RS501 5000 THRU B380C RS507 5000
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 5.0 Amperes
FEATURES
* High surge cuhent capability * Ideal for printed circuit board * Low forward voltage
RS-5
.188(4.8)x45*
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Symbols molded or marked on body Mounting position: Any Weight: 25.3 grams
.855(21.7) .825(21.0)
.825(21.0) .795(20.2)
.042(1.07) .038(0.97)
1.0 (25.4)
.400 .300 .300 .365 .385 .285 .285 .345
S PA C I N
(10.2) (7.6) (7.6) (9.3) (9.8) (7.2) (7.2) (8.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.265(6.7) .245(6.2) 1.580(40.1) 1.550(39.4)
.195(5.0) .180(4.6)
Dimensions in inches and (millimeters)
B40C 5000 SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 50oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 3.0A DC Maximum CD Reverse Current at Rated DC Blocking Voltage per element I 2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts @TA = 25 C @TA = 100 o C
o
B80C 5000 RS503 200 140 200
B125C 5000 RS504 400 280 400 5.0 30 1.0 10
B250C 5000 RS505 600 420 600 RS506 800 560 800
B380C 5000 RS507 1000 700 1000 UNITS Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
RS501 50 35 50
RS502 100 70 100
VRRM VRMS VDC IO IFSM VF IR
500 I2t CJ RJ A TJ T STG 312 15 2.0 -55 to + 125 -55 to + 150
C/W
0 0
C C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
206
NEXT NEXT NEXT
BACK BACK BACK
EXIT EXIT EXIT
RATING AND CHARACTERISTIC CURVES
(
AVERAGE FORWARD CURRENT. AMPERES
B40C5000 RS501
THRU
B380C5000 RS507
)
AVERAGE FORWARD CURRENT. AMPERES
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
5.0
FIG.2-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
6.0 resistive load 5.0 4.0 3.0 2.0 1.0 0 capactive load
4.0 resistive load 3.0 capactive load 2.0
1.0 Limiting cooing medium temperature TA at natural cooling without heatsink 0 0 50 100 150
0
50
100
150
CASE TEMPERATURE, oC
AMBIENT TEMPERATURE, oC
INSTANTANEOUS FORWARD CURRENT. AMPERES
100 40 20 10 6.0 4.0 2.0 1.0 0.6 0.4 0.2 0.1 0.5 150 C 0.6
o
PAK FORWARD SURGE CURRENT. AMPERES
FIG.1-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC PER BRIDGE ELEMENT
FIG.4-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 60 0.4 0.6 0.8 1 40 20
o
TA=45 C SINGLE SINE-WAVE JEDEC Method
10 8 6 4 2 1
10 20 40 60 100 200 400 1 2 4 6 10 20 40 1 2 46 10 20 40 1h
25 C 0.7 0.8 0.9 1.0 1.1
o
Typical characteristic Limiting characteristic 1.2 1.3 1.4 1.5
ms
sec
min.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TIME
FIG.5-MAXIMUM TOTAL BRIDGE POWER DISSIPATION FORWARD OPWER DISSIPATION. WATTS POWER DISSIPATION. WATTS
16 14 12 10 8 6 4 2 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 16
FIG.6-MEAN AVERAGE FORWARD CURRENT CASE TEMPERATURE
120 125 130 135 5 14 12 10 8 6 4 2 0 2 4 6 8 20 40 60 80 100 120 140 160 capactive load 0
o
C W
10 resistive load 15 20
capactive load
resistive load
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
AVERAGE FORWARD CURRENT AMBIENT TEMPERATURE
DC COMPONENTS CO., LTD.
R
207
NEXT NEXT NEXT
EXIT EXI BACK BACK BACK EXIT


▲Up To Search▲   

 
Price & Availability of RS503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X