Part Number Hot Search : 
08226 08226 1N414 HCF4046 NCP1417 UMF6N AT138 PC339
Product Description
Full Text Search
 

To Download RS203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS201
THRU
RS207
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
FEATURES
* Ideal for printed circuit board * Low forward voltage * Low leakage current * Polarity: marked on body * Mounting position: Any * Weight: 2.74 grams
.035(0.9) .028(0.7) DIA.
RS-2
.510(13.0) .472(12.0)
.50 MIN. (12.7)
.160(4.1) SPACING .140(3.6) .260(6.5) .240(6.1) .730(18.5) .690(17.5) .125 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
RS201 RS202 RS203 RS204 RS205 RS206 50 100 200 400 600 800 35 70 140 280 420 560 50 100 200 400 600 800 2.0 50 1.0 10 -65 -65 500 +125 +150
RS207 UNITS 1000 V 700 V 1000 V A A V A A C C
152
RATING AND CHARACTERISTIC CURVES (RS201 THRU RS207)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 2.0 1.6 1.2 0.8 0.4 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50
AVERAGE FORWARD CURRENT,(A)
40
30
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
20
10
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, (A)
10
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
153


▲Up To Search▲   

 
Price & Availability of RS203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X