Part Number Hot Search : 
1D445 0N46HC APGM0 DBLS204G BR610 SAFC1 GRF300 TCLM39
Product Description
Full Text Search
 

To Download RF2304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2304
4
Typical Applications
* Receive or Transmit Low-Noise Amplifiers * FDD and TDD Communication Systems * Commercial and Consumer Systems * Portable Battery Powered Equipment * Wireless LAN * ISM Band Applications
GENERAL PURPOSE LOW-NOISE AMPLIFIER
Product Description
The RF2304 is a low-noise small-signal amplifier. The device is manufactured on a low-cost Gallium Arsenide MESFET process, and has been designed for use as a gain block in high-end communication systems operating from less than 300MHz to above 2.5GHz. With +6dBm output power, it may also be used as a driver in transmitter applications, or in highly linear receivers. The device is packaged in an 8-lead plastic package and is self-contained, requiring just an inductor and blocking capacitors to operate. The +6dBm output power, combined with the 1.8dB noise figure at 900MHz allows excellent dynamic range for a variety of receive and transmit applications.
0.008 0.004 0.018 0.014
-A-
4
GENERAL PURPOSE AMPLIFIERS
0.196 0.189 0.050
0.157 0.150 0.244 0.229
Dimensions in mm
0.068 0.053
8 MAX 0 MIN
0.034 0.016
0.009 0.007
NOTES: 1. Shaded lead is Pin 1. 2. All dimensions are excluding mold flash. 3. Lead coplanarity 0.005 with respect to datum "A".
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS GaAs HBT SiGe HBT
u
Package Style: SOIC-8
GaAs MESFET Si CMOS
Features
* Single 2.7V to 6.0V Supply * 6dBm Output Power * 8dB Small Signal Gain at 900MHz
GND 1 GND 2 RF IN 3 GND 4
8 NC 7 VDD 6 RF OUT 5 GND
* 1.8dB Noise Figure at 900MHz * Low DC Current Consumption of 5mA * 300MHz to 2500MHz Operation
Ordering Information
RF2304 RF2304 PCBA General Purpose Low-Noise Amplifier Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A5 010717
4-57
RF2304
Absolute Maximum Ratings Parameter
Supply Voltage (VDD) DC Current Input RF Power Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +6.5 40 +10 -40 to +85 -40 to +150
Unit
VDC mA dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Specification Min. Typ. Max.
300 2.7 7 -40 8.4 11 2500 6.0 26 +85
Unit
MHz V mA mA C dB dB dB dBm dBm dB dB dBm dBm dB dB dBm dBm dB dB dB dBm dBm dB dB dBm dBm dB dB dBm dBm
Condition
4
GENERAL PURPOSE AMPLIFIERS
Operating Range
Overall Frequency Range Supply Voltage Operating Current (ICC) Operating Ambient Temperature
VCC =3V, Temp=27C VCC =5V, Temp=27C
3V Performance
Gain Gain Noise Figure Input IP3 OP1dB Gain Noise Figure Input IP3 OP1dB Gain Noise Figure Input IP3 OP1dB 11.7 8.5 1.9 +6.9 +7.5 9.2 1.7 +8.6 +6.9 8.2 1.7 +10.5 +7.5 12.5 12 1.9 +8.4 +8.7 9.8 1.9 +10.0 +8 8 1.6 +8.0 +6 Freq=300MHz, VCC =3V, Temp=27C Freq=900MHz, VCC =3V, Temp=27C
Freq=1950MHz, VCC =3V, Temp=27C
Freq=2450MHz, VCC =3V, Temp=27C
5V Performance
Gain Gain Noise Figure Input IP3 OP1dB Gain Noise Figure Input IP3 OP1dB Gain Noise Figure Input IP3 OP1dB 10 14 Freq=300MHz, VCC =5V, Temp=27C Freq=900MHz, VCC =5V, Temp=27C
Freq=1950MHz, VCC =5V, Temp=27C
6
11
Freq=2450MHz, VCC =5V, Temp=27C
4-58
Rev A5 010717
RF2304
Pin 1 2 3 Function GND GND RF IN Description
Ground connection. For best performance, keep traces physically short and connect immediately to ground plane. Same as pin 1. DC coupled RF input. A broadband impedance match is produced by internal shunt resistive feedback. The DC level is approximately 200mV. If a DC path exists in the connected circuitry, an external DCblocking capacitor is required to properly maintain the DC operating point. Same as pin 1. Same as pin 1. RF output. A broadband impedance match is produced by internal shunt resistive feedback. The DC connection to the power supply is provided through an external chip inductor having greater than 150 reactance at the operating frequency. An external DC-blocking capacitor is required if the following circuitry is not DC-blocked.
VDD RF OUT
Interface Schematic
4 5 6
GND GND RF OUT
4
GENERAL PURPOSE AMPLIFIERS
RF IN
7
VDD2
8
NC
Bias control connection. This pin is normally connected to the power supply, but can be used to switch the amplifier on and off by switching between power supply voltage and ground. This pin sinks approximately 600A when connected to VDD, and sources less than 10A when grounded. No connection.
Application Schematic
VDD 1 nF 1 2 100 pF RF IN 3 4 6 100 pF 5 8 7 L1 RF Choke
Rev A5 010717
4-59
RF2304
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
P1 P1-1 1 2 NC 3 VCC GND C3 1 nF P1-1
4
GENERAL PURPOSE AMPLIFIERS
J1 RF IN 50 strip C1 100 pF
1 2 3 4
8 7 6 5
C4 1 nF L1 82 nH C2 100 pF
50 strip
J2 RF OUT
2304400B
Evaluation Board Layout 1.43" x 1.43"
4-60
Rev A5 010717
RF2304
Typical Characteristics - f=900MHz
25 15
20
12
Gain 15 mA P1dB 9 dB, dBm
4
GENERAL PURPOSE AMPLIFIERS
10
6
Idd 5 3
NF 0 3 3.5 4 Vdd (V) 4.5 5 0
Typical Characteristics - VDD =5.0V
20
10
18
9
16
8
14
7 Noise Figure (dB)
12 Gain (dB)
6
10
5
8
4
6
3
4
2
2
1
0 0 500 1000 1500 Frequency (MHz) 2000 2500
0 3000
Rev A5 010717
4-61
RF2304
S11 Vcc=3V S11VCC = 3V
1.0
0.6 0.6
S11 Vcc=5V S11 VCC = 5V
Swp Max 6GHz
2.0
1.0
Swp Max 6GHz
2.0
0.8
4 GHz
0 3.
0.8
3 GHz
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
300 MHz 1 GHz
GENERAL PURPOSE AMPLIFIERS
.0 -2
-0. 6
-0.8
-0. 6
Swp Min 0.01GHz
-0.8
.0 -2
-1.0
S22 VCC = 3V S22 Vcc=3V
1.0
0.6 0.6
S22 Vcc=5V S22 VCC = 5V
Swp Max 6GHz
2.0
1.0
-1.0
0.8
0.8
0 3.
2.0
0 3.
4 GHz
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
1 GHz
1 GHz
.0 -2
-0. 6
-0.8
-0. 6
Swp Min 0.01GHz
-0.8
.0 -2
-1.0
S-Parameter Conditions: All plots are taken at ambient temperature=25C.
NOTE: All S11 and S22 plots shown were taken from an RF2304 evaluation board with external input and output tuning components removed and the reference points at the RF IN and RF OUT pins.
4-62
-1.0
Rev A5 010717
-3
-3
.4 -0
.4 -0
Swp Min 0.01GHz
-4. 0 -5.0
.0
-4. 0 -5.0
-0.2
-0.2
-10.0
-10.0
100 MHz
100 MHz
4.0 5.0
0
0
10.0
0.2
4.0 5.0
4 GHz
-3
0. 4
-3
.4 -0
.4 -0
Swp Min 0.01GHz
Swp Max 6GHz
-4. 0 -5.0
.0
-4. 0 -5.0
-0.2
-0.2
100 MHz 1 GHz
4.0 5.0
-10.0
-10.0
4
2 GHz
2 GHz
4.0 5.0
0
0
10.0
10.0
0.2
4.0 5.0
0. 4
4 GHz 3 GHz
.0
.0
0. 4 0. 4
0 3.
4.0 5.0
0.2 0.2
10.0
RF2304
Gain versus Temperature
Frequency = 900 MHz
12.0 Vcc=3V 11.8 Vcc=5V 11.6 11.4 11.2 11.0 10.8 10.6 6.5 10.4 Vcc=5V 10.2 -60.0 6.0 -60.0 Vcc=3V 8.0 8.5 9.0
IIP3 versus Temperature
Frequency = 900 MHz
IIP3 (dBm)
Gain (dB)
7.5
7.0
4
-40.0 -20.0 0.0 20.0 40.0 60.0 80.0 100.0 -40.0 -20.0 0.0 20.0 40.0 60.0 80.0 100.0
Temperature (C)
Temperature (C)
OP1dB versus Temperature
Frequency = 900 MHz
11.0 Vcc=3V 10.0 Vcc=5V 11.0 10.5 9.0 12.0 11.5
ICC versus Temperature
Frequency = 900 MHz
OP1dB (dBm)
10.0 8.0
ICC (mA)
9.5 9.0
7.0 8.5 8.0 6.0 7.5 5.0 -60.0 7.0 -60.0
Vcc=3V Vcc=5V
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (C)
Temperature (C)
Gain versus Temperature
Frequency = 1950 MHz
10.6 Vcc=3V 10.4 Vcc=5V 10.2 10.0 19.5 9.8 9.6 9.4 9.2 9.0 8.8 -60.0 18.0 20.0 20.5 21.0
IIP3 versus Temperature
Frequency = 1950 MHz
IIP3 (dBm)
Gain (dB)
19.0
18.5
Vcc=3V 17.5 Vcc=5V 17.0 -60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (C)
Temperature (C)
Rev A5 010717
4-63
GENERAL PURPOSE AMPLIFIERS
RF2304
OP1dB versus Temperature
Frequency = 1950 MHz
11.0 Vcc=3V 11.5 10.0 Vcc=5V 11.0 9.0 12.0
ICC versus Temperature
Frequency = 1950 MHz
OP1dB (dBm)
10.5
ICC (mA)
8.0
10.0
9.5 7.0
4
GENERAL PURPOSE AMPLIFIERS
6.0 5.0 -60.0 -40.0 -20.0 0.0 20.0 40.0 60.0 80.0 100.0
9.0 Vcc=3V Vcc=5V 8.0 -60.0
8.5
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (C)
Temperature (C)
Gain versus Temperature
Frequency = 2450 MHz
9.5 22.0 21.5 9.0 21.0 20.5
IIP3 versus Temperature
Frequency = 2450 MHz
IIP3 (dBm)
Gain (dB)
8.5
20.0 19.5 19.0 18.5
8.0
7.5 Vcc=3V Vcc=5V 7.0 -60.0
18.0 Vcc=3V 17.5 17.0 -60.0 Vcc=5V
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (C)
Temperature (C)
OP1dB versus Temperature
Frequency = 2450 MHz
12.0 Vcc=3V 11.5 11.0 Vcc=5V 11.0 10.0 10.5 10.0 12.0
ICC versus Temperature
Frequency = 2450 MHz
OP1dB (dBm)
ICC (mA)
9.0
9.5 9.0 8.5 8.0
8.0
7.0
6.0 7.5 5.0 -60.0 7.0 -60.0
Vcc=3V Vcc=5V
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (C)
Temperature (C)
4-64
Rev A5 010717
RF2304
S11 of Evaluation Board versus Frequency
Temperature = +25C
3.0 2.0 1.8 2.5 1.6 1.4 2.0
S22 of Evaluation Board versus Frequency
Temperature = +25C
Output VSWR
Input VSWR
1.2 1.0 0.8 0.6 0.4
1.5
1.0
4
Vcc=5.0V 0.0 500.0 1000.0 1500.0 2000.0 2500.0
Vcc=5V 0.0 0.0 500.0 1000.0 1500.0 2000.0 2500.0
0.2 0.0
Frequency (MHz)
Frequency (MHz)
Reverse Isolation (S12) of Evaluation Board versus Frequency, Temperature = +25C
-18.0
-18.2
Reverse Isolation (dB)
-18.4
Vcc=3.0V -18.6 Vcc=5.0V
-18.8
-19.0
-19.2 0.0 500.0 1000.0 1500.0 2000.0 2500.0
Frequency (MHz)
Rev A5 010717
4-65
GENERAL PURPOSE AMPLIFIERS
0.5
Vcc=3V
Vcc=3.0V
4
GENERAL PURPOSE AMPLIFIERS
4-66
RF2304
Rev A5 010717


▲Up To Search▲   

 
Price & Availability of RF2304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X