Part Number Hot Search : 
GSBC807 LB101 SF206 74C90 TS240S IRF3000 TLGE19T TS240S
Product Description
Full Text Search
 

To Download PT2272-L4-S18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT 2272 is a remote control decoder paired with PT 2262 utilizing CMOS Technology. It has 12 bits of tri-state address pins providing a maximum of 531,441 (or 312) address codes; thereby, drastically reducing any code collision and unauthorized code scanning possibilities. PT 2272 is available in several options to suit every application need : variable number of data output pins, latch or momentary output type.

CMOS Technology Low Power Consumption Very High Noise Immunity Up to 12 Tri-State Code Address Pins Up to 6 Data Pins Wide Range of Operating Voltage: Vcc = 4 ~ 15 Volts Single Resistor Oscillator Latch or Momentary Output Type Available in DIP and SO Package

Car Security System Garage Door Controller Remote Control Fan Home Security/Automation System Remote Control Toys Remote Control for Industrial Use
PT2272 v 3.4
Page 1
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 v 3.4
Page 2
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 v 3.4
Page 3
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 (No Data)RF Application
PT2272 v 3.4
Page 4
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 (4 Data) RF Application Circuit
PT2272 v 3.4
Page 5
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 (4 Data) IR Application Circuit
1 2 3 4 5 6 7 8 9
18 17 16 15 14 13 12 11 10
NPN
560 Ohms
1M Ohm
LED x 5
PT2272-L4
560 Ohms x 4
5V
10K Ohms
Receiver
PT2272 v 3.4
Page 6
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
A. 18- Pin Package:
Part No. PT2272 (-S18) PT2272A-L2 (-S18) PT2272A-M2 (-S18) PT2272-L3 (-S18) PT2272-M3 (-S18) PT2272-L4 (-S18) PT2272-M4 (-S18) PT2272-L5 (-S18) PT2272-M5 (-S18) PT2272-L6 (-S18) PT2272-M6 (-S18) Data Bit(s) None 2 2 3 3 4 4 5 5 6 6 Output Type * Latch Momentary Latch Momentary Latch Momentary Latch Momentary Latch Momentary Package DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO) DIP (SO)
B. 20-Pin Package
Part No. PT2272-S PT2272A-L2S PT2272A-M2S PT2272-L3S PT2272-M3S PT2272-L4S PT2272-M4S PT2272-L5S PT2272-M5S PT2272-L6S PT2272-M6S Data Bit(s) None 2 2 3 3 4 4 5 5 6 6 Output Type * Latch Momentary Latch Momentary Latch Momentary Latch Momentary Latch Momentary Package SO SO SO SO SO SO SO SO SO SO SO
Note: * = use VT (Valid Transmission)
PT2272 v 3.4
Page 7
Revised August 1999
Princeton Technology Corp.
Remote Control Decoder
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT 2272
PT2272 v 3.4
Page 8
Revised August 1999


▲Up To Search▲   

 
Price & Availability of PT2272-L4-S18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X