Part Number Hot Search : 
1225B KBJ60 HI576605 DSP16 9575GJ 2SB106 5A101 3N03LA
Product Description
Full Text Search
 

To Download P1708C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 2004 rev 1.1
Low Power Notebook LCD Panel EMI Reduction IC
Features
FCC approved method of EMI attenuation. Generates a low EMI spread spectrum clock of the input frequency. Optimized for frequency range from 50 to 110MHz. Internal loop filter minimizes external components and board space. Four selectable spread ranges. Low inherent cycle-to-cycle jitter. 3.3V operating voltage range. TTL or CMOS compatible inputs and outputs. Ultra-low power CMOS design. 8.46 mA @3.3V, 54MHz 9.79 mA @3.3V, 65MHz 12.06 mA @3.3V, 81MHz 16.51 mA @3.3V, 108MHz Supports notebook VGA and other LCD timing controller applications. Pinout compatible to ICS MK1708 and Cypress CY25560. SSON/SBM pin for Spread Spectrum On/Off and Standby Mode controls. Available in 8-pin SOIC and TSSOP.
P1708C
down stream clock and data dependent signals. The P1708C allows significant system cost savings by reducing the number of circuit board layers ferrite beads, shielding and other passive components that are traditionally required to pass EMI regulations. The P1708C modulates the output of a single PLL in order to "spread" the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most frequency generators. Lowering EMI by increasing a signal's bandwidth is called `spread spectrum clock generation'. The P1708C uses the most efficient and optimized modulation profile approved by the FCC and is implemented in a proprietary all digital method.
Applications
The P1708C is targeted towards notebook LCD displays, and other displays using an LVDS interface, PC peripheral devices, and embedded systems.
Product Description
The P1708C is a versatile spread spectrum frequency modulator designed specifically for input clock frequencies. The P1708C reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of
VDD
Block Diagram
SR0
SR1 SSON
Modulation CLKIN Frequency Divider Feedback Divider
PLL
Phase Detector
Loop Filter
VCO
Output Divider
ModOUT
VSS
Alliance Semiconductor 2575, Augustine Drive * Santa Clara, CA * Tel: 408.855.4900 * Fax: 408.855.4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
June 2004 rev 1.1
Pin Configuration
P1708C
CLKIN VDD VSS ModOUT
1 2 3 4
8 7 6 5
NC SR0 SR1 SSON/SBM
P1708C
Pin Description Pin# 1 2 3 4 5 6 7 8 Pin Name CLKIN VDD VSS ModOUT SSON/SBM SR1 SR0 NC Type I P P O I I I Description Connect to externally generated clock signal. To put the part into standby mode, disable the input clock signal to this pin and pull SSON/SBM (pin 5) low. Refer Standby Mode Selection Table. Connect to +3.3V. Ground Connection. Connect to system ground. Spread spectrum clock output. Spread Spectrum On/Off and standby mode control. Refer Standby Mode Selection Table. This pin has an internal pull-up resistor. Digital logic input used to select Spreading Range. Refer Spread Spectrum Selection Table. This pin has an internal pull-up resistor. Digital logic input used to select Spreading Range. Refer Spread Spectrum Selection Table. This pin has an internal pull-up resistor. No connect.
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 10
June 2004 rev 1.1
Standby Mode Selection CLKIN Disabled Disabled Enabled Enabled SSON/SBM 0 1 0 1 Spread Spectrum N/A N/A Off On ModOUT Disabled Disabled Reference Normal PLL Disabled Free Running Disabled Normal
P1708C
Mode Standby Free Running Buffer out Normal
Spread Range Selection SR1 0 0 1 1 SR0 0 1 0 1 Spreading Range 1.00% 2.00% 0.25% 0.75% Modulation Rate (FIN/40) * 62.49 KHz (FIN/40) * 62.49 KHz (FIN/40) * 62.49 KHz (FIN/40) * 62.49 KHz
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 10
June 2004 rev 1.1
P1708C
Schematic for Notebook VGA Application
50MHz to 110MHz pixel clock input from VGA chip 0.1F FB VDD
1
P1708C NC CLKIN
8
Pin 8 can be tied either high or low, or it can be left unconnected. Tie SR0 and SR1 high/low according to spread range desired. External resistors are not needed to pull these pins high. Pin 5 SSON should be left unconnected to turn on spread spectrum. Pull this pin low to turn spread spectrum OFF and enable stand-by mode.
2
VDD
SR0 SR1
7
3
VSS
6
4 50MHz - 110MHz Pixel Clock Input from VGA Chip
ModOUT
SSON
5
Note: To set the P1708C to standby mode, disable the input clock (pin 1 CLKIN) and pull SSON (pin 5) low. Refer Standby Mode Selection Table.
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 10
June 2004 rev 1.1
Absolute Maximum Ratings Symbol VDD, VIN TSTG TA Parameter Voltage on any pin with respect to GND Storage temperature Operating temperature Rating -0.5 to + 7.0 -65 to +125
P1708C
Unit V C
0 to 70 C Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
DC Electrical Characteristics Symbol VIL VIH IIL IIH IXOL IXOH VOL VOH ICC IDD VDD tON ZOUT Input low voltage Input high voltage Input low current (pull-up resistors on inputs SR0, SR1 and SSON/SBM) Input high current XOUT output low current @ 0.4V, VDD = 3.3V XOUT output high current @ 2.5V, VDD = 3.3V Output low voltage VDD = 3.3V, IOL = 20mA Output high voltage VDD = 3.3V, IOH = 20mA Dynamic supply current normal mode 3.3V and 10pF loading Static supply current standby mode Operating voltage Power up time (first locked clock cycle after power up) Clock output impedance Parameter Min GND - 0.3 2.0 2.5 7.90 2.7 Typ 3 3 9.79 0.6 3.3 0.18 50 Max 0.8 VDD + 0.3 -35 35 0.4 17.53 fIN -max 3.7 Unit V V A A mA mA V V mA mA V mS
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 10
June 2004 rev 1.1
AC Electrical Characteristics Symbol fIN fOUT tLH* tHL* tJC Parameter Input frequency Output frequency Output rise time Measured at 0.8V to 2.0V Output fall time Measured at 0.8V to 2.0V Jitter (cycle to cycle) Min 50 50 0.7 0.6 45 Typ 0.9 0.8 50
P1708C
Max 110 110 1.1 1.0 360 55
Unit MHz MHz ns ns ps %
tD Output duty cycle *tLH and tHL are measured into a capacitive load of 15pF
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 10
June 2004 rev 1.1
Package Information
P1708C
Mechanical Package Outline 8-Pin SOIC
E
H
D
A2
A
e B A 1
C L
Symbol
Dimensions in inches Min Max 0.071 0.010 0.069 0.020 0.01 0.202 0.164
Dimensions in millimeters Min 1.45 0.10 1.35 0.31 0.10 4.72 3.75 Max 1.80 0.25 1.75 0.51 0.25 5.12 4.15 1.27 BSC 5.70 0.30 0 6.30 0.70 8
A A1 A2 B C D E e H L
0.057 0.004 0.053 0.012 0.004 0.186 0.148
0.050 BSC 0.224 0.012 0 0.248 0.028 8
Note: Controlling dimensions are millimeters SOIC - 0.074 grams unit weight
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
D
7 of 10
June 2004 rev 1.1
P1708C
Mechanical Package Outline 8-Pin TSSOP
H
E D A2 A e B A1 L C
Dimensions in inches Symbol A A1 A2 B C D E e H L 0.002 0.031 0.007 0.004 0.114 0.169 Min Max 0.047 0.006 0.041 0.012 0.008 0.122 0.177
Dimensions in millimeters Min Max 1.10 0.05 0.80 0.19 0.09 2.90 4.30 0.65 BSC 6.20 0.45 0 6.60 0.75 8 0.15 1.05 0.30 0.20 3.10 4.50
0.026 BSC 0.244 0.018 0 0.260 0.030 8
Note: Controlling dimensions are millimeters TSSOP - 0.034 grams unit weight
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 10
June 2004 rev 1.1
Ordering Codes Part Number P1708C-08ST P1708C-08SR P1708C-08TT P1708C-08TR P1708CF-08ST P1708CF-08SR P1708CF-08TT P1708CF-08TR Marking P1708C P1708C P1708C P1708C P1708CF P1708CF P1708CF P1708CF Package Type 8-pin SOIC, tube 8-pin SOIC, tape & reel 8-pin TSSOP, tube 8-pin TSSOP, tape and reel 8-pin SOIC, tube 8-pin SOIC, tape & reel 8-pin TSSOP, tube 8-pin TSSOP, tape and reel 2500 2500 2500 2500 Qty per reel Temperature (C) 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70 0 to 70
P1708C
Device Ordering Information
P1708CF-08XX
OR - SOT23/T/R TT - TSSOP, TUBE TR - TSSOP, T/R VT - TVSOP, TUBE VR - TVSOP, T/R ST - SOIC, TUBE SR - SOIC, T/R QR - QFN, T/R QT - QFN, TUBE BT - BGA, TUBE BR - BGA, T/R
Pin Count
Pb FREE
DEVICE NUMBER
Flow: P = Commercial Temperature Range (0C to 70C) I = Industrial Temperature Range (-25C to 85C)
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 10
June 2004 rev 1.1
P1708C
Alliance Semiconductor Corporation 2595, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Preliminary Information Part Number: P1708C Document Version: v1.1
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Low Power Notebook LCD Panel EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 10


▲Up To Search▲   

 
Price & Availability of P1708C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X