Part Number Hot Search : 
MB8811 SBR05 Y100E 2N1481 ST72T5XX BP104 6042004 D62LCB
Product Description
Full Text Search
 

To Download P1086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P1086
Vishay Siliconix
P-Channel JFET
PRODUCT SUMMARY
VGS(off) Max (V)
10
rDS(on) Max (W)
75
ID(off) Typ (pA)
-10
tON Typ (ns)
25
FEATURES
D D D D D Low On-Resistance--<75 W Fast Switching--tON: 25 ns High Off-Isolation--ID(off): -10 pA Low Capacitance: 5 pF Low Insertion Loss
BENEFITS
D D D D D Low Error Voltage High-Speed Analog Circuit Performance Negligible "Off-Error," Excellent Accuracy Good Frequency Response Eliminates Additional Buffering
APPLICATIONS
D D D D D Analog Switches Choppers Sample-and-Hold Normally "On" Switches Current Limiters
DESCRIPTION
The P1086 is a p-channel analog switch designed to provide low on-resistance and fast switching. This device is optimized for use in complementary switching applications with the Siliconix J/SST111 series. The P1086 device is available in various lead forms and tape-and-reel for automated assembly (see Packaging Information).
TO-226AA (TO-92)
S
1
D
2
G
3
Top View
ABSOLUTE MAXIMUM RATINGS
Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Document Number: 70259 S-00527--Rev. D, 03-Apr-00 Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . . . . 300_C Power Dissipationa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350 mW Notes a. Derate 2.8 mW/_C above 25_C www.vishay.com S FaxBack 408-970-5600
9-1
P1086
Vishay Siliconix
SPECIFICATIONSa
Limits Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentc Gate Reverse Current Gate Operating Current V(BR)GSS VGS(off) IDSS IGSS IG IG = 1 mA , VDS = 0 V VDS = -15 V, ID = -1 mA VDS = -20 V, VGS = 0 V VGS = 15 V, VDS = 0 V TA = 85_C VDG = -15 V, ID = -1 mA VGS = 12 V D i C ff Current Drain Cutoff C ID(off) VDS = -15 V 15 VGS = 7 V TA = 85_C Drain-Source On-Resistance Gate-Source Forward Voltage rDS(on) VGS(F) VGS = 0 V, ID = -1 mA VDS = 0 V, IG = -1 mA -0.7 -10 0.01 0.6 0.01 -0.01 -0.01 -0.001 -10 -0.5 75 mA W V nA A 2 30 45 V 10 mA
Symbol
Test Conditions
Min
Typb
Max
Unit
Dynamic
Common-Source Forward Transconductance Common-Source Output Conductance Drain-Source On-Resistance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Input Noise Voltage gfs gos rds(on) Ciss Crss en VGS = 0 V, ID = 0 mA , f = 1 kHz VDS = -15 V, VGS = 0 V f = 1 MHz VDS = 0 V, VGS = 10 V, f = 1 MHz VDG = -10 V, ID = -1 mA f = 1 kHz 20 5 20 4.5 VDS = -15 V, ID = -1 mA , f = 1 kHz kH 20 75 45 pF 10 nV Hz mS mS W
Switching
Turn-On Time td(on) tr Turn-Off Time td(off) tf Notes a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. c. Pulse test: PW v300 ms duty cycle 3%. VGS(L) = 0 V, VGS(H) = 10 V V, See Switching Circuit S S it hi Ci it 10 15 10 20 15 20 ns 15 50 PSCIA
www.vishay.com S FaxBack 408-970-5600
9-2
Document Number: 70259 S-00527--Rev. D, 03-Apr-00
P1086
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance and Drain Current vs. Gate-Source Cutoff Voltage
200 r DS(on) - Drain-Source On-Resistance ( W ) IDSS 160 rDS -80 -100 g fs - Forward Transconductance (mS) I DSS - Saturation Drain Current (mA)
Forward Transconductance and Output Conductance vs. Gate-Source Cutoff Voltage
18 gfs and gos @ VDS = -15 V VGS = 0 V, f = 1 kHz g os - Output Conductance ( mS) 15 gfs 12 gos 150 200 250
120
-60
80
-40
9
100
40
rDS @ ID = -1 mA, VGS = 0 V IDSS @ VDS = -15 V, VGS = 0 V
-20
6
50
0 0 2 4 6 8 10 VGS(off) - Gate-Source Cutoff Voltage (V)
0
3 0 2 4 6 8 VGS(off) - Gate-Source Cutoff Voltage (V)
0 10
Output Characteristics
-25 r DS(on) - Drain-Source On-Resistance ( W ) VGS(off) = 3 V -20 I D - Drain Current (mA) 0.5 V -15 1.0 V -10 1.5 V -5 2.0 V 0 0 -4 -8 -12 -16 -20 VGS = 0 V 250
On-Resistance vs. Drain Current
TA = 25_C
200
VGS(off) = 1.5 V
150 3V 100 5V 50
0 -1 -10 ID - Drain Current (mA) -100
VDS - Drain-Source Voltage (V)
Output Characteristics
-2 VGS = 0 V -1.6 I D - Drain Current (mA) 0.5 V 1.0 V r DS(on) - Drain-Source On-Resistance ( W ) 1.5 V 240 300
On-Resistance vs. Temperature
ID = -1 mA rDS changes X 0.7%/_C
-1.2 2.0 V
180
VGS(off) = 1.5 V 3V
-0.8
120
5V
-0.4 VGS(off) = 3 V 0 0 -0.1 -0.2 -0.3 -0.4 -0.5
60
0 -55 -35 -15 5 25 45 65 85 105 125
VDS - Drain-Source Voltage (V)
TA - Temperature (_C)
Document Number: 70259 S-00527--Rev. D, 03-Apr-00
www.vishay.com S FaxBack 408-970-5600
9-3
P1086
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Turn-On Switching
50 tr approximately independent of ID VDD = -10 V, RG = 220 W VGS(H) = 10 V, VGS(L) = 0 V 16 5V Switching Time (ns) Switching Time (ns) 30 tON @ ID = -5 mA tON @ ID = -10 mA 12 td(off) VGS(off) = 1.5 V 8 5V 4 tr @ ID = -5 mA 0 0 1 2 3 4 5 0 0 -3 -6 -9 -12 -15 VDD = -10 V, VGS(H) = 10 V, VGS(L) = 0 V 20 tf VGS(off) = 1.5 V
Turn-Off Switching
40
20
10
VGS(off) - Gate-Source Cutoff Voltage (V)
ID - Drain Current (mA)
Capacitance vs. Gate-Source Voltage
30 VDS = 0 V f = 1 MHz 24 I G - Gate Leakage Capacitance (pF)
100 nA 10 nA
Gate Leakage Current
-1 mA TA = 125_C
ID =-10 mA
1 nA
18 Ciss 12 Crss 6
100 pA
IGSS @ 125_C -10 mA
10 pA
TA = 25_C IGSS @ 25_C -1 mA
1 pA
0 0 4 8 12 16 20
0.1 pA 0 -10 -20 -30 -40 -50
VGS - Gate-Source Voltage (V)
VDG - Drain-Gate Voltage (V)
Transfer Characteristics
-40 VGS(off) = 3 V -32 I D - Drain Current (mA) ( nV / Hz ) VDS = -15 V 100
Noise Voltage vs. Frequency
ID = -0.1 mA
-24
TA = -55_C 25_C
10 en - Noise Voltage
-1 mA
-16
-8 125_C 0 0 1 2 3 4 5
VDS = -10 V
1 10 100 1k f - Frequency (Hz) Document Number: 70259 S-00527--Rev. D, 03-Apr-00 10 k 100 k VGS - Gate-Source Voltage (V)
www.vishay.com S FaxBack 408-970-5600
9-4
P1086
Vishay Siliconix
SWITCHING TIME TEST CIRCUIT
VDD VGG RL* RG* ID(on) *Non-inductive -6 V 12 V 1800 W 220 W -3 mA
VGS(L) VGS(H)
VGG
VDD
1.2 kW
RL
0.1 mF
RG 7.5 kW
Input Pulse
Rise Time < 1 ns Fall Time < 1 ns Pulse Width 100 ns PRF 1 MHz
Sampling Scope
Rise Time 0.4 ns Input Resistance 10 MW Input Capacitance 1.5 pF
51 W
1.2 kW Sampling Scope 51 W 51 W
Document Number: 70259 S-00527--Rev. D, 03-Apr-00
www.vishay.com S FaxBack 408-970-5600
9-5


▲Up To Search▲   

 
Price & Availability of P1086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X