Part Number Hot Search : 
G110JL BFP181T 2N337 TC74H ADIS1620 PIC16F A4759 NTE6156
Product Description
Full Text Search
 

To Download NTF3055L108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTF3055L108
Preferred Device
Power MOSFET
3.0 A, 60 V, Logic Level, N-Channel SOT-223
Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits.
Features http://onsemi.com
* Pb-Free Packages are Available
Applications
3.0 A, 60 V RDS(on) = 120 mW
N-Channel D
* * * *
Power Supplies Converters Power Motor Controls Bridge Circuits
G S Value 60 60 15 20 3.0 1.4 9.0 2.1 1.3 0.014 -55 to 175 74 Unit Vdc Vdc
1 4
MAXIMUM RATINGS (TC = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 MW) Gate-to-Source Voltage - Continuous - Non-repetitive (tp 10 ms) Drain Current - Continuous @ TA = 25C - Continuous @ TA = 100C - Single Pulse (tp 10 ms) Total Power Dissipation @ TA = 25C (Note 1) Total Power Dissipation @ TA = 25C (Note 2) Derate above 25C Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 25 Vdc, VGS = 5.0 Vdc, IL(pk) = 7.0 Apk, L = 3.0 mH, VDS = 60 Vdc) Thermal Resistance -Junction-to-Ambient (Note 1) -Junction-to-Ambient (Note 2) Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds Symbol VDSS VDGR VGS
Vdc Vpk Adc
2 3
SOT-223 CASE 318E STYLE 3
MARKING DIAGRAM
ID ID IDM PD
Apk Watts Watts W/C C mJ AYW 3055L = Device Code 3055LG A = Assembly Location G Y = Year W = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
TJ, Tstg EAS
PIN ASSIGNMENT
4 Drain
C/W RqJA RqJA TL 72.3 114 260 C
1 2 3
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. When surface mounted to an FR4 board using 1 pad size, 1 oz. (Cu. Area 0.0995 in2). 2. When surface mounted to an FR4 board using minimum recommended pad size, 2-2.4 oz. (Cu. Area 0.272 in2).
Gate
Drain
Source
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
December, 2005 - Rev. 4
Publication Order Number: NTF3055L108/D
NTF3055L108
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) (VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 3) (VGS = 5.0 Vdc, ID = 1.5 Adc) Static Drain-to-Source On-Resistance (Note 3) (VGS = 5.0 Vdc, ID = 3.0 Adc) (VGS = 5.0 Vdc, ID = 1.5 Adc, TJ = 150C) Forward Transconductance (Note 3) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VDS = 48 Vdc, ID = 3.0 Adc, VGS = 5.0 Vdc) (Note 3) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 3.0 Adc, VGS = 0 Vdc) (IS = 3.0 Adc, VGS = 0 Vdc, TJ = 150C) (Note 3) VSD - - trr (IS = 3.0 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) Reverse Recovery Stored Charge 3. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. 4. Switching characteristics are independent of operating junction temperatures. ta tb QRR - - - - 0.87 0.72 35 21 14 0.044 1.0 - - - - - mC ns Vdc (VDD = 30 Vdc, ID = 3.0 Adc, VGS = 5.0 Vdc, RG = 9.1 W) (Note 3) td(on) tr td(off) tf QT Q1 Q2 - - - - - - - 11 35 22 27 7.6 1.4 4.0 25 70 45 60 15 - - nC ns (VDS = 25 Vdc, VGS = 0 V, f = 1.0 MHz) Ciss Coss Crss - - - 313 112 40 440 160 60 pF (VDS = 7.0 Vdc, ID = 3.0 Adc) VGS(th) 1.0 - RDS(on) - VDS(on) - gfs - 0.290 0.250 5.7 0.43 - - Mhos 92 120 Vdc 1.68 4.6 2.0 - Vdc mV/C mW (VGS = 15 Vdc, VDS = 0 Vdc) V(BR)DSS 60 - IDSS - - IGSS - - - - 1.0 10 100 nAdc 68 68 - - Vdc mV/C mAdc Symbol Min Typ Max Unit
Reverse Recovery Time
http://onsemi.com
2
NTF3055L108
6 VGS = 3.4 V ID, DRAIN CURRENT (AMPS) ID, DRAIN CURRENT (AMPS) 5 4 3 2 1 0 0 0.5 1 1.5 2 2.5 3 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) VGS = 3.5 V VGS = 4.5 V VGS = 6 V VGS = 10 V VGS = 3.2 V 5 4 3 TJ = 100C 2 TJ = 25C 1 TJ = -55C 0 1 1.5 2 2.5 3 3.5 4 4.5 5 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 6 VDS > = 10 V
VGS = 3 V VGS = 2.8 V VGS = 2.5 V
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
Figure 2. Transfer Characteristics
0.16 VGS = 5 V 0.14 0.12 0.1 0.08 TJ = -55C 0.06 0.04 0.02 0 1 2 3 4 5 6 TJ = 25C TJ = 100C
0.16 VGS = 10 V 0.14 0.12 0.1 TJ = 25C 0.08 0.06 0.04 0.02 0 1 2 3 4 5 6 TJ = -55C TJ = 100C
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 3. On-Resistance vs. Gate-to-Source Voltage
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 2 1.8 1.6 1.4 1.2 1 0.8 0.6 -50 1 -25 0 25 50 75 100 125 150 175 TJ, JUNCTION TEMPERATURE (C) ID = 1.5 A VGS = 5 V IDSS, LEAKAGE (nA) 1000 10000
Figure 4. On-Resistance vs. Drain Current and Gate Voltage
VGS = 0 V TJ = 150C
100 TJ = 100C 10
0
10
20
30
40
50
60
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current vs. Voltage
http://onsemi.com
3
NTF3055L108
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
6 5 4 3 2 1 0 0 ID = 3 A TJ = 25C 1 2 3 4 5 6 7 8 Q1 Q2 QT VGS
1000 C, CAPACITANCE (pF) 800 600
VDS = 0 V
VGS = 0 V
TJ = 25C
Ciss
Crss 400 200 Ciss Coss Crss 0 10 5 VGS 0 VDS 5 10 15 20 25
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
1000 IS, SOURCE CURRENT (AMPS) VDS = 30 V ID = 3 A VGS = 5 V t, TIME (ns) 100 tr tf td(off) td(on) 3.2 2.8 2.4 2 1.6 1.2 0.8 0.4 0 0.54
Figure 8. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
VGS = 0 V TJ = 25C
10
1
1
10 RG, GATE RESISTANCE (W)
100
0.58
0.62 0.66
0.7
0.74 0.78 0.82 0.86 0.9
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation vs. Gate Resistance
100 ID, DRAIN CURRENT (AMPS) VGS = 15 V SINGLE PULSE TC = 25C 10 10 ms 1 dc 1 ms 0.1 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 1 100 ms EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) 80
Figure 10. Diode Forward Voltage vs. Current
ID = 7 A 70 60 50 40 30 20 10 0 25 50 75 100 125 150 175
0.01
10
100
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy vs. Starting Junction Temperature
http://onsemi.com
4
NTF3055L108
10 r(t), EFFECTIVE TRANSIENT THERMAL RESPONSE RESISTANCE (NORMALIZED) 1 x 1 inch 1 oz. Cu Pad (3 x 3 inch FR4)
1
D = 0.5 0.2 0.1
0.1
0.05 0.02
0.01
0.01 Single Pulse
0.001 0.00001
0.0001
0.001
0.01
0.1 t, TIME (s)
1
10
100
1000
Figure 13. Thermal Response
ORDERING INFORMATION
Device NTF3055L108T1 NTF3055L108T1G NTF3055L108T3 NTF3055L108T3G NTF3055L108T3LF NTF3055L108T3LFG Package SOT-223 (TO-261) SOT-223 (TO-261) (Pb-Free) SOT-223 (TO-261) SOT-223 (TO-261) (Pb-Free) SOT-223 (TO-261) SOT-223 (TO-261) (Pb-Free) Shipping 1000 / Tape & Reel 1000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
5
NTF3055L108
PACKAGE DIMENSIONS
SOT-223 (TO-261) CASE 318E-04 ISSUE K
A F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES DIM MIN MAX A 0.249 0.263 B 0.130 0.145 C 0.060 0.068 D 0.024 0.035 F 0.115 0.126 G 0.087 0.094 H 0.0008 0.0040 J 0.009 0.014 K 0.060 0.078 L 0.033 0.041 M 0_ 10 _ S 0.264 0.287 STYLE 3: PIN 1. 2. 3. 4. GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 6.30 6.70 3.30 3.70 1.50 1.75 0.60 0.89 2.90 3.20 2.20 2.40 0.020 0.100 0.24 0.35 1.50 2.00 0.85 1.05 0_ 10 _ 6.70 7.30
4
S
1 2 3
B
D L G J C 0.08 (0003) H M K
SOLDERING FOOTPRINT*
3.8 0.15 2.0 0.079
2.3 0.091
2.3 0.091
6.3 0.248
2.0 0.079 1.5 0.059
mm inches
SCALE 6:1
SOT-223
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
NTF3055L108/D


▲Up To Search▲   

 
Price & Availability of NTF3055L108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X