Part Number Hot Search : 
EP8250 DL41A NJM2723 DPH140T PWR4006 TQRLC PP80N0 NOA1312
Product Description
Full Text Search
 

To Download MM74HC4316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HC4316 Quad Analog Switch with Level Translator
February 1984 Revised March 2001
MM74HC4316 Quad Analog Switch with Level Translator
General Description
The MM74HC4316 devices are digitally controlled analog switches implemented in advanced silicon-gate CMOS technology. These switches have low "ON" resistance and low "OFF" leakages. They are bidirectional switches, thus any analog input may be used as an output and vice-versa. Three supply pins are provided on the MM74HC4316 to implement a level translator which enables this circuit to operate with 0-6V logic levels and up to 6V analog switch levels. The MM74HC4316 also has a common enable input in addition to each switch's control which when HIGH will disable all switches to their OFF state. All analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to VCC and ground.
Features
s Typical switch enable time: 20 ns s Wide analog input voltage range: 6V s Low "ON" resistance: 50 typ. (VCC-VEE = 4.5V) 30 typ. (VCC-VEE = 9V) s Low quiescent current: 80 A maximum (74HC) s Matched switch characteristics s Individual switch controls plus a common enable
Ordering Code:
Order Number MM74HC4316M MM74HC4316SJ MM74HC4316MTC MM74HC4316N Package Number M16A M16D MTC16 N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Diagram
Connection Diagram
Top View
Truth Table
Inputs En H L L CTL X L H Switch I/O-O/I "OFF" "OFF" "ON"
(c) 2001 Fairchild Semiconductor Corporation
DS005369
www.fairchildsemi.com
MM74HC4316
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) Supply Voltage (VEE) DC Control Input Voltage (VIN) DC Switch I/O Voltage (VIO) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC ) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C 600 mW 500 mW
Recommended Operating Conditions
Min 2 0 0 Max 6 Units V V V
-0.5 to +7.5V +0.5 to -7.5V Supply Voltage (V ) CC -1.5 to VCC +1.5V Supply Voltage (V )
VEE-0.5 to VCC +0.5V DC Input or Output Voltage 20 mA ) (V , V
EE
-6
VCC
25 mA Operating Temperature Range (T ) A 50 mA Input Rise or Fall Times -65C to +150C
(tr, tf) VCC = 2.0V VCC = 4.5V VCC = 6.0V VCC = 12.0V
IN
OUT
-40
+85
1000 500 400 250
C
ns ns ns ns
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C.
DC Electrical Characteristics
Symbol VIH Parameter Minimum HIGH Level Input Voltage VIL Maximum LOW Level Input Voltage RON Conditions
(Note 4)
VEE VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V GND -4.5V -6.0V GND GND -4.5V -6.0V GND -4.5V -6.0V GND GND -6.0V GND -6.0V GND -6.0V 4.5V 4.5V 6.0V 2.0V 4.5V 4.5V 6.0V 4.5V 4.5V 6.0V 6.0V 6.0V 6.0V 6.0V 6.0V 6.0V 6.0V 100 40 30 100 40 50 20 10 5 5 TA = 25C Typ 1.5 3.15 4.2 0.5 1.35 1.8 170 85 70 180 80 60 40 15 10 10 0.1 60 100 40 60 2.0 8.0 TA = -40 to 85C TA = -55 to 125C Guaranteed Limits 1.5 3.15 4.2 0.5 1.35 1.8 200 105 85 215 100 75 60 20 15 15 1.0 600 1000 150 300 20 80 1.5 3.15 4.2 0.5 1.35 1.8 220 110 90 240 120 80 70 20 15 15 1.0 600 1000 150 300 40 160 V V V V V V A nA nA nA nA A A Units
Minimum "ON" Resistance VCTL = VIH, IS = 2.0 mA (Note 5) VIS = VCC to VEE (Figure 1) VCTL = VIH, IS = 2.0 mA VIS = VCC or VEE (Figure 1)
RON
Maximum "ON" Resistance VCTL = VIH Matching VIS = VCC to VEE VIN = VCC or GND VOS = VCC or VEE VIS = VEE or VCC VCTL = VIL (Figure 2) VIS = VCC to VEE VCTL = VIH, VOS = OPEN (Figure 3) VIN = VCC or GND IOUT = 0 A
IIN IIZ
Maximum Control Input Current Maximum Switch "OFF" Leakage Current
IIZ
Maximum Switch "ON" Leakage Current
ICC
Maximum Quiescent Supply Current
Note 4: For a power supply of 5V 10% the worst case on resistances (RON) occurs for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at V CC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occurs for CMOS at the higher voltage and so the 5.5V values should be used. Note 5: At supply voltages (VCC-VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital only when using these supply voltages.
www.fairchildsemi.com
2
MM74HC4316
AC Electrical Characteristics
VCC = 2.0V-6.0V, VEE = 0V-6V, CL = 50 pF (unless otherwise specified) Symbol tPHL, tPLH Parameter Maximum Propagation Delay Switch In to Out tPZL, tPZH Maximum Switch Turn "ON" Delay (Control) tPHZ, tPLZ Maximum Switch Turn "OFF" Delay (Control) tPZL, tPZH Maximum Switch Turn "ON" Delay (Enable) tPLZ, tPHZ Maximum Switch Turn "OFF" Delay (Enable) fMAX Minimum Frequency Response (Figure 7) Control to Switch Feedthrough Noise (Figure 8) Crosstalk Between any Two Switches (Figure 9) Switch OFF Signal Feedthrough Isolation (Figure 10) THD Sinewave Harmonic Distortion (Figure 11) CIN CIN CIN CPD Maximum Control Input Capacitance Maximum Switch Input Capacitance Maximum Feedthrough Capacitance Power Dissipation Capacitance
Note 6: Adjust 0 dBm for F = 1 KHz (Null RL/Ron Attenuation). Note 7: VIS is centered at VCC-VEE/2. Note 8: Adjust for 0 dBm.
Conditions
VEE
VCC
TA = +25C Typ 25 5 4 3 30 20 15 14 45 25 20 20 35 20 19 18 58 28 23 21 40 100 100 250 50 10 8 7 165 35 32 30 250 50 44 44 205 41 38 36 265 53 47 47
TA = -40C to +85C TA = -55C to +125C Guaranteed Limits 63 13 12 11 206 43 39 37 312 63 55 55 256 52 48 45 330 67 59 59 75 15 14 13 250 53 48 45 375 75 66 66 308 62 57 54 400 79 70 70
Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz mV mV
GND 2.0V GND 4.5V -4.5V 4.5V -6.0V 6.0V RL = 1 k GND 2.0V GND 4.5V -4.5V 4.5V -6.0V 6.0V RL = 1 k GND 2.0V GND 4.5V -4.5V 4.5V -6.0V 6.0V GND 2.0V GND 4.5V -4.5V 4.5V -6.0V 6.0V GND 2.0V GND 4.5V -4.5V 4.5V -6.0V 6.0V RL = 600, VIS = 2VPP at (VCC-VEE/2) RL = 600, F = 1 MHz CL = 50 pF (Note 7) (Note 8) RL = 600, F = 1 MHz 0V RL = 600, F = 1 MHz VCTL = VIL, (Note 7) (Note 8) RL = 10 K, CL = 50 pF, F = 1 KHz VIS = 4VPP 0V 4.5V 0V 4.5V 4.5V 0V 4.5 -4.5V 4.5V 0V 4.5V
20 log (VOS/VIS)= -3 dB (Note 6) (Note 7) -4.5V 4.5V
-52 -50 -42 -44
dB dB dB dB
-4.5V 4.5V
-4.5V 4.5V
0.013 0.008 5 35
% % pF pF pF pF
VIS = 8VPP -4.5V 4.5V
VCTL = GND
0.5 15
3
www.fairchildsemi.com
MM74HC4316
AC Test Circuits and Switching Time Waveforms
FIGURE 1. "ON" Resistance
FIGURE 2. "OFF" Channel Leakage Current
FIGURE 3. "ON" Channel Leakage Current
FIGURE 4. tPHL, tPLH Propagation Delay Time Signal Input to Signal Output
FIGURE 5. tPZL, tPLZ Propagation Delay Time Control to Signal Output
FIGURE 6. tPZH, tPHZ Propagation Delay Time Control to Signal Output
www.fairchildsemi.com
4
MM74HC4316
AC Test Circuits and Switching Time Waveforms
(Continued)
FIGURE 7. Frequency Response
FIGURE 8. Crosstalk: Control Input to Signal Output
FIGURE 9. : Crosstalk Between Any Two Switches
FIGURE 10. Switch OFF Signal Feedthrough Isolation
FIGURE 11. Sinewave Distortion
5
www.fairchildsemi.com
MM74HC4316
Typical Performance Characteristics
Typical "ON" Resistance Typical Crosstalk Between Any Two Switches
Typical Frequency Response
Special Considerations
In certain applications the external load-resistor current may include both VCC and signal line components. To avoid drawing VCC current when switch current flows into the analog switch input pins, the voltage drop across the switch must not exceed 0.6V (calculated from the On Resistance).
www.fairchildsemi.com
6
MM74HC4316
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
7
www.fairchildsemi.com
MM74HC4316
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
8
MM74HC4316
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
9
www.fairchildsemi.com
MM74HC4316 Quad Analog Switch with Level Translator
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 10 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MM74HC4316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X