Part Number Hot Search : 
AD7729AR 74LVCH BD989 KSV1409 557R6 15010 35000 HLMPM250
Product Description
Full Text Search
 

To Download MC145173 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MC145173/D
MC145173
Advance Information Dual-Band PLL Frequency Synthesizer with ADC and Frequency Counter
CMOS
The MC145173 is a single-chip CMOS synthesizer with a four-wire serial interface for primary use in AM-FM broadcast receivers. The device also finds use in long-wave (LW) and short-wave (SW) receivers. Two inputs to a single high-speed N counter are provided, along with 2 phase detectors; one for a VHF loop up to 130 MHz, and another for an HF loop up to 40 MHz. The VHF phase detector has a current source/sink output and both detectors feature linear transfer functions (no dead zones). An external crystal ties across on-chip circuitry which drives a completely-programmable reference counter. Thus, a broad range of tuning resolution is possible. The crystal oscillator is buffered and fed to an open-drain output which is active in the HF mode only. Due to the patented BitGrabberTM registers, address or steering bits are not needed in the serial data stream for random access of the registers. The serial port is byte-oriented to facilitate control via an MCU. Tuning across a band is accomplished with a two-byte transfer to the N register. The 6-bit analog-to-digital converter (ADC) has two input channels. The converter is read via a one-byte transfer which includes an end-of-conversion (EOC) bit. A 22-stage frequency counter is provided and accepts two IF (intermediate frequency) signals. Primary use for the frequency counter is for the seek or scan function on broadcast radio receivers. A proper frequency count ensures tuning of valid stations on their center frequencies. Reading the count is accomplished with a three-byte serial transfer which includes a count-complete (CC) bit. Four general purpose digital outputs are included. One of the outputs is open-drain; the others are totem-pole (push-pull). Two general purpose digital inputs are provided also. One input has a comparator with a switch point at 33% of VDD. * Operating Voltage Range: 4.5 to 5.5 V * Maximum Operating Frequency: VHFin = 130 MHz @ 210 mV p-p HFin = 40 MHz @ 210 mV p-p * Maximum Frequency of Reference Counter: 15 MHz * Maximum Frequency of Frequency Counter: 20 MHz * Maximum Supply Current: Operating Mode = 12 mA Standby Mode = 30 A * Approximate ADC Conversion Time: 360 s * Operating Temperature Range: - 40 to + 85C * R Counter Division Range: 1 and 5 to 16,383 * N Counter Division Range: 40 to 32,767 * Accommodates Downconversion or Upconversion Receiver Design for AM Broadcast Band * Direct Interface to Motorola SPI Data Port * Programmer's Guide Included in Datasheet
BitGrabber is a trademark of Motorola, Inc.
24 1
DW SUFFIX SOG PACKAGE CASE 751E
ORDERING INFORMATION
MC145173DW SOG Package
PIN ASSIGNMENT
OSCin ENB Din CLK Dout INPUT D INPUT C INPUT B INPUT A HF IFin VHF IFin OUTPUT A 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OSCout REFout OUTPUT D VHF PDout Rx VSS HF PDout VDD HFin VHFin OUTPUT C OUTPUT B
This document contains information on a new product. Specifications and information herein are subject to change without notice.
(c) Motorola, Inc. 1995 MOTOROLA
REV 1 3/95
MC145173 1
BLOCK DIAGRAM
23 OSCin OSCout 1 24 OSCILLATOR 14-STAGE R COUNTER REFout (OPEN DRAIN)
PRESCALER STANDBY LOGIC ACQUISITION WINDOW DIVIDER 14 POL 2 BitGrabber R REGISTER 24 BITS
fR 20 CURRENT SOURCE/SINK PHASE/FREQUENCY DETECTOR Rx
RESET ACQ. WINDOW
21
VHF PDout
CLK Din Dout ENB
4 3 5 2 SHIFT REGISTER AND CONTROL LOGIC 24 BitGrabber C REGISTER 8 BITS READ
22 14 13 12
OUTPUT D OUTPUT C OUTPUT B OUTPUT A (OPEN DRAIN)
2
24 HFin 16
BitGrabber N REGISTER 16 BITS 15
ZONE
fV 15-STAGE N COUNTER VHFin 15 HF/VHF SELECT RESPONSE HF IFin 10 22-STAGE F COUNTER AND 24-BIT F REGISTER F SMPL PHASE/ FREQUENCY DETECTOR 18 HF PDout
VHF IFin
11
INPUT D
6
MUX CONTROL
INPUT C
7
+ -
A REGISTER
(INTERNALLY CONNECTED TO VDD/3) INPUT B INPUT A 8
MUX 9 7
SAMPLE AND HOLD
I SMPL
9
PIN 17 = VDD PIN 19 = VSS
6-BIT ADC
CONVERSION RESULT + EOC
MC145173 2
MOTOROLA
ABSOLUTE MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol VDD Vin Vout Iin Iout IDD PD Tstg TL Parameter DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VDD and VSS Pins Power Dissipation, per Package Storage Temperature Lead Temperature, 1 mm from Case for 10 seconds Value - 0.5 to + 6.0 - 0.5 to VDD + 0.5 - 0.5 to VDD + 0.5 10 20 30 300 - 65 to + 150 260 Unit V V V mA mA mA mW C C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. For proper termination of unused pins, see the Pin Descriptions section.
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descriptions section.
DC ELECTRICAL CHARACTERISTICS (VDD = 4.5 to 5.5 V, Voltages Referenced to VSS, TA = - 40 to + 85C)
Symbol VIL VIH VIL VIH VHys VTH Parameter Maximum Low-Level Input Voltage (Din, CLK, ENB) Minimum High-Level Input Voltage (Din, CLK, ENB) Maximum Low-Level Input Voltage (Input D, HF IFin, VHF IFin, HFin, VHFin, OSCin) Minimum High-Level Input Voltage (Input D, HF IFin, VHF IFin, HFin, VHFin, OSCin) Minimum Hysteresis Voltage (CLK, ENB) Threshold Voltage (INPUT C) Vin Ramped Down from VDD dc coupled dc coupled Test Condition Guaranteed Limit 0.25 x VDD 0.65 x VDD 0.3 x VDD 0.7 x VDD 0.3 0.28 x VDD to 0.38 x VDD 0.1 VDD - 0.1 0.36 - 0.36 1.6 - 1.6 2.0 - 2.0 2.0 - 1.75 1.0 120 200 200 2 Unit V V V V V V
VOL VOH IOL IOH IOL IOH IOL IOH IOL IOH Iin Iin IOZ IOZ IOZ
Maximum Low-Level Output Voltage (Dout, OUTPUT A, OUTPUT B, OUTPUT C, OUTPUT D, HF PDout) Minimum High-Level Output Voltage (Dout, OUTPUT B, OUTPUT C, OUTPUT D, HF PDout, REFout) Minimum Low-Level Output Current (HF PDout) Minimum High-Level Output Current (HF PDout) Minimum Low-Level Output Current (Dout) Minimum High-Level Output Current (Dout) Minimum Low-Level Output Current (OUTPUT B, OUTPUT C, OUTPUT D) Minimum High-Level Output Current (OUTPUT B, OUTPUT C, OUTPUT D) Minimum Low-Level Output Current (OUTPUT A) Minimum High-Level Output Current (REFout) Maximum Input Leakage Current (Din, CLK, ENB, OSCin, INPUT A, INPUT B, INPUT C, INPUT D) Maximum Input Current (HFin, VHFin, HF IFin, VHF IFin) Maximum Output Leakage Current (HF PDout) Maximum Output Leakage Current (VHF PDout) Maximum Output Leakage Current (REFout, OUTPUT A, Dout)
Iout = 20 A Iout = -20 A Vout = 0.4 V Vout = VDD - 0.4 V Vout = 0.4 V Vout = VDD - 0.4 V Vout = 1.0 V Vout = VDD - 1.0 V Vout = 1.0 V Vout = VDD - 1.0 V Vin = VDD or VSS, Device NOT in Standby** Vin = VDD or VSS, Device NOT in Standby Vout = VDD or VSS, Output in High-Impedance State Vout = 1.75 or VDD - 1.5 V, Output in High-Impedance State Vout = VDD or VSS, Output in High-Impedance State
V V mA mA mA mA mA mA mA mA A A nA nA A
Continued on next page. ** While in Standby, the OSCin pin is pulled low by a weak on-chip FET.
MOTOROLA
MC145173 3
DC ELECTRICAL CHARACTERISTICS (continued) (VDD = 4.5 to 5.5 V, Voltages Referenced to VSS, TA = - 40 to + 85C)
Symbol ISTBY Parameter Maximum Standby Supply Current Test Condition Vin on Din, CLK, INPUT A, INPUT B, INPUT C, INPUT D = VDD or VSS; Vin on ENB = VDD; Vin on OSCin, HF IFin, VHF IFin = VSS or Floating (ac coupled); Vin on HFin = VDD or VSS or Floating (ac coupled); Vin on VHFin = Floating (ac coupled); Dout tied to VDD or VSS through 100 k resistor; Other Outputs Open Vin on Din, CLK, INPUT A, INPUT B, INPUT C, INPUT D = VDD or VSS; Dout tied to VDD or VSS through 100 k resistor; Vin on ENB = VDD; OSCin = 10.35 MHz @ 1 V p-p; VHFin = 120 MHz @ 210 mV p-p; VHF IFin = 10.7 MHz @ 210 mV p-p Guaranteed Limit 30 Unit A
Idd
Maximum Operating Supply Current
12
mA
ANALOG CHARACTERISTICS -- CURRENT SOURCE/SINK OUTPUT -- VHF PDout
(Iout 2.5 mA, VDD = 4.5 to 5.5 V, Voltages Referenced to VSS) Guaranteed Limit 20 12 1.25 to VDD - 1.25 V
Parameter Maximum Source Current Variation (Part-to-Part) Maximum Sink-vs-Source Mismatch (Note 3) Output Voltage Range (Note 3)
Test Condition Vout = 0.5 x VDD Vout = 0.5 x VDD Iout variation 20%
Unit % % V
NOTES: 1. Percentages calculated using the following formula: (Maximum Value - Minimum Value)/Maximum Value. 2. See Rx Pin Description for external resistor value. 3. This parameter is guaranteed for any specific temperature within - 40 to + 85C.
ADC CHARACTERISTICS (TA = - 40 to 85C, VDD = 4.5 to 5.5 V, fOSC = 9.5 to 10.4 MHz)
Parameter Resolution Conversion Time Maximum Nonlinearity Per Figure 1 Vin = VSS + (0.1 x VDD) to VDD - (0.09 x VDD) Test Condition Guaranteed Limit 6 3584 1.5 Unit Bits OSCin Cycles LSBs
Din
SET BIT C7 HIGH IN C REGISTER
ENB CONVERSION TIME EOC FLIP-FLOP OUTPUT (INTERNAL) ADC READY TO BE READ VIA SERIAL PORT
Figure 1.
MC145173 4
MOTOROLA
AC INTERFACE CHARACTERISTICS
(VDD = 4.5 to 5.5 V, TA = - 40 to + 85C, CL = 50 pF, Input tr = tf = 10 ns unless otherwise indicated) Symbol fclk tPLH, tPHL tPLH, tPHL tPLZ, tPZL tPLZ, tPHZ tPZL, tPZH tTLH, tTHL Parameter Serial Data Clock Frequency (Note: Refer to CLK tw below) Maximum Propagation Delay, CLK to Dout Maximum Propagation Delay, ENB to Output B, Output C, Output D Maximum Propagation Delay, ENB to Output A Maximum Disable Time, Dout Active to High Impedance Access Time, Dout High Impedance to Active Maximum Output Transition Time, Dout CL = 50 pF CL = 200 pF Cin Cout Maximum Input Capacitance - Din, ENB, CLK Maximum Output Capacitance - Dout Figure # 2 2, 8 6, 8 7, 9 3, 9 3, 9 2, 8 2, 8 Guaranteed Limit dc to 2.1 150 300 300 400 0 to 200 100 400 10 10 Unit MHz ns ns ns ns ns ns ns pF pF
TIMING REQUIREMENTS (TA = - 40 to + 85C, Input tr = tf = 10 ns unless otherwise indicated)
Symbol tsu, th tsu, th, trec tw(H) tw tr, tf Parameter Minimum Setup and Hold Times, Din vs CLK Minimum Setup, Hold, and Recovery Times, ENB vs CLK Minimum Inactive-High Pulse Width, ENB Minimum Pulse Width, CLK Maximum Input Rise and Fall Times, CLK (Source Impedance 5 k) Figure # 4 5 5 2 2 Guaranteed Limit 100 200 600 238 50 Unit ns ns ns ns s
AC ELECTRICAL CHARACTERISTICS (VDD = 4.5 to 5.5 V, TA = - 40 to + 85C)
Guaranteed Range Symbol fin Parameter Input Frequency, HFin Test Condition Vin 210 mV p-p Sine Wave, N Counter set to divide ratio such that fV 1 MHz (Note 1) Vin 2.2 V p-p Sine Wave, N Counter same as above fin Input Frequency, VHFin Vin 210 mV p-p Sine Wave, N Counter set to divide ratio such that fV 1 MHz (Note 1) Vin 1.0 V p-p Sine Wave, R Counter set to divide ratio such that fR 1 MHz (Note 3) C1 30 pF, C2 30 pF, Includes Stray Capacitance, R Counter set to divide ratio such that fR 1 MHz (Note 3) Vin 85 mV p-p Sine Wave, K bit cleared low or set high Vin 85 mV p-p Sine Wave CL = 20 pF, Vout 1.5 V p-p Figure # 10 Min 10 (Note 4) 1 40 (Note 4) 2 (Note 4) 2 Max 40 Unit MHz
10 11
40 130
MHz MHz
fin
Input Frequency, OSCin Externally driven with ac-coupled signal (Note 2) Crystal Frequency, OSCin and OSCout (Note 2)
12
15
MHz
fXTAL
13
15
MHz
fin fin fout
Input Frequency, HF IFin Input Frequency, VHF IFin Output Frequency, REFout
10 10 14, 15
400 8 (Note 4) dc
500 20 10.4
kHz MHz MHz
NOTES: 1. fV is the output signal of the N Counter. 2. The ADC is guaranteed over an OSCin range of 9.5 to 10.4 MHz only. 3. fR is the output signal of the R Counter. 4. For operation below this frequency, use dc coupling with a signal level of at least VIL to VIH. See Pin Description.
MOTOROLA
MC145173 5
SWITCHING WAVEFORMS
tf 90% CLK 50% 10% tw 1/fclk tPLH Dout 90% 50% 10% tTLH tTHL tPHL tPZH Dout 50% tPHZ 90% HIGH IMPEDANCE tw Dout tr VDD VSS ENB 50% tPZL 50% VDD VSS tPLZ 10% HIGH IMPEDANCE
Figure 2.
Figure 3.
tw(H) VALID VDD Din 50% VSS tsu CLK th 50% VSS VDD CLK VDD ENB 50% tsu th VSS trec VDD 50% FIRST CLK LAST CLK VSS
Figure 4.
Figure 5.
ENB tPZL OUTPUT A tPLZ 50% OUTPUT A
50%
VDD VSS HIGH IMPEDANCE
ENB tPLH, tPHL OUTPUT B, OUTPUT C, OUTPUT D
50%
VDD VSS
50%
10%
HIGH IMPEDANCE
Figure 6.
Figure 7.
TEST POINT
TEST POINT 5 k
DEVICE UNDER TEST
CL *
DEVICE UNDER TEST
CL *
CONNECT TO VDD WHEN TESTING tPLZ AND tPZL. CONNECT TO VSS WHEN TESTING tPHZ AND tPZH.
*Includes all probe and fixture capacitance.
Figure 8. Test Circuit
*Includes all probe and fixture capacitance.
Figure 9. Test Circuit
MC145173 6
MOTOROLA
SINE WAVE GENERATOR
0.01 F INPUT Vin 50 VSS VDD V+ MC145173
SINE WAVE GENERATOR
0.01 F VHFin Vin 50 * VSS VDD V+ MC145173
* Characteristic impedance
Figure 10. Test Circuit Figure 11. Test Circuit
SINE WAVE GENERATOR
0.01 F OSCin 10 M Vin MC145173 OSCout VSS VDD V+ C2 OSCout VSS VDD V+ OSCin C1 MC145173
50
Figure 12. Test Circuit
Figure 13. Test Circuit
TEST POINT OUTPUT DEVICE UNDER TEST 1/f REFout REFout 50% CL * * Includes all probe and fixture capacitance.
1 k
Figure 14. Switching Waveform
Figure 15. Test Circuit
MOTOROLA
MC145173 7
PIN DESCRIPTIONS
DIGITAL INTERFACE PINS Din Serial Data Input (Pin 3) The bit stream begins with the most significant bit (MSB) and is shifted in on the low-to-high transition of CLK. The bit pattern is 1 byte (8 bits) long to access the C register, 2 bytes (16 bits) to access the N register, or 3 bytes (24 bits) to access the R register. (See Table 1.) The values in the C, N, and R registers do not change during shifting because the transfer of data to the registers is controlled by ENB. The bit stream needs neither address nor steering bits due to the innovative BitGrabber registers. Therefore, all bits in the stream are available to be data for the three registers. Random access of any register is provided (i.e., the registers may be accessed in any sequence). Data is retained in the registers over a supply range of 4.5 to 5.5 V. The formats are shown in Figures 17, 18, and 20. Din typically switches near 45% of VDD for good noise immunity. This input can be directly interfaced to CMOS devices with outputs guaranteed to switch near rail-to-rail. When interfacing to NMOS or TTL devices, either a level shifter (MC74HC14A, MC14504B) or pull-up resistor of 1 to 10 k must be used. Parameters to consider when sizing the resistor are worst-case IOL of the driving device, maximum tolerable power consumption, and maximum data rate. Table 1Write-Only Registers
(MSBs are shifted in first, C0, N0, and R0 are the LSBs) Number of Clocks 8 16 24 Other Values 32 Values > 32 Accessed Register C Register N Register R Register Not Allowed Not Allowed Bit Nomenclature C7, C6, C5, . . ., C0 N15, N14, N13, . . ., N0 R23, R22, R21, . . ., R0
CLK typically switches near 45% of V DD and has a Schmitt-triggered input buffer. See the last paragraph of Din for more information. NOTE To guarantee proper operation of the power-on reset (POR) circuit, the CLK pin must be held at the potential of either the VSS or VDD pin during power up. That is, the CLK input should not be floated or toggled while the VDD pin is ramping from 0 to at least 4.5 V. If control of the CLK pin is not practical during power up, then the RST bit in the R Register must be utilized. See the R Register Bits section. ENB Active-Low Enable Input (Pin 2) This pin is used to activate the serial interface to allow the transfer of data to/from the device. When ENB is in an inactive high state, shifting is inhibited, Dout is forced to the high- impedance state, and the port is held in the initialized state. To transfer data to and from the device, ENB (which must start inactive high) is taken low, a serial transfer is made via Din, Dout, and CLK, and ENB is taken back high. The low-to- high transition on ENB transfers data to the C, N, or R write- only registers depending on the data stream length per Table 1. To minimize standby current, ENB must be high. CAUTION Transitions on ENB must not be attempted while CLK is high. This puts the device out of synchronization with the microcontroller. Resynchronization occurs when ENB is high and CLK is low. This input is also Schmitt-triggered and switches near 45% of VDD, thereby minimizing the chance of loading erroneous data into the registers. See the last paragraph of Din for more information. Dout Three-State Serial Data Output (Pin 5) Data is transferred out of the 24-1/2 stage shift register through Dout on the high-to-low transition of CLK. The bit stream begins with the MSB. The bit pattern is 1 byte, 9 bits, or 2 bytes long to read the A register. The F register's data is contained in 3 bytes. (See Table 2.) Before the A register can be read, the Read A bit must be set in the C register. Likewise, the Read F bit must be set to read the F register. To minimize supply current during the standby state, the Dout pin should not be floated. A pull-down resistor to VSS or pull-up resistor to VDD should be used. The value can be 50 k to 100 k. GENERAL-PURPOSE DIGITAL I/O PINS Input C Digital Input (Pin 7) Input C is a general-purpose digital input which may be used for MCU port expansion. The state of this input is indicated by the In C bit in the A register. (See Figure 21.)
Table 2Read-Only Registers
(MSBs are shifted out first; A7 and F23 are the MSBs) Number of Clocks 8, 9, or 16 24 Register A Register F Register Bit Nomenclature A7, A6, A5, . . ., A0, A# F23, F22, F21, . . ., F0
CLK Serial Data Clock Input (Pin 4) Low-to-high transitions on Clock shift bits available at Din, while high-to-low transitions shift bits from Dout. The chip's 24-1/2-stage shift register is static, allowing clock rates down to dc in a continuous or intermittent mode. Eight clock cycles are required to access the C register. Sixteen clock cycles are needed for the N register. 24 cycles are used to access the R register. (See Table 1 and Figures 17, 18, and 20.) The A register is read using 8, 9, or 16 clock cycles. The F register is read using 24 clocks. (See Table 2 and Figures 21 and 22.)
MC145173 8
MOTOROLA
The switch point is precisely controlled by use of a comparator. The reference for the comparator is internally set to approximately 33% of VDD. The input has a small amount of hysteresis voltage (approximately 50 mV). If not used, this pin should be tied to VDD or VSS. Input D Digital Input (Pin 6) Input D is a general-purpose digital input which may be used for MCU port expansion. The state of this input is indicated by the In D bit in both the A and F registers. That is, the state of the pin may be read from either register. (See Figures 21 and 22.) This pin is a standard CMOS input with a switch point at approximately 50% of VDD. Input D has a hysteresis voltage of approximately 600 mV. If not used, this pin should be tied to VDD or VSS. Output A Open-Drain Digital Output (Pin 12) Output A is a general-purpose digital output which may be used for MCU port expansion. An N-channel MOSFET tied to VSS is used to drive this open-drain output. Thus, an external pull-up device is required at this pin. The state of this output is determined by the Out A bit in the C register. (See Figure 17.) Upon power-up, this pin is low. If not used, Output A should be tied to VSS or floated. Output B Digital Output (Pin 13) Output B is a general-purpose digital output which may be used for MCU port expansion. This is a standard totem-pole (push-pull) CMOS output. The state of this output is determined by the Out B bit in the C register. (See Figure 17.) Upon power-up, this pin is low. If not used, Output B should be floated. Output C Digital Output (Pin 14) Output C is a general-purpose digital output which may be used for MCU port expansion. This is a standard totem-pole (push-pull) CMOS output. The state of this output is determined by the Out C bit in the C register. (See Figure 17.) Upon power-up, this pin is low. If not used, Output C should be floated. Output D Digital Output (Pin 22) Output D is a general-purpose digital output which may be used for MCU port expansion. This is a standard totem-pole (push-pull) CMOS output. The state of this output is determined by the Out D bit in the R register. (See Figure 18.) Upon power-up, this pin is low. If not used, Output D should be floated.
ADC INPUT PINS Input A, Input B Analog Inputs (Pins 9, 8) These are inputs to the 2-channel multiplexer which feeds the 6-bit analog-to-digital converter (ADC). The selected channel is determined by the Chan bit in the C register. Each pin is a high-impedance input which appears as a mostly-capacitive load of approximately 6 pF. If not used, these pins should be tied to VSS or VDD. REFERENCE PINS OSCin /OSCout Reference Oscillator Input/Output (Pins 1, 24) These pins form a reference oscillator when connected to terminals of an external parallel-resonant crystal. Frequency-setting capacitors of appropriate values as recommended by the crystal supplier are connected from each pin to ground (up to a maximum of 30 pF each, including stray capacitance). An external feedback resistor of 1 to 10 M is connected directly across the pins to ensure linear operation of the amplifier. The MC145173 is designed to operate with crystals from 2 to 15 MHz. However, frequencies are restricted to 9.5 to 10.4 MHz when the ADC is utilized. (See Figure 13.) If desired, an external clock source can be ac coupled to OSCin. A 0.01 F coupling capacitor is used for measurement purposes and is the minimum size recommended for applications. The input capacitance of the OSCin pin is approximately 6 pF. An external feedback resistor of approximately 10 M is required across the OSCin and OSCout pins in the ac-coupled case. (See Figure 12.) OSCout is an internal node on the device and should not be used to drive any loads (i.e., OSCout is unbuffered). However, the buffered REFout is available to drive external loads in the HF mode. The external signal level must be at least 1 V p-p; the minimum and maximum frequencies are given in the AC Electrical Characteristics table. These frequencies apply for R Counter divide ratios as indicated in the table. For very small ratios, the maximum frequency is limited to the divide ratio times 1 MHz (Reason: the phase/frequency detectors are limited to a maximum input frequency of 1 MHz). If an external source is available which swings from at least the VIL to VIH levels listed in the DC Electrical Characteristics table, then dc coupling can be used. In the dc- coupled case, no external feedback resistor is needed. OSCout must be a No Connect to avoid loading an internal node on the MC145173, as noted above. For frequencies below 2 MHz, a signal level of at least VIL and VIH is needed, and dc coupling must be used. The R counter is a static counter and may be operated down to dc. However, wave shaping by a CMOS buffer may be required to ensure fast rise and fall times into the OSCin pin at these low frequencies. Each rising edge on the OSCin pin causes the R counter to decrement by one. In the standby mode, OSCin is pulled low by an on-chip FET. REFout Open-Drain Reference Frequency Output (Pin 23) This output is the buffered output of the crystal-generated reference frequency or externally provided reference source.
MOTOROLA
MC145173 9
A P-channel MOSFET tied to VDD is used to drive this open- drain output. Thus, an external pull-down device is required at this pin. This output is disabled and assumes the high-impedance state in the VHF mode per bit HF/VHF in the R register. (See Figure 18.) REFout is capable of operation to 10.4 MHz; see the AC Electrical Characteristics table. If unused, the pin may be floated or tied to VDD. FREQUENCY COUNTER INPUT PINS HF IFin HF Intermediate-Frequency Input (Pin 10) This pin feeds an on-chip amplifier. The amp drives the F counter when the HF/VHF bit in the R register is low. (See Figure 18.) The signal driving this pin is normally sourced from the IF (intermediate frequency) circuit in the radio and is ac coupled. The input capacitance is approximately 6 pF. This input is optimized for use with frequencies around 450 kHz. An on-chip low-pass filter is employed to roll off response above 1 MHz. In addition, for further suppression of high- frequency signals, the Kuligowski Acceptor Circuit may be engaged via the K bit in the R register. This is a digital integrator which allows acceptance of frequencies only below the frequency at the OSCin pin divided by 8. In the standby mode, HF IFin is pulled low by an on-chip FET. If not used, this pin should be tied to VSS. VHF IFin VHF Intermediate-Frequency Input (Pin 11) This pin feeds an on-chip amplifier. The amp drives the F counter when the HF/VHF bit in the R register is high. (See Figure 18.) The signal driving this pin is normally sourced from the IF circuit in the radio and is ac coupled. The input capacitance is approximately 6 pF. Usually, the frequency of the signal driving this pin is about 10.7 MHz. For signals which swing from at least the VIL to VIH levels listed in the DC Electrical Characteristics table, dc coupling may be used. Also, for signals less than the minimum frequencies in the AC Electrical Characteristics table, dc coupling with at least VIL and VIH levels is a requirement. The F counter is a static counter and may be operated down to dc. However, wave shaping by a CMOS buffer may be required to ensure fast rise and fall times into the VHF IFin pin. In the standby mode, VHF IFin is forced to a high-impedence state. If not used, this pin should be tied to VSS. LOOP PINS HFin, VHFin High Frequency Input, Very High Frequency Input (Pins 16, 15) These pins feed on-chip amplifiers which drive the N counter; the HF/VHF bit in the R register determines which input is selected. (See Figure 18.) These signals are normally sourced from external voltage-controlled oscillators (VCOs), and are ac-coupled. (See Figures 10 and 11.) The input capacitance is approximately 6 pF. For small divide ratios, the maximum frequency is limited to the divide ratio times 1 MHz. (Reason: the phase/frequency detectors are limited to a maximum frequency of 1 MHz.) For signals which swing from at least the VIL to VIH levels listed in the DC Electrical Characteristics table, dc coupling may be used. Also, for signals less than the minimum
frequencies in the AC Electrical Characteristics table, dc coupling with at least VIL and VIH levels is a requirement. The N counter is a static counter and may be operated down to dc. However, wave shaping by a CMOS buffer may be required to ensure fast rise and fall times into the HFin and VHFin pins. Each rising edge on these pins cause the N counter to decrement by one. In the standby mode, HFin is forced to a high-impedence state, and VHFin is pulled low by an on-chip FET. If not used, these pins should be tied to VSS. HF PDout Single-Ended Phase/Frequency Detector Output (Pin 18) This is a three-state output for use as a loop error signal when combined with an external low-pass filter. Through use of a Motorola patented technique, the detector's dead zone has been eliminated. Therefore, the phase/frequency detector is characterized by a linear transfer function. The operation of the phase/frequency detector is described below and is shown in Figure 16. POL bit (R23) in the R register = low (see Figure 18) Frequency of fV > fR or Phase of fV Leading fR: negative pulses from high impedance Frequency of fV < fR or Phase of fV Lagging fR: positive pulses from high impedance Frequency and Phase of fV = fR: essentially high-impedance state; voltage at pin determined by loop filter POL bit (R23) = high Frequency of fV > fR or Phase of fV Leading fR: positive pulses from high impedance Frequency of fV < fR or Phase of fV Lagging fR: negative pulses from high impedance Frequency and Phase of fV = fR: essentially high-impedance state; voltage at pin determined by loop filter This output is enabled and disabled via the HF/VHF bit in the R register. HF PDout is forced to the high-impedance state when disabled. This pin should be floated when it is not used. VHF PDout Single-Ended Phase/Frequency Detector Output (Pin 21) This is a three-state current-source/sink output for use as a loop error signal when combined with an external low-pass filter. The phase/frequency detector is characterized by a linear transfer function. The operation of the phase/frequency detector is described below and is shown in Figure 16. POL bit (R23) in the R register = low (see Figure 18) Frequency of fV > fR or Phase of fV Leading fR: current- sinking pulses from a floating state Frequency of fV < fR or Phase of fV Lagging fR: current- sourcing pulses from a floating state Frequency and Phase of fV = fR: essentially a floating state; voltage at pin determined by loop filter POL bit (R23) = high Frequency of fV > fR or Phase of fV Leading fR: current- sourcing pulses from a floating state Frequency of fV < fR or Phase of fV Lagging fR: current- sinking pulses from a floating state
MC145173 10
MOTOROLA
Frequency and Phase of fV = fR: essentially a floating state; voltage at pin determined by loop filter This output is enabled and disabled via the HF/VHF bit in the R register. VHF PDout is forced to the floating state when disabled. If not used, this pin should be a no connect. Rx External Resistor (Pin 20) A resistor is tied between this pin and VSS. This sets a reference current which determines the current delivered (I PDout) at the current source/sink phase/frequency detector output, VHF PDout. For a nominal current of 2.2 mA at the VHF PDout pin, a 15 k resistor is utilized. In addition, the Rx pin must be bypassed to VDD with a low-inductance 0.1 F capacitor mounted very close to these pins. Lead lengths on the capacitor should be minimized. If the VHF PDout pin is not used, the Rx pin may be floated.
POWER SUPPLY VDD Most-Positive Supply Potential (Pin 17) This pin may range from 4.5 to 5.5 V with respect to VSS. For optimum performance, VDD should be bypassed to VSS using low-inductance capacitor(s) mounted very close to the MC145173. Lead lengths and traces to the capacitor(s) should be minimized. (The very fast switching speed of the device can cause excessive current spikes on the power leads if they are improperly bypassed.) Power supply ramp up time should be less than 20 ms from 0 to 4.5 V. If the ramp up time exceeds 20 ms, the POR circuit may not function and the outputs will be in an unknown state. The RST bit must be used in this case. VSS Most-Negative Supply Potential (Pin 19) This pin is usually ground.
fR REFERENCE OSCin / R fV FEEDBACK (fin / N)
VH VL VH VL
*
HF PDout
VH HIGH IMPEDANCE VL
*
VHF PDout
SOURCING CURRENT FLOAT SINKING CURRENT
VH = High voltage level VL = Low voltage level *At this point, when both fR and fV are in phase, both the source and sink drivers are turned on for a short duration. For exceptions, see Figure 19. NOTE: HF PDout and VHF PDout are shown with the polarity bit (POL) = low; see Figure 18 for POL.
Figure 16. Phase/Frequency Detectors Output Waveforms
MOTOROLA
MC145173 11
C REGISTER BITS
I SMPL Input Sample (C7) When the input sample bit is cleared low, the ADC is held in the initialized state. When I SMPL is set high, the ADC converts the input channel selected by bit C4, and holds the conversion value. When the ADC is read via the serial port, I SMPL must remain high. Otherwise, the EOC bit is reset low. The previous converison value is not lost, however. I SMPL may be set at any time, even if the F SMPL bit in the R register is already set. That is, an A/D conversion may be initiated during an F count. The state of C4 may not be changed simultaneously with C7 being set high. I SMPL is cleared low upon power up. However, this bit is not automatically cleared low after a conversion and read sequence. READ A Read A Register (C6) Setting the Read A register bit high causes the ADC's value and the states of Inputs C and D to be parallel loaded into the serial port's shift register. ENB is then taken low and either 8, 9, or 16 bits are shifted from the Dout pin. If only 8 bits are shifted, the state of Input D is not read. To read Input D, use either a 9 or 16 bit shift. (See Figure 21.) Alternatively, Input D may be read from the F Register. While the Read A bit is set, writing to any register is inhibited. After the read occurs (A register data shifted out), C6 is automatically cleared low. When C6 is low, the shift register is not parallel loaded and any of the registers of Table 1 may be written. Read A should not be set when Read F is set. If both Read A and Read F are set simultaneously, a Read A Register operation is performed and the Read F Register request is ignored. Read A is cleared low at power up. RESERVED Reserved Bit (C5) This bit must be kept low. CHAN Channel Select for ADC (C4) When the channel bit is low, Input A is selected to be converted by the ADC. When the bit is high, Input B is selected. The state of C4 may not be changed simultaneously with the I SMPL bit being set high. READ F Read F Register (C3) Setting the Read F register bit high causes the frequency counter's value and the state of Input D to be parallel loaded into the serial port's shift register. ENB is then taken low and 24 bits are shifted from the Dout pin. (See Figure 22.) While the Read F bit is set, writing to any register is inhibited. After the read occurs (F register data shifted out), C3 is automatically cleared low. When C3 is low, the shift register is not parallel loaded and any of the registers of Table 1 may be written. Read F should not be set when Read A is set. If both Read F and Read A are set simultaneously, a Read A Register operation is performed and the Read F Register request is ignored. Read F is cleared low at power up. OUT C, OUT B, OUT A Output C, Output B, Output A Control (C2, C1, C0) When Out A, Out B, or Out C is cleared low, the Output A, Output B, or Output C pins are forced low, respectively. When set high, the associated output is forced high, except for Output A which is forced to the high-impedance state. These bits are cleared low at power up.
ENB
CLK
1
2
3
4
5
6
7
8
MSB Din C7 C6 C5 C4 C3 C2 C1
LSB C0
I SMPL READ A
RESERVED READ F CHAN OUT C
OUT B OUT A
NOTE: This is a write-only register.
Figure 17. C Register Access and Format (8 Clock Cycles are Used)
MC145173 12
MOTOROLA
MOTOROLA
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 LSB R21 R20 R19 R18 R17 R16 R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 STBY K DET1 OUT D F SMPL DET0 ACQ 1* NOT ALLOWED R COUNTER = / NOT ALLOWED NOT ALLOWED NOT ALLOWED R COUNTER = / R COUNTER = / R COUNTER = / 0 0 0 0 0 0 0 0 . . . 1 1 0 0 0 0 0 0 0 0 . . . 1 1 BINARY VALUE 0 0 0 0 0 0 0 0 . . . F F R COUNTER = R COUNTER = HEXADECIMAL VALUE 0 0 0 0 0 0 0 0 . . . F F 0 1 2 3 4 5 6 7 . . . E F 5 6 7
ENB
CLK
1
2
MSB
D in
R23
R22
POL
HF/VHF
RST
/ 16,382 / 16,383
DECIMAL EQUIVALENT
Figure 18. R Register Access and Format (24 Clock Cycles Are Used)
NOTE: This is a write-only register. *Direct access to reference side of phase/frequency detectors.
MC145173 13
R REGISTER BITS
Do not attempt to write to the R register when both the F counter and A/D converter are simultaneously active. POL Polarity (R23) The polarity bit controls both phase/frequency detector outputs. When low, the detector outputs are per Figure 16. When R23 is high, the output polarity of both phase/frequency detectors is inverted. Upon power up, this bit is forced low. RST Reset (R22) When high, this bit resets the device except for the serial port. RST is kept low for normal operation. However, if a power glitch occurs which does not reduce the power supply voltage to 0 volts, the R register should be written twice with the RST bit set high. Also, if the CLK pin is floating upon power up, the RST bit should be written high twice for initialization. NOTE The on-chip POR (power-on reset) circuit resets the device during a cold start, if the CLK pin is not floating or toggled during supply ramp up to 4.5 V. This bit is automatically cleared low after the chip is reset. HF/VHF HF/VHF Band Selection (R21) When this bit is low, the HFin and HF IFin inputs are enabled, along with the HF PDout pin. The VHF PDout pin is forced to the float condition and VHFin is pulled low with an on-chip FET. When this bit is high, the VHFin and VHF IFin inputs are enabled, along with the VHF PDout pin. Both the HF PDout and HFin pins are forced to the high-impedance state, and REFout is disabled (high-impedance). K HF IFin Response (R20) This bit is used to control the input response of the HF IFin pin. When the K bit is high, the Kuligowski acceptor circuit is engaged, which allows acceptance of signals only below the frequency at the OSCin pin divided by 8. Use of this digital integrator allows further suppression of high-frequency signals into the HF IFin pin. In the VHF mode, the K bit should be kept low. STBY Standby (R19) If STBY is low, the chip is in the normal mode of operation. When this bit is high, the device is placed in the standby state for reduced power consumption. In standby, both phase/frequency detector outputs and the REFout pin are forced to the high-impedance state, the Rx reference current is shut off, and the oscillator is stopped (via an on-chip FET pulling the OSCin pin low). The HFin, VHFin, HF IFin, and VHF IFin inputs are shut off, which inhibits the counters from toggling. Finally, the comparator and ADC are turned off. Data is retained in the C, N, and R registers during standby. CAUTION Setting the STBY bit high aborts any frequency count or A/D conversion which may be in progress. STBY is forced high upon power up. det1, det0 Phase/Frequency Detector Response (R18, R17) Controls the VHF phase/frequency detector response per Table 3. The HF phase/frequency detector is unaffected. These bits also control several test modes as shown in Table 4. Out D Output D Control (R16) When cleared low, the Output D pin is forced low. When high, Output D is high. This bit is cleared low upon power up. ACQ Acquisition Window (R15) This bit determines the frequency counter (F counter) acquisition window. A low level is for a narrow window, and a high is for a wide window. The formula to determine the window is f where t is the acquisition window in seconds, a is the logic level of the ACQ bit (0 or 1), and f is the frequency at the OSCin pin in hertz. F SMPL Frequency Sample (R14) When this bit is low, the frequency counter (F counter) is initialized to all highs (ones). When F SMPL is set high, the frequency counter "rolls over" to zero, increments for one acquisition window, and then holds the count. When the frequency counter is read via the serial port, R14 must remain high; otherwise, the frequency counter is initialized and outputs all ones. F SMPL must not be set high if I SMPL is already high. That is, a frequency count cannot be initiated if an A/D conversion is in progress. This bit is cleared low upon power up. However, this bit is not automatically cleared low after a frequency count and read sequence. R13 to R0 R Counter Divide Ratio These bits control the divide ratio of the R counter per Figure 18. t
+2
(19
) 2a)
MC145173 14
MOTOROLA
Table 3. VHF PDout Response
N Register Bit N15 L L L L H H H H R Register Bits R18 L L H H L L H H R17 L H L H L H L H Phase Detector Response (Nominal) VHF Ph D R (N i l) Linear response, no low-gain region Low-gain region, 5 ns wide Low-gain region, 10 ns wide Low-gain region, 15 ns wide Linear response, no dead zone Dead zone, 5 ns wide Dead zone, 10 ns wide Dead zone, 15 ns wide
NOTES: 1. L = Low Level, H = High Level. 2. See Figure 19. LOW-PASS FILTER OUTPUT VOLTAGE
LINEAR RESPONSE LOW GAIN REGION NONLINEAR RESPONSES
PHASE ERROR
DEAD ZONE OR LOW-GAIN REGION NOTES: 1. Output HF PDout always has a linear transfer characteristic. Therefore, for HF PDout, the Dead Zone = 0 ns. 2. Output VHF PDout has a response which is programmable via bits det1 (R18), det0 (R17), and Zone (N15). See Table 3. 3. The gain in the "low-gain region" is reduced to 7% of the gain in the other region.
Figure 19. VHF PDout Transfer Characteristic
Table 4. Test Modes
R Register Bits R21 L L L L H R18 L L H H X R17 L H L H X Pin Configurations Pin 12 -- OUTPUT A OUTPUT A, normal configuration fV, N counter output -- HFin feeds the counter input fV, N counter output -- VHFin feeds the counter input OUTPUT A, normal configuration OUTPUT A, normal configuration Pin 13 -- OUTPUT B OUTPUT B, normal configuration OUTPUT B, normal configuration OUTPUT B, normal configuration fR, R counter output OUTPUT B, normal configuration
NOTE: L = Low Level, H = High Level, X = Don't Care.
MOTOROLA
MC145173 15
ENB
CLK
1 MSB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 LSB
Din
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
ZONE (SEE TABLE 3)
0 0 0 0
0 0 0 0 0 0 0

0 0 0 0
7 7 OCTAL VALUE NOTE: This is a write-only register.

0 0 0 0 0 0 0

0 0 0 0
F F

2 2 2 2 2 2 2

0 1 2 3
F F

5 6 7 8 9 A B

NOT ALLOWED NOT ALLOWED NOT ALLOWED NOT ALLOWED
E F

NOT ALLOWED NOT ALLOWED NOT ALLOWED N COUNTER = N COUNTER = N COUNTER = N COUNTER =
/ 40 / 41 / 42 / 43 / 32,766 / 32,767
DECIMAL EQUIVALENT
N COUNTER = N COUNTER =
HEXADECIMAL VALUE
Figure 20. N Register Access and Format (16 Clock Cycles Are Used)
MC145173 16
MOTOROLA
A REGISTER BITS
EOC End of Conversion (A7) The end of conversion bit is set high when the analog-to- digital conversion is complete. This high level indicates that the A/D conversion value read via the serial port is valid. EOC is cleared low when the I SMPL bit in the C register is cleared low. IN C Input C Level (A6) In C indicates the state of the Input C pin. A high level on the Input C pin causes the In C bit to be high. A low level on the pin causes a low level to be read on In C. The digital value is stored at the falling edge of ENB on the read cycle. ADC CONVERSION VALUE A/D Conversion Value (A5 - A0) These bits contain the analog-to-digital conversion result in binary format. A5 is the MSB of the value; A0 is the LSB. IN D Input D Level (A#) In D indicates the state of the Input D pin. A high level on the Input D pin causes the In D bit to be high. A low level on the pin causes a low level to be read on In D. The digital value is stored at the falling edge of ENB on the read cycle. A 9- or 16-bit shift must be used to read the In D bit from the A register. Optionally, the In D bit may be read from the F register.
ENB
CLK
1 MSB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Dout
A7
A6
A5
A4
A3
A2
A1
A0
A#
x
x
x
x
x
x
x
IN C EOC
ADC CONVERSION VALUE ENB
IN D
DON'T CARE
CLK
1 MSB
2
3
4
5
6
7
8
9
Dout
A7
A6
A5
A4
A3
A2
A1
A0
A#
IN C EOC
ADC CONVERSION VALUE
IN D
ENB
CLK MSB Dout A7
1
2
3
4
5
6
7
8
A6
A5
A4
A3
A2
A1
A0
IN C EOC NOTE: This is a read-only register.
ADC CONVERSION VALUE
Figure 21. A Register Formats (8, 9, or 16 Clock Cycles May Be Used)
MOTOROLA
MC145173 17
F REGISTER BITS
CC Count Complete (F23) The count complete bit is set high when the frequency counter has gone through a count cycle for a complete acquisition window. This high level indicates that the count read via the serial port is valid. CC is cleared low when the F SMPL bit in the R register is cleared low.
24
IN D Input D Level (F22) In D indicates the state of the Input D pin. A high level on the Input D pin causes the In D bit to be high. A low level on the pin causes a low level to be read on In D. Optionally, the In D bit may be read from the A register.
FREQUENCY COUNTER HAS INCREMENTED BY 4,194,302 FREQUENCY COUNTER HAS INCREMENTED BY 4,194,303 NOTE: This is a read-only register. BINARY VALUE HEXADECIMAL VALUE
F7
16
F8
15
F9
14
F10
13
F11
12
F12
11
F13
10
9
8
7
6
5
4
3
2
F21
F20
F19
F18
F17
F16
F15
F14
MSB
1
F23
IN D
F22
ENB
CLK
Figure 22. F Register Format (24 Clock Cycles Are Used)
MC145173 18
Dout
CC
1 0 0 0 . . . 1 1
1 0 0 0 . . . 1 1
F 0 0 0 . . . F F
F 0 0 0 . . . F F
F 0 0 0 . . . F F
F 0 0 0 . . . F F
F 0 1 2 . . . D E
INITIAL VALUE OF FREQUENCY COUNTER FREQUENCY COUNTER HAS INCREMENTED BY 1 FREQUENCY COUNTER HAS INCREMENTED BY 2 FREQUENCY COUNTER HAS INCREMENTED BY 3
LSB
23
22
21
20
19
18
17
F6
F5
F4
F3
F2
F1
F0
MOTOROLA
CRYSTAL OSCILLATOR CONSIDERATIONS
The following options may be considered to provide a reference frequency to Motorola's CMOS frequency synthesizers. Use of a Hybrid Crystal Oscillator Commercially available temperature-compensated crystal oscillators (TCXOs) or crystal-controlled data clock oscillators provide very stable reference frequencies. An oscillator capable of CMOS logic levels at the output may be direct or dc coupled to OSCin. If the oscillator does not have CMOS logic levels on the outputs, capacitive or ac coupling to OSCin must be used. (See Figure 12.) For additional information about TCXOs and data clock oscillators, please consult the latest version of the eem Electronic Engineers Master Catalog, the Gold Book, or similar publications. Design an Off-Chip Reference The user may design an off-chip crystal oscillator using discrete transistors or ICs specifically developed for crystal oscillator applications, such as the MC12061 MECL device. The reference signal from the MECL device is ac coupled to OSCin. (See Figure 12.) For large amplitude signals (standard CMOS logic levels), dc coupling may be used. Use of the On-Chip Oscillator Circuitry The on-chip amplifier (a digital inverter) along with an appropriate crystal may be used to provide a reference source frequency. A fundamental mode crystal, parallel resonant at the desired operating frequency, should be connected as shown in Figure 23. The crystal should be specified for a loading capacitance (CL) which does not exceed 20 pF when used at the highest operating frequency. Larger CL values are possible for lower frequencies. Assuming R1 = 0 , the shunt load capacitance (CL) presented across the crystal can be estimated to be: CL = where Cin = 6 pF (see Figure 24) Cout = 6 pF (see Figure 24) Ca = 1 pF (see Figure 24) C1 and C2 =external capacitors (see Figure 23) Cstray = the total equivalent external circuit stray capaci- tance appearing across the crystal terminals (see Figure 24) The oscillator can be "trimmed" on-frequency by making a portion or all of C1 variable. The crystal and associated components must be located as close as possible to the OSCin and OSCout pins to minimize distortion, stray capacitance, stray inductance, and startup stabilization time. Circuit stray capacitance can also be handled by adding the appropriate stray value to the values for Cin and Cout. For this approach, the term Cstray becomes 0 in the above expression for CL. Power is dissipated in the effective series resistance of the crystal, Re, in Figure 25. The maximum drive level specified by the crystal manufacturer represents the maximum stress that the crystal can withstand without damage or excessive CinCout C1 * C2 + Ca + Cstray + Cin + Cout C1 + C2
C1
shift in operating frequency. R1 in Figure 23 limits the drive level. The use of R1 is not necessary in most cases. To verify that the maximum dc supply voltage does not cause the crystal to be overdriven, monitor the output frequency at the OSCout pin. An active probe should be used to minimize loading. The frequency should increase very slightly as the dc supply voltage is increased. An overdriven crystal decreases in frequency or becomes unstable with an increase in supply voltage. The operating supply voltage must be reduced or R1 must be increased in value if the overdriven condition exists. The user should note that the oscillator start-up time is proportional to the value of R1. Through the process of supplying crystals for use with CMOS inverters, many crystal manufacturers have developed expertise in CMOS oscillator design with crystals. Discussions with such manufacturers can prove very helpful. (See Table 5)
FREQUENCY SYNTHESIZER
OSCin
Rf R1* C2
OSCout
*May be needed in certain cases. See text.
Figure 23. Pierce Crystal Oscillator Circuit
Ca OSCin Cin Cstray Cout OSCout
Figure 24. Parasitic Capacitances of the Amplifier and Cstray
RS 1 2 1
LS
CS 2
CO 1 Re Xe 2
Note: Values are supplied by crystal manufacturer (parallel resonant crystal).
Figure 25. Equivalent Crystal Networks
MOTOROLA
MC145173 19
Recommended Reading
Technical Note TN-24, Statek Corp. Technical Note TN-7, Statek Corp. E. Hafner, "The Piezoelectric Crystal Unit-Definitions and Method of Measurement", Proc. IEEE, Vol. 57, No. 2, Feb. 1969. D. Kemper, L. Rosine, "Quartz Crystals for Frequency
Control", Electro-Technology, June 1969. P. J. Ottowitz, "A Guide to Crystal Selection", Electronic Design, May 1966. D. Babin, "Designing Crystal Oscillators", Machine Design, March 7, 1985. D. Babin, "Guidelines for Crystal Oscillator Design", Machine Design, April 25, 1985.
Table 6. Partial List of Crystal Manufacturers
Name United States Crystal Corp. Crystek Crystal Statek Corp. Fox Electronics Address 3605 McCart Ave., Ft. Worth, TX 76110 2351 Crystal Dr., Ft. Myers, FL 33907 512 N. Main St., Orange, CA 92668 5570 Enterprise Parkway, Ft. Myers, FL 33905 Phone (817) 921-3013 (813) 936-2109 (714) 639-7810 (813) 693-0099
Note: Motorola cannot recommend one supplier over another and in no way suggests that this is a complete listing of crystal manufacturers.
MC145173 20
MOTOROLA
PROGRAMMER'S GUIDE
C REGISTER Write Only
MOST SIGNIFICANT NIBBLE (SHIFTED IN FIRST) LEAST SIGNIFICANT NIBBLE (SHIFTED IN LAST)
C7 I SMPL READ A RESERVED CHAN
C6
C5
C4
C3
C2
C1
C0 OUT A <--- LSB OUT B OUT C READ F
I SMPL = Analog Input Sample Command 0 = Initialize the ADC 1 = Sample the voltage on the Input A or B pins (see Chan bit) Read A = Read A Register Command 0 = Allow writes to any registers, normal state 1 = Read the Input A or B analog value* and the Input C and D digital values Reserved = Reserved Bit 0 = (Must be in this state) 1 = (This state not allowed at this time, reserved) Chan = Analog Channel Address 0 = Input A 1 = Input B *6-bit analog-to-digital converter output value.
Out A = Output A Pin Logic State 0 = Pin is forced to a 0 (default) 1 = Pin is forced to the high-impedance state Out B = Output B Pin Logic State 0 = Pin is forced to a 0 (default) 1 = Pin is forced to a 1 Out C = Output C Pin Logic State 0 = Pin is forced to a 0 (default) 1 = Pin is forced to a 1 Read F = Read F Register 0 = Allow writes to any registers, normal state 1 = Read the Frequency Counter's value and Input D state
MOTOROLA
MC145173 21
PROGRAMMER'S GUIDE (continued)
R REGISTER Write Only
MOST SIGNIFICANT NIBBLE (SHIFTED IN FIRST) LEAST SIGNIFICANT NIBBLE (SHIFTED IN LAST)
R23 R22
R21 R20
R19 R18
R17 R16
R15 R14
R13 R12
R11 R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
POL RST
OUT D ACQ F SMPL MSB OF R det1 det0 COUNTER DIVIDE VALUE POL = Polarity of Phase Detector Outputs 0 = Normal (default) 1 = Inverted STBY HF/VHF RST = Reset 0 = Normal 1 = Reset the chip (automatically cleared low) Suggestion: set to 1 after power glitch HF/VHF = HF or VHF Band Select 0 = HFin, HF IFin, and HF PDout pins are activated (default) 1 = VHFin, VHF IFin, and VHF PDout pins are activated
K
det1, det0 = VHF Phase Detector Response 0, 0 = Linear Response 0, 1 = Low-Gain Region or Dead Zone - 5 ns wide 1, 0 = Low-Gain Region or Dead Zone - 10 ns wide 1, 1 = Low-Gain Region or Dead Zone - 15 ns wide Out D = Output D Pin Logic State 0 = Pin is forced to a 0 (default) 1 = Pin is forced to a 1 ACQ = Acquisition Window 0 = Narrow Sample Window 1 = Wide Sample Window
LSB OF R COUNTER DIVIDE VALUE
K = HF IFin Input Response 0 = Normal (must be 0 when VHF band is selected) 1 = Engage Acceptor Circuit STBY = Standby 0 = Normal 1 = Low-Power Standby State
F SMPL = Frequency Counter Sample Command 0 = Initialize Counter to all 1's (default) 1 = Sample the Frequency at HF IFin or VHF IFin pins
Example: To program the R Counter to divide by 1000 in decimal, first convert to hexadecimal: $3E8. Then, add leading bits to form 3 bytes (6 nibbles). The leading bits should be adjusted to control the above functions. Finally, load the R Register. CAUTION: When both the A/D converter and F Counter are simultaneously active, a write to the R Register causes the F Counter operation to abort.
N REGISTER Write Only
MOST SIGNIFICANT NIBBLE (SHIFTED IN FIRST) LEAST SIGNIFICANT NIBBLE (SHIFTED IN LAST)
N15 N14
N13 N12
N11 N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
MSB OF N COUNTER DIVIDE VALUE ZONE (SEE TABLE 3)
LSB OF N COUNTER DIVIDE VALUE
Example: To program the N Counter to divide by 1000 in decimal, first convert to hexadecimal: $3E8. Then, add leading zeroes to form 2 bytes (4 nibbles): $03E8. Finally, Load the N Register with $03E8. NOTE: The chip's VHF PDout is controlled by bit N15 as follows: low = low-gain region, high = dead zone. See Figure 19.
MC145173 22
MOTOROLA
PROGRAMMER'S GUIDE (continued)
A REGISTER Read Only
OPTIONAL 2-BYTE SHIFT (BIT A# NOT READ)
MOST SIGNIFICANT NIBBLE (SHIFTED OUT FIRST)
LEAST SIGNIFICANT NIBBLE (SHIFTED OUT LAST)
A7
A6
A5
A4
A3
A2
A1
A0
A#
X
X
X
X
X
X
X
EOC IN C
MSB OF ADC
LSB OF ADC
IN D
DON'T CARE
EOC = End of Conversion 0 = Invalid ADC Results (also, this bit is 0 when the ADC is in the initialized state) 1 = A/D Conversion Complete, Results are Valid IN C = Input C Pin Status 0 = Pin is a Logic 0 1 = Pin is a Logic 1 MSB to LSB of ADC = Binary Representation of the 6-Bit Conversion value For example, zero is 000000, full scale is 111111 in binary. IN D = Input D Pin Status 0 = Pin is a Logic 0 1 = Pin is a Logic 1 Example: To read just the ADC value, the user may shift out 1 byte. The ADC value is contained in the 6 LSBs. If the MSB is a 1, this indicates that the conversion is complete and the results are valid. The MSB - 1 is the Input C pin value. A 2-byte shift allows reading the In D bit in addition to the above. (In D is also contained in the F Register.) As illustrated above, the MSB is the EOC bit, and the 7 LSBs are don't care bits. A 9-bit shift also allows reading the In D bit.
MOST SIGNIFICANT NIBBLE (SHIFTED OUT FIRST)
F REGISTER Read Only
LEAST SIGNIFICANT NIBBLE (SHIFTED OUT LAST)
F23 F22
F21 F20
F19 F18
F17 F16
F15 F14
F13 F12
F11 F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
CC
IN D MSB OF F COUNTER LSB OF F COUNTER
CC = Count Complete Bit 0 = Count NOT Complete, invalid F Count data (also, this bit is 0 when the F Counter is in the initialized state) 1 = Count Complete, valid F Count data IN D = Input D Pin Status 0 = Pin is a Logic 0 1 = Pin is a Logic 1 MSB to LSB of F Counter = Binary Representation of the Frequency Counter's Value. For Example, if the Frequency Counter counts to 10,000 in decimal, this is $2710 in hexadecimal. Therefore, the value read, when Input D is at a logic low level, is $802710. Note for this example that the CC bit is set to a 1 which indicates a valid count.
MOTOROLA
MC145173 23
PROGRAMMER'S GUIDE (continued)
ACCESSING THE WRITE-ONLY REGISTERS
ENB
Din
MSB
LSB
CLK
1
2
3
4
8 CLOCKS TO ACCESS THE C REGISTER 16 CLOCKS TO ACCESS THE N REGISTER 24 CLOCKS TO ACCESS THE R REGISTER = when the PLL frequency synthesizer loads the data bit.
ACCESSING THE READ-ONLY REGISTERS The Read F Bit or Read A Bit in the C Register must be set to a 1 prior to the following operation
ENB DON'T CARE Dout MSB LSB X HIGH IMPEDANCE 1 2 3 4
HIGH IMPEDANCE CLK
8 CLOCKS TO READ THE A REGISTER WITHOUT READING THE IN D BIT 9 OR 16 CLOCKS TO READ THE A REGISTER INCLUDING THE IN D BIT 24 CLOCKS TO READ THE F REGISTER = when the PLL frequency synthesizer changes the data bit.
MC145173 24
MOTOROLA
PROGRAMMER'S GUIDE (continued)
CONFIGURING FOR HF AND MF OPERATION HF = HIGH FREQUENCY: 3 TO 30 MHZ MF = MEDIUM FREQUENCY 500 kHZ TO 3 MHZ The write-only registers retain data indefinitely as long as power is applied to the device. Therefore, they do not need to be re-written with the same data when tuning across the band. These registers only need to be written if the contents need to be changed. Step 1: Load the C Register The Out A, Out B, and Out C bits must be properly programmed to configure the Output A, Output B, and Output C pins. These outputs switch a few nanoseconds after the C Register is loaded, i.e., after ENB makes a low-to-high transition on a C Register access. Step 2: Load the R Register This register determines the tuning resolution of the radio by setting the divide ratio of the R Counter. Also, the HF/VHF bit must be cleared low for HF and MF operation. As an example, assume that the external crystal connected to pins 1 and 24 is 10.25 MHz. Also, assume that the tuning resolution is 10 kHz. Then, the divide ratio needed is 10.25 MHz divided by 10 kHz; this is 1025 decimal. In hexadecimal, this is $401. Loading the R Register is accomplished with 3 bytes. Therefore, if all other bits are low, the serial data is $000401. For HF and MF operation, the ACQ bit is usually set high for a wide acquisition window. Therefore, it is more likely the data is: $008401. Tuning the HF or MF Band To tune across the HF or MF band, the N Register needs to be changed. For example, if the first I.F. is 10.7 MHz, and 530 kHz needs to be tuned, then the L.O. needs to be running at 10.7 MHz plus 530 kHz for high-side injection; this is 11.23 MHz. The resolution is 10 kHz. Therefore, the ratio required for the N Counter is 11.23 MHz divided by 10 kHz; this is 1123 decimal. In hexadecimal, this is $463. Loading the N register requires 2 bytes. Therefore, the serial data is $0463. To tune 1000 kHz, use 1170 decimal or $0492. To tune 1710 kHz, use 1241 decimal or $04D9. CONFIGURING FOR VHF OPERATION VHF = VERY HIGH FREQUENCY: 30 TO 130 MHz The write-only registers retain data indefinitely as long as power is applied to the device. Therefore, they do not need to be re-written with the same data when tuning across the band. These registers only need to be written if the contents need to be changed. Step 1: Load the C Register The Out A, Out B, and Out C bits must be properly programmed to configure the Output A, Output B, and Output C pins. These outputs switch a few nanoseconds after the C Register is loaded; i.e., after ENB makes a low-to-high transition on a C Register access. Step 2: Load the R Register This register determines the tuning resolution of the radio by setting the divide ratio of the R Counter. Also, the HF/VHF bit must be set high for VHF operation. As an example, assume that the external crystal connected to pins 1 and 24 is 10.35 MHz. Also, assume that the tuning resolution is 50 kHz. Then, the divide ratio needed is 10.35 MHz divided by 50 kHz; this is 207 decimal. In hexadecimal, this is $CF. Loading the R Register is accomplished with 3 bytes. Therefore, if all other bits are low, the serial data is $0000CF. For VHF operation, the ACQ bit is usually cleared low for a narrow acquisition window. Tuning the VHF Band To tune across the VHF Band, the N Register needs to be changed. For example, if the I.F. is 10.7 MHz, and 87.5 MHz needs to be tuned, then the L.O. needs to be running at 10.7 MHz plus 87.5 MHz for high-side injection; this is 98.2 MHz. The resolution is 50 kHz. Therefore, the ratio required for the N Counter is 98.2 MHz divided by 50 kHz; this is 1964 decimal. In hexadecimal, this is $7AC. Loading the N Register requires 2 bytes. Therefore, the serial data is $07AC. To tune 98.5 MHz, use 2184 decimal or $0888. To tune 107.9 MHz, use 2372 decimal or $0944. READING THE A REGISTER The A Register contains the binary representation of the Analog-to-Digital Converter's value plus the End of Conversion bit (EOC). The EOC bit must be a 1 to indicate a valid conversion. Also, the A Register has bits which indicate the logic levels on the Input C and D pins. Reading the Logic Levels on the Input C and D Pins Step 1: Store the Values in the Shift Register To store the value, set the Read A bit in the C Register to a 1. The digital value present at the Input C and D pins during the falling edge of ENB on the read cycle is stored in the shift register. Step 2: Read the Serial Data To read the Input C value only, take the ENB pin low and shift out 8 bits. The Input C value is contained in the In C bit. To read both the Input C and D values, take the ENB pin low and shift out 9 or 16 bits. The values are in the In C and In D bits. NOTE: In D may also be read from the F Register. Reading the Analog-to-Digital Converter Value Step 1: Initialize To initialize the converter, clear the I SMPL bit in the C Register to a 0. At this time, the Read A bit in the C Register must be 0. The Chan bit must be 0 to select Input A or 1 to select Input B. The state may not be changed simultaneously with the I SMPL bit being set high.
MOTOROLA
MC145173 25
Step 2: Acquire the Value To sample the analog input selected, set the I SMPL bit in the C Register to a 1. The Read A bit must not be changed; it must be a 0.
MC145173 26
MOTOROLA
PROGRAMMER'S GUIDE (continued)
NOTE: I SMPL may be set high, even if F SMPL is already set high. I SMPL is not automatically cleared low. The length of time required to acquire the data is dependent on the crystal frequency (tied to pins 1 and 24) or OSCin frequency. The formula is: T = 3584/f; where T is the acquisition time in seconds and f is the frequency at OSCin in hertz. After the I SMPL bit is set, the EOC bit is set high after the acquisition time T above, and data is available to be read. Step 3: Read the Serial Data To read the ADC value, set the Read A bit in the C Register to a 1. I SMPL must not be changed; it must be a 1. Take the ENB pin low and shift out 8 bits. The value is contained in the least-significant 6 bits. In addition, the EOC bit should be checked to ensure it is a 1; this indicates that the conversion was complete before the data was read. If EOC is a 0, the conversion result is not valid. The In C bit is valid and indicates the logic level present on the Input C pin. (Alternatively, 9 or 16 bits could be shifted out if the user desires to read both the In C and In D bits.) NOTE: When the Read A bit is set to a 1, writing to any register is inhibited. After the serial shift which reads the A Register occurs, Read A is automatically cleared to a 0. CAUTION If both Read A and Read F are set simultaneously, a Read A Register operation is performed and the Read F Register request is ignored. READING THE F REGISTER The F Register contains the binary representation of the Frequency Counter's value plus the Count Complete flag (CC). The CC bit must be a 1 to indicate a valid count. Also, the F Register has a bit which indicates the logic level on the Input D pin. Reading the Logic Level on the Input D Pin Step 1: Store the Value in the Shift Register To store the value, set the Read F bit in the C Register to a 1. The digital value present at the Input D pin during the falling edge of ENB on the read cycle is stored in the shift register. Step 2: Read the Serial Data To read the Input D value, take the ENB pin low and shift out 24 bits. The Input D value is contained in the In D bit. NOTE: In D may also be read from the A Register. Reading the Frequency Counter Value
Step 1: Initialize To initialize the counter, clear the F SMPL bit in the R Register to a 0. At this time, the Read F bit in the C Register must be 0. The HF/VHF bit in the R Register must be a 0 for HF- MF operation or 1 for VHF operation. The ACQ (Acquisition Window) bit must be a 0 for a narrow acquisition window or a 1 for a wide window. The formula for the window: t
+2
(19
) 2a)
f
where t = acquisition window (in seconds), a = logic level of acquisition bit (0 or 1), f = crystal frequency or OSC in frequency in hertz. Step 2: Acquire the Count To sample the frequency, set the F SMPL bit in the R Register to a 1. The Read F bit must not be changed; it must be a 0. CAUTION F SMPL must not be set if I SMPL is already set high. The data is available to be read after the acquisition window time above. The CC bit is set high immediately after the acquisition is complete. Step 3: Read the Serial Data To read the F Counter value, set the Read F bit in the C Register to a 1. F SMPL must not be changed; it must be a 1. Take the ENB pin low and shift out 24 bits. The value is contained in the least-significant 22 bits. In addition, the CC bit should be checked to ensure it is a 1; this indicates that the count was complete before the data was read. If CC is a 0, the count is not valid. The In D bit is valid and indicates the logic level present on the Input D pin. NOTE: When the Read F bit is set to a 1, writing to any register is inhibited. After the serial shift which reads the F Register occurs, Read F is automatically cleared to a 0. CAUTION If both Read A and Read F are set simultaneously, a Read A Register operation is performed and the Read F Register request is ignored.
MOTOROLA
MC145173 27
10.25 MHz
NOTE 8
R1 RBIAS
+5V
10.25 MHz BUFFERED OUTPUT (AM SECOND L.O.)
+5V 1 OSC in 2 ENB 3 MCU 4 5 GENERAL-PURPOSE SPECIAL DIGITAL DIGITAL INPUT INPUT WITH SWITCHPOINT AT 33% OF VDD ANALOG INPUTS (SIGNAL LEVEL, ETC.) AM SECOND I.F. (450 kHz) FM I.F. (10.7 MHz) +5V NOTE 7 NOTE 5 6 7 8 9 10 11 12 Din CLK Dout
MC145173 OSCout 24 REFout 23 22 OUTPUT D 21 VHF PDout 20 Rx 19 VSS 18 HF PDout VDD 17 HFin 16 VHFin 15 OUTPUT C 14 OUTPUT B 13
NOTE 6
GENERAL-PURPOSE DIGITAL OUTPUT LOW-PASS FILTER 0.1 F +5V
NOTE 3 OPTIONAL GAIN BLOCK
15 k LOW-PASS FILTER +5V NOTE 3 OPTIONAL GAIN BLOCK HF VCO AM FIRST L.O. VHF VCO FM L.O.
INPUT D INPUT C INPUT B INPUT A HF IFin VHF IFin OUTPUT A
GENERAL PURPOSE DIGITAL OUTPUTS NOTES: 1. The HF PDout and VHF PDout pins require different low-pass filters. See the Phase-Locked Loop - Low-Pass Filter Design page for more information. 2. For optimum performance, bypass the VDD pin to VSS with a low-inductance capacitor. 3. The gain blocks can be simple one-transistor circuits. See Figures 28 and 29. 4. For the AM band, an R counter divide ratio of 1,025 is used for 10 kHz tuning resolution. The FM band uses an R counter ratio of 205 for 50 kHz tuning resolution. 5. I.F. (intermediate frequency) signals are fed to pins 10 and 11 only if seek or scan feature is included in radio. 6. Diode string is used to limit voltage swing at pin 23; additional or fewer diodes may be used. For full rail-to-rail swing, tie R1 to VSS (GND) and delete the diodes and the RBIAS resistor. Caution: this large signal swing may cause a high level of EMI (electromagnetic interference). 7. Pull-up voltage must be at the same potential as the VDD pin or less. Pull-up device other than a resistor may be used. 8. A 10.25 MHz crystal facilitates design of the AM upconversion scheme shown. This results in double conversion for the AM receiver. Optionally, single-conversion designs may be used which offer more flexibility on reference crystal values. For example, a 10.0 MHz crystal could be used which would allow higher-performance 200 kHz tuning resolution for FM.
Figure 26. AM-FM Broadcast Receiver Subsystem -- USA
MC145173 28
MOTOROLA
10.35 MHz
NOTE 8
R1
+5V RBIAS
10.35 MHz BUFFERED OUTPUT (AM SECOND L.O.)
+5V 1 OSC in 2 ENB 3 MCU 4 5 SPECIAL DIGITAL INPUT WITH SWITCHPOINT AT 33% OF VDD ANALOG INPUTS (SIGNAL LEVEL, ETC.) AM SECOND I.F. (450 kHz) FM I.F. (10.8 MHz) +5V NOTE 7 GENERAL-PURPOSE DIGITAL INPUT 6 7 8 9 10 NOTE 5 11 12 Din CLK Dout
MC145173 OSCout 24 REFout 23 22 OUTPUT D 21 VHF PDout 20 Rx 19 Vss 18 HF PDout VDD 17 HFin 16 VHFin 15 OUTPUT C 14 OUTPUT B 13
NOTE 6
GENERAL-PURPOSE DIGITAL OUTPUT LOW-PASS FILTER 0.1 F +5V
NOTE 3 OPTIONAL GAIN BLOCK
15 k LOW-PASS FILTER +5V NOTE 3 OPTIONAL GAIN BLOCK HF VCO AM FIRST L.O. VHF VCO FM L.O.
INPUT D INPUT C INPUT B INPUT A HF IFin VHF IFin OUTPUT A
GENERAL PURPOSE DIGITAL OUTPUTS NOTES: 1. The HF PDout and VHF PDout pins require different low-pass filters. See the Phase-Locked Loop - Low-Pass Filter Design page for more information. 2. For optimum performance, bypass the VDD pin to VSS with a low-inductance capacitor. 3. The gain blocks can be simple one-transistor circuits. See Figures 28 and 29. 4. For the AM band, an R counter divide ratio of 1,150 is is used for 9 kHz tuning resolution. The FM band uses an R counter ratio of 207 for 50 kHz tuning resolution. 5. I.F. (intermediate frequency) signals are fed to pins 10 and 11 only if seek or scan feature is included in radio. 6. Diode string is used to limit voltage swing at pin 23; additional or fewer diodes may be used. For full rail-to-rail swing, tie R1 to VSS (GND) and delete the diodes and the RBIAS resistor. Caution: this large signal swing may cause a high level of EMI (electromagnetic interference). 7. Pull-up voltage must be at the same potential as the VDD pin or less. Pull-up device other than a resistor may be used. 8. A 10.35 MHz crystal facilitates design of the AM upconversion scheme shown. This results in double conversion for the AM receiver. Optionally, single-conversion designs may be used which offer more flexibility on reference crystal values. For example, a 10.0 MHz crystal could be used which would allow higher-performance 100 kHz tuning resolution for FM.
Figure 27. AM-FM Broadcast Receiver Subsystem -- Europe
MOTOROLA
MC145173 29
PHASE-LOCKED LOOP -- LOW PASS FILTER DESIGN
HF PDout R1 R2 C
VCO
n =
K KVCO NC(R1 + R2) R2C + N KKVCO
= 0.5 n
F(s) =
R2sC + 1 (R1 + R2)sC + 1
VHF PDout R C
VCO
n = R 2
K KVCO NC K KVCOC N nRC 2
=
=
Z(s) =
1 + sRC sC
NOTE: For VHF PDout, using K in amps per radian with the filter's impedance transfer function, Z(s), maintains units of volts per radian for the detector/ filter combination. Additional sideband filtering can be accomplished by adding a capacitor C across R. The corner c = 1/RC should be chosen such that n is not significantly affected. DEFINITIONS: N = Total Division Ratio in Feedback Loop K (Phase Detector Gain) = VDD / 4 volts per radian for HF PDout K (Phase Detector Gain) = I PDout / 2 amps per radian for VHF PD out KVCO (VCO Gain) = 2fVCO radians per volt VVCO
For a nominal design starting point, the user might consider a damping factor 0.7 and a natural loop frequency n (2fR/50) where fR is the frequency at the phase detector input. Larger n values result in faster loop lock times and, for similar sideband filtering, higher fR-related VCO sidebands. The filters shown above are frequently followed by additional sideband filtering to further attenuate fR-related VCO sidebands. This additional filtering may be active or passive. RECOMMENDED READING: Gardner, Floyd M., Phaselock Techniques (second edition). New York, Wiley-Interscience, 1979. Manassewitsch, Vadim, Frequency Synthesizers: Theory and Design (second edition). New York, Wiley-Interscience, 1980. Blanchard, Alain, Phase-Locked Loops: Application to Coherent Receiver Design. New York, Wiley-Interscience, 1976. Egan, William F., Frequency Synthesis by Phase Lock. New York, Wiley-Interscience, 1981. Rohde, Ulrich L., Digital PLL Frequency Synthesizers Theory and Design. Englewood Cliffs, NJ, Prentice-Hall, 1983. Berlin, Howard M., Design of Phase-Locked Loop Circuits, with Experiments. Indianapolis, Howard W. Sams and Co., 1978. Kinley, Harold, The PLL Synthesizer Cookbook. Blue Ridge Summit, PA, Tab Books, 1980. Seidman, Arthur H., Integrated Circuits Applications Handbook, Chapter 17, pp. 538-586. New York, John Wiley & Sons. Fadrhons, Jan, "Design and Analyze PLLs on a Programmable Calculator," EDN. March 5, 1980. AN535, Phase-Locked Loop Design Fundamentals, Motorola Semiconductor Products, Inc., 1970. AR254, Phase-Locked Loop Design Articles, Motorola Semiconductor Products, Inc., Reprinted with permission from Electronic Design 1987.
MC145173 30
MOTOROLA
+10 V
RBIAS R2 R3 VCO C1 R1 HF PDout 2N7002 Q1 C2
NOTES: 1. R1, C1, and R2 form the main filter (determine the loop bandwidth). 2. R3 and C2 are extra filtering; set above loop bandwidth. 3. R1/C1/R2 and R3/C2 are isolated due to Q1. Therefore, there should be minimal interaction.
Figure 28. Active Low-Pass Filter with Gain for HF PDout
+10 V
RBIAS R1 R2 VCO C1 VHF PDout 2N7002 Q1 C2
NOTES: 1. R1 and C1 form the main filter (determine the loop bandwidth). 2. R2 and C2 are extra filtering; set above loop bandwidth. 3. R1/C1 and R2/C2 are isolated due to Q1. Therefore, there should be minimal interaction. 4. This filter configuration is a concept and has not been examined in the laboratory.
Figure 29. Active Low-Pass Filter with Gain for VHF PDout
MOTOROLA
MC145173 31
PACKAGE DIMENSIONS
DW SUFFIX SOG (SMALL-OUTLINE GULL-WING) PACKAGE CASE 751E-04
-ANOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.60 7.40 2.65 2.35 0.49 0.35 0.90 0.41 1.27 BSC 0.32 0.23 0.29 0.13 8 0 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0 8 0.395 0.415 0.010 0.029
24
13
-B-
P 12 PL 0.010 (0.25)
M
B
M
1
12
D
24 PL
J
M
0.010 (0.25)
TA
S
B
S
F R X 45 C -TSEATING PLANE
G
22 PL
K
M
MC145173 32
MOTOROLA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MOTOROLA
*MC145173/D*
MC145173/D MC145173 33


▲Up To Search▲   

 
Price & Availability of MC145173

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X