Part Number Hot Search : 
EP1201 F13N50 G1000 0011H2 LT1188CK CA3260 WE9192A M400015
Product Description
Full Text Search
 

To Download MBR4045PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON SEMICONDUCTOR
MBR4030PT thru 4060PT
REVERSE VOLTAGE - 30 to 60 Volts FORWARD CURRENT - 40 Amperes
SCHOTTKY BARRIER RECTIFIERS
FEATURES
Metal of silicon rectifier,majority carrier conducton Guard ring for transient protection Low power loss, high efficiency High current capability, low VF High surge capacity Plastic package has UL flammability classification 94V-0 For use in low voltage,high frequency inverters,free whelling,and polarity protection applications
A P G Q O
PIN 1 2 3
TO-3P
F E TO-3P MIN. MAX. 15.75 16.25 21.25 21.75 20.10 19.60 3.78 4.38 1.88 2.08 4.87 5.13 4.4TYP. 1.90 2.16 2.93 3.22 1.12 1.22 2.90 3.20 5.20 5.70 2.10 2.40 0.76 0.51 2.18 1.93
B
K
D H C N
MECHANICAL DATA
Case : TO-3P molded plastic Polarity : As marked on the body Weight : 0.2 ounces, 5.6 grams Mounting position : Any
J
I
L PIN 1 PIN 3
L
M PIN 2 CASE
20 TYP 10 TYP All Dimensions in millimeter
DIM. A B C D E F G H I J K L M N O P Q
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
MBR 4030PT 30 21 30 MBR 4035PT 35 24.5 35 MBR 4040PT 40 28 40 40 400 10000 0.70 0.60 0.80 0.75 1.0 100 1.4 700 -55 to +150 -55 to +175 0.80 0.70 MBR 4045PT 45 31.5 45 MBR 4050PT 50 35 50 MBR 4060PT 60 42 60
CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (See Fig.1)
SYMBOL
UNIT V V V A
VRRM VRMS VDC I(AV)
@TC=125 C
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC METHOD) Voltage Rate of Change (Rated VR)
IFSM dv/dt
A V/us V
IF =20A @ TJ =25 C Maximum Forward IF =20A @ TJ =125 C Voltage (Note 1) IF =40A @ TJ =25 C IF =40A @ TJ =125 C Maximum DC Reverse Current @TJ =25 C at Rated DC Blocking Voltage @TJ =125 C Typical Thermal Resistance (Note 2) Typical Junction Capacitance per element (Note 3) Operating Temperature Range Storage Temperature Range
VF
IR
R0JC
mA C/W pF
CJ TJ TSTG
NOTES : 1. 300us Pulse Width, 2% Duty Cycle. 2. Thermal Resistance Junction to Case. 3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
C C REV. 2, 01-Dec-2000, KTH11
RATING AND CHARACTERISTIC CURVES MBR4030PT thru MBR4060PT
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
40
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
400
30
300
20
200
10
RESISTIVE OR INDUCTIVE LOAD
100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
1
2
5
10
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
TJ = 125 C
1.0
10
MBR4030PT~ MBR4045PT
0.1
TJ = 75 C
MBR4050PT ~ MBR4060PT
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300ua 300us
0.001 0 20 40 60 80 100 120 140
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE , (pF)
1000
TJ = 25 C, f= 1MHz
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
REV. 2, 01-Dec-2000, KTH11


▲Up To Search▲   

 
Price & Availability of MBR4045PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X