Part Number Hot Search : 
B632E2T 2SK150 10N10 74HCT4 Z5221B XRD6406 D1961 80022
Product Description
Full Text Search
 

To Download LFCN-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic
Low Pass Filter
DC to 2000 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power Input* DC Current Input to Output -55C to 100C -55C to 100C 9W max. at 25C 1A max. at 25C
! NEW
LFCN-2000
Features
* * * * * excellent power handling, 9W small size 5 sections temperature stable patent pending
CASE STYLE: FV1206 Model LFCN-2000 LFCN-2000D Price $1.99 $2.49 Qty. (10-49) (10-49)
*Passband rating, derate linearly to 4W at 100C ambient.
Applications
* harmonic rejection * VHF/UHF transmitters/receivers * lab use
Pin Connections
RF IN RF OUT GROUND
**RF IN & RF OUT can be interchanged
1** 3** 2,4
Low Pass Filter Electrical Specifications1 (TAMB=25C)
MODEL NO. PASSBAND (MHz)
(loss < 1.5 dB) Max. LFCN-2000 DC-2000
Outline Drawing
fco, MHz Nom.
(loss 3 dB) Typ. 2275
STOP BAND (MHz) (loss, dB)
f 20 Min. 3000 30 Typ. 3100-3500 fr 20 Typ. 4600
VSWR (:1)
Stopband Typ. 20 Passband Typ. 1.3
NO. OF SECTIONS
5
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-2000D (DC Resistance to ground is 100 Mohms min.)
typical frequency response
ATTENUATION (dB)
40dB 20dB
schematic
RF IN RF OUT
3dB 1dB f co f 20 FREQUENCY fR 20 dB
Typical Performance Data at 25C
Frequency (MHz)
10.00 258.75 507.50 756.25 1005.00 1253.75 1502.50 1751.25 2250.00 2500.00 2750.00 3000.00 4244.00 4422.00 4600.00
Insertion Loss (dB)
0.14 0.30 0.35 0.51 0.49 0.56 0.60 0.74 4.73 11.34 19.65 32.99 20.09 19.52 20.32
VSWR (:1)
1.04 1.19 1.23 1.28 1.21 1.18 1.14 1.13 5.33 16.41 43.44 102.19 217.15 66.82 46.96
Outline Dimensions ( inch ) mm
A .126 3.20 J .024 0.61 B .063 1.60 K .122 3.10 C .039 0.99 L .024 0.61 D .020 0.51 M .087 2.21 E .032 0.81 N .012 0.30 F .009 0.23 G .169 4.29 H .087 2.21 P wt. .071 grams 1.80 .020
Demo Board MCL P/N: TB-270 Suggested PCB Layout (PL-137)
LFCN-2000 INSERTION LOSS 40 35 1000
LFCN-2000 VSWR
INSERTION LOSS (dB)
30 25 20 15 10 5 0 0 1000 2000 3000 4000 5000 FREQUENCY (MHz) 1 0 1000 2000 3000 4000 5000 FREQUENCY (MHz) 100
VSWR
10
designers kit available
Kit No.
K2-LFCN
No. of Units in Kit
60
Description
5 of each: LFCN-800,-900,-1000,-1200,-1325,-1700, -2000,-2250,-2400,-5000,-6000,-6700
Price $ per Kit
119.95
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. F M96263 LFCN-2000 ED-9913/4 AD/RS/CP 050113


▲Up To Search▲   

 
Price & Availability of LFCN-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X