Part Number Hot Search : 
00145 CY7C145 NCP1654 DS123 1DU15R M32186 LT1451 C1165
Product Description
Full Text Search
 

To Download LD1086SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LD1086 SERIES
1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
s s
s
s
s s
s s
TYPICAL DROPOUT VOLTAGE 1.3V AT 1.5A THREE TERMINAL ADJUSTABLE OR FIXED OUTPUT VOLATGE 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V, 8V, 9V, 12V GUARANTEED OUTPUT CURRENT UP TO 1.5A OUTPUT TOLERANCE 1% AT 25oC AND 2% IN FULL TEMPERATURE RANGE INTERNAL POWER AND THERMAL LIMIT WIDE OPERATING TEMPERATURE RANGE -40oC TO 125oC PACKAGE AVAILABLE: TO-220 D2PAK PINOUT COMPATIBILITY WITH STANDARD ADJUSTABLE VOLTAGE REGULATORS
TO-220
D 2PAK
DESCRIPTION The LD1086 is a LOW DROP Voltage Regulator able to provide up to 1.5A of Output Current. Dropout is guaranteed at a maximum of 1.5V at the maximum output current, decreasing at lower loads. The LD1086 is a pin compatible with older 3-terminal adjustable regulators, but has better performances in term of drop and output tolerance. A 2.85V output version is suitable for SCSI-2 active termination. Unlike
PNP regulators, where a part of the output current is wasted as quiescent current, the LD1086 quiescent current flow into the load, so increase efficency. Only a 10 F minimum capacitor is needed for stability. The device is supplied in TO-220 and D2PAK packages. On chip trimming allows the regulator to reach a very tight output voltage tolerance, within 1% at 25 oC.
BLOCK DIAGRAM
September 1999
1/15
LD1086 SERIES
ABSOLUTE MAXIMUM RATINGS
Symbol V IN IOUT P to t T stg To p DC Input Voltage Output Current Power Dissipation Storage Temperature Range Operating Junction Temperature Range Parameter Value 30 Internally Limited Internally Limited -50 to 150 -40 to 125 Unit V mA mW
o o
C C
Absolute Maximum Ratings are those value beyond which damage to the device may occur. Functional operation under these condition is not implied. Over the above suggested Max Power Dissipation a Short Circuit could definetively damage the device.
THERMAL DATA
Symbol Parameter TO-220 3 50 D2PAK 3 62.5 Unit
o o
R thj- ca se Thermal Resistance Junction-case R thj- amb Thermal Resistance Junction-ambient
C/W C/W
APPLICATION CIRCUIT
CONNECTION DIAGRAM AND ORDERING NUMBERS (top view)
TO-220
TO-220 LD1086V18 LD1086V25 LD1086V28 LD1086V33 LD1086V36 LD1086V50 LD1086V80 LD1086V90 LD1086V120 LD1086V D2PAK (**) LD1086D2T18 LD1086D2T25 LD1086D2T28 LD1086D2T33 LD1086D2T36 LD1086D2T50 LD1086D2T80 LD1086D2T90 LD1086D2T120 LD1086D2T
D2PAK
Output Voltage 1.8V 2.5V 2.85V 3.3V 3.6V 5V 8V 9V 12V ADJUSTABLE VERSION
(**) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
2/15
LD1086 SERIES
ELECTRICAL CHARACTERISTICS FOR LD1086#18 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 4.8 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 0 mA IO = 0 to 1.5 A Test Conditions Tj = 25 oC VIN = 3.4 to 30 V Min. 1.782 1.764 Typ. 1.8 1.8 0.2 0.4 0.5 1 1.3 5 1.5 0.05 CO = 25F 60 2 0.2 0.01 82 0.003 0.5 0.5 0.04 Max. 1.818 1.836 4 4 8 16 1.5 10 Unit V V mV mV mV mV V mA A %/W dB % % %
VIN = 3.4 to 18 V IO = 0 mA Tj = 25 oC VIN = 3.4 to 18 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO =1.5 A f = 120 Hz VIN = 6.8 3V Tj = 25 C
o
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS FOR LD1086#25 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 5.5 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 C
o
Test Conditions IO = 0 mA IO = 0 to 1.5 A Tj = 25 C VIN = 4.1 to 30 V
o
Min. 2.475 2.45
Typ. 2.5 2.5 0.2 0.4 0.5 1 1.3 5
Max. 2.525 2.55 5 5 10 18 1.5 10
Unit V V mV mV mV mV V mA A
VIN = 4.1 to 18 V IO = 0 mA Tj = 25 oC VIN = 4.1 to 18 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 7.5 3V CO = 25F 60 1.5 0.05 Tj = 25 oC
2 0.2 0.01 81 0.003 0.5 0.5 0.04
%/W dB % % %
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
3/15
LD1086 SERIES
ELECTRICAL CHARACTERISTICS FOR LD1086#285 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 5.85 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 0 mA IO = 0 to 1.5 A Test Conditions Tj = 25 oC VIN = 4.5 to 30 V Min. 2.821 2.793 Typ. 2.85 2.85 0.2 0.5 1 2 1.3 5 1.5 0.05 CO = 25F 60 2 0.2 0.01 80 0.003 0.5 0.5 0.04 Max. 2.879 2.907 6 6 12 20 1.5 10 Unit V V mV mV mV mV V mA A %/W dB % % %
VIN = 4.5 to 18 V IO = 0 mA Tj = 25 oC VIN = 4.5 to 18 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 7.85 3V Tj = 25 C
o
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS FOR LD1086#33 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 6.3 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 C
o
Test Conditions IO = 0 mA IO = 0 to 1.5 A Tj = 25 C VIN = 4.9 to 30 V
o
Min. 3.267 3.234
Typ. 3.3 3.3 0.5 1 3 7 1.3 5
Max. 3.333 3.366 10 10 15 25 1.5 10
Unit V V mV mV mV mV V mA A
VIN = 4.9 to 18 V IO = 0 mA Tj = 25 oC VIN = 4.9 to 18 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 8.3 3V CO = 25F 60 1.5 0.05 Tj = 25 oC
2 0.2 0.01 79 0.003 0.5 0.5 0.04
%/W dB % % %
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
4/15
LD1086 SERIES
ELECTRICAL CHARACTERISTICS FOR LD1086#36 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 6.6 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 0 mA IO = 0 to 1.5 A Test Conditions Tj = 25 oC VIN = 5.2 to 30 V Min. 3.564 3.528 Typ. 3.6 3.6 0.5 1 3 7 1.3 5 1.5 0.05 CO = 25F 60 2 0.2 0.01 78 0.003 0.5 0.5 0.04 Max. 3.636 3.672 10 10 15 25 1.5 10 Unit V V mV mV mV mV V mA A %/W dB % % %
VIN = 5.2 to 18 V IO = 0 mA Tj = 25 oC VIN = 5.2 to 18 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 8.6 3V Tj = 25 C
o
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS FOR LD1086#50 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 8 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 C
o
Test Conditions IO = 0 mA IO = 0 to 1.5 A Tj = 25 C VIN = 6.6 to 30 V
o
Min. 4.95 4.9
Typ. 5 5 0.5 1 5 10 1.3 5
Max. 5.05 5.1 10 10 20 35 1.5 10
Unit V V mV mV mV mV V mA A
VIN = 6.6 to 20 V IO = 0 mA Tj = 25 oC VIN = 6.6 to 20 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 10 3V CO = 25F 60 1.5 0.05 Tj = 25 oC
2 0.2 0.01 75 0.003 0.5 0.5 0.04
%/W dB % % %
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
5/15
LD1086 SERIES
ELECTRICAL CHARACTERISTICS FOR LD1086#80 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 11 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 0 mA IO = 0 to 1.5 A Test Conditions Tj = 25 oC VIN =9.8 to 30 V Min. 7.92 7.84 Typ. 8 8 1 2 8 12 1.3 5 1.5 0.05 CO = 25F 54 2 0.2 0.01 71 0.003 0.5 0.5 0.04 Max. 8.08 8.16 18 18 30 60 1.5 10 Unit V V mV mV mV mV V mA A %/W dB % % %
VIN = 9.8 to 20 V IO = 0 mA Tj = 25 oC VIN = 9.8 to 20 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 13 3V Tj = 25 C
o
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS FOR LD1086#90 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 12 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 C
o
Test Conditions IO = 0 mA IO = 0 to 1.5 A Tj = 25 C VIN = 11 to 30 V
o
Min. 8.91 8.82
Typ. 9 9 1 2 8 12 1.3 5
Max. 9.09 9.18 20 20 30 60 1.5 10
Unit V V mV mV mV mV V mA A
VIN = 11 to 20 V IO = 0 mA Tj = 25 oC VIN = 11 to 20 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 14 3V CO = 25F 54 1.5 0.05 Tj = 25 oC
2 0.2 0.01 70 0.003 0.5 0.5 0.04
%/W dB % % %
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
6/15
LD1086 SERIES
ELECTRICAL CHARACTERISTICS FOR LD1086#120 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 15 V, CIN = CO = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd Id I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Quiescent Current Short Circuit Current Thermal Regulation SVR eN S S Supply Voltage Rejection Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 0 mA IO = 0 to 1.5 A Test Conditions Tj = 25 oC VIN = 13.8 to 30 V Min. 11.88 11.76 Typ. 12 12 1 2 12 24 1.3 5 1.5 0.05 COUT = 25F 54 2 0.2 0.01 66 0.003 0.5 0.5 0.04 Max. 12.12 12.24 25 25 36 72 1.5 10 Unit V V mV mV mV mV V mA A %/W dB % % %
VIN = 13.8 to 25 V IO = 0 mA Tj = 25 oC VIN = 13.8 to 25 V IO = 0 mA IO = 0 to 1.5 A IO = 0 to 1.5 A IO = 1.5 A VIN 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz VIN = 17 3V Tj = 25 C
o
B = 10Hz to 10KHz Ta = 25 oC
Note1: See short-circuit curve for available output current at fixed dropout.
ELECTRICAL CHARACTERISTICS FOR LD1086 (refer to the test circuits, Tj = -40 to 125 oC, VIN = 4.75 V, CI = Co = 10 F unless otherwise specified)
Symbol VO VO V O V O V O V O Vd I O(mi n) I SC Parameter Output Voltage Output Voltage (Note 1) Line Regulation Line Regulation Load Regulation Load Regulation Dropout Voltage Minimum Load Current Short Circuit Current Thermal Regulation SVR I ADJ I ADJ eN S S Supply Voltage Rejection Adjust pin Current Adjust pin Current Change Output Noise Voltage Temperature Stability Long Term Stability 1000 hrs Ta = 125 oC IO = 10 mA Test Conditions Tj = 25 C VIN = 2.8 to 30 V
o o
Min. 1.237 1.225
Typ. 1.25 1.25 0.015 0.035 0.1 0.2 1.3 3
Max. 1.263 1.275 0.2 0.2 0.3 0.4 1.5 10
Unit V V % % % % V mA A
IO = 0.01 to 1.5 A
VIN = 2.8 to 16.5V IO =10mA Tj =25 C VIN = 2.8 to 16.5V Io =10mA IO = 0.01 to1.5 A IO = 0.01 to 1.5 A IO = 1.5 A VIN = 30 V VIN - VO = 5V VIN - VO = 25V Ta = 25 oC 30ms Pulse IO = 1.5 A f = 120 Hz COUT = 25F CADJ = 25F VIN = 6.25 3V IO = 10 mA VIN = 4.25 V
o
Tj = 25 oC
1.5 0.05 60
2 0.2 0.01 88 40 0.2 0.003 0.5 0.5 120 5 0.04
%/W dB A A % % %
VIN = 2.8 to 16.5 V IO = 0.01 to1.5A B = 10Hz to 10KHz Ta = 25 C
Note1: See short-circuit curve for available output current at fixed dropout.
7/15
LD1086 SERIES
TYPICAL CHARACTERISTICS (unless otherwise specified TJ=125oC, CIN=CO=10F) Output Voltage vs Temperature Output Voltage vs Temperature
Output Voltage vs Temperature
Short CircuitCurrent vs Dropout Voltage
Line Regulation vs Temperature
Load Regulation vs Temperature
8/15
LD1086 SERIES
TYPICAL CHARACTERISTICS (Continued) Dropout Voltage vs Temperature Dropout Voltage vs Output Current
Adjust Pin Current vs Input Voltage
Adjust Pin Current vs Temperature
Adjust Pin Current vs Output Current
Quiescent Current vs Output Current
9/15
LD1086 SERIES
TYPICAL CHARACTERISTICS (Continued) Quiescent Current vs Input Voltage Supply Voltage Rejection vs Frequency
Supply Voltage Rejection vs Temperature
Supply Voltage Rejection vs Output Current
Minimum Load Current vs Temperature
Stability for Adjustable
10/15
LD1086 SERIES
TYPICAL CHARACTERISTICS (Continued) Stability for 2.85V Stability for 12V
Line Transient
Line Transient
Line Transient
Load Transient
11/15
LD1086 SERIES
TYPICAL CHARACTERISTICS (Continued) Load Transient Thermal Protection
12/15
LD1086 SERIES
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
13/15
LD1086 SERIES
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.4 2.49 0.7 1.14 0.45 1.21 8.95 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 10.4 5.28 15.85 1.4 1.75 MIN. 0.173 0.098 0.027 0.044 0.017 0.047 0.352 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.409 0.208 0.624 0.055 0.068
DIM.
D A C A2 DETAIL "A" A1 B2 B G
C2
DETAIL"A"
E
L2
L
L3
P011P6/E
14/15
LD1086 SERIES
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
15/15


▲Up To Search▲   

 
Price & Availability of LD1086SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X