Part Number Hot Search : 
IRFS4 TM6157 AV2BI 1344A 05111 TC9285P TL3700 BA4584FV
Product Description
Full Text Search
 

To Download L4941B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L4941
VERY LOW DROP 1A REGULATOR
s
LOW DROPOUT VOLTAGE (450mV Typ. at 1A) VERY LOW QUIESCENT CURRENT THERMAL SHUTDOWN SHORT CIRCUIT PROTECTION REVERSE POLARITY PROTECTION
TO-220 TO-220FP
s s s s
DESCRIPTION The L4941 is a three terminal 5V positive regulators available in TO-220, TO-220FP and D2PAK packages, making it useful in a wide range of industrial and consumer applications. Thanks to its very low input/output voltage drop, these devices are particularly suitable for battery powered equipments, reducing consumption and prolonging battery life. It employs internal current limiting, antisaturation circuit, thermal shut-down and safe area protection.
D2PAK
DPAK
BLOCK DIAGRAM
February 2003
1/14
L4941
ABSOLUTE MAXIMUM RATINGS
Symbol VI VIR IO PD Tstg Top Forward Input Voltage Reverse Input Voltage (RO=100) Output Current Power Dissipation Storage Temperature Range Operating Junction Temperature Range Parameter Value 30 -15 Internally Limited Internally Limited -40 to +150 -40 to +150 Unit V V mA mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
THERMAL DATA
Symbol Rthj-case Rthj-amb Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient TO-220 3 50 TO-220FP 5 60 D2PAK 3 62.5 DPAK 8 100 Unit C/W C/W
CONNECTION DIAGRAM (top view)
TO-220
TO-220FP
D2PAK ORDERING CODES
ORDERING CODE L4941BV L4941BP L4941BD2T L4941BDT (*)
(*) Available in Tape & Reel with the suffix "-TR".
DPAK
PACKAGE TO-220 TO-220FP D2PAK DPAK
2/14
L4941
TEST CIRCUITS Figure 1 : DC Parameter
Figure 2 : Load Rejection
Figure 3 : Ripple Rejection
3/14
L4941
ELECTRICAL CHARACTERISTICS (Refer to test circuit, VI=7V, CI = 0.1F, CO = 22F, TJ = 25C, unless otherwise specified.)
Symbol VO VI VO VO Iq Iq Vd Parameter Output Voltage Input Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Dropout Voltage IO = 5 mA VI = 6 to 16V IO = 5mA to 1A IO = 0.5A to 1A IO = 5 mA IO = 1A IO = 5 mA IO = 1A IO = 0.5A IO = 1A VO/T Output Voltage Drift SVR Isc ZO eN Supply Voltage Rejection Short Circuit Current Output Impedance Output Noise Voltage f = 120Hz VI = 14V VI = 6V f = 1KHz IO = 0.5A B = 100Hz to 100KHz IO = 1A 58 VI = 6V VI = 6V VI = 6 to 14V VI = 6 to 14V 250 450 0.6 68 1.6 1.8 30 30 2.0 2.2 m V/VO IO = 5 mA 5 8 5 4 20 Test Conditions IO = 5mA to 1A VI = 6 to 14V Min. 4.8 Typ. 5 Max. 5.2 16 20 20 15 8 40 3 -10 450 700 Unit V V mV mV mV mA mA mA mA mV mV mv/C dB A
TYPICAL CHARACTERISTICS Figure 4 : Dropout Voltage vs Output Current Figure 5 : Dropout Voltage vs Temperature
4/14
L4941
Figure 6 : Output Voltage vs Temperature Figure 9 : Quiescent Current vs Output Current
Figure 7 : Quiescent Current vs Temperature
Figure 10 : Short Circuit Current vs Temperature
Figure 8 : Quiescent Current vs Input Voltage
Figure 11 : Peak Output Current vs Input/Output Differential Voltage
5/14
L4941
Figure 12 : Low Voltage Behavior Figure 15 : Load Dump Characteristics
Figure 13 : Supply Voltage Rejection vs Frequency
Figure 16 : Line Transient Response
Figure 14 : Supply Voltage Rejection vs Output Current
Figure 17 : Total Power Dissipation
6/14
L4941
Figure 18 : Load transient Response
Figure 19 : Distributed Supply with On-card L4940 and L4941 low drop regulator
7/14
L4941
Figure 20 : Distributed Supply with On-card L4940 and L4941 low drop regulator
ADVANTAGES OTF THESE APPLICATION ARE: On card regulation with short-circuit and thermal protection on each output. Vary high total system efficency due to the switching preregulation and very low-drop postregulation
8/14
L4941
TO-220 MECHANICAL DATA
DIM. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 mm. MIN. 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 TYP MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
9/14
L4941
TO-220FP MECHANICAL DATA
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 DIA. 28.6 9.8 15.9 9 3 mm. MIN. 4.40 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10.0 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 TYP MAX. 4.60 2.7 2.75 0.70 1 1.50 1.50 5.2 2.7 10.40 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.194 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.059 0.059 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
F
G1
E H F2
123 L2 L4
7012510/F
10/14
G
L4941
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 8 0 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.016 8 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.335 0.208 0.624 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 0.409 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
P011P6G
11/14
L4941
DPAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D E G H L2 L4 0.6 2.2 0.9 0.03 0.64 5.2 0.45 0.48 6 6.4 4.4 9.35 0.8 1 0.023 TYP MAX. 2.4 1.1 0.23 0.9 5.4 0.6 0.6 6.2 6.6 4.6 10.1 MIN. 0.086 0.035 0.001 0.025 0.204 0.017 0.019 0.236 0.252 0.173 0.368 0.031 0.039 TYP. MAX. 0.094 0.043 0.009 0.035 0.212 0.023 0.023 0.244 0.260 0.181 0.397 inch
0068772-B
12/14
L4941
Tape & Reel DPAK-PPAK MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.80 10.40 2.55 3.9 7.9 6.90 10.50 2.65 4.0 8.0 12.8 20.2 60 14.4 7.00 10.60 2.75 4.1 8.1 0.268 0.409 0.100 0.153 0.311 0.272 0.413 0.104 0.157 0.315 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.2.76 0.417 0.105 0.161 0.319 0.512 MIN. TYP. MAX. 7.086 0.519 inch
13/14
L4941
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of L4941B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X