Part Number Hot Search : 
ON1934 FSS230R3 2SB885 SK3002 CA3228 ACT510X 2N3728 IL7101N
Product Description
Full Text Search
 

To Download KBL406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Bridge Rectifiers
COMCHIP
www.comchiptech.com
KBL400 Thru KBL410
Reverse Voltage: 50 - 1000 Volts Forward Current: 4.0 Amp
Features
- Diffused Junction
A
KBL
KBL Dim Min Max 18.50 19.50 A 13.70 14.70 B 15.20 16.30 C 6.00 6.50 D 4.60 5.60 E 2.10 G 19.00 H 1.20 1.30 J All Dimensions in mm
- Low Forward Voltage Drop - High Reliability - High Current Capability - High Surge Current Capability - Ideal for Printed Circuit Boards
B
C
+~~ ~
H
Mechanical Data
- Case: Molded Plastic - Terminals: Plated Leads Solderable per MIL STD-202, Method 208 - Weight: 5.6 grams (approx.) - Mounting Position: Any
D
J E
G
Maximum Ratings and Electrical Characterics Rating at 25C unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. CHARACTERISTICS Peak Repetitive Reverse Voltage Working Peak Rever se Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note1) @ T A = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @I F = 2.0A Peak Reverse Current @T C = 25C At Rated DC Blocking Voltage @T C = 100C I2t Rating for Fusing (t < 8.3ms) (Note1) Typical Thermal Resistance (Note2) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t R JC Tj, TSTG 35 70 140 280 4 150 1.1 10 1.0 166 19 -65 to +125 420 560 700 V A A V uA mA A2s K/W C 50 100 200 400 600 800 1000 V KBL 400 KBL 401 KBL 402 KBL 404 KBL 406 KBL 408 KBL 410 UNIT
Note: 1. Non-repetitive for t > 1ms and < 8.3ms. 2. Thermal resistance junction to am bient mounted on PC board with 13.0 x 13.0 x 0.03mm thick land areas.
MDS0312010A
Page 1
Silicon Bridge Rectifiers
Rating and Characteristic Curves (KBL400 thru 410)
COMCHIP
www.comchiptech.com
FIG.1- MAXIMUM NON-REPETITIVE PEAK Fwd SURGE CURRENT
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
IFSM, Peak Forward Surge Current ( A )
5
AVERAGE FORWARD CURRENT. (A)
250
8.3ms Single half sine-wave JEDEC method
4
200
3
2
150
1
100
0
0
50
o
100
150
50
AMBIENT TEMPERATURE. ( C)
0 1.0 10 100
Number of Cycles at 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10.0
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
1.0
TJ=100 0C
1.0
0.1
0.1
Tj=25 C PULSE WIDTH-300 S 2% DUTY CYCLE 0.01 .4 .6 .8 1.0 1.2 1.4 1.6
0
TJ=25 0C
INSTANTANEOUS FORWARD VOLTAGE. (V)
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
MDS0312010A
Page 2


▲Up To Search▲   

 
Price & Availability of KBL406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X