Part Number Hot Search : 
MMBT4 M3E64ZQX SK156 1SS244 RUST2008 PG3202 K1560G3 128J3
Product Description
Full Text Search
 

To Download IP78M15ADP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
IP78M15ADP IP78M15DPA
3 TERMINAL LOW CURRENT 15 VOLT POSITIVE VOLTAGE REGULATOR
FEATURES
* 0.01%/V LINE REGULATION * 0.3%/A LOAD REGULATION
PostScript Picture C:\APPROVED\PACKAGES\PLASTIC\D PACK.EPS
* THERMAL OVERLOAD PROTECTION * SHORT CIRCUIT PROTECTION * SAFE OPERATING AREA PROTECTION * 1% OUTPUT VOLTAGE TOLERANCE
D-PACK -- TO251 plastic package
Pin 1 - VIN Pin 2 - GND Pin 3 - VOUT
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VI PD Tj Tstg TL Semelab plc. DC Input Voltage Power Dissipation Operating Junction Temperature Range Maximum Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10 sec)
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
35V Internally limited 0C to 125C 125C -65C to +150C 300C
Prelim. 9/94
LAB
ELECTRICAL CHARACTERISTICS (Tj = 25C unless stated)
Parameter Test Conditions IO = 100mA VIN = 23V IO = 5mA to 350mA VIN = 18 to 30V Tj = 0 to 125C PD PMAX IO = 200mA VIN = 17.5 to 30V IO = 200mA VIN = 20 to 30V Tj = 0 to 125C IO = 500mA VIN = 20 to 26V IO = 5mA to 500mA VIN = 23V Tj = 0 to 125C IO = 350mA VIN = 23V Tj = 0 to 125C IO = 5 to 500mA VIN = 23V Tj = 0 to 125C IO = 200mA VIN = 20 to 30V Tj = 0 to 125C IP78M15ADP Min. Typ. Max. 14.85 15 15.15 14.55 4 4 4 12 4 0.1 0.2 90 57 57 70 70 2 300 1.0 1.5 2.5 600 1.4 6.0 Min. 14.4 VO Output Voltage* 15.45 14.25 22 22 22 75 6 0.5 0.8 600 54
SEME
IP78M15ADP IP78M15DPA
IP78M15DP Unit Typ. Max. 15 15.15 15.75 60 30 150 150 4 6 0.5 mA 0.8 90 600 mV mA mV V
DVO Line Regulation* DVO Load Regulation*
Id Quiescent Current*
DIQ
Quiescent Current Change*
VN
Output Noise Voltage f = 10Hz to 100kHz VIN = 18.5 to 28.5V f = 120Hz IO = 300mA VIN = 18.5 to 28.5V f = 120Hz IO = 100mA Tj = 0 to 125C IO = 350mA Dropout Voltage* Short Circuit Current* VIN = 35V Peak Output Current* VIN = 23V Average Temperature Coefficient of Output IO = 5mA Voltage*
mV
DVIN Ripple Rejection DVO
dB 54 2.5 600 1.6 V mA A mV / C
ISC IPK
0.7
0.7
300 1.0 1.5
* Pulse Test:
tp 10ms , d 5%.
All characteristics are measured with a capacitor across the input of 0.22mF and a capacitor across the output of 0.1mF. Output Voltage changes due to changes in internal temperature must be taken into account separately.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 9/94


▲Up To Search▲   

 
Price & Availability of IP78M15ADP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X