Part Number Hot Search : 
G941T25B Y100N10E 167BZX LTC4223 DB929B MC34261D 2S110 BC847
Product Description
Full Text Search
 

To Download IHB100S4803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Product: www.cdpowerelectronics.com
IHB100S
100 Watt Single Output Half Brick DC/DC Converter
33 - 75V Input Range 1500VDC Isolation Between Input and Output High Efficiency: 86% Typical Operation to 100C Baseplate Temperature 50S Transient Recovery, 0-90% Load Step Primary & Secondary Remote On/Off External Synchronization IHB100S Series Are Approved to UL/CUL 1950, EN 60950
The IHB100S series standard half brick modules are designed for today's demanding industrial applications. Available in two wide range inputs, these isolated converters offer many features in the standard models. With a complement of safety agency approvals and low noise operations, the converters respond extremely fast to change in load conditions. Inherent in the design are very well-controlled output voltage and no need for minimum loading.
PRODUCT SELECTION CHART
MODEL IHB100S4803 IHB100S4805 INPUT VOLTAGE (VDC) 48 (33-75) 48 (33-75) RATED VOUT (VDC) 3.3 5.1 RATED MAXIMUM IOUT (A) 30 20
ABSOLUTE MAX. RATINGS
Output Short-Circuit Duration Baseplate Temperature Continuous +100C
EFFICIENCY vs TEMPERATURE
TCASE = +40C, nominal input voltage, nominal load, recommended external components applied, unless otherwise specified.*
Lead Temperature (soldering, 10 seconds max) +300C Storage Temperature Input to Output Isolation +125C 1500 VDC
Change in Efficiency (%)
Case Temperature (C)
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40C nominal input voltage unless otherwise specified.
PARAMETER
Voltage Range Reflected Ripple Current Input Ripple Rejection Maximum Input Current No Load Power Dissipation Inrush Charge Quiescent Operating Current Primary On/Off Disabled Secondary On/Off Disabled
CONDITIONS
Peak - Peak DC to 1KHz Output Power = 100W VIN = 30V POUT = 0, VIN, MinMIN
33 50
TYP
48 60
MAX
75 370
UNITS
VDC mA dB A W mC mA mA
INPUT
5 6 0.247 7.5 15 10 20
PARAMETER
ISOLATION Input to Output Input to Baseplate Resistance, Input - Output Capacitance, Input - Output Leakage Current GENERAL Set Point Accuracy Turn-on Time Remote On/Off Control Inputs Primary Sink Current-Logic Low Vlow Vhigh Secondary Sink Current-Logic Low Vlow Vhigh External Synchronization Input Frequency Pulse Width Source Impedence Input High Voltage Input Low Voltage Input Impedance Switching Frequency Weight TEMPERATURE Operation/Specification Storage Shutdown Thermal Inpedance
CONDITIONS
Peak Test
MIN
1500 1500 10
TYP
MAX
UNITS
VDC VDC M pF A, rms
VISO = 240VAC, 60Hz VIN = Nominal, IO=INOM Within 1% of Nominal VOUT Open Collector/Drain VIN = VMAX
2000 180 1 5
3.5
% mSec
GENERAL
7 0.8 Open Collector 100 0.4 Open Collector 440 150 4 0 470 470 480 520 320 47 5 1 490 3 (85) +100 +125 +115 8.2
mA V
Open Collector/Drain A V
KHz nSec V V KHz oz (g) C C C C/W
Case Temperature -40 -55 +100 Case to Ambient
* See Application Notes available on the web at www.cdpowerelectronics.com
Corporate: www.cdtechno.com
IHB100S
REV A
10/01
2
PARAMETER
CONDITIONS
100 Watts Max IO Nom
VOUT
Min Nom 50 3.3 15 100 .02 Max 100 30.0 200 3.80 .05 0.10 1.00 38 250 50 5.0 UNITS W V A mV V %/C % % A A mV Sec V %
IHB100S4803 OUTPUT
Output Power Set Point Voltage Output Current, IOUT Output Ripple, p-p Output Adjust Range Output Temperature Drift Line Regulation Load Regulation Current Limit Inception Short-Circuit Current Transient Response Peak Deviation Settling Time Overvoltage Limit Efficiency
0 DC to 20MHz*
*
VIN, MinVINVIN, Max IO = IO, Nom Min Load to Rated Load
3.15
0.05 0.50 38 30 150 35 4.2 83 84
50 to 100% Load Step VOUT, 1% of VOUT, Nom VIN=NOM, IO=30A
PARAMETER
CONDITIONS
100 Watts Maximum IO Nom
VOUT
Min Nom 50 5.1 10 100 .02 Max 100 20 150 5.50 .05 0.10 1.0 26.0 300 50 7.0 UNITS W V A mV V %/C % % A A mV Sec V %
IHB100S4805 OUTPUT
Output Power Set Point Voltage Output Current, IOUT Output Ripple, p-p Output Adjust Range Output Temperature Drift Line Regulation Load Regulation Current Limit Inception Short-Circuit Current Transient Response Peak Deviation Settling Time Overvoltage Limit Efficiency
0 DC to 20MHz*
*
VIN, MinVINVIN, Max IO = IO, Nom Min Load to Rated Load
4.60
0.05 0.5 26.0 20.0 200 35 6.0 86 87
50 to 100% Load Step VOUT, 1% of VOUT, Nom VIN=NOM, IO=20A
*
See Application Notes available on the web at www.cdpowerelectronics.com
Product: www.cdpowerelectronics.com
IHB100S
REV A
10/01
3
MECHANICAL
SIDE VIEW PIN SIDE DOWN
PIN CONNECTIONS
1 2 3 4 5 6 7 8 PRIMARY ON/OFF -VIN +VIN SYNC IN TRIM +VOUT -VOUT SECONDARY ON/OFF
PIN SIDE UP
NOTES: All dimensions are in inches (millimeters). PIN PLACEMENT TOLERANCE: 0.005" MECHANICAL TOLERANCE: 0.015" Marked with: specific model ordered, date code, job code. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical properties in high humidity environments and over a wide operating temperature range. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is solder plated to allow ease of solderability.
C&D Technologies (Power Electronics) Ltd. Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141
Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.770.9369
C&D Technologies, (NCL) Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Corporate: www.cdtechno.com
IHB100S
REV A
10/01
4


▲Up To Search▲   

 
Price & Availability of IHB100S4803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X