Part Number Hot Search : 
STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42 MAX1418
Product Description
Full Text Search
 

To Download HMC232G8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.0803
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Features
Isolation: 48 dB @ 2.0 GHz 34 dB @ 6.0 GHz Insertion Loss: 1.5 dB Typical @ 4.0 GHz Non-Reflective Design Hermetic Surface Mount Package
Typical Applications
The HMC232G8 is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military Radios, Radar & ECM * Space Systems * Test Instrumentation
Functional Diagram
General Description
The HMC232G8 is a broadband high isolation non-reflective GaAs MESFET SPDT switch in a hermetic surface mount package. Covering DC to 6.0 GHz, the switch features >48 dB isolation up to 2 GHz and >34 dB isolation up to 6.0 GHz. The switch operates using complementary negative control voltage logic lines of -5/0V and requires no bias supply.
14
SWITCHES - SMT
Electrical Specifications, TA = +25 C, With 0/-5V Control, 50 Ohm System
Parameter Frequency DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz "On State" DC - 6.0 GHz DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz 0.5 - 6.0 GHz 0.5 - 6.0 GHz 22 43 33 29 Min. Typ. 1.4 1.5 1.8 48 38 34 16 11 9 8 27 46 Max. 1.7 1.8 2.2 Units dB dB dB dB dB dB dB dB dB dB dBm dBm
Insertion Loss
Isolation
Return Loss
Return Loss RF1, RF2
"Off State"
Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation) Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
DC - 6.0 GHz
3 6
ns ns
14 - 100
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
GaAs MMIC Insertion Loss
0 INSERTION LOSS (dB) -1
SUB-HARMONICALLY Isolation MIXER 17 - 25 GHz PUMPED
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60
RF1 RF2
-2
-3
+ 25C + 85C - 40C
-4
-5 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
-70 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
Return Loss
0
RFC RF1, RF2 ON RF1, RF2 OFF
0.1 and 1 dB Input Compression Point
35
-5 RETURN LOSS (dB)
-10
INPUIT P1dB (dBm)
30
1 dB Compression Point 0.1 dB Compression Point
14
SWITCHES - SMT
14 - 101
25
-15
20
-20
-25 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
15 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
Input Third Order Intercept Point
60 55 INPUIT IP3 (dBm) 50 45 40 35 30 0 1 2 3 4 5 FREQUENCY (GHz) 6 7
+ 25C + 85C - 40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Control Voltages
State Low High Bias Condition 0 to -0.2V @ 10 uA Max. -5V @ 10 uA Typ. to -7V @ 45 uA Typ.
Truth Table
Control Input A High Low B Low High Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
Absolute Maximum Ratings
RF Input Power (Vctl= -5V) (0.5 - 6 GHz) Control Voltage Range (A & B) Channel Temperature Thermal Resistance (RTH) (junction to lead) Storage Temperature +30 dBm (@ +50 C) +1.0V to -7.5 Vdc 150 C 94 C/W -65 to +150 C -40 to +85 C
Caution: Do not "Hot Switch" power levels greater than +27 dBm (Vctl = 0/-5 Vdc).
14
SWITCHES - SMT
Operating Temperature
Outline Drawing
NOTES: 1. PACKAGE MATERIAL: ALUMINA LOADED BOROSILICATE GLASS. 2. LEADS, BASE, COVER MATERIAL: KOVARTM (#7052 CORNING). 3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 50 MICROINCHES MIN. 4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES: .005 [0.13] UNLESS OTHERWISE SPECIFIED. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
14 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Suggested Driver Circuit
Pin Descriptions
Pin Number Function Description This pin is DC coupled and matched to 50 Ohm. Blocking capacitors are required if RF line potential is not equal to 0V. Interface Schematic
14
SWITCHES - SMT
14 - 103
1, 4, 7
RF1, RF2, RFC
2, 3, 8
GND
Package bottom must also be connected to PCB RF ground.
5
A
See truth table and control voltage table.
6
B
See truth table and control voltage table.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Evaluation PCB
14
SWITCHES - SMT
List of Material
Item J1 - J3 J4 - J6 R1, R2 U1 PCB* Description PC Mount SMA RF Connector DC Pin 100 Ohm Resistor, 0603 Pkg. HMC232G8 SPDT Switch 107112 Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
* Circuit Board Material: Rogers 4350
14 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G8
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
Notes:
14
SWITCHES - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
14 - 105


▲Up To Search▲   

 
Price & Availability of HMC232G8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X