Part Number Hot Search : 
05410 ES6U1 ZFAMG10A BSX59 SM6T150A A7800 E15CA PQ100
Product Description
Full Text Search
 

To Download HMC232G7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
Features
Isolation: 55 dB @ 2.0 GHz 42 dB @ 6.0 GHz Insertion Loss: 1.9 dB Typical @ 6.0 GHz Non-Reflective Design Hermetic Surface Mount Package Direct Replacement for HMC132G7
Typical Applications
The HMC232G7 is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military Radios, Radar & ECM * Space Systems * Test Instrumentation
Functional Diagram
General Description
The HMC232G7 is a broadband high isolation non-reflective GaAs MESFET SPDT switch in a hermetic surface mount package. Covering DC to 6.0 GHz, the switch features >55 dB isolation up to 2 GHz and >42 dB isolation up to 6.0 GHz. The switch operates using complementary negative control voltage logic lines of -5/0V and requires no bias supply. This product is a form, fit & functional replacement for the HMC132G7.
14
SWITCHES - SMT
Electrical Specifications, TA = +25 C, With 0/-5V Control, 50 Ohm System
Parameter Frequency DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz DC - 2.0 GHz DC - 4.0 GHz DC - 6.0 GHz 0.5 - 6.0 GHz 0.5 - 6.0 GHz 23 50 41 37 Min. Typ. 1.3 1.4 1.9 55 46 42 18 17 12 14 13 11 27 49 Max. 1.6 1.7 2.3 Units dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm
Insertion Loss
Isolation
Return Loss
"On State"
Return Loss RF1, RF2
"Off State"
Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation) Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
DC - 6.0 GHz
3 6
ns ns
14 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
GaAs MMIC Insertion Loss
0 -1 INSERTION LOSS (dB)
SUB-HARMONICALLY Isolation MIXER 17 - 25 GHz PUMPED
0 -10 -20 ISOLATION (dB)
RF1 RF2
-2
-30 -40 -50 -60 -70
-3
+ 25C + 85C - 40C
-4
-5 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
-80 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
0.1 and 1 dB Input Compression Point
35
1 dB Compression Point 0.1 dB Compression Point
INPUIT P1dB (dBm)
RFC RF1, RF2 ON RF1, RF2 OFF
14
SWITCHES - SMT
14 - 95
30
25
20
15 0 1 2 3 4 5 6 7 FREQUENCY (GHz)
Input Third Order Intercept Point
60 55 INPUIT IP3 (dBm) 50 45 40 35 30 0 1 2 3 4 5 FREQUENCY (GHz) 6 7
+ 25C + 85C - 40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
Control Voltages
State Low High Bias Condition 0 to -0.2V @ 10 uA Max. -5V @ 10 uA Typ. to -7V @ 45 uA Typ.
Truth Table
Control Input A High Low B Low High Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
Absolute Maximum Ratings
RF Input Power (Vctl= -5V) (0.5 - 6 GHz) Control Voltage Range (A & B) Channel Temperature Thermal Resistance (RTH) (junction to lead) Storage Temperature +30 dBm (@ +50 C) +1.0V to -7.5 Vdc 150 C 94 C/W -65 to +150 C -40 to +85 C
Caution: Do not "Hot Switch" power levels greater than +27 dBm (Vctl = 0/-5 Vdc).
14
SWITCHES - SMT
Operating Temperature
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: WHITE ALUMINA 92% 2. CONDUCTOR TRACES MATERIAL: THICK FILM TUNGSTEN. 3. LEAD, BASE, COVER MATERIAL: KOVARTM. 4. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN, OVER ELECTROLYTIC NICKEL 50 MICROINCHES MIN. 5. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 6. TOLERANCES: .005 [0.13] UNLESS OTHERWISE SPECIFIED. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
14 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
Suggested Driver Circuit
Pin Descriptions
Pin Number Function Description This pin is DC coupled and matched to 50 Ohm. Blocking capacitors are required if RF line potential is not equal to 0V. Interface Schematic
14
SWITCHES - SMT
14 - 97
1, 2, 3
RF2, RFC, RF1
4, 7
GND
Package bottom must also be connected to PCB RF ground.
5
A
See truth table and control voltage table.
6
B
See truth table and control voltage table.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
Evaluation PCB
14
SWITCHES - SMT
List of Material
Item J1 - J3 J4 - J6 R1, R2 U1 PCB* Description PC Mount SMA RF Connector DC Pin 100 Ohm Resistor, 0603 Pkg. HMC232G7 SPDT Switch 107099 Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
* Circuit Board Material: Rogers 4350
14 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0703
MICROWAVE CORPORATION
HMC232G7
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
Notes:
14
SWITCHES - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
14 - 99


▲Up To Search▲   

 
Price & Availability of HMC232G7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X