Part Number Hot Search : 
74C48N BC856S STYNXXX 18P1100 YT5166 DR77097 5C100 34262P
Product Description
Full Text Search
 

To Download HFA30TA60CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20374 01/01
HFA30TA60CS
HEXFRED
Features
* * * * * Ultrafast Recovery Ultrasoft Recovery Very Low IRRM Very Low Qrr Specified at Operating Conditions
TM
Ultrafast, Soft Recovery Diode
2 VR = 600V VF(typ.)* = 1.2V IF(AV) = 15A Qrr (typ.)= 80nC IRRM (typ.) = 4.0A 1 3 trr(typ.) = 19ns di(rec)M/dt (typ.)* = 160A/s
Benefits
* Reduced RFI and EMI * Reduced Power Loss in Diode and Switching Transistor * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
Description
International Rectifier's HFA30TA60CS is a state of the art center tap ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 volts and 15 amps per Leg continuous current, the HFA30TA60CS is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA30TA60CS is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
D2Pak
Absolute Maximum Ratings (per Leg)
Parameter
VR IF @ TC = 100C IFSM IFRM PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Single Pulse Forward Current Maximum Repetitive Forward Current Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max
600 15 150 60 74 29 -55 to +150
Units
V A C W
* 125C
1
HFA30TA60CS
Bulletin PD-20374 01/01
Electrical Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
V BR VFM IRM CT LS Cathode Anode Breakdown Voltage Max Forward Voltage Max Reverse Leakage Current Junction Capacitance Series Inductance
Min Typ Max Units
600 1.3 1.7 1.5 2.0 1.2 1.6 1.0 10 400 1000 25 50 8.0 V V A pF nH
Test Conditions
IR = 100A IF = 15A See Fig. 1 IF = 30A IF = 15A, TJ = 125C VR = VR Rated See Fig. 2 TJ = 125C, VR = 0.8 x VR RatedD Rated See Fig. 3 VR = 200V Measured lead to lead 5mm from package body
Dynamic Recovery Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Reverse Recovery Time See Fig. 5, 10 Peak Recovery Current See Fig. 6 Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current During tb See Fig. 8
Min Typ Max Units
19 42 70 4.0 6.5 80 220 188 160 60 90 6.0 10 180 450 ns A nC A/s
Test Conditions
IF = 1.0A, dif/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C IF = 15A TJ = 25C TJ = 125C VR = 200V TJ = 25C TJ = 125C dif/dt = 200A/s TJ = 25C TJ = 125C
Thermal - Mechanical Characteristics (per Leg)
Parameter
Tlead! RthJC RthJA" Wt Lead Temperature Junction-to-Case, Single Leg Conducting Junction-to-Case, Both Legs Conducting Thermal Resistance, Junction to Ambient Weight Mounting Torque 6.0 5.0
Min
Typ
Max
300 1.7 0.85 80
Units
C K/W g (oz) Kg-cm lbf*in
2.0 0.07 12 10
! "
0.063 in. from Case (1.6mm) for 10 sec Typical Socket Mount
2
www.irf.com
HFA30TA60CS
Bulletin PD-20374 01/01
100 10000
Reverse Current - IR (A)
1000 100 10 1 0.1
T = 150C J
T = 125C J
Instantaneous Forward Current - IF (A)
TJ = 150C
10
TJ = 25C
0.01 0 100 200 300 400 500
A 600
TJ = 125C TJ = 25C
Reverse Voltage - V R (V)
Fig. 2 - Typical Reverse Current vs. Reverse Voltage, (per Leg)
100
A
Junction Capacitance -CT (pF)
T = 25C J
1 1.0
A 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Forward Voltage Drop V FM( V Forward Voltage Drop - -V FM (V) )
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current, (per Leg)
10 0 100 200 300 400 500
A 600
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage, (per Leg)
Reverse Voltage - V R (V)
10
Thermal Response (Z thJC )
1
D = 0.50 0.20 0.10 PDM t1 0.02 0.01 t2 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.01 0.1 1 10
0.1
0.05
0.01 0.00001
0.0001
0.001
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics, (per Leg)
www.irf.com
3
HFA30TA60CS
Bulletin PD-20374 01/01
100 25
I F = 30A I F = 15A
80
VR = 200V TJ = 125C TJ = 25C 20
I F = 5.0A
I F = 30A I F = 15A I F = 5.0A
trr- (ns)
40
Irr- ( A)
VR = 200V TJ = 125C TJ = 25C A
60
15
10
20
5
0 100
di f /dt - (A/s)
1000
0 100
A
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery Time vs. dif/dt, (per Leg)
800 VR = 200V TJ = 125C TJ = 25C
Fig. 6 - Typical Recovery Current vs. dif/dt, (per Leg)
10000 VR = 200V TJ = 125C TJ = 25C
600
I F = 30A
di (rec) M/dt- (A /s)
I F = 15A
Qrr- (nC)
IF = 5.0A
400
I F = 30A I F = 15A
1000
I F = 5.0A
200
0 100
A
di f /dt - (A/s)
1000
100 100
A
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif/dt, (per Leg)
Fig. 8 - Typical di(rec)M/dt vs. dif/dt, (per Leg)
4
www.irf.com
HFA30TA60CS
Bulletin PD-20374 01/01
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. dif/dt ADJUST D G IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
HFA30TA60CS
Bulletin PD-20374 01/01
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
15.49 (0.61)
93
6.47 (0.25)
6.18 (0.24)
1.22 (0.05)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
3
4.57 (0.18) 2
4.32 (0.17)
0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and inches
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of HFA30TA60CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X