Part Number Hot Search : 
ECG2340 LM555 BUV28 JANSR2 70N6T SA9V0A SP1820 EML12
Product Description
Full Text Search
 

To Download HER104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101 THRU HER108
HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
Features
Low power loss, high efficiency Low leakage Low forward voltage High current capability High speed switching High surge capability High reliability
Mechanical Data
Case: Molded plastic Epoxy: UL94V-0 rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting Position: Any Weight: 0.012 ounce, 0.33 gram
DIM ENSIONS DIM A B C D inches Min. 0.165 0.079 0.028 1.000 Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 mm Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
HER 101
HER 102
HER 103
HER 104
HER 105
HER 106
HER 107
HER 108
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=50 Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.0A DC Maximum full load reverse current average, full cycle 0.375" (9.5mm) lead length at TL=55 Maximum DC reverse current at rated DC blocking voltage TA=25
VRRM V RMS V DC I(AV) IFSM VF IR(AV) IR T rr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
300 210 300 1.0 30.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps
1.0
1.3 100.0 5.0 50 15 -65 to +150
1.5
1.7
Volts A A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
Notes: (1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
75 12
nS F
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of HER104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X