Part Number Hot Search : 
87832 SK100 ULN3841A 100CS MURS340S 2SA10 74AUP2G B25S256
Product Description
Full Text Search
 

To Download HDC136B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin HDC135 September 1996
High Speed Optocouplers
Types HDC135, HDC136, HDC135B, HDC136B
Features *High speed *TTL compatible *High common mode transient
immunity
Absolute Maximum Ratings (No derating required up to 70o C)
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55o C to +150o C Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55o C to +125o C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 10 seconds) . 260o C Average Input Current - IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA(1) Peak Output Current - IF (50% duty cycle, 1 ms pulse width) . . . . . . . . . . . . 50 mA(2) Peak Transient Input Current - IF ( 1 s pulse width, 300 pps) . . . . . . . . . . . . . 1.0 A Reverse Input Voltage - VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V Input Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 mW(3) Average Output Current - IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0 mA Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.0 mA Emitter-Base Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V Supply and Output Voltage - VCC, VO . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to 15 V Base Current - IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 mA Output Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(4)
Caution: This component is susceptible to damage from electrostatic discharge. Normal static prevention procedures should be used in handling. Notes: (1) Derate linearly above 70o C free-air temperature at a rate of 0.45 mA/o C. (2) Derate linearly above 70o C free-air temperature at a rate of 0.9 mA/o C. (3) Derate linearly above 70o C free-air temperature at a rate of 0.8 mW/o C. (4) Derate linearly above 70o C free-air temperature at a rate of 1.8 mW/o C. (5) CMH is the maximum allowable dV/dt on the leading edge of a common mode pulse to assure that the output will not switch from high to low. (6) CML is the maximum negative dV/dt allowable on the trailing edge of a common mode pulse to assure that the output will not switch from low to high. (7) Test conditions represents 1 TTL unit load with 5.6 k pull-up resistor. (8) Test conditions represents 1 LSTTL unit load with a 6.1 k pull-up resistor. (9) Device considered a two-terminal device: pins 2 and 3 shorted together and pins 5, 6, 7 and 8 shorted together.
*Wide bandwidth *Open collector output Description
Optek' HDC135 and HDC136 are high s speed optocouplers, consisting of IR emitters and integrated photodetectors in hermetic side brazed dual-in-line 8 pin packages. Electrical characteristics are similar to the 6N135 and 6N136 optocouplers but with full military temperature range operation. The HDC135B and HDC136B are high reliability optocouplers with 100% processing and Group Testing patterned after MIL-STD-883 Method 5004 and 5005 for class B. Typical screening and lot acceptance tests are provided on page 13-4. Minimum orders will apply to processed devices.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 13-22
(214) 323-2200
Fax (214) 323-2396
Types HDC135, HDC136, HDC135B, HDC136B
Electrical Characteristics (Over recommended temperature TA = -55o C to +125o C, unless otherwise noted) SYMBOL
CTR
PARAMETER
Current Transfer Ratio
MIN TYP* MAX UNITS
HDC135 7.0 HDC136 19.0 HDC135 5.0 HDC136 15.0 19.0 25.0 15.0 23.0 0.100 0.40 0.100 0.40 3.0 500 % % % % V V nA A A A A A V mV/o C V 42 1.00 pF A pF -- 1.50 1.00 1.50 1.00 s s s s V/s V/s V/s V/s
TEST CONDITIONS
IF = 16 mA, VO = 0.40 V, VCC = 4.5 V, TA = 25o C IF = 16 mA, VO = 0.50 V, VCC = 4.5 V IF = 16 mA, IO = 1.10 mA, VCC = 4.5 V IF = 16 mA, IO = 2.4 mA, VCC = 4.5 V IF = 0 mA, VO = VCC = 5.5 V, TA = 25o C IF = 0 mA, VO = VCC = 15 V, TA = 25o C IF = 0 mA, VO = VCC = 15 V IF = 16 mA, VO = open, VCC = 15 V IF = 0 mA, VO = open, VCC = 15 V, TA = 25o C IF = 0 mA, VO = open, VCC = 15 V IF = 16 mA, TA = 25o C IF = 16 mA IR = 10 A, TA = 25o C f = 1 MHz, VF = 0 45% Relative Humidity, t = 5 sec, VIO = 1000 Vdc, TA = 25o C (Note 9) VIO = 500 Vdc (Note 9) f = 1 MHz (Note 9) VO = 5 V, IO = 3 mA RL = 4.1 k (Note 8) RL = 1.90 k (Note 7) RL = 4.1 k (Note 8) RL = 1.90 k (Note 7) IF = 0 mA, VCM = 10 Vp-p, RL = 4.1 k (Notes 6,8) IF = 0 mA, VCM = 10 Vp-p, RL = 1.90 k (Notes 6,7) VCM = 10 Vp-p, RL = 4.1 k, (Notes 5,8) VCM = 10 Vp-p, RL = 1.90 k (Notes 5,7)
Logic Low Output Voltage VOL
HDC135 HDC136
Logic High Output Current IOH
0.010 1.00 50
ICCL
Logic Low Supply Current Logic High Supply Current
40 0.020 1.00 2.0
ICCH
VF VF TA BVR CIN IIO RIO CIO hFE
Input Forward Voltage Temperature Coefficient of Forward Voltage Input Reverse Breakdown Voltage Input Capacitance Input-Output Insulation Leakage Current 5.0
1.50 -1.80
1.70
Input-Output Resistance Input-Output Capacitance Transistor DC Current Gain
o
1012 0.50 150 HDC135 HDC136 HDC135 HDC136 HDC135 HDC136 HDC135 HDC136 0.50 0.60 0.40 0.80 1000 1000 -1000 -1000
Switching Specification (TA = 25 C) VCC = 5.0 V, IF = 16.0 mA unless otherwise noted
tPHL tPLH Propagation Delay Time to Logic Low at Output Propagation Delay Time to Logic High at Output Common Mode Transient Immunity at Logic High Level Output Common Mode Transient Immunity at Logic Low Level Output
CMH
CML
* All typicals at TA = 25o C and VCC = 5 V, unless otherwise noted
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (214)323-2200 Fax (214)323-2396 13-23


▲Up To Search▲   

 
Price & Availability of HDC136B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X