Part Number Hot Search : 
LT44301 MBT3904 000001 000001 12N10 LT44301 D1FJ10 2N4245
Product Description
Full Text Search
 

To Download GL34M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINI-MELF glass passivated junction Diodes
GL34A THRU GL34M
Silicon passivated type
Formosa MS
DO-213AA (GL34)
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications.
.140(3.6) .130(3.3)
.015(.40) .012(.30)
SOLDERABLE ENDS
Exceeds environmental standards of MIL-S-19500 / 228
.063(1.6) .055(1.4)
Low leakage current.
Mechanical data
Dimensions in inches and (millimeters)
Case : Molded plastic, JEDEC DO-213AA Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.036 gram
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.1 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C IR Rq JA CJ TSTG -55 125 4.0 +125 CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 0.5 10 5.0 250
o
UNIT A A uA uA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 125o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
C
SYMBOLS
MARKING CODE -
V RRM
*1
V RMS
*2
VR
*3
VF
*4
Operating temperature (o C)
(V) GL34A GL34B GL34D GL34G GL34J GL34K GL34M 50 100 200 400 600 800 1000
(V) 35 70 140 280 420 560 700
(V) 50 100 200 400 600 800 1000
(V)
1.1
-55 to +125
*1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (GL34A THRU GL34M)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS 10 3.0
INSTANTANEOUS FORWARD CURRENT,(A)
0.6 0.5 0.4 0.3 0.2 0.1
1.0
0.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
0
20
40
60
80
100
120
140
160
180
200
TERMINAL TEMPERATURE ( C) FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
10
0.01
8
0.001 .1
.3
.5
.7
.9
1.1
1.3
1.5
6
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
4
2
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 1000
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
14 12 10 8 6 4 2 0
100
REVERSE LEAKAGE CURRENT, (uA)
JUNCTION CAPACITANCE,(pF)
10
Tj=100 C
1.0
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.1 0 20 40 60 80 100 120 140
PERCENTAGE RATED PEAK REVERSE VOL TAGE
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of GL34M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X