Part Number Hot Search : 
KSR231 MP1518DJ 256SA IL2533N 80C166 AB308 EUP2573 KF200
Product Description
Full Text Search
 

To Download GBL06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL005 THRU GBL10
Glass Passivated Single-Phase Bridge Rectifier
Case Type GBL
0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7)
Features
0.421 (10.7) 0.411 (10.4)
Reverse Voltage 50 and 1000 V Forward Current 4.0 A
0.080 (2.03) 0.060 (1.50)
0.095 (2.41) 0.080 (2.03) 0.098 (2.5) 0.075 (1.9) 0.050 (1.27) 0.040 (1.02) 0.210 (5.3) 0.190 (4.8) 0.040 (1.02) 0.030 (0.76) 0.022 (0.56) 0.018 (0.46)
0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3) Lead Depth 0.022 (0.56) 0.018 (0.46)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * This series is UL listed under the Recognized Component Index, file number E54214 * Glass passivated chip junction * High case dielectric strength * Typical IR less than 0.1A * High surge current capability * Ideal for printed circuit boards * High temperature soldering guaranteed: 260C/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Data
0.140 (3.56) 0.128 (3.25)
Polarity shown on front side of case, positive lead beveled corner. If preferred, marking may be on reverse side of case. Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.071 ounce, 2.0 grams
Maximum Ratings & Thermal Characteristics Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS GBL 005 GBL 01 GBL 02 GBL 04 GBL 06 GBL 08 GBL 10 UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC=50C (NOTE 1) TA=40C (NOTE 2)
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 4.0 3.0 150 93 22 3.5 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) TJ=150C Rating for fusing (t<8.3ms) Typical thermal resistance per leg (NOTE 1)
(NOTE 2)
IFSM I2t RJA RJL
A A2sec C/W C
Operating junction storage and temperature range TJ, TSTG
Electrical Characteristics
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
GBL 005
GBL 01
GBL 02
GBL 04
GBL 06
GBL 08
GBL 10
UNITS
Maximum instantaneous forward drop per leg at 4.0 Amperes Maximum DC reverse current at rated TA= 25C DC blocking voltage per leg TA=125C Typical junction capacitance per leg at 4.0V, 1MHz
VF IR CJ 95
1.1 5.0 500 40
V A pF
Notes: (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. plate (2) Unit mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x12mm) copper pads
This Material Copyrighted By Its Respective Manufacturer
8/24/99
GBL005 THRU GBL10
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
AVERAGE FORWARD OUTPUT CURRENT, AMPERES FIG. 1 - DERATING CURVES OUTPUT RECTIFIED CURRENT
60 Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG PEAK FORWARD SURGE CURRENT, AMPERES
5.0 4.0 3.0 2.0
150
TJ = TJ max. SINGLE SINE-WAVE (JEDEC Method)
HEAT-SINK MOUNTING, 3.0 x 3.0 x 0.11" THK (7.5 x 7.5 x 0.3cm) AL. PLATE
100
50
1.0 0
P.C.B. MOUNTING 0.47 x 0.47" (12 x 12mm) COPPER PADS 0.375" (9.5mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD
1.0 CYCLE
0
0
50
100
150
1
10
NUMBER OF CYCLES AT 60 Hz
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL FORWARD VOLTAGE CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
500
50 - 400V 600 - 1000V
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
10
TA=125C
1
1
0.1
0.1
TA=25C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01 0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
1,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
10
100
1
50 - 400V 600 - 1000V
10 0.1
1
10
100
0.1 0.01
0.1
REVERSE VOLTAGE, VOLTS
This Material Copyrighted By Its Respective Manufacturer
10 1 t, HEATING TIME, sec.
100


▲Up To Search▲   

 
Price & Availability of GBL06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X