Part Number Hot Search : 
2SC3267 SR30150 TEA6320 6KE12 SPX1581U LM144 LM1100BG NPO1210
Product Description
Full Text Search
 

To Download DS9034PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS9034PC/PCI PowerCap
www.maxim-ic.com
FEATURES
Provides 10 years of battery backup power for Nonvolatile (NV) SRAMs in the PowerCap Module (PCM) package Snaps directly onto a surface-mounted PowerCap module base to form a complete NV SRAM module Attaches after module base has been surfacemounted to protect lithium battery from the high temperatures of reflow soldering Maintains mechanical and electrical connection with module base even during severe shock and vibration stresses Detachment feature allows easy removal using a regular screwdriver Periodic replacement allows NV SRAM module life to be extended indefinitely Optional industrial temperature range of -40C to +85C, designated PCI Compatible with these PowerCap module bases: DS1230YP/ABP/WP DS1245YP/ABP/WP DS1250YP/ABP/WP DS1330YP/ABP/WP DS1345YP/ABP/WP DS1350YP/ABP/WP
PACKAGE OUTLINE
GND
VBAT
TOP VIEW
SIDE VIEW
PIN DESCRIPTION
VBAT GND - +3V Battery Output - Ground
ABSOLUTE MAXIMUM RATINGS
Operating Temperature: 0C to +70C, -40C to +85C for PCI parts Storage Temperature: -40C to +70C, -40C to +85C for PCI parts
BATTERY CHARACTERISTICS
Nominal Voltage Nominal Capacity Chemistry Data Retention Life 3V 130mAh Li(CF)X 10 Years (25C)
DESCRIPTION
The DS9034PC PowerCap is a snap-on lithium power source for NV SRAMs in Dallas Semiconductor's directly surface-mountable PowerCap module base package. After a PowerCap module has been soldered in place and cleaned, the DS9034PC PowerCap is snapped onto the base to form a complete NV SRAM module. The PowerCap is keyed to prevent incorrect attachment and is designed to maintain mechanical and electrical contact with its host module base even during severe mechanical shock and vibration. The DS9034PC is easily removed by inserting a regular screwdriver into the detachment feature and prying gently outward and upward to release the PowerCap from the module base.
1 of 3
100102
DS9034PC/PCI
POWERCAP ATTACHMENT
POWERCAP REMOVAL
2 of 3
DS9034PC/PCI
DS9034PC PACKAGE DIMENSIONS
PKG DIM A B C D E MIN 0.845 0.955 0.210 0.065 0.065
INCHES NOM 0.850 0.960 0.215 0.070 0.070 MAX 0.855 0.965 0.220 0.075 0.075
ATTENTION: BATTERY COMPONENT
The DS9034PC contains a lithium battery. Do not short, ground or apply external voltages to the electrical portions of this device. Do not expose to temperatures over +85C. Do not subject this device to any type of cleaning process. Store only in non-conductive containers. Failure to observe these precautions may result in battery discharge or decreased battery life.
3 of 3


▲Up To Search▲   

 
Price & Availability of DS9034PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X