Part Number Hot Search : 
80LT176I TM128 SMP6LC65 UNH1115 4LS164 SD103 25A08 THAR0806
Product Description
Full Text Search
 

To Download DD60KB160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
DD60KB
UL;E76102 M Power Diode Module DD60KB Seriess are designed for various rectifier circuits. DD60KB has two diode chips connected in series and the mounting base is electrically isolated from elements for simple heatsink construction. Wide voltage rating up to, 1600V is available for various input voltages. Isolated mounting base Two elements in a package for simple (single and three phase) bridge connections Highly reliable glass passivated chips High surge current capability Applications Various rectifiers, Battery chargers, DC motor drives
Unit
Maximum Ratings
Symbol VRRM VRSM Symbol IF IF
AV RMS
Tj 25 Item Ratings DD60KB80 800 960 Conditions Single phase, half wave, 180 Single phase, half wave, 180
1
unless otherwise specified Unit V V Ratings 60 95 1100/1200 6000 40 to 40 to 150 125 V Nm fB g Unit A A A A2S
DD60KB160 1600 1700
Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Item Average Forward Current R.M.S. Forward Current Surge Forward Current It
2
conduction, Tc=110 conduction, Tc=110
IFSM It
2
2cycle, 50/60HZ, peak value, non-repetitive
Value for one cycle of surge current
Tj Tstg VISO
Operating Junction Temperature Storage Temperature Isolation Breakdown Voltage R.M.S. Mounting Torque Mass Mounting M6 Terminal M5 A.C. 1minute Recommended Value 2.5-3.9 25-40 Recommended Value 1.5-2.5 15-25 Typical Value
2500 4.7 48 2.7 28 170
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current, max. Forward Voltage Drop, max. Thermal Impedance, max. Conditions at VRRM Single phase, half wave, Tj 150 Forward current 180A, Inst measurement Junction to case Ratings 20 1.35 0.52 Unit mA V /W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD60KB
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of DD60KB160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X