Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download BUZ358 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 358
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 358
VDS
1000 V
ID
4.5 A
RDS(on)
2.6
Package TO-218 AA
Ordering Code C67078-S3111-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 4.5 Unit A
ID IDpuls
18
TC = 25 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
5.1 18 mJ
ID = 5.1 A, VDD = 50 V, RGS = 25 L = 62 mH, Tj = 25 C
Gate source voltage Power dissipation 850
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
1
01/97
BUZ 358
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
1000 3 10 10 2.3 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 1000 V, VGS = 0 V, Tj = 25 C VDS = 800 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 2.6
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 3.2 A
Semiconductor Group
2
01/97
BUZ 358
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
2.5 5.2 1700 170 80 -
S pF 2200 300 120 ns 30 45
VDS 2 * ID * RDS(on)max, ID = 3.2 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.5 A RGS = 50
Rise time
tr
100 160
VDD = 30 V, VGS = 10 V, ID = 2.5 A RGS = 50
Turn-off delay time
td(off)
400 520
VDD = 30 V, VGS = 10 V, ID = 2.5 A RGS = 50
Fall time
tf
130 170
VDD = 30 V, VGS = 10 V, ID = 2.5 A RGS = 50
Semiconductor Group
3
01/97
BUZ 358
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1 1.5 6.5 4.5 18 V 1.2 s C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 10 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
01/97
BUZ 358
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
5.0 A
130 W 110
Ptot
100 90 80 70 60 50 40 30 20
ID
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5
10 0 0 0.0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
10 1
t = 26.0s p
ZthJC
10 0
100 s
10 -1
/I
D = 0.50
1 ms
DS
D
DS (on )
10
0
=V
0.20 0.10
10 ms
10 -2
R
0.05 0.02 0.01 single pulse
10
-1
10
0
10
1
10
2
DC 3 V 10
10
-3
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
01/97
BUZ 358
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
l
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
8.0
a b
10 A
Ptot = 125W
ki j hg f
e
d
VGS [V]
RDS (on)
6.0
ID
8 7 6 5 4 3 2
a
a b
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0
c
c d e f g h
5.0
4.0
c d e f gh ij k
bi
j
3.0
k 10.0 l 20.0
2.0 1.0 VGS [V] =
a 4.5 4.0 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
1 0 0
h i j k 8.0 9.0 10.0 20.0
10
20
30
40
50
V
65
0.0 0.0
1.0
2.0
3.0
4.0
5.0
6.0
A
7.5
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
6.0 A 5.0
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
7.0 S 6.0
ID
4.5 4.0 3.5 3.0 2.5 2.0 1.5
gfs
5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5
1.0 0.5 0.0 0 1 2 3 4 5 6 7 8 V VGS 10
1.0 0.5 0.0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
A ID
4.0
Semiconductor Group
6
01/97
BUZ 358
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 3.2 A, VGS = 10 V
13
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
11
98%
RDS (on)
10 9 8 7 6 5 4 3 2 1 0 -60 -20 20 60 100 C 160
VGS(th)
3.6 3.2 2.8 2.4 2.0
typ
2%
98% typ
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C
A
Ciss
10 0
IF
10 1
Coss
10 -1 10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
01/97
BUZ 358
Avalanche energy EAS = (Tj ) parameter: ID = 5.1 A, VDD = 50 V RGS = 25 , L = 62 mH
900 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 8 A
16
V
EAS
700 600
VGS
12
10 500 8 400 6 300 200 100 0 20 4 0,2 VDS max 0,8 VDS max
2 0 40 60 80 100 120 C 160 0 20 40 60 80 100 120 140 160 nC 200
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
1200 V 1160
V(BR)DSS 1140
1120 1100 1080 1060 1040 1020 1000 980 960 940 920 900 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
01/97


▲Up To Search▲   

 
Price & Availability of BUZ358

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X