Part Number Hot Search : 
DTN12G PTM120 201139B NJW1190 COM200 00212 PJ5800CY TFS70
Product Description
Full Text Search
 

To Download BF999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon N Channel MOSFET Triode
q
BF 999
For high-frequency stages up to 300 MHz, preferably in FM applications
Type BF 999
Marking LB
Ordering Code (tape and reel) Q62702-F1132
Pin Configuration 1 2 3 G D S
Package1) SOT-23
Maximum Ratings Parameter Drain-source voltage Drain current Gate-source peak current Total power dissipation, TA 60 C Storage temperature range Channel temperature Thermal Resistance Junction - ambient 2) Rth JA
Symbol VDS ID
Values 20 30 10 200
Unit V mA
IGSM
Ptot Tstg Tch
mW
- 55 ... + 150 C 150
450
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on alumina 15 mm x 16.7 mm x 0.7 mm.
Semiconductor Group
1
07.94
BF 999
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Drain-source breakdown voltage ID = 10 A, - VGS = 4 V Gate-source breakdown voltage IGS = 10 mA, VDS = 0
Values typ. max.
Unit
V(BR) DS

20 6.5 - 5 -
- - - - -
- 12 50 18 2.5
V
V(BR) GSS IGSS
Gate-source leakage current VGS = 5 V, VDS = 0 Drain current VDS = 10 V, VGS = 0 Gate-source pinch-off voltage VDS = 10 V, ID = 20 A
nA mA V
IDSS - VGS (p)
AC Characteristics Forward transconductance VDS = 10 V, ID = 10 mA, f = 1 kHz Gate input capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Reverse transfer capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Output capacitance VDS = 10 V, ID = 10 mA, f = 1 MHz Power gain (test circuit) VDS = 10 V, ID = 10 mA, f = 200 MHz, GG = 2 mS, GL = 0.5 mS Noise figure (test circuit) VDS = 10 V, ID = 10 mA, f = 200 MHz, GG = 2 mS, GL = 0.5 mS gfs Cgss Cdg Cdss Gp 14 - - - - 16 2.5 25 1 25 - - - - - mS pF fF pF dB
F
-
1
-
Semiconductor Group
2
BF 999
Total power dissipation Ptot = f (TA)
Output characteristics ID = f (VDS)
Gate transconductance gfs = f (VGS) VDS = 10 V, IDSS = 10 mA, f = 1 kHz
Drain current ID = f (VGS) VDS = 10 V
Semiconductor Group
3
BF 999
Gate input capacitance Cgss = f (VGS) VDS = 10 V, IDSS = 10 mA, f = 1 MHz
Output capacitance Cdss = f (VDS) VGS = 0, IDSS = 10 mA, f = 1 MHz
Reverse transfer capacitance Cdg = f (VDS) IDSS = 10 mA, f = 1 MHz, VGS = 0
Gate input admittance y11s VDS = 10 V, VGS = 0, IDSS = 10 mA, (common-source)
Semiconductor Group
4
BF 999
Gate forward transfer admittance y21s VDS = 10 V, VGS = 0, IDSS = 10 mA, (common-source)
Output admittance y22s VDS = 10 V, VGS = 0, IDSS = 10 mA, (common-source)
Test circuit for power gain and noise figure f = 200 MHz
Semiconductor Group
5


▲Up To Search▲   

 
Price & Availability of BF999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X