Part Number Hot Search : 
RODUCTS 5800714 AP1120 1AABF 8RAC1 QT1101 MICONDUC S1C88650
Product Description
Full Text Search
 

To Download BF517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 517
NPN Silicon RF Transistor
* For amplifier and oscillator applications in TV-tuners
Type BF 517
Marking Ordering Code LRs Q62702-F42
Pin Configuration 1=B 2=E 3=C
Package SOT-23
Maximum Ratings of any single Transistor Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Symbol Values 15 20 2.5 25 50 mA Unit V
VCEO VCBO VEBO IC ICM Ptot
f 10 MHz
Total power dissipation
mW 280 150 - 65 + 150 - 65 ... + 150 340 C
TS 55 C
Junction temperature Ambient temperature Storage temperature Thermal Resistance Junction - soldering point
1)
Tj TA Tstg RthJS
K/W
1) Package mounted on aluminia 15 mm x 16,7 mm x 0,7 mm
Semiconductor Group
1
Aug-02-1996
BF 517
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
15 0.1 -
V nA 50 25 250 V 0.5
IC = 1 mA, IB = 0
Collector-base cutoff current
ICBO hFE VCEsat
VCB = 15 V, IE = 0
DC current gain
IC = 5 mA, VCE = 10 V
Collector-emitter saturation voltage
IC = 10 mA, IB = 1 mA
AC Characteristics of any single Transistor Transition frequency
fT
1 2 0.55 0.25 1.45 0.8 -
GHz pF 0.3 0.75 0.4 dB 2.5 -
IC = 5 mA, VCE = 10 V, f = 200 MHz
Collector-base capacitance
Ccb Cce
-
VCB = 5 V, VBE = vbe = 0 , f = 1 MHz
Collector-emitter capacitance
VCE = 5 V, VBE = vbe = 0 , f = 1 MHz
Input capacitance
Cibo
-
VEB = 0.5 V, IC = ic = 0 , f = 1 MHz
Output capacitance
Cobs
-
VCE = 5 V, VBE = vbe = 0 , f = 1 MHz
Noise figure
F
IC = 5 mA, VCE = 10 V, f = 100 MHz ZS = 75
Semiconductor Group
2
Aug-02-1996
BF 517
Total power dissipation Ptot = f (TA*, TS)
* Package mounted on epoxy
300
mW
Ptot TS
200
150
TA
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax/PtotDC = f (tp)
10 3
10 3
K/W -
RthJS
10 2
P totmax/PtotDC
10 2 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
3
Aug-02-1996
BF 517
Collector-base capacitance Ccb = f (VCB) VBE = vbe = 0, f = 1MHz
Transition frequency fT = f (IC) f = 500MHz
VCE = Parameter
1.3 pF 1.1
3.0
GHz
Ccb
1.0 0.9 0.8 0.7
fT
2.0
10V 5V 3V
2V 1.5
0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 4 8 12 16 20 V 26 V CB 0.0 0 5 10 15 20 mA IC 30 0.5 1V 0.7V 1.0
Package
Semiconductor Group
4
Aug-02-1996


▲Up To Search▲   

 
Price & Availability of BF517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X