Part Number Hot Search : 
ES4318 030406 4733A 6566F HBU60 10013 VN330 G530255
Product Description
Full Text Search
 

To Download BAR88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR88...
Silicon PIN Diode * Optimized for low current antenna switches in hand held applications * Very low forward resistance (typ. 1.5 @ IF = 1 mA) * Low capacitance at zero volt reverse bias at frequencies above 1 GHz (typ. 0.28 pF) * Very low signal distortion
BAR88-02L BAR88-02V
BAR88-07L4
4 3
BAR88-099L4
4 3
1
2
D1
D2
D1
D2
1
2
1
2
Type BAR88-02L BAR88-02V BAR88-07L4* BAR88-099L4*
Package TSLP-2-1 SC79 TSLP-4-4 TSLP-4-4
Configuration single, leadless single parallel pair, leadless anti-parallel pair, leadless
LS(nH) 0.4 0.6 0.4 0.4
Marking UU U UT US
* Preliminary Data
Maximum Ratings at TA = 25C, unless otherwise specified Parameter Diode reverse voltage Forward current Total power dissipation BAR88-02L, -07L4, -099L4 Ts 133C BAR88-02V, Ts 123C Junction temperature Operating temperature range Storage temperature Tj Top Tstg Symbol VR IF Ptot 250 250 150 -55 ... 125 -55 ... 150 C Value 80 100 Unit V mA mW
1
Dec-08-2003
BAR88...
Thermal Resistance Parameter Junction - soldering point 1) BAR88-02L, 07L4, -099L4 BAR88-02V Symbol
RthJS 65 105
Value
Unit K/W
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics Breakdown voltage I (BR) = 5 A Reverse current VR = 60 V Forward voltage I F = 1 mA I F = 100 mA
1For
Unit max. 50 V nA V
typ. -
V(BR) IR VF
80 -
-
0.75 0.95
0.9 1.2
calculation of RthJA please refer to Application Note Thermal Resistance
2
Dec-08-2003
BAR88...
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. AC Characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz Reverse parallel resistance VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz Forward resistance IF = 1 mA, f = 100 MHz IF = 5 mA, f = 100 MHz IF = 10 mA, f = 100 MHz Charge carrier life time IF = 10 mA, IR = 6 mA, measured at IR = 3 mA, RL = 100 I-region width Insertion loss1) IF = 1 mA, f = 1.8 GHz IF = 5 mA, f = 1.8 GHz IF = 10 mA, f = 1.8 GHz Isolation1) VR = 0 V, f = 0.9 GHz VR = 0 V, f = 1.8 GHz VR = 0 V, f = 2.45 GHz
1BAR88-02L
Unit max. pF
typ.
CT RP rf rr
0.3 0.4 0.28 0.25 65 2.5 1.5 1.5 0.8 0.6 500
0.4 k
2.5 ns
-
WI |S 21| 2
-
13 -0.11 -0.07 -0.06 -15 -11 -9
-
m dB
|S 21| 2 -
in series configuration, Z = 50
3
Dec-08-2003
BAR88...
Diode capacitance CT = (VR) f = Parameter
0.5
pF
Reverse parallel resistance RP = (V R) f = Parameter
10 4
KOhm
10 3 0.4
0.35
1 MHz 100 MHz 1 GHz 1.8 GHz
100 MHz
CT
Rp
10 2
1 GHz
0.3 10 1
1.8 GHz
0.25
0.2
10 0
0.15 10 -1 0
0.1 0
2
4
6
8
10
12
14
16
V
20
2
4
6
8
10
12
14
16
V
20
VR
VR
Forward resistance rf = (IF ) f = 100MHz
10 2
Forward current IF = (VF) TA = Parameter
10 0 A 10 -1 10 -2
Ohm
10 1
10 -3
IF
10 -4 10 -5
-40C +25C +85C +125C
rf
10 0
10 -6 10 -7 10 -8
10 -1 -2 10
10
-1
10
0
10
1
mA 10 2
10 -9 0
0.2
0.4
0.6
0.8
V VF
1.2
IF
4
Dec-08-2003
BAR88...
Forward current IF = (T S) BAR88-02L, -07L4, -099L4
120 mA 100 90 80
Forward current IF = (T S) BAR88-02V
120 mA 100 90 80
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
TS
TS
Permissible Puls Load R thJS = (tp) BAR88-02L, -07L4, -099L4
10 2
Permissible Pulse Load IFmax / I FDC = (t p) BAR88-02L, -07L4, -099L4
10 2
K/W
IFmax/IFDC
RthJS
10
1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10
-1
C
10
1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
C
10
0
tp
tp
5
Dec-08-2003
BAR88...
Permissible Puls Load R thJS = (tp) BAR88-02V
10
K/W
3
Permissible Pulse Load IFmax / I FDC = (t p) BAR88-02V
10 2
10 2
I Fmax/IFDC
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
R thJS
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
C
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
C
10
0
tp
tp
Insertion loss |S21|2 = (f) IF = Parameter
BAR88-02L in series configuration, Z = 50
0
dB
Isolation |S21|2 = (f) VR = Paramter
BAR88-02L in series configuration, Z = 50
0
dB
-0.1
|S21|2
|S21|2
10 mA 5 mA 1 mA 0.5 mA 0.1 mA
-10
-0.15
-0.2
-15
-0.25
-20 -0.3 -25 -0.35
0V 1V 10 V
-0.4 0
1
2
3
4
GHz
6
-30 0
1
2
3
4
GHz
6
f
f
6
Dec-08-2003


▲Up To Search▲   

 
Price & Availability of BAR88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X