Part Number Hot Search : 
0515D 00390 00390 AT25F DT74F P7NA60 ISL88011 HVC365
Product Description
Full Text Search
 

To Download AN2018S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN2018S
Correlated Double Sampling IC
s Overview
The AN2018S is used to reduce noise in CCD image sensor output signal. It performs correlated doublesampling on image signal sent from a CCD sensor to output clearer image signal.
0.4 0.40.25 5.00.3
0.3 4.20.3 6.50.3 8-Pin SOP Package (SOP008-P-0225) Unit:mm
0.10.1
1.27
* Operating on low voltage (VCC=4.8V), consuming little current (ICC=12.7mA typ.) * Including a high-speed sampling circuit responding to 510-830H CCD * 6dB or 9dB fixed gain * 83-dB high S/N-ratio (at 6dB output)
p s Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 Pin name CDS output (9dB) Blanking pulse input CCD signal input VCC Sampling pulse input (2) Sampling pulse input (1) GND CDS output (6dB)
s Block Diagram
6dB OUT
8
GND
7
SP1
6
SP2
5
+
6dB
+
9dB
-
-
BLK S/H
BIAS 50k
S/H
1
2
3
4
9dB OUT
BLK
SIG.IN
VCC
0.15 0.65
s Features
1.50.2
s Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation Operating ambient temperature Note 1) Storage temperature Note 1) Symbol VCC
ICC
Rating 5.5 18 99 -20 to +70 -55 to +125
Unit V mA mW C C
PD Topr Tstg
Note 1) Ta=25C except operating ambient temperature and storage temperature.
sRecommended Operating Range (Ta=25C)
Parameter Operating supply voltage range Symbol VCC Range 4.5V to 5.1V
s Electrical Characteristics (VCC=4.8V, Ta=252C)
Parameter Supply current Terminal voltage pin (3) Terminal voltage pin (8) Terminal voltage pin (1) 6dB amp. gain 9dB amp. gain AMP frequency characteristics * AMP common mode rejection ratio * Sampling pulse threshold (1) Sampling pulse threshold (2) Blanking pulse high level Symbol ICC V3 V8 V1 G1 G2 fC CMR VTH1 VTH2 VTHB VCC=4.8V VCC=4.8V Pint, y=4.8V VCC=4.8V Pint, y=4.8V VCC=4.8V Pint, y=4.8V Input level=300mVP-P Input level=300mVP-P VCC=4.8V V3=100mVP-P 10MHz VCC=4.8V V3=100mVP-P 10MHz VCC=4.8V VCC=4.8V VCC=4.8V V3=300mVP-P 0.8 0.8 3.5 Condition min 9.2 2.48 1.30 1.25 5.0 7.8 typ 12.7 2.63 1.60 1.55 6.0 9.0 -3.0 -35 1.5 1.5 2.2 2.2 max 16.2 2.78 1.90 1.85 7.0 10.2 Unit mA V V V dB dB dB dB V V V
Note) The value in the above characteristics is not a guaranteed value, but reference one on design. * The characteristics are of the amplifier itself.
s Pin Descriptions
Pin No. Pin name DC voltage (VCC=5V) Equivalent circuit
VCC (4)
Description
1
9dB OUT
Black level: 1.55V
8
*9-dB-amp. output CDS signal *Typical 1.55V DC output *90- output impedance
GND (7)
H 3.5V
50A
VCC (4) 33k
2
BLK
1
50k
1k
1k
63k GND (7)
L 0.5V
*Blanking (Hclear) pulse input (from an AN2145 series only) *Active high *3.0V threshold voltage *50k input impedance *Grounded or left open when not used
VCC (4) 75A 38k 500 200 1k 58k GND (7)
3
SIG.IN
Black level: 2.6V
3
*CCD signal input *CCD signal must be input through a capacitor. *The capacitor should preferably be 0.022F. *2.6V typ. bias voltage
4
VCC
4.8V H 2.2V
300A 28k
*Supply voltage
VCC (4)
5
SP2
5
1k
20k
*Sample-hold pulse input *Active high *1.5V threshold voltage *Sampling pulses are input in synchronization with the video timing of CCD signal at Pine.
L 0.8V
GND (7)
H 2.2V
300A 28k
VCC(4)
6
SP1
1k
6
20k
*Sample-hold pulse input *Active high *1.5V threshold voltage *Sampling pulses are input in synchronization with the feed-through timing of CCD signal at Pine.
L 0.8V 7 8 GND 6dB OUT Black level: 1.6V Same as for Pinq.
GND (7)
*Ground *6-dB-amp. output CDS signal
Note) The above characteristics value, measured at VCC=5V, is not a guaranteed value, but reference one on design.


▲Up To Search▲   

 
Price & Availability of AN2018S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X