Part Number Hot Search : 
B7105 3LB501 MMBZ5239 ABT16 BAV21 LMB16 F10NK50Z FEP30FP
Product Description
Full Text Search
 

To Download AKD4364 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AKD4364]
AKD4364
Evaluation board Rev.A for AK4364
GENERAL DESCRIPTION The AKD4364 is an evaluation board for AK4364, 96kHz 24bit D/A converter with PLL & DIT. The AKD4364 has a digital interface with AKM's wave generator using ROM data and AKM's A/D converter evaluation boards. Therefore, it is easy to evaluate the AK4364. n Ordering guide
AKD4364 --Evaluation board for AK4364 (Cable for connecting with printer port of IBM-AT compatible PC and control software are packed with this.)
FUNCTION * On-board clock generator * Compatible with 2 types of interface - Direct interface with AKM's A/D converter evaluation boards and direct interface with AKM's signal generator(AKD43XX) by 10pin header - On-board CS8414 as DIR which accepts optical input * BNC connector for external clock input * 10pin header for serial control interface * On-board mute circuit for analog output * Optical output for TX output
2.75.5V Opt Out CS8414 (DIR) GND
Opt In ROM or A/D
10pin Header
DZF
Mute
AK4364
Divider
MCKO
Lch Rch
External Clock Clock Generator
MCKI
10pin Header
Control Figure 1. AKD4364 Block Diagram * Circuit diagram and PCB layout are attached at the end of this manual.
-1-
'00/4
ASAHI KASEI
[AKD4364]
n External analog circuit
J1(AOUTL) and J2(AOUTR) are used. The analog output signal range is nominally 3.1Vpp@5V. It is proportional to AVDD (Vout=0.62xAVDD).
n Operation sequence
1) Set up the power supply lines. [AVDD] (red) = 2.75.5V : for AVDD of AK4364 [3V] (orange) = 2.75.5V : for DVDD of AK4364 [5V] (red) = 3.45.5V : for logic [AGND] (black)= 0V : for analog ground (including AVSS and DVSS of AK4364) [DGND] (black)= 0V : for logic ground Each supply line should be distributed from the power supply unit. 2) Set up the evaluation mode, jumper pins and DIP switches. (See the followings.) 3) Power on. The AK4364 should be reset once bringing SW1(-PD) "L" upon power-up. 4) Connect PORT2 with PC. Connect PORT2 with printer port (parallel port) of IBM-AT compatible PC by 10-line flat cable packed with the AKD4364. Take care of the direction of connector. There is a mark at 1pin. The direction of PORT2 is as the following figure. SCL/CCLK SDA(ACK) SDA/CDTI
-CS
PORT2 CTRL
9 10
1 2
5) Set up the software. Use the software named "AKD4364 Control Program" packed with the AKD4364.
n Evaluation mode
1) Using A/D converted data PORT3 (ADC/ROM) is used to interface with various AKM's A/D converter evaluation boards. In case of using external clock through a BNC connector (J4), select BNC on JP14 (CLK) and short JP15 (XTE). JP6 LRCK DIR ADC JP7 BICK DIR ADC JP12 DIR_DATA JP13 DIR VD GND JP14 CLK DIR BNC XTL JP15 XTE
-2-
'00/4
ASAHI KASEI
[AKD4364]
2) Ideal sine wave generated by ROM data Digital signals generated by AKD43XX are used. PORT3 (ADC/ROM) is used to interface with AK43XX. Master clock is sent from AKD4364 to AKD43XX and LRCK, BICK, SDTI are supplied from AKD43XX to AKD4364. In case of using external clock through a BNC connector (J4), select "BNC" on JP14 (CLK) and short JP15 (XTE). JP6 LRCK DIR ADC JP7 BICK DIR ADC JP12 DIR_DATA JP13 DIR VD GND JP14 CLK DIR BNC XTL JP15 XTE
3) DIR(CS8414) PORT4 (TORX174) is used for the evaluation using such as test disk. The DIR generates MCKI, BICK, LRCK, SDTI from the received data through optical connector. In this case, the EXT bit of AK4364 should be "1" (External clock mode). Select "RCA" or "OPT" on JP16 (RCA/OPT) in case of using RCA connector (J3) or optical connector (PORT4: TORX174). JP6 LRCK DIR ADC JP7 BICK DIR ADC JP12 DIR_DATA JP13 DIR VD GND JP14 CLK DIR BNC XTL JP15 XTE
n Clock (MCLK,BICK,LRCK) set up
In case of using evaluation mode 1), JP9,10 and 17 should be set up as follows. They need no care for other evaluation mode. MCLK 128fs JP9 (X_MCLK) x1 JP10 (X_LRCK) x1/128 BICK JP17 (X_BICK) x1/4 x1/2 x1 x1/8 x1/4 x1/2 x1/8 x1/4 x1/2 x1/8 x1/4 x1/2
256fs
x1
512fs
x2
1024fs
x4
32fs 64fs 128fs x1/256 32fs 64fs 128fs x1/256 32fs 64fs 128fs x1/256 32fs 64fs 128fs Table 1. Clock set up
default
-3-
'00/4
ASAHI KASEI
[AKD4364]
n DIP switch (SW2) set up
No.1 to 5 set the mode of AK4364 and No.6 to 8 set the mode of CS8414. No. 1 2 3 4 5 6 7 8 Pin CAD1 CAD0 I2C TTL TST M2 M1 M0 OFF ON Chip address (2bit)
3-wire serial I2C bus CMOS level TTL level always "OFF" Digital interface format of CS8414 (See table 3.) (Note) Table 2. DIP switch set-up (Note: M2-0 should be selected at only evaluation mode 3. In other mode, these should be "OFF".) Format M2 M1 M0 JP9 DIF2 DIF1 DIF0 16bit, LSB justified 1 0 1 THR 0 0 0 18bit, LSB justified 1 1 0 THR 0 0 1 20bit, LSB justified 0 1 0 24bit, LSB justified 0 1 1 24bit, MSB justified 0 0 0 INV 1 0 0 I2S 0 1 0 THR 1 0 1 Table 3. Digital interface format set-up (Note: 1="ON", 0="OFF". DIF2-0 should be selected by serial control. CS8414 does not correspond to 20/24bit LSB justified format.)
Mode 0 1 2 3 4 5
n Serial control mode
The AK4364 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT2 (CTRL) with PC by 10-line flat cable packed with the AKD4364. There are two modes: 3-wire serial & I2C bus. JP4 should be shorted at 3-wire serial control mode. Chip address can be selected by SW2(MODE)-No.1(CAD1) and No.2(CAD0).
n Other jumper pins set up
[JP1](GND): Analog ground and digital ground Open: Separated Short: Common (The connector "DGND" can be open.)
[JP2](5V-3V): DVDD of AK4364 and power supply to logic Open: Independent Short: Same (The connector "3V" should be open.)
-4-
'00/4
ASAHI KASEI
[AKD4364]
[JP3](DVDD): DVDD of AK4364 3V: Independent of AVDD AVDD: Same as AVDD (The connector "3V" can be open.)
[JP5](DZF): Mute circuit ON: Used (Analog output is muted when DZF="H".) OFF: Not used
[JP11](SDTI): SDTI of AK4364 DATA: Data is input GND: "0" data is input
n The function of the toggle SW (SW1) Upper-side is "H" and lower-side is "L".
[SW1] (-PD): Resets the AK4364. Keep "H" during normal operation.
n The indication content for LED
[LED1] (VERF): Monitors VERF pin of the CS8414. LED turns on when some error has occurred to CS8414. [LED2] (PREM): Indicates whether the input data is pre-emphasis or not. LED turns on when the data is pre-emphasised.
-5-
'00/4
ASAHI KASEI
[AKD4364]
MEASUREMENT RESULTS
[Measurement condition] * Measurement unit : ROHDE & SCHWARZ, UPD04 * MCLK : 256fs * BICK : 64fs * fs : 44.1kHz, 96kHz * BW : 20Hz20kHz (fs=44.1kHz), 20Hz40kHz (fs=96kHz) * Bit : 24bit * Power Supply : AVDD=DVDD=5V * Interface : DIR (EXT mode, fs=44.1kHz), Serial Multiplex (EXT mode, fs=96kHz; PLL mode) * Temperature : Room fs=44.1kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dB 1kHz, -60dB no signal
Measurement filter 20kLPF 20kLPF 20kLPF, A-weighted 20kLPF 20kLPF, A-weighted
EXT 97.0dB 99.0dB 102.3dB 99.0dB 102.3dB
PLL 88.9dB 98.4dB 101.9dB 98.4dB 101.9dB
fs=96kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dB 1kHz, -60dB no signal
Measurement filter 40kLPF 40kLPF 20kLPF, A-weighted 40kLPF 20kLPF, A-weighted
EXT 92.5dB 97.0dB 101.5dB 97.0dB 101.5dB
PLL 84.9dB 95.9dB 101.9dB 95.9dB 101.9dB
[Measurement condition] * Measurement unit : Audio Precision, System two, Cascade * MCLK : 256fs * BICK : 64fs * fs : 44.1kHz, 96kHz * BW : 10Hz20kHz (fs=44.1kHz), 10Hz40kHz (fs=96kHz) * Bit : 24bit * Power Supply : AVDD=DVDD=5V * Interface : DIR * Temperature : Room fs=44.1kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dB 1kHz, -60dB no signal
Measurement filter 20kLPF 20kLPF 22kLPF, A-weighted 20kLPF 22kLPF, A-weighted
EXT 97.4dB 98.8dB 101.6dB 98.6dB 101.8dB
fs=96kHz Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dB 1kHz, -60dB no signal
Measurement filter 40kLPF 40kLPF 22kLPF, A-weighted 40kLPF 22kLPF, A-weighted
EXT 94.5dB 96.9dB 101.9dB 96.8dB 101.9dB '00/4
-6-
ASAHI KASEI
[AKD4364]
PLOTS
[Measurement condition] * Measurement unit : ROHDE & SCHWARZ, UPD04 (for PLL mode), Audio Precision, System two (for EXT mode) * MCLK : 256fs * BICK : 64fs * fs : 44.1kHz, 96kHz * Bit : 24bit * Power Supply : AVDD=DVDD=5V * Interface : Serial Multiplexer (for PLL mode), DIR (for EXT mode) * Temperature : Room
[Contents] 1. PLL mode 1-1. fs=44.1kHz Figure 1-1-1. THD+N vs. Input level Figure 1-1-2. THD+N vs. Input frequency Figure 1-1-3. Linearity Figure 1-1-4. Frequency response Figure 1-1-5. Cross-talk Figure 1-1-6. FFT (1kHz, 0dBFS) Figure 1-1-7. FFT (1kHz, -60dBFS) Figure 1-1-8. FFT (noise floor) Figure 1-1-9. FFT (out-of-band noise, 300kHz) 1-2. fs=96kHz Figure 1-2-1. THD+N vs. Input level Figure 1-2-2. THD+N vs. Input frequency Figure 1-2-3. Linearity Figure 1-2-4. Frequency response 2. EXT mode 2-1. fs=44.1kHz Figure 2-1-1. THD+N vs. Input level Figure 2-1-2. THD+N vs. Input frequency Figure 2-1-3. Linearity Figure 2-1-4. Frequency response Figure 2-1-5. Cross-talk Figure 2-1-6. FFT (1kHz, 0dBFS) Figure 2-1-7. FFT (1kHz, -60dBFS) Figure 2-1-8. FFT (noise floor) Figure 2-1-9. FFT (out-of-band noise, 80kHz) 2-2. fs=96kHz Figure 2-2-1. THD+N vs. Input level Figure 2-2-2. THD+N vs. Input frequency Figure 2-2-3. Linearity Figure 2-2-4. Frequency response
-7-
'00/4
ASAHI KASEI
[AKD4364]
1. PLL mode 1-1. fs=44.1kHz
Figure 1-1-1. THD+N vs. Input level
Figure 1-1-2. THD+N vs. Input frequency
-8-
'00/4
ASAHI KASEI
[AKD4364]
Figure 1-1-3. Linearity
Figure 1-1-4. Frequency response
-9-
'00/4
ASAHI KASEI
[AKD4364]
Figure 1-1-5. Cross-talk
Figure 1-1-6. FFT (1kHz, 0dBFS) FFT points=8192, Avg=8, Notch=-30dB
- 10 -
'00/4
ASAHI KASEI
[AKD4364]
Figure 1-1-7. FFT (1kHz, -60dBFS) FFT points=8192, Avg=8
Figure 1-1-8. FFT (noise floor) FFT points=8192, Avg=8
- 11 -
'00/4
ASAHI KASEI
[AKD4364]
Figure 1-1-9. FFT (out-of-band noise) FFT points=8192, Avg=8
- 12 -
'00/4
ASAHI KASEI
[AKD4364]
1-2. fs=96kHz
Figure 1-2-1. THD+N vs. Input level
Figure 1-2-2. THD+N vs. Input frequency
- 13 -
'00/4
ASAHI KASEI
[AKD4364]
Figure 1-2-3. Linearity
Figure 1-2-4. Frequency response
- 14 -
'00/4
ASAHI KASEI
[AKD4364]
2. EXT mode 2-1. fs=44.1kHz
AKM
-90 -91 -92 -93 -94 -95 -96 -97 -98 d B r A -99 -100 -101 -102 -103 -104 -105 -106 -107 -108 -109 -110 -120 -110 -100 -90 -80 -70 -60 dBFS -50 -40 -30 -20 -10 +0
AK4353 THD+N vs Input Level (AVDD=DVDD=5V, fs=44.1kHz, fin=1kHz)
Figure 2-1-1. THD+N vs. Input level
AKM
-80 -81 -82 -83 -84 -85 -86 -87 -88 d B r A -89 -90 -91 -92 -93 -94 -95 -96 -97 -98 -99 -100 20 50
AK4353 THD+N vs fin (AVDD=DVDD=5V, fs=44.1kHz, Input Level=0dBFS)
100
200
500 Hz
1k
2k
5k
10k
20k
Figure 2-1-2. THD+N vs. Input frequency
- 15 -
'00/4
ASAHI KASEI
[AKD4364]
AKM
+0
AK4353 Linearity (AVDD=DVDD=5V, fs=44.1kHz, fin=1kHz)
-10
-20
-30
-40
-50 d B r A
-60
-70
-80
-90
-100
-110
-120 -120
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Figure 2-1-3. Linearity
AKM
+0.5
AK4353 Frequency Response (AVDD=DVDD=5V, fs=44.1kHz, Input Level=0dBFS)
+0.4
+0.3
+0.2
+0.1 d B r A -0.1
+0
-0.2
-0.3
-0.4
-0.5 2k 4k 6k 8k 10k Hz 12k 14k 16k 18k 20k
Figure 2-1-4. Frequency response
- 16 -
'00/4
ASAHI KASEI
AKM
-100 -101 -102 -103 -104 -105 -106 -107 -108 -109 d B -110 -111 -112 -113 -114 -115 -116 -117 -118 -119 -120 20 50 100 200 500 Hz 1k 2k 5k
[AKD4364]
AK4353 Cross-talk (AVDD=DVDD=5V, fs=44.1kHz, Input Level=0dBFS)
10k
20k
Figure 2-1-5. Cross-talk
AKM
AK4353 FFT (AVDD=DVDD=5V, fs=44.1kHz, fin=1kHz, Input Level=0dBFS) FFT points=16384, Avg=8, Window=Equirriple
+0 -10 -20 -30 -40 -50 -60
d B r A
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Figure 1-6. FFT (1kHz, 0dBFS)
- 17 -
'00/4
ASAHI KASEI
[AKD4364]
AKM
AK4353 FFT (AVDD=DVDD=5V, fs=44.1kHz, fin=1kHz, Input Level=-60dBFS) FFT points=16384, Avg=8, Window=Equirriple
+0 -10 -20 -30 -40 -50 -60
d B r A
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Figure 2-1-7. FFT (1kHz, -60dBFS)
AKM
AK4353 FFT (AVDD=DVDD=5V, fs=44.1kHz, No signal input) FFT points=16384, Avg=8, Window=Equirriple
+0 -10 -20 -30 -40 -50 -60
d B r A
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
50
100
200
500 Hz
1k
2k
5k
10k
20k
Figure 2-1-8. FFT (noise floor)
- 18 -
'00/4
ASAHI KASEI
[AKD4364]
AKM
AK4353 FFT (Outband noise ~130kHz; AVDD=DVDD=5V, fs=44.1kHz, No signal input) FFT points=16384, Avg=8, Window=Equirriple
+0 -10 -20 -30 -40 -50 -60
d B r A
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 600 1k 2k 5k Hz 10k 20k 50k 100k
Figure 2-1-9. FFT (out-of-band noise)
- 19 -
'00/4
ASAHI KASEI
[AKD4364]
2-2. fs=96kHz
AKM
-90 -91 -92 -93 -94 -95 -96 -97 -98 d B r A -99 -100 -101 -102 -103 -104 -105 -106 -107 -108 -109 -110 -120 -110 -100 -90 -80 -70 -60 dBFS -50 -40 -30 -20 -10 +0
AK4353 THD+N vs Input Level (AVDD=DVDD=5V, fs=96kHz, fin=1kHz)
Figure 2-2-1. THD+N vs. Input level
AKM
-80 -81 -82 -83 -84 -85 -86 -87 -88 d B r A -89 -90 -91 -92 -93 -94 -95 -96 -97 -98 -99 -100 20 50
AK4353 THD+N vs fin (AVDD=DVDD=5V, fs=96kHz, Input Level=0dBFS)
100
200
500 Hz
1k
2k
5k
10k
20k
40k
Figure 3-2-2. THD+N vs. Input frequency
- 20 -
'00/4
ASAHI KASEI
[AKD4364]
AKM
+0
AK4353 Linearity (AVDD=DVDD=5V, fs=96kHz, fin=1kHz)
-10
-20
-30
-40
-50 d B r A
-60
-70
-80
-90
-100
-110
-120 -120
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Figure 2-2-3. Linearity
AKM
+0.5
AK4353 Frequency Response (AVDD=DVDD=5V, fs=96kHz, Input Level=0dBFS)
+0.4
+0.3
+0.2
+0.1 d B r A -0.1
+0
-0.2
-0.3
-0.4
-0.5 2.5k 5k 7.5k 10k 12.5k 15k 17.5k 20k Hz 22.5k 25k 27.5k 30k 32.5k 35k 37.5k 40k
Figure 2-2-4. Frequency response
- 21 -
'00/4
ASAHI KASEI
[AKD4364 Control Program]
AKD4364 Control Program ver 2.0 operation manual
1. Connect IBM-AT compatible PC with AKD4364 by 10-line type flat cable (packed with AKD4364). Take care of the direction of 10pin Header (Refer to manual of AKD4364). 2. Start up "WINDOWS 95" or "WINDOWS 98". 3. Insert the floppy-disk labeled "AKD4364 Control Program ver 2.0" into the floppy-disk drive. 4. Set up "MS-DOS" from start menu. 5. Change directory to the floppy-disk drive(ex.a:) at MS-DOS prompt. 6. Type "ak4364". 7. Then follow the displayed comment (See the following).
==================== <> ===================== Input Control Mode (3-wire serial or I2C bus) Input Chip Address (2bit) Write data/ Display register map/ Reset etc.a loop =========================================================
`00/4 -1-
ASAHI KASEI At first the following message is displayed: ****** AK4364 Control Program ver 2.0 , '00/4 ****** copyright(c) 2000, Asahi Kasei Microsystems co.,ltd. All rights reserved. Input control mode 0: 3-wire Serial, 1: I2C Bus : Input 0 or 1. Then the following is displayed: Input Chip Address(CAD1,CAD0) (2 figure, binary) = Input chip address in 2 figures of binary. Set CAD1 and CAD0 before the AKD4364 is powered up. When hanging CAD1 and CAD0, set SW1(-PD) "L", then "H" after that.
[AKD4364 Control Program]
After chip address is defined, the following default register map is displayed (Loop starts from here): 3-wire Serial control mode CAD1-0=00 ----------------------------------ADDR = 00 : 0B ( 0 0 0 EXT DIF2 DIF1 DIF0 RSTN ) ADDR = 01 : 01 ( FS1 FS0 DFS1 DFS0 CKS2 CKS1 CKS0 RSTN ) ADDR = 02 : 94 ( PL3 PL2 PL1 PL0 DEM1 DEM0 ATC SMUTE) ADDR = 03 : FF ( ATT7 ATT6 ATT5 ATT4 ATT3 ATT2 ATT1 ATT0 ) ADDR = 04 : FF ( ATT7 ATT6 ATT5 ATT4 ATT3 ATT2 ATT1 ATT0 ) ADDR = 05 : 00 (0 0 0 0 0 0 V TXE ) ADDR = 06 : 00 ( 0 CS29 CS28 CS24 CS3 CS2 CS2 CS1 ) ADDR = 07 : 04 ( CS15 CS14 CS13 CS12 CS11 CS10 CS9 CS8 ) Input 1(Write), R(Reset), T(Table), I(Increment), D(Decrement) or S(Stop) : 1) If you input "1", you can write data to AK4364. You can write data to AK4364 Input Register Address (2 figure, hex) (00-07) = Input register address in 2 figures of hexadecimal. Then current data of this address is displayed: ADDR = 00 : 0B ( 0 0 0 EXT DIF2 DIF1 0 0 0 0 1 0 Input Register Data (2 figure, hex) (00-FF) = You can write control data to this address. Input control data in 2 figures of hexadecimal. Refer to datasheet of AK4364. Then the data written to this address is displayed: ADDR = 00 : 09 ( 0 0 0 EXT DIF2 DIF1 0 0 0 0 1 0
DIF0 RSTN ) 1 1
DIF0 RSTN ) 0 1
`00/4 -2-
ASAHI KASEI
[AKD4364 Control Program]
2) If you input "R" or "r", this program writes default data to all register addresses. 3) If you input "T" or "t", current register map is displayed. 4) If you input "I" or "i", this program increment data of current address by 1 (only for addr=03H or 04H). You can increment ATT value by 1step. 5) If you input "D" or "d", this program decrement data of current address by 1 (only for addr=03H or 04H). You can decrement ATT value by 1step. 6) If you input "S" or "s", this program is terminated.
`00/4 -3-
5
4
3
2
1
JP1 GND Digital Ground Analog Ground
D
5V DVDD C4 0.1u for 74LVC541 C5 0.1u C6 0.1u C7 0.1u C8 0.1u C9 + 0.1u C1 47u
JP2 3V 5V-3V + C2 47u
2
L1 (short)
AVDD 1 + 2 C3 47u
D
L2 10u
1
AVDD2
for 74HCU04, 74LS07, 74HC14, 74AC74, 74HC4040 3V DVDD C11 10u L3 2 + C160.1u MCKO U2 A1 A2 A3 A4 A5 A6 A7 A8 3
5 6
1k
TOTX174
C
5V D1 R5 10k 1 H L C20 0.1u U3A 2 3 U3B 4 MCKI BICK SDTI LRCK
74HC14
74HC14
2 3 4 5 6 7 8 9 1 19
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
18 17 16 15 14 13 12 11 R29 R30 R31 R32 R33 (short) (short) (short) (short) (short)
M0 M1 M2
SW1 -PD
G1 G2 74LVC541
(short) 5.1 U? 1 MCKO DZF 2 TX FLT 3 DVDD AVDD 4 DVSS AVSS 5 MCKI VCOM 6 BICK AOUTL 7 SDTI AOUTR 8 LRCK CAD0 9 CAD1 10 PDN CSN I2C 11 SCL/CCLK TTL 12 SDA/CDTI TST AK4364
C17 0.1u 24 23 22 21 20 19 18 17 16 15 14 13
+
PORT1 5 IN VCC IF 6 GND
JP3 DVDD
4 3 2 1
C14 0.1u
1
+
R1
5V
1
AVDD
C10 10u C13 0.1u C15 10u R3 220 AOUTL R4 27k
C
+
R2 2
C12 10u
C18 0.22u DZF R 5.1k C19 10u +
R6 220 AOUTR R7 27k
5
B
U3C
6
RP1
9
74HC14 U3D 8 74HC14 U3E 10 74HC14 U3F 12 74HC14 5V
5
U4C
6
11
13
74LS07 U4F 12 74LS07
1 2 3 4 5 6 7 8 9
1 2 3 4 5 6 7 8
SW2
16 15 14 13 12 11 10 9
CAD1 CAD0 I2C TTL TST M2 M1 M0
DVDD
B
1
U4A
2
47k
MODE
13
74LS07 3 U4B 4
A
10 8 6 4 2
PORT2 9 -CS 7 SCK/CCLK 5 SDA/CDTI 3 SDA(ACK) 1 CTRL
5
R1551 R1651 JP4 R1751 3-WIRE R1851
74LS07 R10 10k R11 10k R12 10k R13 10k 11 U4E 10 R14 DVDD 10k
Title Size Document Number
A
74LS07 U4D 8 9 74LS07
4 3
AKD4364
AK4364
Sheet
1
Rev
A4
Date:
2
A
1
of
Friday, April 28, 2000
2
5
4
3
2
1
JP1 GND Digital Ground Analog Ground
D
5V DVDD C4 0.1u for 74LVC541 C5 0.1u C6 0.1u C7 0.1u C8 0.1u C9 + 0.1u C1 47u
JP2 3V 5V-3V + C2 47u
2
L1 (short)
AVDD 1 + 2 C3 47u
D
L2 10u
1
AVDD2
for 74HCU04, 74LS07, 74HC14, 74AC74, 74HC4040 3V DVDD C11 10u L3 2 + C160.1u MCKO U2 A1 A2 A3 A4 A5 A6 A7 A8 3
5 6
1k
TOTX174
C
5V D1 R5 10k 1 H L C20 0.1u U3A 2 3 U3B 4 MCKI BICK SDTI LRCK
74HC14
74HC14
2 3 4 5 6 7 8 9 1 19
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
18 17 16 15 14 13 12 11 R29 R30 R31 R32 R33 (short) (short) (short) (short) (short)
M0 M1 M2
SW1 -PD
G1 G2 74LVC541
(short) 5.1 U? 1 MCKO DZF 2 TX FLT 3 DVDD AVDD 4 DVSS AVSS 5 MCKI VCOM 6 BICK AOUTL 7 SDTI AOUTR 8 LRCK CAD0 9 CAD1 10 PDN CSN I2C 11 SCL/CCLK TTL 12 SDA/CDTI TST AK4364
C17 0.1u 24 23 22 21 20 19 18 17 16 15 14 13
+
PORT1 5 IN VCC IF 6 GND
JP3 DVDD
4 3 2 1
C14 0.1u
1
+
R1
5V
1
AVDD
C10 10u C13 0.1u C15 10u R3 220 AOUTL R4 27k
C
+
R2 2
C12 10u
C18 0.22u DZF R 5.1k C19 10u +
R6 220 AOUTR R7 27k
5
B
U3C
6
RP1
9
74HC14 U3D 8 74HC14 U3E 10 74HC14 U3F 12 74HC14 5V
5
U4C
6
11
13
74LS07 U4F 12 74LS07
1 2 3 4 5 6 7 8 9
1 2 3 4 5 6 7 8
SW2
16 15 14 13 12 11 10 9
CAD1 CAD0 I2C TTL TST M2 M1 M0
DVDD
B
1
U4A
2
47k
MODE
13
74LS07 3 U4B 4
A
10 8 6 4 2
PORT2 9 -CS 7 SCK/CCLK 5 SDA/CDTI 3 SDA(ACK) 1 CTRL
5
R1551 R1651 JP4 R1751 3-WIRE R1851
74LS07 R10 10k R11 10k R12 10k R13 10k 11 U4E 10 R14 DVDD 10k
Title Size Document Number
A
74LS07 U4D 8 9 74LS07
4 3
AKD4364
AK4364
Sheet
1
Rev
A4
Date:
2
A
1
of
Friday, April 28, 2000
2
5
4
3
2
1
1
1 TR1 RN1202 (10k,10k) 3 2
DZF C21
D
ON
JP5 DZF 3
R19 10k
3 2
1
0.1u
OFF 2
AVDD2 TR2 RN2202 (10k,10k)
D
TR3 2SC3327
J1 AOUTL
AOUTL 1 1 TR4 RN1202 (10k,10k) 2 3 2 AVDD2 TR5 RN2202 (10k,10k) R20 10k AOUTR 2 3 1 TR6 2SC3327 J2 AOUTR
3
JP6 LRCK
C
X_LRCK DIR_LRCK
ADC DIR JP7 BICK LRCK
C
X_BICK DIR_BICK
ADC DIR
1
THR
JP8 BICK_PHASE 2 BICK
JP9
U6 x1 x2 x4 10 11 Q1 Q2 RST Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 74HC4040 CLK 9 7 6 5 3 2 4 13 12 14 15 1
1 MCLK BICK LRCK SDATA AD/ROM 1 2 3 4 5 PORT3 10 9 8 7 6
U7A
2
INV 3 VD 1 GND JP11 SDTI
x1 x1/2 x1/4 x1/8
1 2 3 4
U5
5 6 7 8
X_BICK
X_MCLK
X_BICK x1/128 x1/256 JP10 X_LRCK X_LRCK
74HCU04
3 DATA
ADC/ROM 5V R21 10k
B
U8A 2 3 JP12 DIR_DATA D
U8B Q 5 12 11 Q6 74AC74 D
10
2
4
SDTI
PR
PR
Q
9
CLK CL
CLK CL 13 Q8 74AC74 U7F 12 13 74HCU04
5V 1
R22 1k
3 GND
JP13 DIR
5V 1 VD 1 LED1 2 VERF
1
B
R23 1k 1 L4 10u 2
U7B 4 3 74HCU04 JP14 CLK DIR BNC XTL U9 C Cd/F1 Cc/F0 Cb/E2 Ca/E1 C0/E0 VD+ DGND RXP RXN FSYNC SCK CS12/FCK U
MCKO 2 MCKI X1 1
2
27MHz R24 1M U7D U7E 9 10 C26 (open) 11 C27 (open)
A
L5 47u 6 5 PORT4 6 GND VCC GND 5 OUT TORX174 4 3 2 1 1 LED2 C24 0.1u PREM +C22 1 OPT 10u 2 R25 1k C28
A
2
3 RCA
J3 RCA R27 75
JP16 RCA/OPT
2 0.01u C30 0.1u C31 DIR_LRCK DIR_BICK
1 2 3 4 5 6 7 8 9 10 11 12 13 14
VERF Ce/F2 SDATA ERF M1 M0 VA+ AGND FILT MCK M2 M3 SEL CBL
28 27 26 25 24 23 22 21 20 19 18 17 16 15
+
C23 10u M1 M0 C25 0.1u
8
JP15 XTE
74HCU04
74HCU04
C29 M2 R26 1k 47n 6 U7C 5 74HCU04 J4 BNC
CS8414 0.01u
R28 51
Title Size Document Number
AKD4364
Interface
Sheet
1
Rev
A3
Date:
5 4 3 2
A
2
of
Monday, May 08, 2000
2
IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AKD4364

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X