Part Number Hot Search : 
ZY8V2GP KSR2003 NC7S14 MAJ160A KE39A BY251 08500 2SC327
Product Description
Full Text Search
 

To Download AF8958C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AF8958C
P & N-Channel 30-V (D-S) MOSFET Features
-Low rDS(on) Provides Higher Efficiency and Extends Battery Life -Miniature SO-8 Surface Mount Package Saves Board Space -High power and current handling capability -Low side high current DC-DC Converter applications
General Description
These miniature surface mount MOSFETs utilize High Cell Density process. Low rDS(on) assures minimal power loss and conserves energy, making this device ideal for use in power management circuitry. Typical applications are PWM DC-DC converters, power management in portable and battery-powered products such as computers, printers, battery charger, telecommunication power system, and telephones power system.
Product Summary
VDS (V) 30 -30 rDS(on) (m) 40@VGS=4.5V 28@VGS=10V 80@VGS=-4.5V 52@VGS=-10V ID (A) 6.0 7.0 -4.0 -5.2
Pin Assignments
S1 G1 S2 G2
1 2 3 4 8 7 6 5
Pin Descriptions
D1 D1 D2 D2
Pin Name S1 G1 D1 S2 G2 D2
Description Source (NMOS) Gate (NMOS) Drain (NMOS) Source (PMOS) Gate (PMOS) Drain (PMOS)
SOP-8
Ordering information
AX Feature F :MOSFET PN 8958C X X X Package S: SOP-8 Lead Free Blank : Normal L : Lead Free Package Packing Blank : Tube or Bulk A : Tape & Reel
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Jul 16, 2004 1/4
AF8958C
P & N-Channel 30-V (D-S) MOSFET Absolute Maximum Ratings (TA=25C unless otherwise noted)
Symbol VDS VGS ID IDM IS PD TJ, TSTG N-Channel 30 20 TA=25C 7 Continuous Drain Current (Note 1) TA=70C 5.6 Pulsed Drain Current (Note 2) 20 Continuous Source Current (Diode Conduction) (Note 1) 1.3 TA=25C 2.1 Power Dissipation (Note 1) 1.3 TA=70C Operating Junction and Storage Temperature Range Drain-Source Voltage Gate-Source Voltage Parameter P-Channel -30 -20 -5.2 -6.8 -20 -1.3 2.1 1.3 -55 to 150 Units V A A A W C
Thermal Resistance Ratings
Symbol RJC RJA Parameter Maximum Junction-to-Case (Note 1) Maximum Junction-to-Ambient (Note 1) t < 5 sec t < 5 sec Maximum 40 60 Units C/W C/W
Note 1: surface Mounted on 1"x 1" FR4 Board. Note 2: Pulse width limited by maximum junction temperature
Specifications (TA=25C unless otherwise noted)
Symbol Static V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs Drain-Source breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current (Note 3) Drain-Source On-Resistance
(Note 3)
Parameter
Test Conditions VGS=0V, ID=250uA VGS=0V, ID=-250uA VDS= VGS, ID=250uA VDS= VGS, ID=-250uA VGS=20V, VDS=0V VGS=-20V, VDS=0V VDS=24V, VGS=0V VDS=-24V, VGS=0V VDS=5V, VGS=10V VDS=-5V, VGS=-10V VGS=10V, ID=7A VGS=4.5V, ID=6A VGS=-10V, ID=-5A VGS=-4.5V, ID=-4A VDS=15V, ID=7A VDS=-15V, ID=-5A
Ch N P N P N P N P N P N P N P
Limits Min. Typ. 30 -30 1 -1.0 20 -20 1.95 -1.7 19 24 42 65 25 10
Max. 3 -3 100 100 1 -1 28 40 52 80 -
Unit
V V nA uA A
m
Forward Tranconductance
(Note 3)
S
Anachip Corp. www.anachip.com.tw 2/4
Rev. 1.0 Jul 16, 2004
AF8958C
P & N-Channel 30-V (D-S) MOSFET Specifications (TA=25C unless otherwise noted)
Symbol Dynamic Qg Qgs Qgd Switching td(on) tr td(off) tf Turn-On Delay Time Rise Time Turn-Off Delay Time Fall-Time N-Channel VDD=15, VGS=10V ID=1A, RGEN=6 P-Channel VDD=-15, VGS=-10V ID=-1A, RGEN=6 N P N P N P N P 8 7 5 13 23 14 3 9 16 14 10 24 37 25 6 17 Total Gate Charge Gate-Source Charge Gate-Drain Charge N-Channel VDS=15V, VGS=10V ID=7A P-Channel VDS=-15V, VGS=-10V ID=-5A N P N P N P 10.7 10 1.7 2.2 2.1 1.7 26 13 Parameter Test Conditions Ch Limits Min. Typ. Max. Unit
nC
nS
Note 3: Pulse test: PW < 300us duty cycle < 2%. Note 4: Guaranteed by design, not subject to production testing.
Anachip Corp. www.anachip.com.tw 3/4
Rev. 1.0 Jul 16, 2004
AF8958C
P & N-Channel 30-V (D-S) MOSFET Marking Information
SOP-8L
( Top View )
8
Logo Part Number
8958C AA Y W X
1
Lot code: "X": Non-Lead Free; "X": Lead Free "A~Z": 01~26; "A~Z": 27~52 Week code: "A~Z": 01~26; "A~Z": 27~52 Year code: "4" =2004 Factory code ~
Package Information
Package Type: SOP-8L
E
H
L VIEW "A" D 7 (4X)
0.015x45
7 (4X)
A2
A
A1
e
B y
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 5.05 5.30 3.70 3.90 4.10 1.27 5.79 5.99 6.20 0.38 0.71 1.27 0.10 O O 8 0
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.199 0.209 0.146 0.154 0.161 0.050 0.228 0.236 0.244 0.015 0.028 0.050 0.004 O O 0 8
Anachip Corp. www.anachip.com.tw 4/4
Rev. 1.0 Jul 16, 2004


▲Up To Search▲   

 
Price & Availability of AF8958C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X