Part Number Hot Search : 
1SMA11 GA48V UPD16782 UPD161 FCQ10A04 337JZTR XP6115 5230B
Product Description
Full Text Search
 

To Download AD9433BSQ-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES IF Sampling up to 350 MHz SNR = 67.5 dB, fIN up to Nyquist @ 105 MSPS SFDR = 83 dBc, fIN 70 MHz @ 105 MSPS SFDR = 72 dBc, f IN 150 MHz @ 105 MSPS 2 V p-p Analog Input Range Option On-Chip Clock Duty Cycle Stabilization On-Chip Reference and Track/Hold SFDR Optimization Circuit Excellent Linearity: DNL = 0.25 LSB (Typ) INL = 0.5 LSB (Typ) 750 MHz Full Power Analog Bandwidth Power Dissipation = 1.35 W Typical @ 125 MSPS Two's Complement or Offset Binary Data Format 5.0 V Analog Supply Operation 2.5 V to 3.3 V TTL/CMOS Outputs APPLICATIONS Cellular Infrastructure Communication Systems 3G Single and Multicarrier Receivers IF Sampling Schemes Wideband Carrier Frequency Systems Point to Point Radios LMDS, Wireless Broadband MMDS Base Station Units Cable Reverse Path Communications Test Equipment Radar and Satellite Ground Systems GENERAL INTRODUCTION
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter AD9433
FUNCTIONAL BLOCK DIAGRAM
VCC
AD9433
PIPELINE ADC 12
VDD
AIN AIN
T/H
OUTPUT STAGING
D11-D0 12
ENCODE ENCODE
DFS ENCODE TIMING REF SFDR
GND
REF REF OUT IN
The encode clock supports either differential or single-ended input and is PECL-compatible. The output format is userselectable for binary or two's complement and provides an overrange (OR) signal. Fabricated on an advanced BiCMOS process, the AD9433 is available in a thermally enhanced 52-lead plastic quad flatpack specified over the industrial temperature range (-40C to +85C) and is pin-compatible with the AD9432.
PRODUCT HIGHLIGHTS
The AD9433 is a 12-bit monolithic sampling analog-to-digital converter with an on-chip track-and-hold circuit and is designed for ease of use. The product operates up to 125 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband and high IF carrier systems. The ADC requires a 5 V analog power supply and a differential encode clock for full performance operation. No external reference or driver components are required for many applications. The digital outputs are TTL/CMOS compatible and a separate output power supply pin supports interfacing with 3.3 V or 2.5 V logic. A user-selectable, on-chip proprietary circuit optimizes spuriousfree dynamic range (SFDR) versus signal-to-noise-and-distortion (SINAD) ratio performance for different input signal frequencies, providing as much as 83 dBc SFDR performance over the dc to 70 MHz band.
1. IF Sampling The AD9433 maintains outstanding ac performance up to input frequencies of 350 MHz. Suitable for 3G Wideband Cellular IF sampling receivers. 2. Pin-Compatibility This ADC has the same footprint and pin layout as the AD9432, 12-Bit 80/105 MSPS ADC. 3. SFDR Performance A user-selectable on-chip circuit optimizes SFDR performance as much at 85 dBc from dc to 70 MHz. 4. Sampling Rate At 125 MSPS, this ADC is ideally suited for current wireless and wired broadband applications such as LMDS/MMDS and cable reverse path.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
AD9433-SPECIFICATIONS
DC SPECIFICATIONS (V
Parameter RESOLUTION ACCURACY No Missing Codes Offset Error Gain Error1 Differential Nonlinearity (DNL)2 Integral Nonlinearity (INL)2 THERMAL DRIFT Offset Error Gain Error1 Reference REFERENCE Internal Reference Volatge (VREFOUT) Output Current (VREFOUT) Input Current (VREFIN) ANALOG INPUTS Differential Input Voltage Range (AIN, AIN) Common-Mode Voltage Input Resistance Input Capacitance Analog Bandwidth, Full Power POWER SUPPLY VCC VDD Power Dissipation3 Power Supply Rejection Ratio (PSRR) IVCC2 IVDD2 ENCODE INPUTS Internal Common-Mode Bias Differential Input (ENC - ENC) Input Voltage Range Input Common-Mode Range Input Resistance Input Capacitance DIGITAL INPUTS Input High Voltage Input Low Voltage Input High Current (VIN = 5 V) Input Low Current (VIN = 0 V) DIGITAL OUTPUTS Logic "1" Voltage Logic "0" Voltage Output Coding Full Full 25 C 25 C Full 25 C Full Full Full Full Full Full Full Full Full Full Full Full Full Full Full 25 C Full Full Full Full Full Full Full 25 C Full Full Full Full Full Full VI VI I I VI I VI V V V I V IV V V VI V V IV IV VI I VI VI V V IV IV VI V I I V V VI VI 2.4
DD
= 3.3 V, VCC = 5 V; internal reference; differential encode input, unless otherwise noted.)
Temp
Test Level
AD9433BSQ-105 Min Typ Max 12 Guaranteed 0 +5 1 +3 0.25 +0.75 +1 0.5 +1.0 +1.3 -50 -125 80 2.5 100 2.6 50 2.0 4.0 3 4 750 5.0 1275 3 255 12.5 3.75 500 -0.5 2.0 6 3 2.0 0.8 50 50 VDD - 0.05 VCC + 0.05 4.25
AD9433BSQ-125 Min Typ Max 12 Guaranteed 0 +5 1 +3 0.3 +0.75 +1 0.5 +1.0 +1.3 -50 -125 80 2.4 2.5 100 2.6 50 2.0 4.0 3 4 750 5.0 1350 3 270 16 3.75 500 -0.5 2.0 6 3 2.0 0.8 50 50
Unit Bits
-5 -7 -0.75 -1 -1.0 -1.3
-5 -7 -0.75 -1 -1.0 -1.3
mV % FS LSB LSB LSB LSB ppm/ C ppm/ C ppm/ C V A A V V k pF MHz V V mW mV/V mA mA
2
4
2
4
4.75 2.7
5.25 3.3 1425 285 14
4.75 2.7
5.25 3.3 1500 300 18
V mV VCC + 0.05 V 4.25 V k pF V V A A V V
VDD - 0.05 0.05 Two's Complement or Offset Binary
0.05
NOTES 1 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input). 2 SFDR disabled (SFDR = GND) for DNL and INL specifications. 3 Power dissipation measured with rated encode and a dc analog input (Outputs Static, I VDD = 0). IVCC and IVDD measured with 10.3 MHz analog input @ -0.5 dBFS. Specifications subject to change without notice.
-2-
REV. 0
AD9433 AC SPECIFICATIONS (V
Parameter DYNAMIC PERFORMANCE* Signal-to-Noise Ratio (SNR) (Without Harmonics) fIN = 10.3 MHz fIN = 49 MHz fIN = 70 MHz fIN = 150 MHz fIN = 250 MHz Signal-to-Noise Ratio and Distortion (SINAD) (With Harmonics) fIN = 10.3 MHz fIN = 49 MHz fIN = 70 MHz fIN = 150 MHz fIN = 250 MHz Effective Number of Bits fIN = 10.3 MHz fIN = 49 MHz fIN = 70 MHz fIN = 150 MHz fIN = 250 MHz 2nd and 3rd Harmonic Distortion fIN = 10.3 MHz fIN = 49 MHz fIN = 70 MHz fIN = 150 MHz fIN = 250 MHz Worst Other Harmonic or Spur (Excluding Second and Third) fIN = 10.3 MHz fIN = 49 MHz fIN = 70 MHz fIN = 150 MHz fIN = 250 MHz Two-Tone Intermod Distortion (IMD3) fIN1 = 49.3 MHz, fIN2 = 50.3 MHz fIN1 = 150 MHz, fIN2 = 151 MHz
DD
= 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.)
Temp Test Level AD9433BSQ-105 Min Typ Max AD9433BSQ-125 Min Typ Max Unit
25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25
C C C C C C C C C C C C C C C C C C C C C C C C C
I I V V V I I V V V I I V V V I I V V V I I V V V V V
66.5 65.5
68.0 67.5 67.0 65.4 63.7 68.0 67.5 66.9 64.0 61.2 11.1 11.0 10.9 10.4 9.9
66.0 64.0
67.7 66.0 65.4 62.0 60.0 67.0 65.5 64.5 61.5 57.7 10.9 10.7 10.6 10.0 9.4
dB dB dB dB dB dB dB dB dB dB Bits Bits Bits Bits Bits dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc
66.0 64.0
65.0 63.5
-78 -73
-85 -80 -83 -72 -67 -92 -89 -87 -87 -85 -92 -80
-76 -72
-85 -76 -78 -67 -65 -90 -87 -85 -84 -76 -90 -76
-88 -82
-84 -82
25 C 25 C
*SNR/Harmonics based on an analog input voltage of -0.5 dBFS referenced to a 2 V full-scale input range. Harmonics are specified with the SFDR active (SFDR = +5 V). SNR/SINAD specified with SFDR disabled (SFDR = Ground). Specifications subject to change without notice.
SWITCHING SPECIFICATIONS (V
Parameter Encode Rate Encode Pulsewidth High (tEH) Encode Pulsewidth Low (tEL) Aperture Delay (tA) Aperture Uncertainty (Jitter)1 Output Valid Time (tV)2 Output Propagation Delay (tPD)2 Output Rise Time (tR) Output Fall Time (tF) Out of Range Recovery Time Transient Response Time Latency
DD
= 3.3 V, VCC = 5 V; differential encode input, unless otherwise noted.)
Test Level IV IV IV V V VI VI V V V V IV AD9433BSQ-105 Min Typ Max 10 2.9 2.9 2.5 2.1 0.25 4.0 4.0 2.1 1.9 2 2 10 105 AD9433BSQ-125 Min Typ Max 10 2.4 2.4 2.5 5.5 2.1 0.25 4.0 4.0 2.1 1.9 2 2 10 125 Unit MSPS ns ns ns ps rms ns ns ns ns ns ns Cycles
Temp Full Full Full 25 C 25 C Full Full Full Full 25 C 25 C Full
5.5
NOTES 1 Aperture uncertainty includes contribution of the AD9433, crystal clock reference, and encode drive circuit. 2 tV and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital output swing. The digital output load during testing is not to exceed an ac load of 10 pF or a dc current of 50 A. Rise and fall times measured from 10% to 90%. Specifications subject to change without notice.
REV. 0
-3-
AD9433
ABSOLUTE MAXIMUM RATINGS* THERMAL CHARCTERISTICS
Parameter ELECTRICAL VDD Voltage VCC Voltage Analog Input Voltage Digital Input Voltage Digital Output Current ENVIRONMENTAL Operating Temperature Range (Ambient) Maximum Junction Temperature Storage Temperature Range (Ambient)
Min -0.5 -0.5 -0.5 -0.5
Max +6.0 +6.0 VCC + 0.5 VCC + 0.5 20
Unit V V V V mA
Thermal Resitance
52-Lead PowerQuad(R) 4 LQFP_ED JA = 25C/W, Soldered Heat Sink, No Airflow JA = 33C/W, Unsoldered Heat Sink, No Airflow JC = 2C/W, Bottom of Package (Heat Sink)
Simulated typical performance for 4-layer JEDEC board, horizontal orientation.
EXPLANATION OF TEST LEVELS Test Level
-40
+85 +150
C C C
-65
+125
*Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
100% production tested. 100% production tested at 25 C and guaranteed by design and characterization at specified temperatures. III Sample Tested Only IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25 C and guaranteed by design and characterization for industrial temperature range.
I II
ORDERING GUIDE
Model AD9433BSQ-105 AD9433BSQ-125 AD9433/PCB
Temperature Range -40C to +85C (Ambient) -40C to +85C (Ambient) 25C
Package Description 52-Lead Plastic Thermally Enhanced Quad Flatpack 52-Lead Plastic Thermally Enhanced Quad Flatpack Evaluation Board with AD9433BSQ-125 (Supports - 105 Evaluation)
Package Option SQ-52 SQ-52
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9433 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PowerQuad is a registered trademark of AMkor Technology, Inc.
-4-
REV. 0
AD9433
PIN FUNCTION DESCRIPTIONS
Pin Number 1, 3, 4, 9, 11, 33, 34, 35, 38, 39, 40, 43, 48, 51 2, 5, 6, 10, 36, 37, 44, 47, 52 7 8 14 15-20, 25-30 13, 22, 23, 32 12, 21, 24, 31 41 42
Mnemonic GND VCC ENCODE ENCODE OR D11-D0 VDD DGND DFS SFDR MODE
Function Analog Ground Analog Supply (5 V) Encode Clock for ADC-Complementary Encode Clock for ADC-True (ADC samples on rising edge of ENCODE) Out of Range Output Digital Output Digital Output Power Supply (3 V) Digital Output Ground Data Format Select. Low = Two's Complement, High = Binary; Floats Low CMOS control pin that enables (SFDR MODE = 1), a proprietary circuit that may improve the spurious free dynamic range (SFDR) performance of the AD9433. It is useful in applications where the dynamic range of the system is limited by discrete spurious frequency content caused by nonlinearities in the ADC transfer function. SFDR MODE = 0 for normal operation; Floats Low. Reference Input for ADC (2.5 V typical) Internal Reference Output (2.5 V typical); bypass with 0.1 F to Ground Analog Input-True Analog Input-Complement
45 46 49 50
VREFIN VREFOUT AIN AIN
PIN CONFIGURATION
SFDR MODE VREFOUT
VREFIN
GND
GND
GND
52 51 50 49 48 47 46 45 44 43 42 41 40
GND 1 VCC 2 GND 3 GND 4 VCC 5 VCC 6 ENCODE 7 ENCODE 8 GND 9 VCC 10 GND 11 DGND 12 VDD 13
GND
DFS
VCC
VCC
AIN
AIN
VCC
PIN 1 IDENTIFIER
39 38 37 36 35
GND GND VCC VCC GND GND GND VDD DGND D0 (LSB) D1 D2 D3
AD9433BSQ
TOP VIEW (Not to Scale)
34 33 32 31 30 29 28 27
14 15 16 17 18 19 20 21 22 23 24 25 26
(MSB) D11
DGND
DGND
OR
D10
D5
D9
D8
D7
D6
VDD
REV. 0
-5-
VDD
D4
AD9433
DEFINITIONS OF SPECIFICATIONS Analog Bandwidth Integral Nonlinearity
The analog input frequency at which the spectral power of the fundamental frequency (as determined by the FFT analysis) is reduced by 3 dB.
Aperture Delay
The deviation of the transfer function from a reference line measured in fractions of 1 LSB using a best fit straight line determined by a least square curve fit.
Minimum Conversion Rate
The delay between the 50% point of the rising edge of the ENCODE command and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The encode rate at which the SNR of the lowest analog signal frequency drops by no more than 3 dB below the guaranteed limit.
Maximum Conversion Rate
The maximum encode rate at which parametric testing is performed.
Output Propagation Delay
The sample-to-sample variation in aperture delay.
Differential Analog Input Resistance, Differential Analog Input Capacitance, and Differential Analog Input Impedance
The delay between a differential crossing of ENCODE and ENCODE and the time when all output data bits are within valid logic levels.
Noise (for Any Range within the ADC)
The real and complex impedances measured at each analog input port. The resistance is measured statically and the capacitance and differential input impedances are measured with a network analyzer.
Differential Analog Input Voltage Range
VNOISE = Z x 0.001 x 10
FSdBm - SNRdBc - SignaldBFS 10
The peak-to-peak differential voltage that must be applied to the converter to generate a fullscale response. Peak differential voltage is computed by observing the voltage on a single pin and subtracting the voltage from the other pin, which is 180 degrees out of phase. Peak to peak differential is computed by rotating the inputs phase 180 degrees and taking the peak measurement again. Then the difference is computed between both peak measurements.
Differential Nonlinearity
Where Z is the input impedance, FS is the full scale of the device for the frequency in question, SNR is the value for the particular input level, and SIGNAL is the signal level within the ADC reported in dB below full scale. This value includes both thermal and quantization noise.
Power Supply Rejection Ratio
The ratio of a change in input offset voltage to a change in power supply voltage.
Signal-to-Noise and Distortion (SINAD)
The deviation of any code width from an ideal 1 LSB step.
Effective Number of Bits
The ratio of the rms signal amplitude (set 1 dB below full scale) to the rms value of the sum of all other spectral components, including harmonics but excluding dc.
Signal-to-Noise Ratio (without Harmonics)
The effective number of bits (ENOB) is calculated from the measured SNR based on the equation:
Full - Scale Amplitude SNRMEASURED - 1.76 dB + 20 log Input Amplitude ENOB = 6.02
The ratio of the rms signal amplitude (set at 1 dB below full scale) to the rms value of the sum of all other spectral components, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
Encode Pulsewidth/Duty Cycle
Pulsewidth high is the minimum amount of time that the ENCODE pulse should be left in logic "1" state to achieve rated performance; pulsewidth low is the minimum time ENCODE pulse should be left in low state. See timing implications of changing tENCH in text. At a given clock rate, these specs define an acceptable Encode duty cycle.
Full-Scale Input Power
The ratio of the rms signal amplitude to the rms value of the peak spurious spectral component. The peak spurious component may or may not be a harmonic. May be reported in dBc (i.e., degrades as signal level is lowered), or dBFS (always related back to converter full scale).
Two-Tone Intermodulation Distortion Rejection
Expressed in dBm. Computed using the following equation:
2 V FullScale rms = 10 log Z 0.001
The ratio of the rms value of either input tone (f1, f2) to the rms value of the worst third order intermodulation product; reported in dBc. Products are located at 2f1 - f2 and 2f2 - f1.
Two-Tone SFDR
PowerFull Scale
The ratio of the rms value of either input tone (f1, f2) to the rms value of the peak spurious component. The peak spurious component may or may not be an IMD product. May be reported in dBc (i.e., degrades as signal level is lowered), or in dBFS (always related back to converter full scale).
Worst Other Spur
Gain
Gain error is the difference between the measured and ideal full-scale input voltage range of the ADC.
Harmonic Distortion
The ratio of the rms signal amplitude to the rms value of the worst spurious component (excluding the second and third harmonic) reported in dBc.
The ratio of the rms signal amplitude fundamental frequency to the rms signal amplitude of a single harmonic component (second, third, etc.), reported in dBc.
-6-
REV. 0
AD9433
SAMPLE N SAMPLE N-1 SAMPLE N+9 SAMPLE N+10
AIN
SAMPLE N+1
SAMPLE N+8
tA tEH
ENCODE
tEL
1/fS
ENCODE
tPD
tV
D11-D0
DATA N-11
DATA N-10
DATA N-9
DATA N-2
DATA N-1
DATA N
DATA N+1
Figure 1. AD9433 Timing Diagram
EQUIVALENT CIRCUITS
VDD
VCC
VCC
3.75k
DX
3.75k
VREFOUT
AIN AIN 15k 15k
Figure 2. Digital Output
Figure 3. Analog Input
VCC
Figure 4. Reference Output
VCC
8k
8k
VREFIN
ENCODE
ENCODE
24k
24k
Figure 5. Encode Inputs
Figure 6. Reference Input
REV. 0
-7-
AD9433 -Typical Performance Characteristics
0 -10 -20 -30 -40 -50
dB
-80 3RD HARMONIC -95
SNR = 67.5dB SFDR = 85.0dBFS
-90 -85 WORST OTHER
-60 -70 -80 -90
dBc
-75 -70 2ND HARMONIC -65 -60
-100 -110 -120 0 13.1 26.3 FREQUENCY - MHz 39.4 52.5
0
50
100 150 AIN - MHz
200
250
TPC 1. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 4. Harmonics (Second, Third, Worst Other) vs. AIN Frequency. AIN @ -0.5 dBFS, fS = 105 MSPS, SFDR Enabled
0 -10 -20 -30
SNR/SINAD - dB
68
11.1 10.9 10.8 SNR SINAD ENOBs - Bits 10.6 10.4 10.3 10.1 9.9 9.8 300
SNR = 68.0dB SFDR = 80.0dBFS
67 66 65 64 63 62 61 60
-40 -50
dB
-60 -70 -80 -90
-100 -110 -120 0 13.1 26.3 FREQUENCY - MHz 39.4 52.5
0
50
100
150 AIN - Hz
200
250
TPC 2. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Disabled
TPC 5. SNR vs. AIN Frequency. Differential AIN @ -0.5 dBFS, 105 MSPS, SFDR Disabled
0 -10 -20 -30 SNR = 67.7dB SFDR = 76.0dBFS
100 95 90
SNR/SINAD - dB
3RD -dBc
-40 -50
85 80 75 SNR 70 65 SINAD 60 10 2ND -dBc
dB
-60 -70 -80 -90
-100 -110 -120 0 15.6 31.2 FREQUENCY - MHz 46.8 62.5
30
50
70 90 ENCODE - MSPS
110
140
TPC 3. FFT: fS = 125 MSPS, fIN = 49.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 6. SNR/SINAD and Harmonic Distortion vs. Encode Frequency. Differential AIN @ -0.5 dBFS
-8-
REV. 0
AD9433
0 -10 -20 -30
SNR/SINAD - dB
69 11.3
IMD3 = 92dBFS
67 65 SINAD 63 61 59 57 55 10.3 49.3 80.3 AIN - MHz 170.3 250.3 SNR 10.3 9.9 9.6 9.3 8.9 10.9 10.6
-40 -50
dB
-60 -70 -80 -90
-100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5
TPC 7. FFT: fS = 105 MSPS, fIN = 49.3 MHz and 50.3 MHz, Differential AIN @ -7 dBFS for Each Tone, SFDR Enabled
TPC 10. SNR and SINAD vs. AIN Frequency. Differential AIN @ -0.50 dBFS, fS = 125 MSPS, SFDR Enabled
110 100 90 80 70 SFDR dBc
100 90 80 2ND HARMONIC 70 60 SFDR dBFS SNR dBFS SNR 3RD HARMONIC
SFDR - dB
dB
60 50 40 30 20 10 0 -90 -80 -70 90dBFS REFERENCE
50 40 30
fS = 105MSPS fIN = 49.3MHz DIFFERENTIAL AIN SFDR ENABLED -20 -10 0
20 10 0 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 AIN COMMON-MODE VOLTAGE - V 4.4 4.5
-60 -50 -40 -30 AIN LEVEL - dBFS
TPC 8. SNR and SFDR vs. AIN Level, fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN, SFDR Enabled
TPC 11. Dynamic Performance vs. AIN Common-Mode Voltage. Differential AIN @ -0.5 dBFS, fIN = 49.3 MHz, fS = 105 MSPS
110
69 68
100
67
THIRD ORDER IMD - dB
90
SNR - dB
66 -40 C 65 64 +25 C 63 62
80
70
60
61
50 -90
+85 C
-80
-70
-60 -50 -40 -30 AIN LEVEL - dBFS
-20
-10
0
60 10.3 49.3 80.3 AIN - MHz 170.3 250.3
TPC 9. Third Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 49.3 MHz and 50.3 MHz, Differential AIN, SFDR Enabled
TPC 12. SNR vs. AIN Frequency/Temperature, fS = 105 MSPS, Differential AIN, SFDR Disabled
REV. 0
-9-
ENOB - Bits
AD9433
-95 WORST OTHER (dBc) -90 280 3RD HARMONIC (dBc) 260 2ND HARMONIC (dBc) -75 -70 SNR (dB) 200 3 12 15 300 18
DYNAMIC PERFORMANCE - dB
-85
ICC - mA
240 IDD (mA) 220
9
6
-65
-60 0 10 20 30 40 50 60 DUTY CYCLE HIGH - % 70 80 90
180 0 25 50 75 ENCODE FREQUENCY - MHz 100
0 125
TPC 13. Dynamic Performance vs. Encode Duty Cycle fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 16. IDD and ICC vs. Encode Rate. fIN = 10.3 MHz, Differential AIN @ -0.5 dBFS
0.75
0.75
0.50
0.50
0.25
0.25
INL - LSBs
0
INL - LSBs
0
-0.25
-0.25
-0.50
-0.50
-0.75 0
512
1024
1536
2048
2560
3072
3584
4095
-0.75 0
512
1024
OUTPUT CODE
1536 2048 2560 OUTPUT CODE
3072
3584
4095
TPC 14. Integral Nonlinearity vs. Output Code with SFDR Disabled
TPC 17. Integral Nonlinearity vs. Output Code with SFDR Enabled
0.5 0.4 0.3
0 -10 -20 -30
0.2
DNL - LSBs
-40 -50
0.1
dB
0 -0.1 -0.2
-60 -70 -80 -90
-0.3 -0.4 -0.5 0 512 1024 1536 2048 2560 OUTPUT CODE 3072 3584 4095
-100 -110 -120 0 7.68 15.36 FREQUENCY - MHz 23.04 30.72
TPC 15. Differential Nonlinearity vs. Output Code
TPC 18. FFT: fS = 61.44 MSPS, fIN = 46.08 MHz, 4 WCDMA Carriers, Differential AIN, SFDR Enabled
-10-
REV. 0
IDD - mA
-80
ICC (mA)
AD9433
TYPICAL IF SAMPLING PERFORMANCE
0 -10 -20 -30 -40 -50 SNR = 66.8dB SFDR = 83.0dBFS
0 -10 -20 -30 -40 -50
dB
SNR = 67.0dB SFDR = 80.0dBFS
dB
-60 -70 -80 -90
-60 -70 -80 -90
-100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5
-100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5
TPC 19. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 22. FFT: fS = 105 MSPS, fIN = 70.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Disabled
0 -10 -20 -30
SNR/SFDR - dB
110
SNR = 65.5dB SFDR = 78.0dBFS
100 90 80 70 60 SFDR - dBc 50 80dBFS REFERENCE LINE 40 30 20 10 fS = 105MSPS fIN = 70.3MHz DIFFERENTIAL AIN SFDR ENABLED -80 -70 -60 -50 -40 -30 AIN LEVEL - dBFS -20 -10 0 SNR - dBFS SFDR - dBFS
-40 -50
dB
-60 -70 -80 -90
-100 -110 -120 0 6.2 12.5 18.7 25.0 31.2 37.5 43.7 FREQUENCY - MHz 50.0 56.2 62.5
0 -90
TPC 20. FFT: fS = 125 MSPS, fIN = 70.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 23. SNR/SFDR vs. AIN Level
0 IMD3 - 85dBc -10 -20 -30 -40 -50
-110
-100
-90
dBFS
dB
-60 -70 -80 -90
-80
-70
-100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5
-60
fS = 105MSPS fIN = 70.3MHz AND 69.3MHz
DIFFERENTIAL AIN SFDR ENABLED
-50 -90
-80
-70
-60
-50 -40 dBFS
-30
-20
-10
0
TPC 21. FFT: fS = 105 MSPS, fIN = 69.3 and 70.3 MHz, Differential AIN @ -7 dBFS for Each Tone, SFDR Enabled
TPC 24. Third Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 70.3 MHz and 69.3 MHz, Differential AIN, SFDR Enabled
REV. 0
-11-
AD9433
0 -10 -20 -30 -40 -50 SNR = 64.0dB SFDR = 78.0dBFS
0 -10 -20 -30 -40 -50 dB -60 -70 -80 -90 -100 -110
0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5
SNR = 62.0dB SFDR = 70.0dBFS
dB
-60 -70 -80 -90
-100 -110 -120
-120
0
6.25
12.5
18.7
25.0 31.2 37.5 43.7 FREQUENCY - MHz
50.0
56.2
62.5
TPC 25. FFT: fS = 105 MSPS, fIN = 150.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 28. FFT: fS = 125 MSPS, fIN = 150.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
0 -10 -20 -30 -40 -50 dB -60 -70 -80 -90 -100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5 dB SNR = 61.2dB SFDR = 67.0dBFS
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0 6.2 12.5 18.7 25.0 31.2 37.5 43.7 FREQUENCY - MHz 50.0 56.2 62.5 SNR = 54.6dB SFDR = 58.0dBFS
TPC 26. FFT: fS = 105 MSPS, fIN = 250.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 29. FFT: fS = 125 MSPS, fIN = 350.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0 7.5 15.0 22.5 30.0 37.5 FREQUENCY - MHz 45.0 52.5 SNR = 55.3dB SFDR = 61.0dBFS
-110 -100 IMD3 -90 -80 -70
dBFS
dB
-60 -50 -40 -30 -20 -10 0 -90 -80 -70 -60 -50 -40 dBFS -30 -20 -10 0
TPC 27. FFT: fS = 105 MSPS, fIN = 350.3 MHz, Differential AIN @ -0.5 dBFS, SFDR Enabled
TPC 30. Third Order IMD vs. AIN Level, fS = 105 MSPS, fIN = 150.3 and 151.3 MHz, Differential AIN, SFDR Enabled
-12-
REV. 0
AD9433
0 -10 -20 -30 -40 -50
dB dB
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120
-60 -70 -80 -90
-100 -110 -120 0 9.6 19.2 FREQUENCY - MHz 28.8 38.4
0
11.52
23.04 FREQUENCY - MHz
34.56
46.08
TPC 31. FFT: fS = 76.8 MSPS, fIN = 59.6 MHz, 2 WCDMA Carriers, Differential AIN, SFDR Enabled
TPC 32. FFT: fS = 92.16 MSPS, fIN = 70.3 MHz, WCDMA @ 70.0 MHz, SFDR Enabled
APPLICATION NOTES Theory of Operation
ENCODE PECL GATE
The AD9433 is a multibit pipeline converter that uses a switched capacitor architecture. Optimized for high speed, this converter provides flat dynamic performance up to and beyond the Nyquist limit. DNL transitional errors are calibrated at final test to a typical accuracy of 0.25 LSB or less.
USING THE AD9433 ENCODE Input
AD9433
ENCODE 510 510
Figure 7. Using PECL to Drive the ENCODE Inputs
Any high-speed A/D converter is extremely sensitive to the quality of the sampling clock provided by the user. A track/hold circuit is essentially a mixer, and any noise, distortion, or timing jitter on the clock will be combined with the desired signal at the A/D output. For that reason, considerable care has been taken in the design of the ENCODE input of the AD9433, and the user is advised to give commensurate thought to the clock source. The AD9433 has an internal clock duty cycle stabilization circuit that locks to the rising edge of ENCODE (falling edge of ENCODE if driven differentially), and optimizes timing internally. This allows for a wide range of input duty cycles at the input without degrading performance. Jitter in the rising edge of the input is still of paramount concern, and is not reduced by the internal stabilization circuit. This circuit is always on, and cannot be disabled by the user. The ENCODE and ENCODE inputs are internally biased to 3.75 V (nominal), and support either differential or singleended signals. For best dynamic performance, a differential signal is recommended. Good performance is obtained using an MC10EL16 in the circuit to directly drive the encode inputs, as illustrated in Figure 7.
Often, the cleanest clock source is a crystal oscillator producing a pure, single-ended sine wave. In this configuration, or with any roughly symmetrical, single-ended clock source, the signal can be ac-coupled to the ENCODE input. To minimize jitter, the signal amplitude should be maximized within the input range described in Table I below. The 12 k resistors to ground at each of the inputs, in parallel with the internal bias resistors, set the common-mode voltage to approximately 2.5 V, allowing the maximum swing at the input. The ENCODE input should be bypassed with a capacitor to ground to reduce noise. This ensures that the internal bias voltage is centered on the encode signal. For best dynamic performance, impedances at ENCODE and ENCODE should match.
ENCODE 0.1 F 50 SINE SOURCE 50 25 0.1 F 12k
AD9433
ENCODE
12k
Figure 8. Single-Ended Sine Source Encode Circuit
REV. 0
-13-
AD9433
Shown in Figure 9 is another preferred method for clocking the AD9433. The clock source (low jitter) is converted from singleended to differential using an RF transformer. The back-to-back Schottky diodes across the transformer secondary limit clock excursions into the AD9433 to approximately 0.8 V p-p differential. This helps prevent the large voltage swings of the clock from feeding through to the other portions of the AD9433, and limits the noise presented to the ENCODE inputs. A crystal clock oscillator can also be used to drive the RF transformer if an appropriate limiting resistor (typically 100 ) is placed in the series with the primary.
0.1 F 100 T1-4T
AIN 50 ANALOG SIGNAL SOURCE 1:1 25 25 AIN 0.1 F
Figure 11. Transformer-Coupled Analog Input Circuit
CLOCK SOURCE
ENCODE
AD9433
ENCODE HMS2812 DIODES
Figure 9. Transformer-Coupled Encode Circuit
ENCODE Voltage Level Definition
The voltage level definitions for driving ENCODE and ENCODE in single-ended and differential mode are shown in Figure 10.
Table I. ENCODE Inputs
In the highest frequency applications, two transformers connected in series may be necessary to minimize even-order harmonic distortion. The first transformer will isolate and convert the signal to a differential signal, but the grounded input on the primary side will degrade amplitude balance on the secondary winding. Capacitive coupling between the windings causes this imbalance. Since one input to the first transformer is grounded, there is little or no capacitive coupling, resulting in an amplitude mismatch at the first transformers output. A second transformer will improve the amplitude balance, and thus improve the harmonic distortion. A wideband transformer, such as the ADT1-1WT from Mini Circuits, is recommended for these applications, as the bandwidth through the two transformers will be reduced by the 2.
AIN 50 ANALOG SIGNAL SOURCE 1:1 1:1 25 25 AIN 0.1 F
AD9433
Description
Minimum Nominal Maximum 750 mV 5.5 V VCC + 0.5 V 3.750 V 4.25 V
Differential Signal Amplitude 200 mV (VID) Input Voltage Range -0.5 V (VIHD, VILD, VIHS, VILS) Internal Common-Mode Bias (VICM) External Common-Mode Bias 2.0 V (VECM)
Figure 12. Driving the Analog Input with Two Transformers for Improved Even-Order Harmonics
Driving the ADC single-endedly will degrade performance, particularly even-order harmonics. For best dynamic performance, impedances at AIN and AIN should match. Special care was taken in the design of the analog input section of the AD9433 to prevent damage and corruption of data when the input is overdriven.
SFDR Optimization
ENCODE ENCODE
VIHD VICM , V ECM VILD
ENCODE ENCODE 0.1 F
VIHS VICM , V ECM VILS
The SFDR MODE pin enables (SFDR MODE = 1) a proprietary circuit that may improve the spurious free dynamic range (SFDR) performance of the AD9433. It is useful in applications where the dynamic range of the system is limited by discrete spurious frequency content caused by nonlinearities in the ADC transfer function. Enabling this circuit will give the circuit a dynamic transfer function, meaning that the voltage threshold between two adjacent output codes may change from clock cycle to clock cycle. While improving spurious frequency content, this dynamic aspect of the transfer function may be inappropriate for some time domain applications of the converter. Connecting the SFDR MODE pin to ground will disable this function. The typical performance curves section of the data sheet illustrates the improvement in the linearity of the converter and its effect on spurious free dynamic range (TPC 1, 2, 15, 18).
Figure 10. Differential and Single-Ended Input Levels
Analog Input
The analog input to the AD9433 is a differential buffer. The input buffer is self-biased by an on-chip resistor divider that nominally sets the dc common-mode voltage to 4 V (see Equivalent Circuits section). Rated performance is achieved by driving the input differentially. Minimum input offset voltage is obtained when driving from a source with a low differential source impedance, such as a transformer, in ac applications (See Figure 11). Capacitive coupling at the inputs will increase the input offset voltage by as much as 50 mV.
-14-
REV. 0
AD9433
Digital Outputs Layout Information
The digital outputs are 3 V (2.7 V to 3.3 V) TTL/CMOScompatible for lower power consumption. The output data format is selectable through the data format select (DFS) CMOS input. DFS = 1 selects offset binary; DFS = 0 selects two's complement coding.
Table II. Offset Binary Output Coding (DFS = 1, VREF = 2.5 V)
Code 4095
G G
AIN - AIN (V) Range = 2 V p-p +1.000
G G
Digital Output 1111 1111 1111
G G
The schematic and layout of the evaluation board (Figures 13-21) represents a typical implementation of the AD9433. A multilayer board is recommended to achieve best results. It is highly recommended that high quality, ceramic chip capacitors be used to decouple each supply pin to ground directly at the device. The pinout of the AD9433 facilitates ease of use in the implementation of high frequency, high resolution design practices. All of the digital outputs and their supply and ground pin connections are segregated to one side of the package, with the inputs on the opposite side for isolation purposes. Care should be taken when routing the digital output traces. To prevent coupling through the digital outputs into the analog portion of the AD9433 (VCC, AIN, and VREF), minimal capacitive loading should be placed on these outputs. It is recommended that a fan-out of only one gate should be used for all AD9433 digital outputs. The layout of the encode circuit is equally critical, and should be treated as an analog input. Any noise received on this circuitry will result in corruption in the digitization process and lower overall performance. The Encode clock must be isolated from the digital outputs and the analog inputs.
Replacing the AD9432 with the AD9433
2048 2047
G G
0 -0.00049
G G
1000 0000 0000 0111 1111 1111
G G
0
-1.000
0000 0000 0000
Table III. Two's Complement Output Coding (DFS = 0, VREF = 2.5 V)
Code +2047
G G
AIN - AIN (V) Range = 2 V p-p +1.000
G G
Digital Output 0111 1111 1111
G G
0 -1
G G
0 -0.00049
G G
0000 0000 0000 1111 1111 1111
G G
The AD9433 is pin-compatible with the AD9432, although there are two control pins on the AD9433 that do not connect (DNC) and supply (VCC) connections on the AD9432. They are summarized in the table below.
Table IV. AD9432/AD9433 Pin Differences
-2048
-1.000
1000 0000 0000
Pin 41 42
AD9432 DNC VCC
AD9433 DFS SFDR MODE
Voltage Reference
A stable and accurate 2.5 V voltage reference is built into the AD9433 (VREFOUT). In normal operation the internal reference is used by strapping Pin 45 to Pin 46 and placing a 0.1 F decoupling capacitor at VREFIN. The input range can be adjusted by varying the reference voltage applied to the AD9433. No appreciable degradation in performance occurs when the reference is adjusted to 50. The full-scale range of the ADC tracks reference voltage changes linearly.
Timing
Using the AD9433 in an AD9432 pin assignment will configure the AD9433 as follows: * The SFDR improvement circuit will be enabled. * The DFS pin will float LOW, selecting two's complement coding for the digital outputs, which is the same as the AD9432. Table V summarizes differences between the AD9432 and AD9433 analog and encode input common-mode voltages. These inputs may be ac-coupled so that the devices can be used interchangeably.
Table V. Other AD9432/AD9433 Differences
The AD9433 provides latched data outputs, with 10 pipeline delays. Data outputs are available one propagation delay (tPD) after the rising edge of the encode command (see Timing Diagram). The length of the output data lines and loads placed on them should be minimized to reduce transients within the AD9433; these transients can detract from the converter's dynamic performance. The minimum guaranteed conversion rate of the AD9433 is 10 MSPS. At internal clock rates below 10 MSPS, dynamic performance may degrade.
Attribute ENCODE/ENCODE VCOMMON MODE AIN/AIN VCOMMON MODE
AD9432 1.6 V 3.0 V
AD9433 3.75 V 4.0 V
REV. 0
-15-
AD9433
Table VI. Power Supply Connections for the AD9433 Evaluation Board
Connector P42
Pin P1, P3 P2 P4 P1, P3 P2 P4
Designator GND -5 V (Optional U10 Supply) VDL GND VO VCC
External Supply Required Ground -5 V +3 V Ground +3 V +5 V
Approximate Current Level 30 mA 144 mA 10 mA 325 mA Without U10 355 mA With U10
P43
Evaluation Board
The AD9433 evaluation board offers designers an easy way to evaluate device performance. The user must supply an analog input signal, encode clock reference, and power supplies. The digital outputs of the AD9433 are latched on the evaluation board, and are available with a data ready signal at a 40-pin edge connector. Please refer to the evaluation board schematic, layout, and bill of materials that follow.
Power Connections
the AD9433. U1 (DS90LV048A) also converts the signal at P38 to a CMOS level signal to drive the clock inputs of the two output data registers U7-U8, (74LVT574WM), the reconstruction DAC U3 (AD9772AAST), and the output data connector.
Analog Input
Power to the board is supplied via two detachable, four-pin power strips (P42 and P43). These eight pins should be driven as outlined in Table VI. Please note that the -5 V supply is optional, and only required if the user adds differential op amp U10 to the board.
Jumper Options
The table below describes the jumper options on the AD9433 Evaluation board.
Table VII. AD9433 Evaluation Board Jumper Options
The analog input signal is ac-coupled to the evaluation board by SMB connector P39. Transformers T1 and T2 (ADT1-1WT) convert this signal to a differential signal to drive AIN and AIN of the AD9433. These RF transformers are specified as 1:1, but their turns ratio is actually 6:7. T1 is rotated 180 and mounted on the board such that its secondary and primary are reversed, making its ratio 7:6. The second transformer in series now form a combined 1:1 turns ration for the analog signal, and provide a 50 termination for connector J1 via 25 resistors R3 and R4. Resistor R3, normally omitted, can be used to terminate P39 if the transformers are removed for single ended drive. In this configuration, the user will need to short the input signal from Pin 3 of T1 to Pin 6 of T2, and remove resistor R4. Resistor R3 should remain in place to match the impedance of AIN and AIN.
Using the AD8350
Jumper Designation SFDR
Connection 5V GND
Configuration SFDR Enhancement Circuit Enabled SFDR Enhancement Circuit Disabled Offset Binary Output Data Format Two's Complement Output Data Storage Output Register (U7-U8) Clock is Buffered Output Register (U7-U8) Clock is Inverted Data Ready Signal is Buffered Data Ready Signal is Inverted
DFS
5V GND
An optional driver circuit for the analog input, based on the AD8350 differential amplifier, is included in the layout of the AD9433 evaluation board. This portion of the evaluation circuit is not populated when the board is manufactured, but can be easily added by the user. Removing resistors R29 and R30 will disconnect the normal analog input signal path, and populating R17 and R31 will connect the AD8350 output network.
DAC Reconstruction Circuit
LATCH
E10 to E6 E10 to E5
DATA READY E7 to E8 E7 to E9
Encode Signal and Distribution
The encode input signal should drive SMB connector P38, which has an on-board 50 termination. This signal is ac-coupled, and may be either a low jitter pulse or a sine wave reference, with up to 4 V p-p amplitude. U2 (MC10EP16) converts this single-ended input signal to a differential PECL signal to drive
The data available at output connector U2 is also reconstructed by DAC U3, the AD772A. This 14-bit, high-speed digital-toanalog converter is included as a tool in setting up and debugging the evaluation board. It should not be used to measure the performance of the AD9433, as its performance will not accurately reflect the performance of the ADC. As configured on the AD9433 evaluation board, the AD9772A divides the input clock frequency by a factor of two, and ignores every other sample from the AD9433. The AD9772 internally interpolates the missing samples so that the DAC output will reflect the input of the AD9433 only when the analog input frequency is less than or equal to 1/4 the ADC encode rate. The AD9772 requires offset binary format so the DFS jumper should be connected to 5 V. The DAC's output, available at J1, will drive 50 . The user may move the jumper wire between E43 and E42 to connect E43 to E44, thus activating the SLEEP function of the DAC.
-16-
REV. 0
AD9433
Evaluation Board Bill of Materials
Item 1 2 3 4 5 6 7 8
Qty 1 1 1 1 1 2 2 35
Reference Designator AD9433/PCB U4 U3 U1 U2 U7-U8 T1-T2 C1, C2, C4-C8, C10, C12-C18, C20-C24, C27-C28, C30-C38, C42- C43, C45, C48 C9, C40-C41 C11 R10, R23 R29-R30 R1-R2, R24-R25 R3-R4, R7 R6, R8, R14 R9, R13 R11, R16 R12 RZ1-RZ2 RZ4-RZ5 J1, P38-P39 P44 P42-P43
Device PCB ADC DAC Quad LVDS/CMOS Diff. ECL Receiver D Flip-Flop 1:1 Transformer Capacitor
Package QFP52 LQFP48 SO16 SO8NB CD542 0603A
Value AD9433BST-XXX AD9772AAST DS90LV048A MC10EP16 74LVT574WM ADT1-1WT 0.1 F 10 F 10 F 50 33 510 25 2 k 1.2 k 1 k 220 742C163221 (220 ) 742C163220 (22 ) PC-Mount SMB Samtec Tsw-120-07-G-D Weiland Z5.531.3425.0 Posts 25.602.5453.0 Top TSW-120-07-G-S SMT-100-BK-G Short at Assembly ADT1-1WT AD8350 0.1 F 10 F 50 25 1.5 k 100 Select PC-Mount SMB
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
3 1 2 2 4 3 3 2 2 1 2 2 3 1 2
Capacitor Capacitor BRES603 BRES603 BRES603 BRES603 BRES603 BRES603 BRES603 BRES603 Resistor Pack Resistor Pack SMBPN 40 Pin Header Power Connector
BCAPTAJD 0603A 0603A 0603A 0603A 0603A 0603A 0603A 0603A 0603A SO16RES SO16RES SMB C40MS PTMICRO4
24 25 26* 27* 28* 29* 30* 31* 32* 33* 34* 35* 36*
15 4 1 1 7 1 2 2 2 2 6 1 6
E5-E7, E8-E10, E19-E21, E25-E27, E31-E33 E28/E29, E36/E37, E39/E40, E42/E43 T3 U10 C3, C46-C47, C50-C53 C44 R15, R27 R18-R19 R20, R33 R21, R28 L1-L2, R17, R22, R31, C29, C49 P41 E30, E34-E35, E38, E41, E44
"E" Holes "E" Holes 1:1 Transformer Op Amp Capacitor Capacitor BRES604 BRES606 BRES608 BRES605 Select (R, L, C) SMBPN "E" Holes
Jumper Blocks Wire Straps CD543 SO8 0603A BCAPTAJD 0603A 0603A 0603A 0603A 0603A SMB Option Holes
*Items are included in the PCB design, but are omitted at assembly.
REV. 0
-17-
AD9433
R33 1.5k R20 1.5k OUT+ VCC
IN+ GND IN+ 1 2 C50 L1 R17 AIN C29 GND GND VO VCC 34 9 10
VDD VDD GND GND VCC VDD ENBL VCC
OUT- R21 100 VCC
IN- C52 100nF
OPTIONAL ANALOG INPUT
3 C18 0.1 F VCC PAD UNDER PART P5
OUT+ 4 U10
T18 C49 L2 7 C51 42 SFDR DFS SCLK GAIN VREFIN VREFOUT AIN 50 C11 10pF GND VCC R30 33 AIN ENC ENC R9 1.2k GND C14 0.1 F R8 2k C13 0.1 F 7 6 C1 0.1 F R3 25 8 7 AIN ENC
DGND DGND DGND DGND GND GND GND GND GND GND GND VDD
T3 ADT1-WT1 4 1 2 5 3 6 R31 AIN GND U4 6
GND
R19 25
AD8350
T1
GND
R18 25 5 OUT-
VCC
GND
8 R21 C53 100 100nF IN-
VCC
VCC VCC
-5V 41 40 39 R29 33 GND 46 R4 25 C10 0.1 F 49 45 C6 0.1 F
VCC VCC VCC VCC
E19 E21 GND E20 VCC E27 E25 GND E26 VCC STRAPPED E30 TO GND E28 GND E29 STRAPPED VCC E33 TO GND E31 GND E32 13 32 23 22 36 52 47 44 37 6 5 2 OR (MSB) D11
14 15 16 17 18
OR D11
GND
PRI SEC SEC PRI
AD9433QFP52
OPTIONAL 7:6 GND C24 6:7
R15 50
T1 ADT1-WT1 T2 ADT1-WT1 4 1 3 6 2 5 2 C8 0.1 F 5 GND 6 3 1 4
P39 SMBMST
D10 D9 D8 D7 D6 D5 D4
19 20 25 26
D10 D9 D8 D7 D6 D5 D4
C4 0.1 F
ANALOG
U2 10EL16 1 8 A VCC 2 CLK Q 3 CLKN VBB VEE 4 5 R2 510 R1 510 GND GND Q R25 510 C2 0.1 F
GND
12 31 24 21 33 11 35 51 48 43 38 4 3 1 GND
Figure 13. Evaluation Board Schematic -18-
ENC C15 0.1 F C16 0.1 F GND C17 0.1 F GND R13 1.2k R14 2k
R22 C3 OPTIONAL SELECT 0.1 F GND
P38 SMBMST
C7 0.1 F
R24 510
ENCODE
VDL 1 2 3 4 5 6 7 8
R23 50
R12 220
U1
GND GND
27 D3 28 D2 29 D1 30 D0
D3 D2 D1 D0
VDL
E5 E10 E6 LATCH
GND
13 IN1N VCC OUT1 15 IN1P 14 IN2P OUT2 IN2N DS90LV04BATM 11 OUT3 IN3N IN3P IN4P IN4N VDL GND GND ENN ENP 12 9 16 VDL OUT4 10
E8 E7 E9 DR
REV. 0
AD9433
GND R7 25 J1 VDL C42 0.1 F GND VDL C38 0.1 F C34 0.1 F C33 0.1 F C12 0.1 F R10 50 GND GND GND VDL VDL VDL GND R6 2k C5 0.1 F GND GND GND
48 47 46 45 44 43 42 41 40 39 38 37
ACOM
IOUTB
ACOM
FSADJ
REFIO
REFLO
IOUTA
ACOM
DVDD
DVDD
AVDD
AVDD
E44 SLEEP LPF
36 35 34 33 32 31 30 29 28 27 26 25
GND GND B11 B10 B9 B8 B7 B6 B5 B4 B3 B2
1 2 3 4 5 6 7 8 9 10 11 12
VDL STRAPPED TO GROUND
DCOM DCOM DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DCOM DCOM DVDD DVDD MOD1 MOD0 DB3 DB2 DB1 DB0
E43 GND E42 GND VDL GND LATCH
PLLVDD PLLCOM
AD9772A
U3
CLKVDD CLKCOM CLK+ CLK- DIV0 DIV1 RESET PLLLOCK NC NC
VDL R16 1k R11 1k C43 0.1 F GND
GND GND
13 14 15 16 17 18 19 20 21 22 23 24
NC = NO CONNECT B1 VDL E40 GND VDL E37 GND E36 E39 E38 STRAPPED TO GROUND B0 GND GND E41 VDL VDL
Figure 14. Evaluation Board Schematic
REV. 0
-19-
AD9433
OPTIONAL VCC C48 0.1 F GND GND -5V C44 10 F + C47 0.1 F VDL C45 GND C22 DUT BYPASS - 0.1 F VCC C41 + 10 F C30 C28 C27 C23 C32 C31
GND OPTIONAL P1 P2 P42 PTMICRO4 P3
1 2 3
GND -5V GND VDL (+3V) GND VO (+3V) GND VCC (+5V)
VDL VD
E34 E35
LATCHES - 0.1 F VDL GND C9 + 10 F C20 C21
VD C40 + 10 F GND
DUT BYPASS - 0.1 F C37 C36 C35
P4 4 P1 P43 PTMICRO4 P2 P3
1 2 3
P4 4
RZ1 221 R5016I50
1 2 3
U8
GND
1 2 3 4
OUT EN D0 D1 D2 D3 D4 D5 D6 D7 GND 74AC574M
VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CLOCK
20 19 18 17 16 15 14 13 12 11
VDL
1 2 3 4 5 6 7 8
RZ1 220 R5016I50 R1 R2 R3 R4 R5 R6 R7 R8
16 15 14 13 12 11 10 9
R1 R2 R3 R4 R5 R6 R7 R8
16 15 14 13 12 11 10 9
D0 D1 D2 D3 D4
4 5 6 7 8
A0 A1 A2 A3 A4 GND
5 6 7 8 9 10
B0 B1 B2 B3 B4 GND B0R
1 3 5 7 9
P44 C40M5 P1 P3 P5 P7 P9 P11 P13 P15 P17 P19 P21 P23 P25 P27 P29 P31 P33 P35 P37 P39 P2 P4 P6 P8 P10 P12 P14 P16 P18 P20 P22 P24 P26 P28 P30 P32 P34 P36 P38 P40
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32
GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND GND
LATCH B0 B1 RZ1 220 R5016I50
1 2 3 4 5 6 7 8
11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
RZ1 221 R5016I50 D5 D6 D7 D8 D9 D10 D11 OR
1 2 3 4 5 6 7 8
U7
GND
16 15 14 13 12 11 10 9 1
B2 B3
16 15 14 13 12 11 10 9
OUT EN D0 D1 D2 D3 D4 D5 D6 D7 GND
VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CLOCK
20 19 18 17 16 15 14 13 12 11
VDL
R1 R2 R3 R4 R5 R6 R7 R8
A5 A6 A7 A8 A9 A10 A11 ADR GND
2 3 4 5 6 7 8 9 10
R1 R2 R3 R4 R5 R6 R7 R8
B5 B6 B7 B8 B9 B10 B11 B0R
B4 B5 B6 B7 B8 B9 B10 B11 GND DR GND
34
GND
36
GND
38 40
LATCH
74AC574M
GND
H1 MTHOLES H2 MTHOLES H3 MTHOLES
OPTIONAL P41 5MBM5T DR R27 50 GND
H4 MTHOLES GND
Figure 15. Evaluation Board Schematic
-20-
REV. 0
AD9433
AD9433 EVALUATION BOARD LAYOUT
Figure 16. Top Silkscreen
Figure 18. Ground Plane
Figure 17. Top Level Routing
Figure 19. Power Plane
REV. 0
-21-
AD9433
Figure 20. Bottom Layer Routing
Figure 21. Bottom Silkscreen
-22-
REV. 0
AD9433
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Thermally Enhanced 52-Lead Power Thin Plastic Quad Flatpack (LQFP_ED) (SQ-52)
0.093 (2.35) 0.087 (2.20) (4 PLCS) 0.081 (2.05)
0.472 (12.00) SQ 0.307 (7.80)
52 1 40 39
0.104 (2.65) 0.098 (2.50) (4 PLCS) 0.093 (2.35)
40 39
52 1
TOP VIEW
(PINS DOWN)
0.402 (10.20) 0.394 (10.00) SQ 0.386 (9.80)
EXPOSED HEATSINK (CENTERED)
0.236 (6.00) 0.232 (5.90) 0.228 (5.80)
13 14 26
27
27 26 14
13
0.026 (0.65)
0.015 (0.38) 0.013 (0.32) 0.009 (0.22)
0.236 (6.00) 0.232 (5.90) 0.228 (5.80) BOTTOM VIEW
(PINS UP)
0.063 (1.60) MAX 0.030 (0.75) 0.024 (0.60) 0.018 (0.45) SEATING PLANE VIEW A
0.057 (1.45) 0.055 (1.40) 0.053 (1.35)
0.006 (0.15) 0.002 (0.05) 0.004 (0.10) COPLANARITY
VIEW A
NOTES 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS. INCH DIMENSIONS ARE ROUNDED OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 2. ALTHOUGH NOT REQUIRED IN ALL APPLICATIONS, THE AD9433 HAS AN EXPOSED METALLIC PAD ON THE PACKAGE BOTTOM WHICH IS INTENDED TO ENHANCE THE HEAT REMOVAL PATH. TO MAXIMIZE THE REMOVAL OF HEAT, A LAND PATTERN WITH CLOSELY SPACED THERMAL VIAS TO THE GROUND PLANE(S) SHOULD BE INCORPORATED ON THE PCB WITHIN THE FOOTPRINT OF THE PACKAGE CORRESPONDING TO THE EXPOSED METAL PAD DIMENSIONS OF THE PACKAGE. THE SOLDERABLE LAND AREA SHOULD BE SOLDER MASK DEFINED AND BE AT LEAST THE SAME SIZE AND SHAPE AS THE EXPOSED PAD AREA ON THE PACKAGE. AT LEAST 0.25 MM CLEARANCE BETWEEN THE OUTER EDGES OF THE LAND PATTERN AND THE INNER EDGES OF THE PAD PATTERN SHOULD BE MAINTAINED TO AVOID ANY SHORTS.
REV. 0
-23-
-24-
C01977-.8-10/01(0)
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD9433BSQ-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X