Part Number Hot Search : 
74LS541 40C100 MSC8001 NTE3087 16N80 3EVKI 11LC160 AD83761
Product Description
Full Text Search
 

To Download AD1877JR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Single 5 V Power Supply Single-Ended Dual-Channel Analog Inputs 92 dB (Typ) Dynamic Range 90 dB (Typ) S/(THD+N) 0.006 dB Decimator Passband Ripple Fourth-Order, 64-Times Oversampling Modulator Three-Stage, Linear-Phase Decimator 256 F S or 384 F S Input Clock Less than 100 W (Typ) Power-Down Mode Input Overrange Indication On-Chip Voltage Reference Flexible Serial Output Interface 28-Lead SOIC Package APPLICATIONS Consumer Digital Audio Receivers Digital Audio Recorders, Including Portables CD-R, DCC, MD and DAT Multimedia and Consumer Electronic Equipment Sampling Music Synthesizers Digital Karaoke Systems
LRCK WCLK BCLK DVDD1 DGND1 RDEDGE S/M 384/256 AVDD 1 2 3 4 5 6 7 8 9
D A C
Single-Supply 16-Bit Stereo ADC AD1877*
FUNCTIONAL BLOCK DIAGRAM
SERIAL OUTPUT INTERFACE CLOCK DIVIDER 28 27 26 THREE-STAGE FIR DECIMATION FILTER THREE-STAGE FIR DECIMATION FILTER 25 CLKIN TAG SOUT DVDD2
24 DGND2 23 RESET MSBDLY RLJUST AGND VINR CAPR1 CAPR2 AGNDR VREFR
D A C
D A C
D A C
22 21 20 19 18
VINL 10 CAPL1 11 CAPL2 12 AGNDL 13 VREFL 14 SINGLE TO DIFFERENTIAL INPUT CONVERTER SINGLE TO DIFFERENTIAL INPUT CONVERTER
17 16 15
VOLTAGE REFERENCE
AD1877
PRODUCT OVERVIEW
The AD1877 is a stereo, 16-bit oversampling ADC based on Sigma Delta () technology intended primarily for digital audio bandwidth applications requiring a single 5 V power supply. Each single-ended channel consists of a fourth-order one-bit noise shaping modulator and a digital decimation filter. An onchip voltage reference, stable over temperature and time, defines the full-scale range for both channels. Digital output data from both channels are time-multiplexed to a single, flexible serial interface. The AD1877 accepts a 256 x F S or a 384 x FS input clock (FS is the sampling frequency) and operates in both serial port "master" and "slave" modes. In slave mode, all clocks must be externally derived from a common source. Input signals are sampled at 64 x FS onto internally buffered switched-capacitors, eliminating external sample-and-hold amplifiers and minimizing the requirements for antialias filtering at the input. With simplified antialiasing, linear phase can be preserved across the passband. The on-chip single-ended to differential signal converters save the board designer from having to provide them externally. The AD1877's internal differential architecture provides increased dynamic range and excellent power supply rejection characteristics. The AD1877's proprietary fourth-order differential switched-capacitor modulator architecture shapes the
*Protected by U.S. Patent Numbers 5055843, 5126653, and others pending.
one-bit comparator's quantization noise out of the audio passband. The high order of the modulator randomizes the modulator output, reducing idle tones in the AD1877 to very low levels. Because its modulator is single-bit, AD1877 is inherently monotonic and has no mechanism for producing differential linearity errors. The input section of the AD1877 uses autocalibration to correct any dc offset voltage present in the circuit, provided that the inputs are ac coupled. The single-ended dc input voltage can swing between 0.7 V and 3.8 V typically. The AD1877 antialias input circuit requires four external 470 pF NPO ceramic chip filter capacitors, two for each channel. No active electronics are needed. Decoupling capacitors for the supply and reference pins are also required. The dual digital decimation filters are triple-stage, finite impulse response filters for effectively removing the modulator's high frequency quantization noise and reducing the 64 x FS single-bit output data rate to an FS word rate. They provide linear phase and a narrow transition band that properly digitizes 20 kHz signals at a 44.1 kHz sampling frequency. Passband ripple is less than 0.006 dB, and stopband attenuation exceeds 90 dB.
(Continued on Page 6)
REV. A
I Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD1877-SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
5.0 V 25 C 12.288 MHz 991.768 Hz -0.5 dB Full Scale Measurement Bandwidth 23.2 Hz to 19.998 kHz Load Capacitance on Digital Outputs 50 pF 2.4 V Input Voltage HI (VIH) Input Voltage LO (VIL) 0.8 V Master Mode, Data I2S-Justified (Refer to Figure 14). Device Under Test (DUT) bypassed and decoupled as shown in Figure 3. DUT is antialiased and ac coupled as shown in Figure 2. DUT is calibrated. Values in bold typeface are tested, all others are guaranteed but not tested.
Supply Voltages Ambient Temperature Input Clock (FCLKIN) [256 x FS] Input Signal
ANALOG PERFORMANCE
Min Resolution Dynamic Range (20 Hz to 20 kHz, -60 dB Input) Without A-Weight Filter With A-Weight Filter Signal to (THD + Noise) Signal to THD Analog Inputs Single-Ended Input Range ( Full Scale)* Input Impedance at Each Input Pin VREF DC Accuracy Gain Error Interchannel Gain Mismatch Gain Drift Midscale Offset Error (After Calibration) Midscale Drift Crosstalk (EIAJ Method)
*VIN p-p = VREF x 1.333.
Typ 16
Max
Unit Bits dB dB dB dB
87 90 86.5 92 VREF - 1.55 2.05
92 94 90 94 VREF 32 2.25 0.5 0.01 115 3 15 -99 VREF + 1.55 2.55 2.5
V k V % dB ppm/C LSBs ppm/C dB
20
-90
-2-
REV. A
AD1877
DIGITAL I/O
Min Input Voltage HI (VIH) Input Voltage LO (VIL) Input Leakage (IIH @ VIH = 5 V) Input Leakage (IIL @ VIL = 0 V) Output Voltage HI (VOH @ IOH = -2 mA) Output Voltage LO (VOL @ IOL = 2 mA) Input Capacitance 2.4
Typ
Max 0.8 10 10
Unit V V A A V V pF
2.4 0.4 15
DIGITAL TIMING (Guaranteed over 0C to 70C, DVDD = AVDD = 5 V 5%. Refer to Figures 17-19.)
Min tCLKIN FCLKIN tCPWL tCPWH tRPWL tBPWL tBPWH tDLYCKB tDLYBLR tDLYBWR tDLYBWF tDLYDT tSETLRBS tDLYLRDT tSETWBS tDLYBDT CLKIN Period CLKIN Frequency (1/tCLKIN) CLKIN LO Pulsewidth CLKIN HI Pulsewidth RESET LO Pulsewidth BCLK LO Pulsewidth BCLK HI Pulsewidth CLKIN Rise to BCLK Xmit (Master Mode) BCLK Xmit to LRCK Transition (Master Mode) BCLK Xmit to WCLK Rise BCLK Xmit to WCLK Fall BCLK Xmit to Data/Tag Valid (Master Mode) LRCK Setup to BCLK Sample (Slave Mode) LRCK Transition to Data/TAG Valid (Slave Mode) No MSB Delay Mode (for MSB Only) WCLK Setup to BCLK Sample (Slave Mode) Data Position Controlled by WCLK Input Mode BCLK Xmit to DATA/TAG Valid (Slave Mode) All Bits Except MSB in No MSB Delay Mode All Bits in MSB Delay Mode 48 1.28 15 15 50 15 15
Typ 81 12.288
Max 780 20.48
Unit ns MHz ns ns ns ns ns ns ns ns ns ns ns ns ns
15 15 10 10 10 10 40 10
10
ns
POWER
Min Supplies Voltage, Analog and Digital Analog Current Analog Current--Power Down (CLKIN Running) Digital Current Digital Current--Power Down (CLKIN Running) Dissipation Operation--Both Supplies Operation--Analog Supply Operation--Digital Supply Power Down--Both Supplies (CLKIN Running) Power Down--Both Supplies (CLKIN Not Running) Power Supply Rejection (See TPC 5) 1 kHz 300 mV p-p Signal at Analog Supply Pins 20 kHz 300 mV p-p Signal at Analog Supply Pins Stopband (0.55 x FS)--any 300 mV p-p Signal 4.75
Typ 5 35 6 16 13 255 175 80 95 5 76 71 80
Max 5.25 43 26 20 39 315 215 100 325
Unit V mA A mA A mW mW mW W W dB dB dB
REV. A
-3-
AD1877
TEMPERATURE RANGE
Min Specifications Guaranteed Functionality Guaranteed Storage
DIGITAL FILTER CHARACTERISTICS
Typ 25
Max 70 +100
Unit C C C
0 -60
Min Decimation Factor Passband Ripple Stopband1 Attenuation 48 kHz FS (at Recommended Crystal Frequencies) Passband Stopband 44.1 kHz FS (at Recommended Crystal Frequencies) Passband Stopband 32 kHz FS (at Recommended Crystal Frequencies) Passband Stopband Other FS Passband Stopband Group Delay Group Delay Variation
Typ 64
Max 0.006
Unit dB dB kHz kHz kHz kHz kHz kHz FS FS s s
90 0 26.4 0 24.25 0 17.6 0 0.55 21.6
20
14.4
0.45 36/FS 0
NOTES 1 Stopband repeats itself at multiples of 64 x FS, where FS is the output word rate. Thus the digital filter will attenuate to 0 dB across the frequency spectrum except for a range 0.55 x FS wide at multiples of 64 x FS. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Min DVDD1 to DGND1 and DVDD2 to DGND2 AVDD to AGND/AGNDL/AGNDR Digital Inputs Analog Inputs AGND to DGND Reference Voltage Soldering (10 sec) 0 0 DGND - 0.3 AGND - 0.3 -0.3
Typ
Max
Unit V V V V V C
6 6 DVDD + 0.3 AVDD + 0.3 +0.3 Indefinite Short Circuit to Ground 300
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1877 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model AD1877JR
Temperature 0C to 70C
Package Description SOIC
Package Option R-28
-4-
REV. A
AD1877
PIN FUNCTION DESCRIPTIONS Signal to Total Harmonic Distortion (S/THD)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Input/ Output I/O I/O I/O I I I I I I I O O I O O I O O I I I I I I I O O I
Pin Name LRCK WCLK BCLK DVDD1 DGND1 RDEDGE S/M 384/256 AVDD VINL CAPL1 CAPL2 AGNDL VREFL VREFR AGNDR CAPR2 CAPR1 VINR AGND RLJUST MSBDLY RESET DGND2 DVDD2 SOUT TAG CLKIN
Description Left/Right Clock Word Clock Bit Clock 5 V Digital Supply Digital Ground Read Edge Polarity Select Slave/Master Select Clock Mode 5 V Analog Supply Left Channel Input Left External Filter Capacitor 1 Left External Filter Capacitor 2 Left Analog Ground Left Reference Voltage Output Right Reference Voltage Output Right Analog Ground Right External Filter Capacitor 2 Right External Filter Capacitor 1 Right Channel Input Analog Ground Right/Left Justify Delay MSB One BCLK Period Reset Digital Ground 5 V Digital Supply Serial Data Output Serial Overrange Output Master Clock
The ratio of the rms value of the fundamental input signal to the rms sum of all harmonically related spectral components in the passband, expressed in decibels.
Passband
The region of the frequency spectrum unaffected by the attenuation of the digital decimator's filter.
Passband Ripple
The peak-to-peak variation in amplitude response from equalamplitude input signal frequencies within the passband, expressed in decibels.
Stopband
The region of the frequency spectrum attenuated by the digital decimator's filter to the degree specified by "stopband attenuation."
Gain Error
With a near full-scale input, the ratio of actual output to expected output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the two stereo channels, expressed in decibels.
Gain Drift
Change in response to a near full-scale input with a change in temperature, expressed as parts-per-million (ppm) per C.
Midscale Offset Error
Output response to a midscale dc input, expressed in leastsignificant bits (LSBs).
Midscale Drift
Change in midscale offset error with a change in temperature, expressed as parts-per-million (ppm) per C.
Crosstalk (EIAJ Method)
Ratio of response on one channel with a grounded input to a full-scale 1 kHz sine-wave input on the other channel, expressed in decibels.
Power Supply Rejection
DEFINITIONS Dynamic Range
The ratio of a full-scale output signal to the integrated output noise in the passband (20 Hz to 20 kHz), expressed in decibels (dB). Dynamic range is measured with a -60 dB input signal and is equal to (S/[THD+N]) 60 dB. Note that spurious harmonics are below the noise with a -60 dB input, so the noise level establishes the dynamic range. The dynamic range is specified with and without an A-Weight filter applied.
Signal to (Total Harmonic Distortion + Noise)
With no analog input, signal present at the output when a 300 mV p-p signal is applied to power supply pins, expressed in decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to appear at the converter's output, expressed in milliseconds (ms). More precisely, the derivative of radian phase with respect to radian frequency at a given frequency.
Group Delay Variation
(S/(THD + N)) The ratio of the root-mean-square (rms) value of the fundamental input signal to the rms sum of all other spectral components in the passband, expressed in decibels (dB).
The difference in group delays at different input frequencies. Specified as the difference between largest and the smallest group delays in the passband, expressed in microseconds (s).
REV. A
-5-
AD1877
(Continued from Page 1 ) The flexible serial output port produces data in twos-complement, MSB-first format. The input and output signals are TTL compatible. The port is configured by pin selections. Each 16-bit output word of a stereo pair can be formatted within a 32-bit field of a 64-bit frame as either right-justified, I2S-compatible, Word Clock controlled or left-justified positions. Both 16-bit samples can also be packed into a 32-bit frame, in left-justified and I2S-compatible positions. The AD1877 is fabricated on a single monolithic integrated circuit using a 0.8 m CMOS double polysilicon, double metal process, and is offered in a plastic 28-lead SOIC package. Analog and digital supply connections are separated to isolate the analog circuitry from the digital supply and reduce digital crosstalk. The AD1877 operates from a single 5 V power supply over the temperature range of 0C to 70C, and typically consumes less than 260 mW of power.
THEORY OF OPERATION Modulator Noise-Shaping
offset and indirect dependence on temperature and time as it affects dc offset. The AD1877 suppresses idle tones 20 dB or better below the integrated noise floor. The AD1877's modulator was designed, simulated, and exhaustively tested to remain stable for any input within a wide tolerance of its rated input range. The AD1877 is designed to internally reset itself should it ever be overdriven, to prevent it from going instable. It will reset itself within 5 s at a 48 kHz sampling frequency after being overdriven. Overdriving the inputs will produce a waveform "clipped" to plus or minus full scale. See TPCs 1 through 16 for illustrations of the AD1877's typical analog performance as measured by an Audio Precision System One. Signal-to(distortion + noise) is shown under a range of conditions. Note that there is a small variance between the AD1877 analog performance specifications and some of the performance plots. This is because the Audio Precision System One measures THD and noise over a 20 Hz to 24 kHz bandwidth, while the analog performance is specified over a 20 Hz to 20 kHz bandwidth (i.e., the AD1877 performs slightly better than the plots indicate). The power supply rejection (TPC 5) graph illustrates the benefits of the AD1877's internal differential architecture. The excellent channel separation shown in TPC 6 is the result of careful chip design and layout.
Digital Filter Characteristics
The stereo, internally differential analog modulator of the AD1877 employs a proprietary feedforward and feedback architecture that passes input signals in the audio band with a unity transfer function yet simultaneously shapes the quantization noise generated by the one-bit comparator out of the audio band. See Figure 1. Without the architecture, this quantization noise would be spread uniformly from dc to one-half the oversampling frequency, 64 x FS.
VIN DAC MODULATOR BITSTREAM OUTPUT
VIN
SINGLE TO DIFFERENTIAL CONVERTER
The digital decimator accepts the modulator's stereo bitstream and simultaneously performs two operations on it. First, the decimator low-pass filters the quantization noise that the modulator shaped to high frequencies and filters any other out-of audio-band input signals. Second, it reduces the data rate to an output word rate equal to FS. The high frequency bitstream is decimated to stereo 16-bit words at 48 kHz (or other desired FS). The out-of-band one-bit quantization noise and other high frequency components of the bitstream are attenuated by at least 90 dB. The AD1877 decimator implements a symmetric Finite Impulse Response (FIR) filter which possesses a linear phase response. This filter achieves a narrow transition band (0.1 x FS), high stopband attenuation (> 90 dB), and low passband ripple (< 0.006 dB). The narrow transition band allows the unattenuated digitization of 20 kHz input signals with FS as low as 44.1 kHz. The stopband attenuation is sufficient to eliminate modulator quantization noise from affecting the output. Low passband ripple prevents the digital filter from coloring the audio signal. See TPC 7 for the digital filter's characteristics. The output from the decimator is available as a single serial output, multiplexed between left and right channels. Note that the digital filter itself is operating at 64 x FS. As a consequence, Nyquist images of the passband, transition band, and stopband will be repeated in the frequency spectrum at multiples of 64 x FS. Thus the digital filter will attenuate to greater than 90 dB across the frequency spectrum except for a window 0.55 x FS wide centered at multiples of 64 x FS. Any input signals, clock noise, or digital noise in these frequency windows will not be attenuated to the full 90 dB. If the high frequency signals or noise appear within the passband images within these windows, they will not be attenuated at all, and therefore input antialias filtering should be applied.
DAC VIN
Figure 1. Modulator Noise-Shaper (One Channel)
architectures "shape" the quantization noise-transfer function in a nonuniform manner. Through careful design, this transfer function can be specified to high-pass filter the quantization noise out of the audio band into higher frequency regions. The AD1877 also incorporates a feedback resonator from the fourth integrator's output to the third integrator's input. This resonator does not affect the signal transfer function but allows the flexible placement of a zero in the noise transfer function for more effective noise shaping. Oversampling by 64 simplifies the implementation of a high performance audio analog-to-digital conversion system. Antialias requirements are minimal; a single pole of filtering will usually suffice to eliminate inputs near FS and its higher multiples. A fourth-order architecture was chosen both to strongly shape the noise out of the audio band and to help break up the idle tones produced in all architectures. These architectures have a tendency to generate periodic patterns with a constant dc input, a response that looks like a tone in the frequency domain. These idle tones have a direct frequency dependence on the input dc
-6-
REV. A
AD1877
Sample Delay
The sample delay or "group delay" of the AD1877 is dominated by the processing time of the digital decimation filter. FIR filters convolve a vector representing time samples of the input with an equal-sized vector of coefficients. After each convolution, the input vector is updated by adding a new sample at one end of the "pipeline" and discarding the oldest input sample at the other. For an FIR filter, the time at which a step input appears at the output will be when that step input is half way through the input sample vector pipeline. The input sample vector is updated every 64 x FS. The equation which expresses the group delay for the AD1877 is: Group Delay (sec) = 36/FS (Hz) For the most common sample rates this can be summarized as: FS 48 kHz 44.1 kHz 32 kHz Group Delay 750 s 816 s 1125 s
For the AD1877, the input clock operates at either 256 x FS or 384 x FS as selected by the 384/256 pin. When 384/256 is HI, the 384 mode is selected and when 384/256 is LO, the 256 mode is selected. In both cases, the clock is divided down to obtain the 64 x FS clock required for the modulator. The output word rate itself will be at FS. This relationship is illustrated for popular sample rates below: 256 Mode CLKIN 384 Mode CLKIN Modulator Output Word Sample Rate Rate 48 kHz 44.1 kHz 32 kHz
12.288 MHz 18.432 MHz 3.072 MHz 11.2896 MHz 16.9344 MHz 2.822 MHz 8.192 MHz 12.288 MHz 2.048 MHz
The AD1877 serial interface will support both master and slave modes. Note that in slave mode it is required that the serial interface clocks are externally derived from a common source. In master mode, the serial interface clock outputs are internally derived from CLKIN.
Reset, Autocalibration and Power Down
Due to the linear phase properties of FIR filters, the group delay variation, or differences in group delay at different frequencies is essentially zero.
OPERATING FEATURES Voltage Reference and External Filter Capacitors
The AD1877 includes a +2.25 V on-board reference that determines the AD1877's input range. The left and right reference pins (14 and 15) should be bypassed with a 0.1 F ceramic chip capacitor in parallel with a 4.7 F tantalum as shown below in Figure 3. Note that the chip capacitor should be closest to the pin. The internal reference can be overpowered by applying an external reference voltage at the VREFL (Pin 14) and VREFR (Pin 15) pins, allowing multiple AD1877s to be calibrated to the same gain. It is not possible to overpower the left and right reference pins individually; the external reference voltage should be applied to both Pin 14 and Pin 15. Note that the reference pins must still be bypassed as shown in Figure 3. It is possible to bypass each reference pin (VREFL and VREFR) with a capacitor larger than the suggested 4.7 F, however it is not recommended. A larger capacitor will have a longer chargeup time which may extend into the autocalibration period, yielding incorrect results. The AD1877 requires four external filter capacitors on Pins 11, 12, 17 and 18. These capacitors are used to filter the single-to differential converter outputs, and are too large for practical integration onto the die. They should be 470 pF NPO ceramic chip type capacitors as shown in Figure 3, placed as close to the AD1877 package as possible.
Sample Clock
The active LO RESET pin (Pin 23) initializes the digital decimation filter and clears the output data buffer. While in the reset state, all digital pins defined as outputs of the AD1877 are driven to ground (except for BCLK, which is driven to the state defined by RDEDGE (Pin 6)). Analog Devices recommends resetting the AD1877 on initial power up so that the device is properly calibrated. The reset signal must remain LO for the minimum period specified in "Specifications" above. The reset pulse is asynchronous with respect to the master clock, CLKIN. If, however, multiple AD1877s are used in a system, and it is desired that they leave the reset state at the same time, the common reset pulse should be made synchronous to CLKIN (i.e., RESET should be brought HI on a CLKIN falling edge). Multiple AD1877s can be synchronized to each other by using a single master clock and a single reset signal to initialize all devices. On coming out of reset, all AD1877s will begin sampling at the same time. Note that in slave mode, the AD1877 is inactive (and all outputs are static, including WCLK) until the first rising edge of LRCK after the first falling edge of LRCK. This initial low going then high going edge of LRCK can be used to "skew" the sampling start-up time of one AD1877 relative to other AD1877s in a system. In the Data Position Controlled by WCLK Input mode, WCLK must be HI with LRCK HI, then WCLK HI with LRCK LO, then WCLK HI with LRCK HI before the AD1877 starts sampling. The AD1877 achieves its specified performance without the need for user trims or adjustments. This is accomplished through the use of on-chip automatic offset calibration that takes place immediately following reset. This procedure nulls out any offsets in the single-to-differential converter, the analog modulator and the decimation filter. Autocalibration completes in approximately 8192 x (1/(FLRCK) seconds, and need only be performed once at power-up in most applications. [In slave mode, the 8192 cycles required for autocalibration do not start until after the first rising edge of LRCK following the first falling edge of LRCK.] The autocalibration scheme assumes that the inputs are ac coupled. DC coupled inputs will work with the AD1877, but the autocalibration algorithm will yield an incorrect offset compensation.
An external master clock supplied to CLKIN (Pin 28) drives the AD1877 modulator, decimator, and digital interface. As with any analog-to-digital conversion system, the sampling clock must be low jitter to prevent conversion errors. If a crystal oscillator is used as the clock source, it should be bypassed with a 0.1 F capacitor, as shown below in Figure 3.
REV. A
-7-
AD1877
The AD1877 also features a power-down mode. It is enabled by the active LO RESET Pin 23 (i.e., the AD1877 is in powerdown mode while RESET is held LO). The power savings are specified in the `'Specifications'' section above. The converter is shut down in the power-down state and will not perform conversions. The AD1877 will be reset upon leaving the power-down state, and autocalibration will commence after the RESET pin goes HI. Power consumption can be further reduced by slowing down the master clock input (at the expense of input passband width). Note that a minimum clock frequency, FCLKIN, is specified for the AD1877.
Tag Overrange Output Analog Input Voltage Swing
The single-ended input range of the analog inputs is specified in relative terms in the "Specifications" section of this data sheet. The input level at which clipping occurs linearly tracks the voltage reference level, i.e., if the reference is high relative to the typical 2.25 V, the allowable input range without clipping is correspondingly wider; if the reference is low relative to the typical 2.25 V, the allowable input range is correspondingly narrower. Thus the maximum input voltage swing can be computed using the following ratio:
2.25 V ( nominal reference voltage) 3.1 V p - p (nominal voltage swing ) = X Volts ( measured reference voltage) Y Volts ( maximum swing without clipping)
The AD1877 includes a TAG serial output (Pin 27) which is provided to indicate status on the level of the input voltage. The TAG output is at TTL compatible logic levels. A pair of unsigned binary bits are output, synchronous with LRCK (MSB then LSB), that indicate whether the current signal being converted is: more than 1 dB under full scale; within 1 dB under full scale; within 1 dB over full scale; or more than 1 dB over full scale. The timing for the TAG output is shown in TPCs 7 through 16. Note that the TAG bits are not "sticky," i.e., they are not peak reading, but rather change with every sample. Decoding of these two bits is as follows: TAG Bits MSB, LSB 0 0 1 1 0 1 0 1 Meaning More Than 1 dB Under Full Scale Within 1 dB Under Full Scale Within 1 dB Over Full Scale More Than 1 dB Over Full Scale
Layout and Decoupling Considerations
Obtaining the best possible performance from the AD1877 requires close attention to board layout. Adhering to the following principles will produce typical values of 92 dB dynamic range and 90 dB S/(THD+N) in target systems. Schematics and layout artwork of the AD1877 Evaluation Board, which implement these recommendations, are available from Analog Devices. The principles and their rationales are listed below. The first two pertain to bypassing and are illustrated in Figure 3.
4.7 F 4.7 F
470pF NPO 13
0.1 F 15
0.1 F 16
470pF NPO 17 18
470pF NPO
5V DIGITAL 0.1 F
14
AGNDL VREFL VREFR AGNDR CAPR2 470pF NPO 12 11 CAPL2
CAPR1
AD1877
CAPL1 AGND 20 0.1 F 1F AVDD 9
CLKIN 28
OSCILLATOR
APPLICATIONS ISSUES Recommended Input Structure
DVDD1 DGND1 DGND2 DVDD2 4 10nF 1F 5 24 10nF 1F 5V DIGITAL 25
The AD1877 input structure is single-ended to allow the board designer to achieve a high level of functional integration. The very simple recommended input circuit is shown in Figure 2. Note the 1 F ac coupling capacitor which allows input level shifting for 5 V only operation, and for autocalibration to properly null offsets. The 3 dB point of the single-pole antialias RC filter is 240 kHz, which results in essentially no attenuation at 20 kHz. Attenuation at 3 MHz is approximately 22 dB, which is adequate to suppress FS noise modulation. If the analog inputs are externally ac coupled, then the 1 F ac coupling capacitors shown in Figure 2 are not required.
300 2.2nF NPO 1F 19 VINR
5V 5V ANALOG DIGITAL
Figure 3. Recommended Bypassing and Oscillator Circuits
RIGHT INPUT
AD1877
300 LEFT INPUT 2.2nF NPO 1F 10 VINL
There are two pairs of digital supply pins on opposite sides of the part (Pins 4 and 5 and Pins 24 and 25). The user should tie a bypass chip capacitor (10 nF ceramic) in parallel with a decoupling capacitor (1 F tantalum) on EACH pair of supply pins as close to the pins as possible. The traces between these package pins and the capacitors should be as short and as wide as possible. This will prevent digital supply current transients from being inductively transmitted to the inputs of the part. Use a 0.1 F chip analog capacitor in parallel with a 1.0 F tantalum capacitor from the analog supply (Pin 9) to the analog ground plane. The trace between this package pin and the capacitor should be as short and as wide as possible. The AD1877 should be placed on a split ground plane. The digital ground plane should be placed under the top end of the package, and the analog ground plane should be placed under the bottom end of the package as shown in Figure 4. The split should be between Pins 8 and 9 and between Pins 20 and 21.
Figure 2. Recommended Input Structure for Externally DC Coupled Inputs
-8-
REV. A
AD1877
The ground planes should be tied together at one spot underneath the center of the package with an approximately 3 mm trace. This ground plane technique also minimizes RF transmission and reception. drawn from the digital supply pins and help keep the IC substrate quiet.
How to Extend SNR
A cost-effective method of improving the dynamic range and SNR of an analog-to-digital conversion system is to use multiple AD1877 channels in parallel with a common analog input. This technique makes use of the fact that the noise in independent modulator channels is uncorrelated. Thus every doubling of the number of AD1877 channels used will improve system dynamic range by 3 dB. The digital outputs from the corresponding decimator channels have to be arithmetically averaged to obtain the improved results in the correct data format. A microprocessor, either general-purpose or DSP, can easily perform the averaging operation. Shown below in Figure 5 is a circuit for obtaining a 3 dB improvement in dynamic range by using both channels of a single AD1877 with a mono input. A stereo implementation would require using two AD1877s and using the recommended input structure shown in Figure 2. Note that a single microprocessor would likely be able to handle the averaging requirements for both left and right channels.
SINGLE CHANNEL INPUT AD1877 RECOMMENDED INPUT BUFFER VINR DIGITAL AVERAGER SINGLE CHANNEL OUTPUT
LRCK 1 WCLK 2 BCLK 3 DVDD1 4 DGND1 5 RDEDGE 6 S/M 7 384/256 AVDD 8 9 DIGITAL GROUND PLANE
28 27 26 25
CLKIN TAG SOUT DVDD2
24 DGND2 23 22 21 20 19 18 ANALOG GROUND PLANE 17 16 15 RESET MSBDLY RLJUST AGND VINR CAPR1 CAPR2 AGNDR VREFR
VINL 10 CAPL1 11 CAPL2 12 AGNDL 13 VREFL 14
AD1877
VINL
Figure 4. Recommended Ground Plane
Figure 5. Increasing Dynamic Range By Using Two AD1877 Channels
DIGITAL INTERFACE Modes of Operation
Each reference pin (14 and 15) should be bypassed with a 0.1 F ceramic chip capacitor in parallel with a 4.7 F tantalum capacitor. The 0.1 F chip cap should be placed as close to the package pin as possible, and the trace to it from the reference pin should be as short and as wide as possible. Keep this trace away from any analog traces (Pins 10, 11, 12, 17, 18, 19)! Coupling between input and reference traces will cause even order harmonic distortion. If the reference is needed somewhere else on the printed circuit board, it should be shielded from any signal dependent traces to prevent distortion. Wherever possible, minimize the capacitive load on the digital outputs of the part. This will reduce the digital spike currents
The AD1877's flexible serial output port produces data in two's-complement, MSB-first format. The input and output signals are TTL logic level compatible. Time multiplexed serial data is output on SOUT (Pin 26), left channel then right channel, as determined by the left/right clock signal LRCK (Pin 1). Note that there is no method for forcing the right channel to precede the left channel. The port is configured by pin selections. The AD1877 can operate in either master or slave mode, with the data in right-justified, I2S-compatible, Word Clock controlled or left-justified positions. The various mode options are pin-programmed with the Slave/ Master Pin (7), the Right/Left Justify Pin (21), and the MSB Delay Pin (22). The function of these pins is summarized as follows:
REV. A
-9-
AD1877
S/M 1 RLJUST 1 MSBDLY 1 WCLK Output BCLK Input LRCK Input Serial Port Operation Mode Slave Mode. WCLK frames the data. The MSB is output on the 17th BCLK cycle. Provides right-justified data in slave mode with a 64 x FS BCLK frequency. See Figure 7. Slave Mode. The MSB is output in the BCLK cycle after WCLK is detected HI. WCLK is sampled on the BCLK active edge, with the MSB valid on the next BCLK active edge. Tying WCLK HI results in I2S-justified data. See Figure 8. Slave Mode. Data left-justified with WCLK framing the data. WCLK rises immediately after an LRCK transition. The MSB is valid on the first BCLK active edge. See Figure 9. Slave Mode. Data I2S-justified with WCLK framing the data. WCLK rises in the second BCLK cycle after an LRCK transition. The MSB is valid on the second BCLK active edge. See Figure 10. Master Mode. Data right-justified. WCLK frames the data, going HI in the 17th BCLK cycle. BCLK frequency = 64 x FS. See Figure 11. Master Mode. Data right-justified + 1. WCLK is pulsed in the 17th BCLK cycle, staying HI for only 1 BCLK cycle. BCLK frequency = 64 x FS. See Figure 12. Master Mode. Data left-justified. WCLK frames the data. BCLK frequency = 64 x FS. See Figure 13. Master Mode. Data I2S-justified. WCLK frames the data. BCLK frequency = 64 x FS. See Figure 14. In the slave modes, the relationship between LRCK and BCLK is not fixed, to the extent that there can be an arbitrary number of BCLK cycles between the end of the data transmission and the next LRCK transition. The slave mode timing diagrams are therefore simplified as they show precise 32-bit fields and 64-bit frames. In two slave modes, it is possible to pack two 16-bit samples in a single 32-bit frame, as shown in Figures 15 and 16. BCLK, LRCK, DATA and TAG operate at one half the frequency (twice the period) as in the 64-bit frame modes. This 32-bit frame mode is enabled by pulsing the LRCK HI for a minimum of one BCLK period to a maximum of sixteen BCLK periods. The LRCK HI for one BCLK period case is shown in Figures 15 and 16. With a one or two BCLK period HI pulse on LRCK, note that both the left and right TAG bits are output immediately, back-to-back. With a three to sixteen BCLK period HI pulse on LRCK, the left TAG bits are followed by one to fourteen "dead" cycles (i.e., zeros) followed by the right TAG bits. Also note that WCLK stays HI continuously when the AD1877 is in the 32-bit frame mode. Figure 15 illustrates the left-justified case, while Figure 16 illustrates the I2S-justified case. In all modes, the left and right channel data is updated with the next sample within the last 1/8 of the current conversion cycle (i.e., within the last 4 BCLK cycles in 32-bit frame mode, and within the last 8 BCLK cycles in 64-bit frame mode). The user must constrain the output timing such that the MSB of the right channel is read before the final 1/8 of the current conversion period.
1
1
0
Input
Input
Input
1
0
1
Output
Input
Input
1
0
0
Output
Input
Input
0
1
1
Output
Output
Output
0
1
0
Output
Output
Output
0 0
0 0
1 0
Output Output
Output Output
Output Output
Serial Port Data Timing Sequences The RDEDGE input (Pin 6) selects the bit clock (BCLK) polarity. RDEDGE HI causes data to be transmitted on the BCLK falling edge and valid on the BCLK rising edge; RDEDGE LO causes data to be transmitted on the BCLK rising edge and valid on the BCLK falling edge. This is shown in the serial data output timing diagrams. The term "sampling" is used generically to denote the BCLK edge (rising or falling) on which the serial data is valid. The term "transmitting" is used to denote the other BCLK edge. The S/M input (Pin 7) selects slave mode (S/ M HI) or master mode (S/M LO). Note that in slave mode, BCLK may be continuous or gated (i.e., a stream of pulses during the data phase followed by periods of inactivity between channels). In the master modes, the bit clock (BCLK), the left/right clock (LRCK), and the word clock (WCLK) are always outputs, generated internally in the AD1877 from the master clock (CLKIN) input. In master mode, a LRCK cycle defines a 64-bit "frame." LRCK is HI for a 32-bit "field" and LRCK is LO for a 32-bit "field." In the slave modes, the bit clock (BCLK), and the left/right clock (LRCK) are user-supplied inputs. The word clock (WCLK) is an internally generated output except when S/M is HI, RLJUST is HI, and MSBDLY is LO, when it is a user-supplied input which controls the data position. Note that the AD1877 does not support asynchronous operation in slave mode; the clocks (CLKIN, LRCK, BCLK and WCLK) must be externally derived from a common source. In general, CLKIN should be divided down externally to create LRCK, BCLK and WCLK.
-10-
REV. A
AD1877
Two modes deserve special discussion. The first special mode, "Slave Mode, Data Position Controlled by WCLK Input" (S/M = HI, RLJUST = HI, MSBDLY = LO), shown in Figure 8, is the only mode in which WCLK is an input. The 16-bit output data words can be placed at user-defined locations within 32-bit fields. The MSB will appear in the BCLK period after WCLK is detected HI by the BCLK sampling edge. If WCLK is HI during the first BCLK of the 32-bit field (if WCLK is tied HI for example), then the MSB of the output word will be valid on the sampling edge of the second BCLK. The effect is to delay the MSB for one bit clock cycle into the field, making the output data compatible at the data format level with the I2S data format. Note that the relative placement of the WCLK input can vary from 32-bit field to 32-bit field, even within the same 64-bit frame. For example, within a single 64-bit frame, the left word could be right justified (by pulsing WCLK HI on the 16th BCLK) and the right word could be in an I2S-compatible data format (by having WCLK HI at the beginning of the second field). In the second special mode "Master Mode, Right-Justified with MSB Delay, WCLK Pulsed in 17th Cycle" (S/M = LO, RLJUST = HI, MSBDLY = LO), shown in Figure 12, WCLK is an output and is pulsed for one cycle by the AD1877. The MSB is valid on the 18th BCLK sampling edge, and the LSB extends into the first BCLK period of the next 32-bit field.
Timing Parameters
For both master and slave modes, BCLK must have a minimum LO pulsewidth of tBPWL, and a minimum HI pulsewidth of tBPWH. The AD1877 CLKIN and RESET timing is shown in Figure 19. CLKIN must have a minimum LO pulsewidth of tCPWL, and a minimum HI pulse width of tCPWH. The minimum period of CLKIN is given by tCLKIN. RESET must have a minimum LO pulsewidth of tRPWL. Note that there are no setup or hold time requirements for RESET.
Synchronizing Multiple AD1877s
Multiple AD1877s can be synchronized by making all the AD1877s serial port slaves. This option is illustrated in Figure 6. See the "Reset, Autocalibration and Power Down" section above for additional information.
CLOCK SOURCE
#1 AD1877 SLAVE MODE RESET CLKIN
DATA BCLK WCLK LRCK
#2 AD1877 SLAVE MODE RESET CLKIN
For master modes, a BCLK transmitting edge (labeled "XMIT") will be delayed from a CLKIN rising edge by tDLYCKB, as shown in Figure 17. A LRCK transition will be delayed from a BCLK transmitting edge by tDLYBLR. A WCLK rising edge will be delayed from a BCLK transmitting edge by tDLYBWR, and a WCLK falling edge will be delayed from a BCLK transmitting edge by tDLYBWF. The DATA and TAG outputs will be delayed from a transmitting edge of BCLK by tDLYDT. For slave modes, an LRCK transition must be setup to a BCLK sampling edge (labeled "SAMPLE") by tSETLRBS. The DATA and TAG outputs will be delayed from an LRCK transition by tDLYLRDT, and DATA and TAG outputs will be delayed from BCLK transmitting edge by tDLYBDT. For "Slave Mode, Data Position Controlled by WCLK Input," WCLK must be setup to a BCLK sampling edge by tSETWBS.
DATA BCLK WCLK LRCK
#N AD1877 SLAVE MODE RESET CLKIN
DATA BCLK WCLK LRCK
Figure 6. Synchronizing Multiple AD1877s
REV. A
-11-
AD1877-Typical Performance Characteristic Curves
0 20
84 80 82
40 60
dBFS
86 88
dBFS
90 92 94 96
80 100
120
98 100
140 0 2 4 6 8 10 12 14 16 FREQUENCY - kHz 18 20 22 24
0
2
4
6
8 10 12 14 AMPLITUDE - dBFS
16
18
20
TPC 1. 1 kHz Tone at -0.5 dBFS (16k-Point FFT)
TPC 4. THD+N versus Amplitude at 1 kHz
0 -20
60 65 70 75
-40 -60
dBFS dBFS
80 85
-80 -100
90
-120
95 100
-140 0 2 4 6 8 10 12 14 FREQUENCY - kHz 16 18 20 22 24
0
2
4
6
8 10 12 AMPLITUDE - kHz
14
16
18
20
TPC 2. 1 kHz Tone at -10 dBFS (16k-Point FFT)
TPC 5. Power Supply Rejection to 300 mV p-p on AVDD
80 82 84
80 85 90
86 88 95
dBFS
dBFS
0 2 20
90 92 94
100 105 110
96 98 100 4 6 8 10 12 14 FREQUENCY - kHz 16 18 115 120 0 2 4 6 8 10 12 14 FREQUENCY - kHz 16 18 20
TPC 3. THD+N versus Frequency at -0.5 dBFS
TPC 6. Channel Separation versus Frequency at -0.5 dBFS
-12-
REV. A
AD1877
0 -10 -20 -30 -40 dBFS -50 -60 -70 -80 -90 -100 -110 0.0 0.1 0.2 0.3 0.4 0.5 0.6 NORMALIZED FS 0.7 0.8 0.9 1.0
TPC 7. Digital Filter Signal Transfer Function to FS
LRCK INPUT BCLK RDEDGE = LO INPUT BCLK RDEDGE = HI SOUT OUTPUT MSB-14 WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB LEFT TAG MSB LSB PREVIOUS DATA LSB ZEROS LEFT DATA MSB MSB-1 MSB-2 LSB ZEROS RIGHT DATA MSB MSB-1 MSB-2 LSB ZEROS
31
32
1
2
15
16
17
18
19
32
1
2
15
16
17
18
19
32
1
2
Figure 7. Serial Data Output Timing: Slave Mode, Right-Justified with No MSB Delay, S/M = Hl, RLJUST = Hl, MSBDLY = Hl
LRCK INPUT BCLK RDEDGE= LO INPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK INPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB LEFT DATA MSB MSB-1 MSB-2 ZEROS RIGHT DATA MSB MSB-1 MSB-2
1
2
3
4
17
1
2
3
4
17
ZEROS
LSB
LSB
ZEROS
Figure 8. Serial Data Output Timing: Slave Mode, Data Position Controlled by WCLK Input, S/M = Hl, RLJUST= Hl, MSBDLY = LO
REV. A
-13-
AD1877
LRCK INPUT BCLK RDEDGE = LO INPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB LEFT DATA ZEROS MSB MSB-1 MSB-2 LSB ZEROS RIGHT DATA MSB MSB-1 MSB-2 LSB ZEROS
31
32
1
2
3
4
16
17
18
31
32
1
2
3
4
16
17
18
Figure 9. Serial Data Output Timing: Slave Mode, Left-Justified with No MSB Delay, S/M = Hl, RLJUST = LO, MSBDLY = Hl
LRCK INPUT BCLK RDEDGE = LO INPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB
32
1
2
3
4
5
17
31
32
1
2
3
4
5
17
LEFT DATA ZEROS MSB MSB-1 MSB-2 LSB ZEROS
RIGHT DATA MSB MSB-1 MSB-2
LSB
ZEROS
Figure 10. Serial Data Output Timing: Slave Mode, I2S-Justified, S/M = Hl, RLJUST = LO, MSBDLY = LO
LRCK OUTPUT BCLK RDEDGE = LO OUTPUT BCLK RDEDGE = HI SOUT OUTPUT MSB-14 WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB LEFT TAG MSB LSB PREVIOUS DATA LSB ZEROS MSB MSB-1 MSB-2 LEFT DATA LSB ZEROS RIGHT DATA MSB MSB-1 MSB-2 LSB ZEROS
31
32
1
2
15
16
17
18
19
32
1
2
15
16
17
18
19
32
1
2
Figure 11. Serial Data Output Timing: Master Mode, Right-Justified with No MSB Delay, S/M = LO, RLJUST = Hl, MSBDLY = Hl
-14-
REV. A
AD1877
LRCK OUTPUT BCLK RDEDGE = LO OUTPUT BCLK RDEDGE = HI SOUT OUTPUT MSB-14 WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB PREVIOUS DATA LSB LEFT DATA ZEROS MSB MSB-1 MSB-2 LSB ZEROS MSB MSB-1 MSB-2 RIGHT DATA LSB ZEROS
32
1
2
16
17
18
19
20
1
2
16
17
18
19
20
1
2
Figure 12. Serial Data Output Timing. Master Mode, Right-Justified with MSB Delay, WCLK Pulsed in 17th BCLK Cycle, S/M = LO, RLJUST = Hl, MSBDLY = LO
LRCK OUTPUT BCLK RDEDGE = LO OUTPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB LEFT DATA ZEROS MSB MSB-1 MSB-2 LSB ZEROS RIGHT DATA MSB MSB-1 MSB-2 LSB ZEROS
31
32
1
2
3
16
17
18
31
32
1
2
3
16
17
18
Figure 13. Serial Data Output Timing: Master Mode, Left-Justified with No MSB Delay, S/M = LO, RLJUST = LO, MSBDLY = Hl
LRCK OUTPUT BCLK RDEDGE = LO OUTPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG LSB MSB
32
1
2
3
4
17
31
32
1
2
3
4
17
LEFT DATA ZEROS MSB MSB-1 MSB-2 LSB ZEROS
RIGHT DATA MSB MSB-1 MSB-2 LSB ZEROS
Figure 14. Serial Data Output Timing: Master Mode, I2S-Justified, S/M = LO, RLJUST = LO, MSBDLY = LO
REV. A
-15-
AD1877
LRCK INPUT BCLK RDEDGE = LO INPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG LSB MSB RIGHT TAG MSB LSB PREVIOUS DATA LSB MSB MSB-14 LEFT DATA LSB MSB-1 MSB-2 MSB-3 MSB-4 MSB MSB-1 MSB-2 MSB-3 MSB-4 RIGHT DATA LSB LEFT DATA MSB MSB-1
31
32
1
2
3
4
5
16
17
18
19
20
21
32
1
2
HI
HI LEFT TAG LSB MSB
Figure 15. Serial Data Output Timing: Slave Mode, Left-Justified with No MSB Delay, 32-Bit Frame Mode, S/M = Hl, RLJUST = LO, MSBDLY = Hl
LRCK INPUT BCLK RDEDGE = LO INPUT BCLK RDEDGE = HI SOUT OUTPUT WCLK OUTPUT TAG OUTPUT
LEFT TAG MSB LSB RIGHT TAG MSB LSB PREVIOUS DATA LEFT DATA LSB MSB MSB-14 MSB-1 MSB-2 MSB-3 MSB-4 RIGHT DATA LSB MSB MSB-1 MSB-2 MSB-3 MSB-4 LSB LEFT DATA MSB MSB-1
32
1
2
3
4
5
6
17
18
19
20
21
22
1
2
3
HI
HI LEFT TAG MSB LSB RIGHT TAG MSB
Figure 16. Serial Data Output Timing: Slave Mode, I 2 S-Justified, 32-Bit Frame Mode, S/M = Hl, RLJUST= LO, MSBDLY = LO
CLKIN INPUT BCLK OUTPUT (64 x FS) RDEDGE = LO BCLK OUTPUT (64 x FS) RDEDGE = HI
tDLYCKB tBPWL
XMIT XMIT XMIT XMIT
tBPWH tBPWH tBPWL
LRCK OUTPUT WCLK OUTPUT DATA & TAG OUTPUTS
tDLYBWR tDLYBLR
tDLYBWF
tDLYDT
Figure 17. Master Mode Clock Timing
-16-
REV. A
AD1877
tBPWL
BCLK INPUT RDEDGE = LO BCLK OUTPUT RDEDGE = HI LRCK INPUT
tBPWH
XMIT
SAMPLE
XMIT
SAMPLE
tSETLRBS
tBPWH tBPWL
WCLK INPUT DATA & TAG OUTPUTS
tSETWBS tDLYLRDT
MSB
tDLYBDT
MSB-1
Figure 18. Slave Mode Clock Timing
tCLKIN tCPWH
CLKIN INPUT
tCPWL
RESET INPUT
tRPWL
Figure 19. CLKIN and RESET Timing
REV. A
-17-
AD1877
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28
15 0.2992 (7.60) 0.2914 (7.40)
PIN 1 1 14
0.4193 (10.65) 0.3937 (10.00)
0.7125 (18.10) 0.6969 (17.70)
0.1043 (2.65) 0.0926 (2.35) 0.0291 (0.74) 0.0098 (0.25) x 45
8 0.0118 (0.30) 0.0040 (0.10) 0.0500 (1.27) BSC 0.0192 (0.49) 0.0138 (0.35) 0.0125 (0.32) 0 0.0091 (0.23)
0.0500 (1.27) 0.0157 (0.40)
-18-
REV. A
PRINTED IN U.S.A.
C00749-0-8/00 (rev. A)
R-28 (S-Suffix) 28-Lead Wide-Body SO SOL-28


▲Up To Search▲   

 
Price & Availability of AD1877JR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X