Part Number Hot Search : 
SKL32CG MC74VHC1 STB30 6AYO1 HCS244K 9S12DG KBL304 MJE130
Product Description
Full Text Search
 

To Download 2SK360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK360
Silicon N-Channel MOS FET
Application
VHF amplifier
Outline
2SK360
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Gate current Channel power dissipation Channel temperature Storage temperature Note: 1. VGS = -4 V Symbol VDSX* VGSS ID IG Pch Tch Tstg
1
Ratings 20 5 30 1 150 150 -55 to +150
Unit V V mA mA mW C C
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate cutoff current Drain current Gate to source cutoff voltage Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Power gain Noise figure Note: Grade Mark I DSS D IGD 4 to 8 E IGE 6 to 10 Symbol V(BR)DSX I GSS I DSS*
1
Min 20 -- 4 0 8 -- -- -- -- -- F IGF 8 to 12
Typ -- -- -- -- 14 2.5 1.6 0.03 30 2.0
Max -- 20 12 -2.0 -- -- -- -- -- --
Unit V nA mA V mS pF pF pF dB dB
Test conditions I D = 100 A, VGS = -4 V VGS = 5 V, VDS = 0 VDS = 10 V, VGS = 0 VDS = 10 V, ID = 10 A VDS = 10 V, VGS = 0, f = 1 kHz VDS = 10 V, VGS = 0, f = 1 MHz
VGS(off) yfs Ciss Coss Crss PG NF
VDS = 10 V, VGS = 0, f = 100 MHz
1. The 2SK360 is grouped by I DSS as follows.
See characteristic curves of 2SK359.
2
2SK360
3
2SK360
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SK360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X