Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download 2SD1419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1419
Silicon NPN Epitaxial
Application
* Low frequency power amplifier * Complementary pair with 2SB1026
Outline
2SD1419
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC iC(peak)* PC * Tj Tstg
2 1
Ratings 120 100 5 1 2 1 150 -55 to +150
Unit V V V A A W C C
Notes: 1. PW 10 ms, Duty cycle 20% 2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Symbol V(BR)CBO Min 120 100 5 --
1
Typ -- -- -- -- -- -- -- -- 140 12
Max -- -- -- 10 200 -- 1 1.5 -- --
Unit V V V A
Test conditions I C = 10 A, IE = 0 I C = 1 mA, RBE = I E = 10 A, IC = 0 VCB = 100 V, IE = 0 VCE = 5 V, IC = 150 mA*2 VCE = 5 V, IC = 500 mA*2 I C = 500 mA, IB = 50 mA*2 VCE = 5 V, IC = 150 mA*2 VCE = 5 V, IC = 150 mA*2 VCB = 10 V, IE = 0, f = 1 MHz
Collector to emitter breakdown V(BR)CEO voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio V(BR)EBO I CBO hFE1* hFE2 Collector to emitter saturation voltage Base to emitter voltage Gain bandwidth product Collector output capacitance VCE(sat) VBE fT Cob
60 30 -- -- -- --
V V MHz pF
Notes: 1. The 2SD1419 is grouped by h FE1 as follows. 2. Pulse test Mark hFE1 DD 60 to 120 DE 100 to 200
See characteristic curves of 2SD1418.
2
2SD1419
3
2SD1419
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SD1419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X