Part Number Hot Search : 
HD880 3N259 A2726 MPP4201 C18LF2 KTC9014S EN8935A ZMM3B3
Product Description
Full Text Search
 

To Download 2SC5333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5333
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC5333 300 300 6 2 0.2 35(Tc=25C) 150 -55to+150 Unit V V V A A W C C
2.54 2.20.2
Application : Series Regulator, Switch, and General Purpose
(Ta=25C) 2SC5333 1.0max 1.0max 300min 30min 1.0max 10typ 75typ V MHz pF
13.0min
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=300V VEB=6V IC=25mA VCE=4V, IC=0.5A IC=1.0A, IB=0.2A VCE=12V, IE=-0.2A VCB=10V, f=1MHz
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
Unit mA V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 100 RL () 100 IC (A) 1.0 VB2 (V) -5 IB1 (A) 0.1 IB2 (A) -0.2 ton (s) 0.3typ tstg (s) 4.0typ tf (s)
3.9 BCE
0.2
0.80.2
a b
o3.30.2
1.0typ
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
200 B= mA
VCE( sa t ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
IC - V BE Temperature Characteristics (Typical)
2 (VCE=4V)
2
I
Collector Current I C( A)
2
Collector Current I C( A)
mp)
e Te
A /s IB =2 0m
25C (C
125C
1
(Cas
to p
I C= 1A 0 0 0.1 0.2
2A 0.3 0 0 0.2 0.4 0.6 0.8 1.0
0
0
1
2
3
4
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
hFE - IC Characteristics (Typical)
(V C E= 4V) 200 DC Cur rent Gain h FE DC Cur rent Gain h FE
h FE - IC Temperature Characteristics (Typical)
(VCE=4V) 200
j-a(C/W)
j-a - t Characteristics
4
100
Typ
100
25C
50
50
-30
C
Transient Thermal Resistance
125
C
1
0.5 0.3
10 3 10 100 Collector Current I C( mA) 1000 2000
10 3
5
10
50
100
500 1000 2000
1
10 Time t(ms)
100
-30C (C
ase Tem
ase Te
p)
1
1
mp)
1000
Collector Current I C( mA)
f T - IE Characteristics (Typical)
(V C E= 12V) 20
Safe Operating Area (Single Pulse)
35
P c - T a Derating
Cu t-of f Fr eque ncy f T( MH Z)
Typ
Ma ximum Po we r Dissipatio n P C( W)
30
W ith In fin ite
20
he
10
at si nk
10
Without Heatsink 0 -0.003 -0.01 -0.05 -0.1 Emitter Current I E( A) -0.5 -1 2 0 0 25 50 75 100 125 150
Ambient Temperature Ta(C)
134


▲Up To Search▲   

 
Price & Availability of 2SC5333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X