Part Number Hot Search : 
ASI10597 T74FS 2SD382 UG1005 IMP1233D ADN2849 BY254GP LBC847C
Product Description
Full Text Search
 

To Download 2SC4536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET DATA SHEET
SILICON TRANSISTOR
2SC4536
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
DESCRIPTION
The 2SC4536 is designed for use in middle power, low distortion low noise figure RF amplifier. It features excellent linearity and large dynamic range, which make it suitable for CATV, telecommunication, and other use, it employs plastic surface mount type package (SOT-89).
4.50.1 1.60.2 1.50.1
PACKAGE DIMENSIONS
(Unit: mm)
* Low Distortion IM2 = 57.5 dB TYP. @ VCE = 10 V, IC = 50 mA IM3 = 82 dB TYP. * Low Noise NF = 1.5 dB TYP. @ VCE = 10 V, IC = 10 mA, f = 1 GHz High Power Dissipation. * Power Mini Mold Package Used. @ VCE = 10 V, IC = 50 mA
0.8 MIN.
0.42 0.06
E 1.5
C
B
0.420.06 0.47 0.06 3.0 0.41 +0.05
-0.03
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Maximum Voltage and Current (TA = 25 C) Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Maximum Power Dissipation Total Power Dissipation at 25 C Ambient Temperature PT* Maximum Temperatures Junction Temperature Storage Temperature Range
2
Term, Connection E : Emitter C : Collector (Fin) B : Base (SOT-89)
VCBO VCEO VEBO IC
30 15 3.0 250
V V V mA
2.0 150
65
W
C C
Tj Tstg
to +150
* 0.7 mm 16 cm double sided ceramic substrate. (Copper plating)
Document No. P10369EJ2V1DS00 (2nd edition) Date Published March 1997 N Printed in Japan
(c)
4.00.25
2.50.1
FEATURES
1994
2SC4536
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current DC Current Gain Insertion Power Gain Noise Figure 1 Noise Figure 2 2nd Intermodulation Distortion SYMBOL ICBO IEBO hFE 40
2
MIN.
TYP.
MAX. 5.0 5.0 200
UNIT
TEST CONDITIONS VCB = 20 V, IE = 0 VEB = 2 V, IC = 0 VCE = 10 V, IC = 50 mA
A A
S21e
NF1 NF2 IM2
5.5
7.3 1.5 2.0 59.0
dB dB dB dB
VCE = 10 V, IC = 50 mA, f = 1 GHz *1 VCE = 10 V, IC = 50 mA, f = 500 MHz *2 VCE = 10 V, IC = 50 mA, f = 1 GHz *2 VCE = 10 V, IC = 50 mA, RS = RL = 75 Pin = 105 dBV/75 , f1 = 190 MHz f2 = 90 MHz, f = f1 f2 VCE = 10 V, IC = 50 mA, RS = RL = 75 Pin = 105 dBV/75 , f1 = 190 MHz f2 = 200 MHz, f = 2 f1 f2
3rd Intermodulation Distortion
IM3
82.0
dB
*1 Pulsed: PW 350 s, Duty Cycle 2 % *2 RS = RL = 50 , untuned
hFE Classification
Class Marking hFE QQ QQ 40 to 80 QR QR 60 to 120 QS QS 100 to 200
TYPICAL CHARACTERISTICS (TA = 25 C)
COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE 100
IC-Collector Current-mA
DC CURRENT GAIN vs. COLLECTOR CURRENT 300 VCE = 10 V
hFE-DC Current Gain
IB = 0.6 mA
0.5 mA 0.4 mA
80 0.3 mA 60 40 20 0 0.2 mA 0.1 mA
100
50
10 VCE-Collector to Emitter Voltage-V
20 10 0.1 1 10 100 1000
IC-Collector Current-mA
2
2SC4536
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 10 VCE = 10 V 5.0 FEED-BACK CAPACIATNCE vs. COLLECTOR TO BASE VOLTAGE
fT-Gain Bandwidth Product-GHz
5
Cre-Feed-Back Capacitance-pF
f = 1 MHz IE = 0
1.0
1
0.5
0.5
0.2 0.2 5 1 10 50 100 300 IC-Collector Current-mA 5 10 30 VCB-Collector to Base Voltage-V
INSERTION POWER GAIN, MAXIMUM POWER GAIN AND MAXIMUM AVAILABLE GAIN vs. COLLECTOR CURRENT 10 VCE = 10 V MAG f = 1 GHz
INSERTION POWER GAIN, MAXIMUM POWER GAIN AND MAXIMUM AVAILABLE GAIN vs. FREQUENCY VCE = 10 V IC = 50 mA
|S21e|2-Insertion Power Gain-dB Gmax-Maximum Power Gain-dB MAG-Maximum Available Gain-dB
8
Gmax(u) Gmax(u) |S21e|2
6
|S21e|2-Insertion Power Gain-dB Gmax-Maximum Power Gain-dB MAG-Maximum Available Gain-dB
20 |S21e|2 MAG
4
2
10
0 10
50
100
300
IC-Collector Current-mA
0 0.1
0.5
1
2
3
f-Frequency-GHz
3
2SC4536
3RD ORDER INTERMODULATION DISTORTION, 2ND ORDER INTERMODULATION DISTORTION (+) AND 2ND ORDER INTERMODULATION DISTORTION (-) vs. COLLECTOR CURRENT 80 VCE = 10 V IM3 70
5
NOISE FIGURE vs. COLLECTOR CURRENT VCE = 10 V f = 1 GHz
4
3
IM3-3rd Order Intermodulation Distortion-dB IM2+-2nd Order Intermodulation Distortion-dB IM2--2nd Order Intermodulation Distortion-dB
NF-Noise Figure-dB
60
IM2+ IM2-
2
50 IM3 : V0 = 110 dB V/75 2 tone each f = 2 x 190 MHz - 200 MHz IM2+ : V0 = 105 dB V/75 2 tone each f = 90 MHz + 100 MHz IM2- : V0 = 105 dB V/75 2 tone each f = 190 MHz - 90 MHz 50 100 300
1
40
0 5 10 IC-Collector Current-mA 100 200
30 10
IC-Collector Current-mA
4
2SC4536
S-PARAMETER
2SC4536
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 S11 MAG 0.455 0.425 0.419 0.422 0.431 0.425 0.445 0.435 0.470 0.442 0.468 0.451 0.477 0.478 0.492 0.490 0.503 0.505 0.512 0.522
10V 50 mA
S21 S12 ANG 103.5 93.1 86.4 78.5 75.3 71.2 68.1 61.6 58.6 56.5 51.9 48.1 44.4 43.7 38.6 35.7 32.6 32.0 28.2 24.3 MAG 0.033 0.057 0.085 0.100 0.125 0.148 0.179 0.194 0.210 0.237 0.270 0.285 0.296 0.315 0.349 0.355 0.375 0.382 0.424 0.414 ANG 59.9 65.8 65.7 63.8 67.5 65.7 64.1 60.6 61.2 60.6 57.8 54.6 53.3 53.8 49.7 47.3 44.5 44.9 42.2 39.4 MAG 0.359 0.211 0.184 0.173 0.174 0.175 0.176 0.179 0.191 0.186 0.196 0.203 0.220 0.221 0.237 0.230 0.255 0.260 0.276 0.269 S22 ANG MAG 19.845 10.155 7.482 5.341 4.356 3.612 3.271 2.843 2.497 2.292 2.163 1.982 1.816 1.712 1.701 1.538 1.489 1.399 1.445 1.291 ANG
139.5 164.6 177.2
175.9 167.7 162.2 155.2 151.7 146.4 142.1 138.1 132.3 129.4 124.2 122.1 116.9 115.8 111.9 109.3 105.4
92.5 113.9 126.8 138.5 140.9 146.8 150.6 152.4 157.3 157.7 160.9 162.5 165.7 168.8 170.9 172.1 174.8 177.1 178.7
175.9
2SC4536
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 S11 MAG 0.458 0.423 0.417 0.422 0.431 0.422 0.445 0.432 0.466 0.440 0.465 0.450 0.472 0.473 0.490 0.485 0.500 0.500 0.509 0.516
10V 100 mA
S21 S12 ANG 101.0 91.6 85.5 78.0 74.8 70.9 67.8 61.6 58.6 56.5 52.0 48.2 44.6 44.0 38.9 35.9 32.8 32.3 28.4 24.4 MAG 0.035 0.059 0.084 0.103 0.126 0.149 0.183 0.197 0.215 0.242 0.274 0.289 0.300 0.321 0.357 0.359 0.379 0.387 0.431 0.418 ANG 53.6 71.2 67.2 65.6 68.1 67.1 65.1 60.4 62.6 60.5 57.9 54.6 52.8 53.2 49.2 46.6 44.1 44.6 41.8 38.4 MAG 0.333 0.207 0.181 0.179 0.180 0.185 0.185 0.188 0.199 0.195 0.203 0.210 0.228 0.228 0.246 0.234 0.259 0.264 0.279 0.273 S22 ANG MAG 20.257 10.259 7.545 5.390 4.387 3.633 3.290 2.864 2.514 2.306 2.177 1.994 1.830 1.723 1.713 1.549 1.498 1.411 1.455 1.302 ANG
145.3 169.1
179.5 173.6 165.5 160.6 153.7 150.5 145.2 140.9 137.1 131.3 128.6 123.5 121.5 116.5 115.0 111.2 108.5 104.9
100.7 123.1 136.8 147.4 148.8 154.0 157.9 159.2 163.7 163.9 167.3 168.5 170.8 173.3 176.1 178.0 179.9
178.3 176.2 171.0
5
2SC4536
[MEMO]
6
2SC4536
[MEMO]
7
2SC4536
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of 2SC4536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X