Part Number Hot Search : 
27S55G 05N50 6404A CC4422 PS11016 HD74HC04 DS0967 A05000
Product Description
Full Text Search
 

To Download 2SA1307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1307
PNP EPITAXIAL SILICON TRANSISTOR
POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT
SC-67
!
Complement to 2SC3299
ABSOLUTE MAXIMUM RATINGS (TA=25)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base voltage Collector Current (DC) Collector Dissipation (Tc=25) Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating -60 -50 -5 -5 20 150 -50~150 Unit V V V A W

ELECTRICAL CHARACTERISTICS (TA=25)
Characteristic Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector- Emitter Saturation Voltage Current Gain Bandwidth Product Symbol ICBO IEBO hFE1 VCE(sat) Ft Test Condition VCB= -150V , IE=0 VEB= -5V , IC=0 VCE= -1.0V ,IC=-1.0A IC=-3A ,IB=-0.15mA VCE= -10V ,IC=-0.5A Min Typ Max -10 -10 240 -0.4 60 Unit
A A
70
V MHZ
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of 2SA1307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X