Part Number Hot Search : 
AS1720 4C686 M66011FP AD8531 TC74H TDA21201 AN1464 TC74H
Product Description
Full Text Search
 

To Download 2N2907ACSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
2N2907ACSM
HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FEATURES
0.51 0.10 (0.02 0.004)
0.31 rad. (0.012)
* SILICON PLANAR EPITAXIAL PNP TRANSISTOR * HERMETIC CERAMIC SURFACE MOUNT PACKAGE (SOT23 COMPATIBLE) * CECC SCREENING OPTIONS * SPACE QUALITY LEVELS OPTIONS
A
2.54 0.13 (0.10 0.005)
3
2
1
1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) A=
0.31 rad. (0.012)
0.76 0.15 (0.03 0.006)
* HIGH SPEED SATURATED SWITCHING
1.40 (0.055) max.
1.02 0.10 (0.04 0.004)
APPLICATIONS:
SOT23 CERAMIC (LCC1 PACKAGE)
PAD 1 - Base Underside View PAD 2 - Emitter PAD 3 - Collector
Hermetically sealed surface mount version of the popular 2N2907A for high reliability / space applications requiring small size and low weight devices.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD PD Rja Tstg,Tj Semelab plc. Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation Derate above 50C Thermal Resistance Junction to Ambient Storage Temperature, Operating Temp Range
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
-60V -60V -5V 600mA 350mW 2.0mW / C 350C / W -55 to 200C
Prelim.3/00
LAB
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
VCEO(sus)* V(BR)CBO* V(BR)EBO* ICEX* ICBO* IBEO VCE(sat)* VBE(sat)* Collector - Emitter Sustaining Voltage Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector Cut-off Current Collector - Base Cut-off Current Base Cut-off Current Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage
SEME
2N2907ACSM
Test Conditions
IC = 10mA IC = 10mA IE = 10mA VCE = 30V IE = 0 TC = 125C VCE = 30V IC = 150mA IC = 500mA IC = 150mA IC = 500mA IC = 0.1mA IC = 1mA VBE = 0.5V IB = 15mA IB = 50mA IB = 15mA IB = 50mA VCE = 10V VCE = 10V VCE = 10V VCE = 10V VCE = 10V IC = 0 VBE = 0.5V VCB = 50V
Min.
-60 -60 -5
Typ.
Max. Unit
V V V 50 0.01 10 50 -0.4 -1.6 -1.3 -2.6
mA
nA
nA V V
75 100 100 100 50 300 --
hFE*
DC Current Gain
IC = 10mA IC = 150mA IC = 500mA
* Pulse test tp = 300ms , d 2%
DYNAMIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
fT Cob Cib Transition Frequency Output Capacitance Input Capacitance
Test Conditions
IC = 50mA VCB = 10V VBE = 2V VCE = 20V IE = 0 IC = 0 f = 100MHz f = 1.0MHz f = 1.0MHz
Min.
200
Typ.
Max. Unit
MHz 8 30 pF pF
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
ton td tr toff ts tf Turn-on Time Delay Time Rise Time Turn-off Time Storage Time Fall Time
Test Conditions
VCC = 30V IC = 150mA IB1 = 15mA VCC = 6V IC = 150mA IB1 = IB2 = 15mA
Min.
Typ.
26 6.0 20 70 50 20
Max. Unit
45 10 40 100 80 30 ns ns
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.3/00


▲Up To Search▲   

 
Price & Availability of 2N2907ACSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X