Part Number Hot Search : 
EGP50B A1106AG1 M51722P MC74VH EL0611 AD9762AR MVME1603 SMAJ85
Product Description
Full Text Search
 

To Download 1N5719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5719
SILICON PIN DIODE
PACKAGE STYLE 01
DESCRIPTION:
The1N5719 is a Silicon PIN Diode Designed for General Purpose Attenuator and Switching Applications from 100 MHz to 3 GHz.
MAXIMUM RATINGS
IF VR PDISS TJ TSTG JC
O O
100 mA 150 V 250 mW @ TA = 25 C -65 C to +200 C -65 C to +200 C 0.7 C/mW
O O O O
NONE
CHARACTERISTICS
SYMBOL
VBR CT RS trr IR = 10 A VR = 100 V
TC = 25 C
O
TEST CONDITIONS
f = 1.0 MHz f = 100 MHz IR = 250 mA f = 20 mA
MINIMUM
150
TYPICAL
MAXIMUM
0.3 1.25
UNITS
V pF S S
IF = 100 mA IF = 50 mA VR = 10 V
100 100
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 1N5719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X