Part Number Hot Search : 
LM393 WFW18N50 F005S SCC2692 3055L MAX9713 T91SAM7 A1011
Product Description
Full Text Search
 

To Download ZVN4310G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 3 - FEBRUARY 1996 FEATURES * Very low RDS(ON) = .54 APPLICATIONS * DC - DC Converters * Solenoids/Relay Drivers for Automotive PARTMARKING DETAIL ZVN4310
ZVN4310G
D
S D G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at Tamb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VDS ID IDM VGS Ptot Tj:Tstg TYP. MAX. VALUE 100 1.67 12 20 3 -55 to +150 UNIT V A A V W C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current SYMBOL MIN. 100 BVDSS VGS(th) IGSS IDSS 9 0.4 0.5 0.6 350 140 20 8 25 30 16 0.54 0.75 1 UNIT CONDITIONS. V ID=1mA, VGS=0V V nA A A A S pF pF pF ns ns ns ns VDD 25V, VGEN=10V, ID=3A RGS =50 ID=1mA, VDS= VGS VGS= 20V, VDS=0V VDS=100V, VGS=0V VDS=80V, VGS=0V, T=125C(2) VDS=25V, VGS=10V VGS=10V, ID=3.3A VGS=5V, ID=1.5A VDS=25V,ID=3.3A
3 20 10 100
On-State Drain ID(on) Current(1) Static Drain-Source RDS(on) On-State Resistance (1) Forward Transconductance (1) Input Capacitance (2) Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Delay Time (2)(3) Rise Time (2)(3) Turn-Off Delay Time (2)(3) Fall Time (2)(3) gfs Ciss Coss Crss td(on) tr td(off) tf
VDS=25 V, VGS=0V, f=1MHz
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator Spice parameter data is available upon request for this device
3 - 413
ZVN4310G
TYPICAL CHARACTERISTICS
RDS(on)-Drain Source On Resistance ()
VGS= 20V 10V 12V 9V 8V VGS=3V 10 4V 5V 6V 8V10V 7V
ID - Drain Current (Amps)
10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4
6V
1.0
5V
4V 3V 5 6 7 8 9 10
0.1 0.1
1
10
100
VDS - Drain Source Voltage (Volts)
ID-Drain Current (Amps)
Saturation Characteristics
On-resistance v drain current
2.6
Normalised RDS(on) and VGS(th)
2.4
5
gfs-Transconductance (S)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 -50 -25 0
Dr ce ur So nai s Re is e nc ta
RD
S
n) (o
VGS=10V ID=3.3A
4 3 2 1 0 0 2 4 6 8 10
VDS=10V
Gate Thre
shold Volta ge V
VGS=VDS ID=1mA
GS(TH )
25 50 75 100 125 150 175 200 225
12
14
16
18
20
Tj-Junction Temperature (C)
ID(on)- Drain Current (Amps)
Normalised RDS(on) and VGS(th) v Temperature
Transconductance v drain current
16
VGS-Gate Source Voltage (Volts)
500
14 12 10 8 6 4 2 0 0 1
ID=3A
C-Capacitance (pF)
400 300 200 100 0 Coss Crss 50 Ciss
VDD= 10V 20V 50V 100V
0
10
20
30
40
2
3
4
5
6
7
8
9
10 11 12
VDS-Drain Source Voltage (Volts)
Q-Charge (nC)
Capacitance v drain-source voltage
Gate charge v gate-source voltage
3 - 414


▲Up To Search▲   

 
Price & Availability of ZVN4310G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X