|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZL60001 High speed 2.5 Gbps 850nm VCSEL Data Sheet March 2003 Ordering Information ZL60001/TBD TO-46 Lens cap 0 C to +70 C Warning: Laser Radiation, avoid exposure to beam.Class 3B laser product, potential eye hazard. Warning labels in each box. Description The ZL60001 is a high speed TO-46 assembled 850nm VCSEL (Vertical Cavity Surface-Emitting Laser). The product converts electrical current into optical power to be used for fibre optic communications. Features * * * * 850nm oxide confined VCSEL Data rate up to 3.1 Gbps High fibrecoupling efficiency Optical field stable over temperature and current The ZL60001 has a narrow beam divergence which is stable over temperature and current. This gives rise to high and stable fibre coupling efficiency without any additional lenses. 04.7 01.5 0.6 3.7 Applications * * High speed Data Communication and Telecommunication Gigabit Ethernet / InfiniBand / FibreChannel / ATM 14 0.4 Side View CATHODE ANODE CASE 2.5 5.4 Bottom View All dimensions in mm. The chip is isolated from the case. Figure 1 - Pin Description 1 ZL60001 Optical and Electrical Characteristics - Case Temperature 25C Parameter Fiber-Coupled Power (50/125 m fibre) Optical Power Threshold Current (0 - 70C) Forward Voltage Centre wavelength RMS Spectral Width Differential resistance Relative Intensity Noise Optical Rise Time (20%-80%) Optical Fall Time (20%-80%) Beam divergence (1/e2) Note 1: Note 2: Note 3: ANSI X3.230-1994 InfiniBand sec. 8.5.3.2 Over operating current and bias over threshold Data Sheet Symbol Pfibre PO Ith VF C Rdiff RIN tr tf Min 1 1.5 1 1.6 830 Typ Max Unit mW Test Condition IF=7 mA IF=7 mA 2.5 3.5 4.5 2.2 mW mA V nm nm dB/Hz ps ps IF=7 mA IF=7 mA IF=7 mA IF=7 mA IF=7 mA, Note 1 Note 2 Note 2 Note 3 850 860 0.85 50 -120 80 100 5 130 140 15 Absolute Maximum Ratings Parameter Storage Temperature Operating Temperature (case) Electrical Power Dissipation Continuous Forward Current (f<10kHz) Reverse Voltage Soldering Temperature (2mm from case for 10sec) Symbol TS TO Pdiss IF VR Tsld Limit -40 to +100 C 0 to +70 C 35 mW 15 mA 5V 260 C. Thermal Characteristics Parameter Thermal Resistance - Infinite Heat Sink Thermal Resistance - No Heat Sink Temp. Coefficient - Wavelength Optical Power - Variation (0 - 70C) Threshold Current - Variation (0 - 70C) Symbol Rthjc Rthja d/dTj PO Ith Min Typ 1000 1300 0.06 0.3 0.6 Max Unit C/W C/W nm/C %/C mA 2 Zarlink Semiconductor Inc. Data Sheet ZL60001 Threshold Current over Temperature 140% 120% 100% Relative Threshold Current 80% 60% 40% 20% 0% -40 -20 0 20 40 60 80 100 Te mperature (C) Figure 2 - Threshold Current over Temperature Zarlink Semiconductor Inc. 3 ZL60001 Data Sheet Optical Power vs Forward Current 1.2 1 0.8 Optical Power (a.u) 0.6 0.4 0.2 0 0 2 4 6 8 Forward Current (mA) 10 12 14 16 Figure 3 - Optical Power vs Forward Current 4 Zarlink Semiconductor Inc. BOTTOM VIEW ( 10 : 1 ) 3,8 2,54 0,6 n1,17 + 0,05 (3x) n0,45 + 0,03 (3x) - SIDE VIEW 13,460,76 0 0,04 45 R2,7 R0,2 max (4x) 3, 6 1, 0 2 0, 3 Lens n1.50.05 R0,4 max NOTES:1. All dimensions in mm. 2. General tol. ISO-2768-mK. 3. Coating: Case: Ni 1,5-2,5 m. Header: Ni 2-3 m / Au min 1,32 m. n4,7 0,3 max glass overmould (2x) (c) Zarlink Semiconductor 2002. All rights reserved. Package code Previous package codes Drawing type ISSUE ACN DATE 1 JS004 076R1 A TB Package drawing, TO-46 with lens Title 22-MAR-03 APPRD. TD/BE JS004076 For more information about all Zarlink products visit our Web Site at www.zarlink.com Information relating to products and services furnished herein by Zarlink Semiconductor Inc. trading as Zarlink Semiconductor or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request. Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in an I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2002, Zarlink Semiconductor Inc. All Rights Reserved. TECHNICAL DOCUMENTATION - NOT FOR RESALE |
Price & Availability of ZL60001 |